Part Number Hot Search : 
03800 TC9331 FMKA140 MM1571X C128CPB 6041851 CLL4705 IMN11
Product Description
Full Text Search
 

To Download SF3001PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ! glass passivated die construction h ! super-fast switching for high efficiency ! high current capability ! low reverse leakage current s ! high surge current capability j ! plastic material has ul flammability r k classification 94v-o pin1 2 3 l p mechanical data n ! case: molded plastic ! terminals: plated leads solderable per m mil-std-750, method 2026 a ! polarity: see diagram b ! weight: 5.6 grams (approx.) ! mounting position: any ! marking: type number c p i n 1 - + pin 3 - case pin 2 g d e maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sf 3001pt sf 3002pt sf 3003pt sf 3004pt sf 3005pt sf 3006pt unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 150 200 300 400 v rms reverse voltage v r(rms) 35 70 105 140 210 280 v average rectified output current @t c = 100c i o 30 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 300 a forward voltage @i f = 15a v fm 0.95 1.3 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 10 500 a reverse recovery time (note 1) t rr 35 ns typical junction capacitance (note 2) c j 175 pf operating and storage temperature range t j , t stg -55 to +150 c note: 1. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. to-3p dim min max a 3.20 3.50 b 4.59 5.16 c 20.80 21.30 d 19.70 20.20 e 2.10 2.40 g 0.51 0.76 h 15.90 16.40 j 1.70 2.70 k 3.10 ? 3.30 ? l 3.50 4.51 m 5.20 5.70 n 1.12 1.22 p 2.90 3.30 r 11.70 12.80 s 4.30 typical all dimensions in mm 30.0 amps. glass passivated super fast rectifiers 30.0 amperes SF3001PT thru sf3006pt reverse voltage - 50 to 400 volts forward current - www.shunyegroup.com.cn
60 12 0 180 0 24 0 300 360 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse voltage (v) fig. 4 typical junction capacitance r c , ca p aci t anc e (pf) j 0.01 0.1 1.0 10 100 0 40 80 120 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fig. 5 typical reverse characteristics t = 100 c c t = 75 c c t = 25 c c 0 6 12 18 24 3 0 0 50 100 150 i , average forward current (a) (av) t , case temperature ( c) fig. 1 forward current derating curve c 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m sf30 05 pt - sf30 06 pt sf30 01 pt - sf30 04 pt www.shunyegroup.com.cn


▲Up To Search▲   

 
Price & Availability of SF3001PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X