Part Number Hot Search : 
WM8782 G958T23U BTS3408 RA255 2001HI TOP201YN TPCF8105 TDF0123
Product Description
Full Text Search
 

To Download MTC6601G6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 1/13 MTC6601G6 cystek product specification n- and p-channel enhancement mode mosfet MTC6601G6 n-ch p-ch bv dss 30v -30v i d 3.7a(v gs =10v) -3a(v gs =-10 v) 44m (v gs =10v) 76m (v gs =-10v) 50m (v gs =4.5v) 94m (v gs =-4.5v) r dson ( typ .) 70m (v gs =2.5v) 130m (v gs =-2.5v) description the MTC6601G6 consists of a n-channel and a p- channel enhancement-mode mosfet in a single tsop-6 package, providing the designer with the be st combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the tsop-6 package is universally preferred for a ll commercial-industrial surface mount applications. features ? simple drive requirement ? low gate charge ? low on-resistance ? fast switching speed ? pb-free lead plating and halogen-free package equivalent circuit outline MTC6601G6 tsop-6 g gate s source d drain g1 s2 g2 d1 s1 d2
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 2/13 MTC6601G6 cystek product specification absolute maximum ratings (ta=25 c) limits parameter symbol n-channel p-channel unit drain-source breakdown voltage bv dss 30 -30 v gate-source voltage v gs 12 12 v t a =25 c ,v gs =10v(n-ch), v gs =-10v(p-ch) i d 3.7 -3 a continuous drain current (note 1) t a =70 c, v gs =10v(n-ch), v gs =-10v(p-ch) i d 2.9 -2.4 a pulsed drain current (note 2) i dm 20 -20 a total power dissipation (note 1) pd 1.14 w operating junction and storage temperature tj, tstg -55~+150 c thermal resistance, junction-to-ambient (note 1) rth,ja 110 c/w thermal resistance, junction-to-case rth,jc 60 c/w note : 1.surface mounted on 1 in2 copper pad of fr-4 board, t 5 sec; 180 c/w when mounted on minimum copper pad. 2. pulse width limited by maximum junction temperature. n-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v gs =0, i d =250 a v gs(th) 0.5 1 1.2 v v ds =v gs , i d =250 a i gss - - 100 na v gs =12v, v ds =0 i dss - - 1 v ds =30v, v gs =0 i dss - - 25 a v ds =24v, v gs =0, tj=70c - 44 65 v gs =10v, i d =3a - 50 70 v gs =4.5v, i d =3a *r ds(on) - 70 95 m v gs =2.5v, i d =2a *g fs - 6.5 - s v ds =5v, i d =3a dynamic ciss - 506 - coss - 31 - crss - 30 - pf v ds =15v, v gs =0, f=1mhz *t d(on) - 5 - *t r - 7 - *t d(off) - 18 - *t f - 8 - ns v ds =15v, i d =1a, v gs =4.5v, r g =6 *qg - 5.1 - *qgs - 1 - *qgd - 1.3 - nc v ds =15v, i d =3a, v gs =4.5v source-drain diode *v sd - 0.79 1.2 v v gs =0v, i s =1a *trr - 12 - ns *qrr - 6 - nc i s =3a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 3/13 MTC6601G6 cystek product specification p-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss -30 - - v gs =0, i d =-250 a v gs(th) -0.5 -0.8 -1.2 v v ds =v gs , i d =-250 a i gss - - 100 na v gs =12v, v ds =0 i dss - - -1 v ds =-30v, v gs =0 i dss - - -10 a v ds =-24v, v gs =0, tj=70 c - 76 100 v gs =-10v, i d =-2.3a - 94 120 v gs =-4.5v, i d =-2a *r ds(on) - 130 160 m v gs =-2.5v, i d =-1a *g fs - 6 - s v ds =-5v, i d =-2.3a dynamic ciss - 495 - coss - 43 - crss - 40 - pf v ds =-15v, v gs =0, f=1mhz *t d(on) - 5 - *t r - 9 - *t d(off) - 19 - *t f - 11 - ns v dd =-15v, i d =-1a, v gs =-4.5v, r g =6 *qg - 6 - *qgs - 0.9 - *qgd - 1.8 - nc v ds =-15v, i d =-2.5a, v gs =-4.5v source-drain diode *v sd - -0.82 -1.2 v v gs =0v, i s =-1a *trr - 26 - ns *qrr - 16 - nc i s =-2.5a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping MTC6601G6-0-t1-g tsop-6 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 4/13 MTC6601G6 cystek product specification n-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 v ds , drain-source voltage(v) i d , drain current(a) v gs =2v v gs =3v 10v, 9v, 8v, 7v, 6v, 5v, 4v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =2.5v v gs =1.8v v gs =10v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 i dr , reverse drain current(a) v sd , source-drain voltage(v) 0 tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 140 160 180 200 024681 0 drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =3a r ds( on) @tj=25c :43m v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =3a
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 5/13 MTC6601G6 cystek product specification n-channel typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) v gs(th) , normalizedthreshold voltage i d =250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c ja =110c/w gate charge characteristics 0 1 2 3 4 5 0123456 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =15v i d =3a maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) dc 10ms 100ms 1ms 100 s ta=25c, tj=150c, v gs =10v, r ja =110c/w single pulse r ds( on) limited maximum drain current vs junctiontemperature 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =10v, r ja =110c/w
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 6/13 MTC6601G6 cystek product specification n-channel typical characteristics(cont.) forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) v ds =5v pulsed ta=25c transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =11 0c/w
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 7/13 MTC6601G6 cystek product specification p-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 -v ds , drain-source voltage(v) -i d , drain current (a) 10v 9v 8v 7v 6v -v gs =3v -v gs =2v -v gs =4v -v gs =5v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) -bv dss , normalized drain-source breakdown voltage i d =-250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 -i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =-2.5v v gs =-1.8v v gs =-4.5v v gs =-10v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 -i dr , reverse drain current (a) -v sd , source-drain voltage(v) 0 tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 50 100 150 200 250 300 024681 0 drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance v gs =-10v, i d =-2.3a r ds( on) @tj=25c : 76m -v gs , gate-source voltage(v) r ds( on) , static drain-source on- state resistance(m) i d =-2.3a
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 8/13 MTC6601G6 cystek product specification p-channel typical characteristics(cont .) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 100 -v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) -v gs( th) ,normalized threshold voltage i d =-250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c ja =110c/w gate charge characteristics 0 1 2 3 4 5 012345678 qg, total gate charge(nc) -v gs , gate-source voltage(v) v ds =-15v i d =-2.5a maximum drain current vs junctiontemperature 0 0.5 1 1.5 2 2.5 3 3.5 25 50 75 100 125 150 175 tj, junction temperature(c) -i d , maximum drain current(a) t a =25c, v gs =-10v, r ja =110c/w maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-source voltage(v) -i d , drain current (a) r ds( on) limited 100 s 1ms 10ms 100ms t a =25c, tj=150c, v gs =-10v, r ja =110c/w single pulse dc
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 9/13 MTC6601G6 cystek product specification p-channel typical characteristics(cont.) forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 -i d , drain current(a) g fs , forward transfer admittance-(s) v ds =-5v pulsed ta=25c transient thermal response curves 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =110 c/w
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 10/13 MTC6601G6 cystek product specification reel dimension
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 11/13 MTC6601G6 cystek product specification carrier tape dimension
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 12/13 MTC6601G6 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c813g6 issued date : 2012.09.17 revised date : 2012.11.21 page no. : 13/13 MTC6601G6 cystek product specification tsop-6 dimension inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1063 0.1220 2.70 3.10 g 0 0.0039 0 0.10 b 0.1024 0.1181 2.60 3.00 h - 0.0098 - 0.25 c 0.0551 0.0709 1.40 1.80 i 0.0047 ref 0.12 ref d 0.0748 ref 1.90 ref j 0.0177 ref 0.45 ref d1 0.0374 ref 0.95 ref k 0.0236 ref 0.60 ref d2 0.0374 ref 0.95 ref l 0 10 0 10 e 0.0118 0.0197 0.30 0.50 m - 0.0433 - 1.10 f 0.0276 0.0394 0.70 1.00 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead :pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: 6-lead tsop-6 plastic surface mounted package cystek package code: g6 style: pin 1. gate1 (g1) pin 2. source2 (s2) pin 3. gate2 (g2) pin 4. drain2 (d2) pin 5. source1 (s1) pin 6. drain1 6601 device name date code ( d1 )


▲Up To Search▲   

 
Price & Availability of MTC6601G6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X