Part Number Hot Search : 
ML6101 5CD012 LHF00L14 PXD1005 P819I T7808CT 30KP28CA SM6T30CA
Product Description
Full Text Search
 

To Download MSN0603L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MSN0603L 60v(d-s) n-channel enhancement mode power mos fet general features v ds =60v,i d =3a r ds(on) <105m ? @ v gs =10v r ds(on) < 125m ? @ v gs =4.5v high power and current handing capability lead free product is acquired surface mount package application battery switch dc/dc converter d g s schematic diagram marking and pin assignment sot-23 -3l top view package marking and ordering information device marking device device package reel size tape width quantity MSN0603L sot-23-3l ?180mm 8 mm 3000 units absolute maximum ratings (t a =25 unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 60 v gate-source voltage v gs 20 v drain current-continuous i d 3 a drain current-pulsed (note 1) i dm 10 a maximum power dissipation p d 1.7 w operating junction and st orage temperature range t j ,t stg -55 to 150 thermal characteristic thermal resistance,junction-to-ambient (note 2) r ja 73.5 /w pin configuration lead free more semiconductor company limited http://www.moresemi.com 1/6
gate-body leakage current i gss v gs =20v,v ds =0v - - 100 na on characteristics (note 3) gate threshold voltage v gs(th) v ds =v gs ,i d =250 a 0.8 1.1 1.4 v v gs =10v, i d =3a - 78 105 m ? drain-source on-state resistance r ds(on) v gs =4.5v, i d =3a - 95 125 m ? forward transconductance g fs v ds =15v,i d =2a 3 - - s dynamic characteristics (note4) input capacitance c lss - 247 - pf output capacitance c oss - 34 - pf reverse transfer capacitance c rss v ds =30v,v gs =0v, f=1.0mhz - 19.5 - pf switching characteristics (note 4) turn-on delay time t d(on) - 6 - ns turn-on rise time t r - 15 - ns turn-off delay time t d(off) - 15 - ns turn-off fall time t f v dd =30v,i d =1.5a v gs =10v,r gen =1 ? - 10 - ns total gate charge q g - 6 - nc gate-source charge q gs - 1 - nc gate-drain charge q gd v ds =30v,i d =3a, v gs =4.5v - 1.3 - nc drain-source diode characteristics diode forward voltage (note 3) v sd v gs =0v,i s =3a - - 1.2 v diode forward current (note 2) i s - - 3 a notes: 1. repetitive rating: pulse width limited by maximum junction temperature. 2. surface mounted on fr4 board, t 10 sec. 3. pulse test: pulse width 300 s, duty cycle 2 . % 4. guaranteed by design, not subject to production electrical characteristics (t a =25 unless otherwise noted) parameter symbol condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v i d =250 a 60 65 - v zero gate voltage drain current i dss v ds =60v,v gs =0v - - 1 a more semiconductor company limited http://www.moresemi.com 2/6 MSN0603L
typical electrical and thermal characteristics vgs rgen vin g vdd rl vout s d figure 1:switching test circuit t j -junction temperature( ) figure 3 power dissipation vds drain-source voltage (v) figure 5 output characteristics v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% t r t on 90% 10% t off t d(off) t f 90% v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% 90% t r t on 90% 10% t off t d(off) t f 90% figure 2:switching waveforms t j -junction temperature( ) figure 4 drain current i d - drain current (a) figure 6 drain-source on-resistance p d power(w) i d - drain current (a rdson on-resistance(m ) i d - drain current (a) more semiconductor company limited http://www.moresemi.com 3/6 MSN0603L
vgs gate-source voltage (v) figure 7 transfer characteristics vgs gate-source voltage (v) figure 9 rdson vs vgs qg gate charge (nc) figure 11 gate charge t j -junction temperature( ) figure 8 drain-source on-resistance vds drain-source voltage (v) figure 10 capacitance vs vds vsd source-drain voltage (v) figure 12 source- drain diode forward i d - drain current (a) rdson on-resistance(m ) vgs gate-source voltage (v) normalized on-resistance c capacitance (pf) i s - reverse drain current (a) more semiconductor company limited http://www.moresemi.com 4/6 MSN0603L
vds drain-source voltage (v) figure 13 safe operation area square wave pluse duration(sec) figure 14 normalized maximum transient thermal impedance r(t),normalized effective transient thermal im p edance i d - drain current (a) more semiconductor company limited http://www.moresemi.com 5/6 MSN0603L
sot-23-3l package information notes 1. all dimensions are in millimeters. 2. tolerance 0.10mm (4 mil) unless otherwise specified 3. package body sizes exclude mold flash and gate burrs. mold flash at the non-lead sides should be less than 5 mils. 4. dimension l is measured in gauge plane. 5. controlling dimension is millimeter, converted inch dimensions are not necessarily exact. more semiconductor company limited http://www.moresemi.com 6/6 MSN0603L


▲Up To Search▲   

 
Price & Availability of MSN0603L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X