?????? yangzhou yangjie electroni c technology co., ltd. ? www.21yangjie.com s-b181 rev. 1.0, 12-mar-15 mbr3035ct~mbr30200ct ? schottky diodes features ?? outline dimensions and mark ? high surge forward current capability ?? low power loss, high efficiency i o 30.0a v rrm 35-200v ? applications high speed switching ??? limiting values absolute maximum rating item symbol unit test conditions mbr30-ct 35 40 45 50 60 80 90 100 150 200 ??? repetitive peak reverse voltage v rrm v 35 40 45 50 60 80 90 100 150 200 ? average rectified output current i o a 60h z ?? t a =25 60h z sine wave, r- load, t a =25 30 ???? surge(non-repetitive)forward current i fsm a 60h z ??? t a =25 60h z sine wave, 1 cycle, t a =25 200 ???? ??? current squared time i 2 t a 2 s 1ms t 8.3ms t j =25 , 1ms t 8.3ms t j =25 ,rating of per diode 167 ? storage temperature t stg -55 ~ +150 junction temperature t j ???? ? ? 1h ?? 1 in dc forward mode-forward operations without reverse bias, t 1 h (fig. 1) -55 ~ +150 t a =25 electrical characteristics t a =25 unless otherwise specified item symbol unit test condition mbr30-ct 35 40 45 50 60 80 90 100 150 200 ?? peak forward voltage v fm v i fm =15a 0.7 0.8 0.85 0.90 0.95 ? peak reverse current i rrm1 m a v rm =v rrm ? t a =25 ? 0.2 i rrm2 t a =100 20 15 10 thermal resistance r j-c /w ?? ? between junction and case 2.0 ? notes: 1) ??? , ???????? 2"3"0.25 thermal resistance from junction to case per leg with heat-sink size of 2"3"0.25" al-plate t o - 2 2 0 a b .429(10.9) max .17(4.31) .131(3.34) dia .055(1.40) .045(1.14) .200(5.10) .159(4.04) .025(0.64) .011(0.28) .126(3.19) .084(2.14) pin1 2 .129(3.27) .087(2.22) .61(15.5) .571(14.5) .176(4.46) .124(3.16) .037(0.94) .027(0.68) .576(14.62) .514(13.06) dimensions in inches and (millimeters) pin1 pin2 pin3 case 3 .121(3.07) .079(2.01) .121(3.07) .079(2.01)
?????? yangzhou yangjie electroni c technology co., ltd. ? www.21yangjie.com mbr3035ct~mbr30200ct ?? characteristics(typical) 0 20 40 60 80 100 0.01 0.1 1.0 10 100 v rm (%) i rrm (ma) tj=100 tj=25 fig4:typical reverse characteristics ?4 1 ifsm(a) ?2? 2 5 10 20 50 100 fig2:surge forward current capadility number of c y cles at 60hz 100 150 8.3ms single half since-wave jedec method 200 50 0 0 0 io(a) tc( ) ? 1 50 100 fig1: if av --tc derating 150 in dc 5.0 10.0 tc measure point 15.0 20.0 25.0 30.0 35.0 0.2 0.3 0.4 0.5 0.6 0.7 0.1 0.2 0.5 vf(v) if(a) ?3? fig3:instantaneous forward voltage 1.0 10 20 40 5.0 ta=25 0.8 0.9 1.0 0.1 0 35-45v 150v 200v 60 1.1 1.2 50-60v 80~100v s-b181 rev. 1.0, 12-mar-15
|