Part Number Hot Search : 
NS741 A8FXL58D 74LVT162 C3795 EZ1086BC 278R51 EE08978 USB251
Product Description
Full Text Search
 

To Download MAX9718GEBLG45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max9718/max9719 differential input audio poweramplifiers are ideal for portable audio devices with internal speakers. the differential input structure improves noise rejection and provides common-mode rejection. a bridge-tied load (btl) architecture mini- mizes external component count, while providing high- quality, power audio amplification. the max9718 is a single-channel amplifier while the max9719 is a dual- channel amplifier for stereo systems. both devices deliver 1.4w continuous average power per channel to a 4 ? load with less than 1% thd+n while operating from a single +5v supply. the devices are available asadjustable gain amplifiers or with internally fixed gains of 0db, 3db, and 6db to reduce component count. a shutdown input disables the bias generator and amplifiers and reduces quiescent current consumption to less than 100na. the max9718 shutdown input can be set as active high or active low. these devices fea- ture maxims comprehensive click-and-pop suppres- sion circuitry that reduces audible clicks and pops during startup and shutdown. the max9718 is pin compatible with the lm4895, and is available in 9-bump ucsp?, 10-pin tdfn, and 10-pin max ? packages. the max9719 is available in 16-pin tqfn, 16-pin tssop, and 16-bump ucsp pack-ages. both devices operate over the -40c to +85c extended temperature range. applications mobile phonespdas portable devices features ? 2.7v to 5.5v single-supply operation ? very high -93db psrr at 217hz ? 1.4w into 4 ? at 1% thd+n (per channel) ? differential input ? internal fixed gain to reduce component count ? adjustable gain option (max9718a/h/max9719a) ? 100na low-power shutdown mode ? no audible clicks or pops at power-up/down ? improved performance pin-compatible upgradeto lm4895 (max9718d/g) ? 1.8v logic compatible max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ________________________________________________________________ maxim integrated products 1 ordering information max9719 single supply 2.7v to 5.5v shdn inl+ inl- inr+ inr- max9718 single supply 2.7v to 5.5v shdm shdn in+ out+out- outr- outr+ outl- outl+ in- simplified block diagrams 19-3050; rev 7; 4/10 for pricing delivery, and ordering information please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information continued at end of data sheet. pin configurations appear at end of data sheet. evaluation kit available ucsp is a trademark of maxim integrated products, inc. max is a registered trademark of maxim integrated products, inc. part temp range pin-package t o p m a r k m a x9 7 1 8 ae bl+ tg 45 -40c to +85c 3 x 3 ucsp +adx max9718aetb+t -40c to +85c 10 tdfn-ep* +aav + denotes lead(pb)-free/rohs-compliant package. * ep = exposed pad. g45 indicates protective die coating. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics?v supply(v cc = 5v, gnd = 0, shdn/ shdn = v cc (max9718/max9719), shdm = gnd (max9718), r in = r f = 10k ? (max971_a/h), t a = +25c. c bias = 0.1f, no load. typical values are at t a = +25c, unless otherwise noted.) (note 1) stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. supply voltage (v cc to gnd) ..................................-0.3v to +6v any other pin to gnd ...............................-0.3v to (v cc + 0.3v) in_, bias, shdm, shdn, shdn continuous current ........20ma out_ short-circuit duration to gnd or v cc .............continuous continuous power dissipation (t a = +70c) 9-bump ucsp (derate 5.2mw/c above +70c) .......1067mw 10-pin tdfn (derate 24.4mw/c above +70c) ........1951mw 10-pin max (derate 10.3mw/c above +70c) ..........825mw 16-bump ucsp (derate 8.2mw/c above +70c) .....1633mw 16-pin tqfn (derate 16.9mw/c above +70c) ........1349mw 16-pin tssop (derate 21.3mw/c above +70c) ......1702mw operating temperature range ...........................-40c to +85c junction temperature .....................................................+150c storage temperature range .............................-65c to +150c lead temperature (soldering, 10s) .................................+300c soldering temperature (reflow) .......................................+260c parameter symbol conditions min typ max units supply voltage v cc 2.7 5.5 v supply current i cc v in- = v in+ = v bias , t a = -40c to +85c, per amplifier (note 2) 5.0 7.5 ma shutdown supply current i shdn shdn = shdm = shdn = gnd, per amplifier 0.1 1 a v ih 0.7 x v cc shdn , shdn, shdm threshold v il max9718a/b/c/d 0.3 x v cc v v ih 1.4 shdn , shdn, shdm threshold v il max9718e/f/g/h 0.4 v a v = 0db, max971_a/h, max971_b/e 1 10 a v = 3db, max971_c/f 1 15 output offset voltage v os v in- = v in+ = v bias a v = 6db, max971_d/g 1 20 mv a v = 0db, max971_b/e 0.5 v cc - 0.5 a v = 3db, max971_c/f 0.5 v cc - 0.6 inferred fromcmrr test a v = 6db, max971_d/g 0.5 v cc - 0.8 common-mode input voltage v ic external gain, max971_a/h 0.5 v cc - 1.2 v input impedance r in max971_b/e, max971_c/f, max971_d/g 10 15 20 k -50 -60 common-mode rejection ratio cmrr f n = 1khz -60 db f = 217hz -93 power-supply rejection ratio psrr v in- = v in+ = v bias , v ripple = 200m v p-p , r l = 8 , c bias = 1f f = 1khz -90 db r l = 8 0.8 1.1 output power p out thd+n = 1%,f in = 1khz (note 4) r l = 4 1.4 w total harmonic distortion plusnoise thd+n r l = 8 , f in = 1khz, p out = 0.75w, v cc = 5v, a v = 6db (note 5) 0.002 % downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers _______________________________________________________________________________________ 3 electrical characteristics?v supply (continued)(v cc = 5v, gnd = 0, shdn/ shdn = v cc (max9718/max9719), shdm = gnd (max9718), r in = r f = 10k ? (max971_a/h), t a = +25c. c bias = 0.1f, no load. typical values are at t a = +25c, unless otherwise noted.) (note 1) electrical characteristics?v supply(v cc = 3v, gnd = 0, shdn/ shdn = v cc (max9718/max9719), shdm = gnd (max9718), r in = r f = 10k ? (max971_a/h), t a = +25c. c bias = 0.1f, no load. typical values are at t a = +25c, unless otherwise noted.) (note 1) parameter symbol conditions min typ max units gain accuracy max971_b/e, max971_c/f, max971_d/g 1 % channel-to-channel gainmatching max9719b/e, max9719c/f, max9719d/g 1 % signal-to-noise ratio snr p out = 1w, r l = 8 -104 db thermal-shutdown threshold +160 c thermal-shutdown hysteresis 15 c maximum capacitive drive c load bridge-tied capacitance 500 pf power-up/enable fromshutdown time t pu 10 ms shutdown time t shdn 3.5 s turn-off transient v pop (note 6) 50 mv crosstalk max9719, f in = 1khz -85 db parameter symbol conditions min typ max units supply current i cc v in- = v in+ = v bias , t a = -40c to +85c, per amplifier (note 2) 3.8 6.0 ma shutdown supply current i shdn shdn = shdm = shdn = gnd, per amplifier 0.1 1 a v ih 0.7 x v cc shdn , shdn, shdm threshold v il 0.3 x v cc v common-mode bias voltage v bias (note 3) v cc /2 - 5% v cc /2 v cc /2 + 5% v a v = 0db, max971_a/h max971_b/e 1 10 a v = 3db, max971_c/f 1 15 output offset voltage v os v in- = v in+ = v bias a v = 6db, max971_d/g 1 20 mv a v = 0db, max971_b/e 0.5 v cc - 0.7 a v = 3db, max971_c/f 0.5 v cc - 0.8 inferred fromcmrr test a v = 6db, max971_d/g 0.5 v cc - 1.0 common-mode input voltage v ic external gain, max971_a/h 0.5 v cc - 1.2 v input impedance r in max971_b/e, max971_c/f, max971_d/g 10 15 20 k -50 -60 common-mode rejection ratio cmrr f n = 1khz -70 db f = 217hz -93 power-supply rejection ratio psrr v in- = v in+ = v bias , v ripple = 200m v p-p , r l = 8 , c bias = 1f f = 1khz -90 db downloaded from: http:///
total harmonic distortion plus noise vs. frequency max9718 toc01 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k output power = 1w output power = 50mw v cc = 5v r l = 4 a v = 2 total harmonic distortion plus noise vs. frequency max9718 toc02 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 5v r l = 4 a v = 4 output power = 1w output power = 200mw total harmonic distortion plus noise vs. frequency max9718 toc03 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 5v r l = 8 a v = 2 output power = 250mw output power = 750mw typical operating characteristics (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) note 1: all specifications are 100% tested at t a = +25c. specifications over temperature (t a = t min to t max ) are guaranteed by design, not production tested. note 2: quiescent power-supply current is specified and tested with no load. quiescent power-supply current depends on the offsetvoltage when a practical load is connected to the amplifier. guaranteed by design. note 3: common-mode bias voltage is the voltage on bias and is nominally v cc /2. note 4: output power is specified by a combination of a functional output current test and characterization analysis. note 5: measurement bandwidth for thd+n is 22hz to 22khz. note 6: peak voltage measured at power-on, power-off, into or out of shdn. bandwidth defined by a-weighted filters, inputs at acgnd. v cc rise and fall times greater than or equal to 1ms. max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 4 _______________________________________________________________________________________ electrical characteristics?v supply (continued)(v cc = 3v, gnd = 0, shdn/ shdn = v cc (max9718/max9719), shdm = gnd (max9718), r in = r f = 10k ? (max971_a/h), t a = +25c. c bias = 0.1f, no load. typical values are at t a = +25c, unless otherwise noted.) (note 1) parameter symbol conditions min typ max units output power p out r l = 8 , thd+n = 1%, f in = 1khz (note 4) 475 mw total harmonic distortion plusnoise thd+n r l = 8 , f in = 1khz, p out = 0.25w, a v = 6db 0.003 % thermal-shutdown threshold +160 c thermal-shutdown hysteresis 15 c maximum capacitive drive c load bridge-tied capacitance 500 pf power-up/enable fromshutdown time t pu 10 ms shutdown time t shdn 3 s turn-off transient v pop (note 6) 40 mv crosstalk max9719, f in = 1khz -85 db downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers _______________________________________________________________________________________ 5 total harmonic distortion plus noise vs. frequency max9718 toc04 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 5v r l = 8 a v = 4 output power = 200mw output power = 800mw total harmonic distortion plus noise vs. frequency max9718 toc05 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 3v r l = 4 a v = 2 output power = 250mw output power = 50mw total harmonic distortion plus noise vs. frequency max9718 toc06 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 3v r l = 4 a v = 4 output power = 70mw output power = 175mw total harmonic distortion plus noise vs. frequency max9718 toc07 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 3v r l = 8 a v = 2 output power = 250mw output power = 100mw total harmonic distortion plus noise vs. frequency max9718 toc08 frequency (hz) thd+n (%) 100 1k 10k 0.001 0.01 0.1 1 10 0.0001 10 100k v cc = 3v r l = 8 a v = 4 output power = 200mw output power = 50mw total harmonic distortion plus noise vs. output power max9718 toc09 output power (w) thd+n (%) 0.2 0.4 0.6 0.8 1.2 1.4 1.0 1.8 0.01 0.1 1 10 100 0.001 02 . 0 f in = 1khz f in = 100hz f in = 10khz 1.6 v cc = 5v r l = 4 a v = 2 total harmonic distortion plus noise vs. output power max9718 toc10 output power (w) thd+n (%) 0.5 1.5 1.0 0.01 0.1 1 10 100 0.001 02 . 0 f in = 1khz f in = 100hz f in = 10khz v cc = 5v r l = 4 a v = 4 total harmonic distortion plus noise vs. output power max9718 toc11 output power (w) thd+n (%) 0.2 0.6 0.8 1.0 1.2 0.4 0.01 0.1 1 10 100 0.001 0 1.4 f in = 1khz f in = 100hz f in = 10khz v cc = 5v r l = 8 a v = 2 total harmonic distortion plus noise vs. output power max9718 toc12 output power (w) thd+n (%) 0.2 0.6 0.8 1.0 1.2 0.4 0.01 0.1 1 10 100 0.001 0 1.4 f in = 100hz f in = 1khz f in = 10khz v cc = 5v r l = 8 a v = 4 typical operating characteristics (continued) (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 6 _______________________________________________________________________________________ total harmonic distortion plus noise vs. output power max9718 toc13 output power (mw) thd+n (%) 100 300 400 500 200 0.01 0.1 1 10 100 0.001 06 0 0 f in = 10khz f in = 1khz f in = 100hz v cc = 3v r l = 4 a v = 2 total harmonic distortion plus noise vs. output power max9718 toc14 output power (mw) thd+n (%) 100 300 400 500 200 0.01 0.1 1 10 100 0.001 06 0 0 f in = 1khz f in = 100hz f in = 10khz v cc = 3v r l = 4 a v = 4 total harmonic distortion plus noise vs. output power max9718 toc15 output power (mw) thd+n (%) 100 300 400 500 200 0.01 0.1 1 10 100 0.001 06 0 0 f in = 1khz f in = 100hz f in = 10khz v cc = 3v r l = 8 a v = 2 total harmonic distortion plus noise vs. output power max9718 toc16 output power (mw) thd+n (%) 100 300 400 500 200 0.01 0.1 1 10 100 0.001 0 f in = 1khz f in = 100hz f in = 10khz v cc = 3v r l = 8 a v = 4 total harmonic distortion plus noise vs. common-mode voltage max9718 toc17 common-mode voltage (v) thd+n (%) 13 4 5 2 0.001 0.01 0.0001 0 v cc = 5v p o = 200mw a v = 2 total harmonic distortion plus noise vs. common-mode voltage max9718 toc18 common-mode voltage (v) thd+n (%) 0.5 1.5 2.0 2.5 3.0 1.0 0.001 0.01 0.0001 0 v cc = 3v p o = 200mw a v = 2 output power vs. supply voltage max9718 toc19 supply voltage (v) output power 5.0 4.5 4.0 3.5 3.0 0.5 1.0 1.5 2.0 2.5 0 2.5 5.5 r l = 4 f = 1khza v = 2 thd+n = 10% thd+n = 1% output power vs. supply voltage max9718 toc20 supply voltage (v) output power (w) 5.0 4.5 4.0 3.5 3.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 2.5 5.5 r l = 8 f = 1khza v = 2 thd+n = 10% thd+n = 1% output power vs. load resistance max9718 toc21 load resistance ( ) output power (w) 100 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 1 v cc = 5v f = 1khza v = 2 thd+n = 10% thd+n = 1% typical operating characteristics (continued) (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) downloaded from: http:///
max9718/max9719 gain and phase vs. frequency max9718 toc27 frequency (hz) gain/phase ( /db) 10k 1k 100 -120 -90 -60 -30 0 30 60 90 120 150 -150 10 100k a v = 60db low-cost, mono/stereo, 1.4w differential audio power amplifiers _______________________________________________________________________________________ 7 output power vs. load resistance max9718 toc22 load resistance ( ) output power (mw) 100 10 200100 300 400 500 600 0 1 thd+n = 10% thd+n = 1% v cc = 3v f = 1khza v = 2 power dissipation vs. output power max9718 toc23 output power (w) power dissipation (w) 1.5 1.2 0.9 0.6 0.3 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 0 1.8 v cc = 5v r l = 4 f = 1khza v = 2 power dissipation vs. output power max9718 toc24 output power (w) power dissipation (w) 1.2 1.0 0.8 0.6 0.4 0.2 0.2 0.4 0.6 0.8 1.0 0 0 1.4 v cc = 5v r l = 8 f = 1khza v = 2 power dissipation vs. output power max9718 toc25 output power (mw) power dissipation (mw) 600 500 400 300 200 100 100 200 300 400 500 600 700 0 07 0 0 v cc = 3v r l = 4 f = 1khza v = 2 power dissipation vs. output power max9718 toc26 output power (mw) power dissipation (mw) 400 300 200 100 50 100 150 200 250 300 350 0 05 0 0 v cc = 3v r l = 8 f = 1khza v = 2 power-supply rejection ratio vs. frequency max9718 toc28 frequency (hz) psrr (db) 10k 1k 100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -100 10 100k v ripple = 200mv p-p r l = 8 c bias = 1 f v cc = 5v v cc = 3v common-mode rejection ratio vs. frequency max9718 toc29 frequency (hz) cmrr (db) 10k 1k 100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -100 10 100k v ripple = 200mv p-p r l = 8 c bias = 1 f v cc = 5v v cc = 3v typical operating characteristics (continued) (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 8 _______________________________________________________________________________________ typical operating characteristics (continued) (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) crosstalk vs. frequency max9718 toc31 frequency (hz) crosstalk (db) 10k 1k 100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -100-110 -120 10 100k channel 2 channel 1 v cc = 3v v ripple = 200mv p-p r l = 8 c bias = 1 f entering shutdown max9718 toc32 100 s/div c bias = 0.1 f v cc = 3v r l = 8 shdn2v/div out+ 1v/div out- 1v/div out+ - out- 200mv/div exiting shutdown max9718 toc33 4ms/div c bias = 0.1 f v cc = 3v r l = 8 shdn2v/div out+ 1v/div out- 1v/div out+ - out- 200mv/div entering power-down max9718 toc34 100 s/div c bias = 0.1 f v cc = 3v r l = 8 shdn1v/div out+ 1v/div out- 1v/div out+ - out- 200mv/div exiting power-down max9718 toc35 shdn2v/div out+ 1v/div out- 1v/div 4ms/div c bias = 0.1 f v cc = 3v r l = 8 out+ - out-200mv/div crosstalk vs. frequency max9718 toc30 frequency (hz) crosstalk (db) 10k 1k 100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -100-110 -120 10 100k channel 2 channel 1 v cc = 5v v ripple = 200mv p-p r l = 8 c bias = 1 f downloaded from: http:///
max9718/max9719 turn-on time vs. dc bias bypass capacitor max9718 toc38 c bias ( f) turn-on time (ms) 0.80 0.60 0.20 0.40 10 20 30 40 50 60 70 80 0 0 1.00 v cc = 5v v cc = 3v to -3db of final value low-cost, mono/stereo, 1.4w differential audio power amplifiers _______________________________________________________________________________________ 9 shutdown current vs. temperature max9718 toc37 temperature ( c) shutdown current ( a) 60 35 10 -15 -0.02 -0.01 0 0.01 0.02 0.03 -0.03 -40 85 v cc = 5v v cc = 3v typical operating characteristics (continued) (v cc = 5v, c bias = 0.1f, thd+n measurement bandwidth = 22hz to 22khz, t a = +25c, unless otherwise noted.) pin description pin max9718 max9719 tdfn-ep/ ?ax ucsp tqfn-ep ucsp tssop-ep name function 1 c2 shdn shutdown input. the polarity of shdn is dependent on thestate of shdm. 9b 31 1 shdn shutdown input. active-low shutdown input. 2 c1 in- inverting input 3 b2 shdm shutdown-mode polarity input. shdm controls the polarityof shdn. connect shdm high for an active-high shdn input. connect shdm low for an active-low shdn input ( see table 1 ) . 4 a1 in+ noninverting input 5 a2 5 b2 7 bias dc bias bypass 6 a3 out- bridge amplifier negative output 7 b3 1, 6, 11 a2, c2, c4 3, 8, 13 gnd ground 8 13 15 n.c. no connection. not internally connected. 9 b1 8, 14 a4, d3 16, 10 v cc power supply 10 c3 out+ bridge amplifier positive output 2 c1 4 inr+ right-channel noninverting input 3 b1 5 inl- left-channel inverting input 4 a1 6 inl+ left-channel noninverting input 7 a3 9 outl+ left-channel bridge amplifier positive output supply current vs. temperature max9718 toc36 temperature ( c) supply current (ma) 60 35 10 -15 1 2 3 4 5 60 -40 85 v cc = 5v v cc = 3v downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 10 ______________________________________________________________________________________ pin description (continued) pin tdfn-ep/ ?ax ucsp tqfn-ep ucsp tssop-ep name function 10 b4 12 outl- left-channel bridge amplifier negative output 12 d4 14 outr+ right-channel bridge amplifier positive output 15 d2 1 outr- right-channel bridge amplifier negative output 16 d1 2 inr- right-channel inverting input e p exposed pad. connect ep to gnd. detailed description the max9718/max9719 are 1.4w btl speaker ampli-fiers. the max9718 is a mono speaker amplifier, while the max9719 is a stereo speaker amplifier. both devices feature a low-power shutdown mode and indus- try-leading click-and-pop suppression. the max9718 features a two-input shutdown scheme to configure shutdown for active high or active low. these devices consist of high output-current audio amps configured as btl amplifiers (see the functional diagrams ). both adjustable and fixed gain (0db, 3db, 6db) versions areavailable. bias these devices operate from a single 2.7v to 5.5v sup-ply and feature an internally generated, common-mode bias voltage of v cc /2 referenced to ground. bias pro- vides both click-and-pop suppression and sets the dcbias level for the audio outputs. choose the value of the bypass capacitor as described in the bias capacitor section. do not connect external loads to bias as thiscan affect the overall performance. shutdown mode the max9718/max9719 feature a 100na low-powershutdown mode that reduces quiescent current con- sumption. entering shutdown disables the devices bias circuitry, the amplifier outputs go high impedance, and bias is driven to gnd. the max9718 shdm input con- trols the polarity of shdn. drive shdm high for an active-high shdn input. drive shdm low for an active- low shdn input (see table 1). the max9719 features an active-low shutdown input, shdn . click-and-pop suppression the max9718/max9719 feature maxims industry-lead-ing click-and-pop suppression circuitry. during startup, the amplifier common-mode bias voltage ramps to the dc bias point. when entering shutdown, the amplifier outputs are high impedance to 100k ? between both outputs. this scheme minimizes the energy present inthe audio band. applications information btl amplifier the max9718/max9719 are designed to drive a loaddifferentially, a configuration referred to as bridge-tied load or btl. the btl configuration (figure 1) offers advantages over the single-ended configuration, where one side of the load is connected to ground. driving the load differentially doubles the output voltage compared to a single-ended amplifier under similar conditions. substituting 2 x v out(p-p) for v out(p-p) into the following equations yields four times the output power due to doubling of the output voltage:since the differential outputs are biased at midsupply, there is no net dc voltage across the load. this elimi- nates the need for dc-blocking capacitors required for single-ended amplifiers. these capacitors can be large, expensive, consume board space, and degrade low-frequency performance. p v r out rms l = 2 v v rms out p p = () 22 shdm shdn operational mode 0 0 shutdown 0 1 normal operation 1 0 normal operation 1 1 shutdown table 1. shutdown mode selection(max9718 only) downloaded from: http:///
power dissipation and heat sinking under normal operating conditions, the max9718/max9719 dissipate a significant amount of power. the maximum power dissipation for each package is given in the absolute maximum ratings section under continuous power dissipation or can be calculated bythe following equation: where t j(max) is +150c, t a is the ambient tempera- ture, and ja is the reciprocal of the derating factor in c/w as specified in the absolute maximum ratings section. for example, ja of the tqfn package is +59.2c/w.the increase in power delivered by the btl configura- tion directly results in an increase in internal power dis- sipation over the single-ended configuration. the maximum internal power dissipation for a given v cc and load is given by the following equation:if the internal power dissipation for a given application exceeds the maximum allowed for a given package, reduce power dissipation by increasing the ground plane heat-sinking capability and the size of the traces to the device (see the layout and grounding section). other methods for reducing power dissipation are toreduce v cc , increase load impedance, decrease ambi- ent temperature, reduce gain, or reduce input signal.thermal-overload protection limits total power dissipa- tion in the max9718/max9719. when the junction tem- perature exceeds +160c, the thermal protection circuitry disables the amplifier output stage. the ampli- fiers are enabled once the junction temperature cools by 15c. a pulsing output under continuous thermaloverload results as the device heats and cools. for optimum power dissipation and heat sinking, con- nect the exposed pad found on the max, tdfn, tqfn, and tssop packages to a large ground plane. fixed differential gain the max9718b/e, max9718c/f, max9718d/g,max9719b, max9719c, and max9719d feature inter- nally fixed gains (see the selector guide ). this simpli- fies design, decreases required footprint size, andeliminates external gain-setting resistors. resistors r 1 and r 2 shown in the functional diagrams are used to achieve each fixed gain. adjustable differential gain gain-setting resistors external feedback resistors set the gain of themax9718a/h and max9719a. resistors r f and r in (figure 2) set the gain of the amplifier as follows:where a v is the desired voltage gain. hence, an r in of 10k ? and an r f of 20k ? yields a gain of 2v/v, or 6db. r f can be either fixed or variable, allowing the use of a digitally controlled potentiometer to alter the gain undersoftware control. a r r v f in = p v r dmax cc l () = 2 2 2 p tt dmax jmax a ja () () = max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 11 +1 v out(p-p) 2 x v out(p-p) v out(p-p) -1 figure 1. bridge-tied load configuration r f r f max9718a/h max9719a bias generator inverting differential input noninverting differential input (optional) (optional) in+ in- out+out- r in r in figure 2. setting the max9718a/h/max9719a gain downloaded from: http:///
max9718/max9719 input filter the fully differential amplifier inputs can be biased atvoltages other than midsupply. the common-mode feedback circuit adjusts for input bias, ensuring the outputs are still biased at midsupply. input capacitors are not required as long as the common-mode input voltage is within the specified range listed in the electrical characteristics table. if input capacitors are used, input capacitor c in , in conjunction with r in , forms a highpass filter that removes the dc bias from an incoming signal. the ac-coupling capacitor allows the amplifier to bias the sig- nal to an optimum dc level. assuming zero-source impedance, the -3db point of the highpass filter is given by: setting f -3db too high affects the low-frequency response of the amplifier. use capacitors withdielectrics that have low-voltage coefficients, such as tantalum or aluminum electrolytic. capacitors with high- voltage coefficients, such as ceramics, can increase distortion at low frequencies. bias capacitor bias is the output of the internally generated v cc /2 bias voltage. the bias bypass capacitor, c bias , improves psrr and thd+n by reducing power supplyand other noise sources at the common-mode bias node, and also generates the clickless/popless startup dc bias waveform for the speaker amplifiers. bypass bias with a 0.1f capacitor to gnd. larger values of c bias (up to 1f) improve psrr, but slow down t on /t off times. a 1f c bias capacitor slows turn-on and turn-off times by 10 and improves psrr by 20db(at 1khz). do not connect external loads to bias. supply bypassing proper power-supply bypassing ensures low-noise,low-distortion performance. connect a 1f ceramic capacitor from v cc to gnd. add additional bulk capacitance as required by the application. locate thebypass capacitor as close to the device as possible. layout and grounding good pc board layout is essential for optimizing perfor-mance. use large traces for the power-supply inputs and amplifier outputs to minimize losses due to parasitic trace resistance and route heat away from the device. good grounding improves audio performance, minimizes crosstalk between channels, and prevents any digital switching noise from coupling into the audio signal. the max9718/max9719 tdfn, tqfn, tssop, and max packages feature exposed thermal pads on their undersides. this pad lowers the thermal resistance of the package by providing a direct-heat conduction path from the die to the pc board. connect the exposed pad to the ground plane using multiple vias, if required. ucsp applications information for the latest application details on ucsp construction,dimensions, tape carrier information, pc board tech- niques, bump-pad layout, and recommended reflow tem- perature profile, as well as the latest information on reliability testing results, refer to the application note 1891: wafer-level packaging (wlp) and its applications . f rc db in in = 3 1 2 low-cost, mono/stereo, 1.4w differential audio power amplifiers 12 ______________________________________________________________________________________ part mono stereo gain (db) selectable shutdown polarity max9718a/h adjustable max9718b/e 0 max9718c/f 3 max9718d/g 6 max9719a adjustable max9719b 0 max9719c 3 max9719d 6 selector guide downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 13 part temp range pin-package t o p m a r k max9718aeub+ -40c to +85c 10 m ax - e p * +aaaa m ax 9718be bl+ tg45 -40c to +85c 3 x 3 u c s p +adx max9718betb+t -40c to +85c 10 td fn - e p * +aaw max9718beub+ -40c to +85c 10 m ax - e p * +aaab m ax 9718c e bl+ tg45 -40c to +85c 3 x 3 u c s p +adz max9718cetb+t -40c to +85c 10 td fn - e p * +aax max9718ceub+ -40c to +85c 10 m ax - e p * +aaac m ax 9718d e bl+ tg45 -40c to +85c 3 x 3 u c s p +aea max9718detb+t -40c to +85c 10 td fn - e p * +aay max9718deub+ -40c to +85c 10 m ax - e p * +aaad m ax 9718e e bl+ tg45 -40c to +85c 3 x 3 u c s p +afb max9718eetb+t -40c to +85c 10 td fn - e p * +asy max9718eeub+ -40c to +85c 10 m ax - e p * +aaaj m ax 9718fe bl+ tg45 -40c to +85c 3 x 3 u c s p +afc max9718fetb+t -40c to +85c 10 td fn - e p * +asz max9718feub+ -40c to +85c 10 m ax - e p * +aaak m ax 9718g e bl+ tg45 -40c to +85c 3 x 3 u c s p +afd max9718getb+t -40c to +85c 10 td fn - e p * +ata part temp range pin-package t o p m a r k max9718geub+ -40c to +85c 10 m ax - e p * +aaal m ax 9718h e bl+ tg45 -40c to +85c 3 x 3 u c s p +afe max9718hetb+t -40c to +85c 10 td fn - e p * +atb max9718heub+ -40c to +85c 10 m ax - e p * +aaam max9719 aebe+t -40c to +85c 4 x 4 u c s p max9719aete+ -40c to +85c 16 tq fn - e p * max9719aeue+ -40c to +85c 16 ts s o p - e p * m ax 9719be be + tg45 -40c to +85c 4 x 4 u c s p max9719bete+ -40c to +85c 16 tq fn - e p * max9719beue+ -40c to +85c 16 ts s o p - e p * m ax 9719c e be + tg45 -40c to +85c 4 x 4 u c s p max9719cete+ -40c to +85c 16 tq fn - e p * max9719ceue+ -40c to +85c 16 ts s o p - e p * m ax 9719d e be + tg45 -40c to +85c 4 x 4 u c s p max9719dete+ -40c to +85c 16 tq fn - e p * max9719deue+ -40c to +85c 16 ts s o p - e p * ordering information (continued) chip information max9718 transistor count: 2359max9719 transistor count: 4447 process: bicmos ucsp marking information aaaxxx : a1 bump indicator aaa: product codexxx: lot code + denotes lead(pb)-free/rohs-compliant package. * ep = exposed pad. g45 indicates protective die coating. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 14 ______________________________________________________________________________________ inl+ inl-inr+ inr- in1+ in1- in2+ in2- gnd shdn outl+ outl- outr+ outr- bias 1 f 10 f max9719 v cc inl automatic headphone detection and speaker disable circuit c1p cin in+ 2.7v to 5.5v 2.7v to 5.5v v cc outr 2.7v to 5.5v sv ss 1 f max9722b max961 outl shdn pv ss sv dd pv dd inr 1 f 1 f 0.1 f 1 f 0.1 f 1 f 0.1 f 0.1 f qq 220k ? in- system diagram downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 15 max9718b/e max9718c/f max9718d/g 2.7v to 5.5v supply bias generator inverting differential input noninverting differential input biasshdm shdn (optional) c in (optional) c in in+ in- v cc gnd c bias 0.1 f 1.0 f r 2 r 2 out+out- r 1 r f r f r 1 shutdown control max9718a/h 2.7v to 5.5v supply bias generator inverting differential input noninverting differential input biasshdm shdn (optional) c in (optional) c in in+ in- v cc gnd c bias 0.1 f 1.0 f out+out- r in r in shutdown control max9718a a v = 2 f c = 1hz c in = 1 f r in = 10k ? r f = 20k ? functional diagrams downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 16 ______________________________________________________________________________________ max9719b max9719cmax9719d 2.7v to 5.5v supply bias generator inverting differential input noninverting differential input biasshdn (optional) c in (optional) c in inl+ inl- v cc gnd c bias 0.1 f 1.0 f r 2 r 2 outl+outl- r 1 r f r f r f r f r 1 inverting differential input noninverting differential input (optional) c in (optional) c in inr+ inr- r 2 r 2 outr+outr- r 1 r 1 shutdown control max9719a 2.7v to 5.5v supply bias generator inverting differential input noninverting differential input biasshdn (optional) c in (optional) c in inl+ inl- v cc gnd c bias 0.1 f 1.0 f outl+outl- r in r in inverting differential input noninverting differential input (optional) c in (optional) c in inr+ inr- outr+outr- shutdown control max9719a a v = 2 f c = 1hz c in = 1 f r in = 10k ? r f = 20k ? r in r in functional diagrams (continued) downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 17 1 23 4 5 10 98 7 6 out+v cc a 123 b c shdn shdm bias out+ gnd out- in- v cc in+ n.c.gnd in+ shdm in- shdn max 3 3 ucsp top view top view (bumps on bottom) out- bias max9718 max9718 1 23 4 5 10 98 7 6 out+v cc n.c.gnd in+ shdm in- shdn tdfn (3mm 3mm 0.8mm) tqfn (4mm 4mm 0.8mm) top view out- bias max9718 max9719 12 1314 15 16 87 6 5 11 10 9 1234 outr+gnd outl- shdn v cc outl+gnd bias v cc outr- inr- gnd inr+ inl- inl+ n.c. top view top view max9719 a 1234 b cd gnd gnd bias gnd outl- outr+ shdn outl+ outr- inr+ inl- v cc v cc inl+ 4 4 ucsp top view(bumps on bottom) max9719 inr- 1615 14 13 12 11 10 9 12 34 5 6 7 8 outr- v cc n.c.outr+ gnd outl- shdn v cc outl+ tssop-ep inr- gnd inl+ inr+ inl- bias gnd pin configurations downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 18 ______________________________________________________________________________________ 9lucsp, 3x3.eps package information for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. package type package code document no. 3 x 3 ucsp b9+1 21-0093 10 tdfn-ep t1033+1 21-0137 10 max u10e+3 21-0109 4 x 4 ucsp b16+6 21-0101 16 tqfn-ep t1644+4 21-0139 16 tssop-ep u16e+3 21-0108 downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 19 package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 20 ______________________________________________________________________________________ package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. common dimensions symbol min. max. a 0.70 0.80 d 2.90 3.10 e 2.90 3.10 a1 0.00 0.05 l0 . 2 0 0.40 pkg. code n d2 e2 e jedec spec b [(n/2)-1] x e package variations 0.25 min. k a2 0.20 ref. 2.00 ref 0.250.05 0.50 bsc 2.300.10 10 t1033-1 2.40 ref 0.200.05 - - - - 0.40 bsc 1.700.10 2.300.10 14 t1433-1 1.500.10 mo229 / weed-3 0.40 bsc - - - - 0.200.05 2.40 ref t1433-2 14 2.300.10 1.700.10 t633-2 6 1.500.10 2.300.10 0.95 bsc mo229 / weea 0.400.05 1.90 ref t833-2 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref t833-3 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref 2.300.10 mo229 / weed-3 2.00 ref 0.250.05 0.50 bsc 1.500.10 10 t1033-2 0.250.05 2.00 ref 10 0.50 bsc mo229 / weed-3 2.300.10 1.500.10 t1033mk-1 0.40 bsc - - - - 0.200.05 2.40 ref t1433-3f 14 2.300.10 1.700.10 downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 21 10l umax, exppads.eps d 1 1 21-0109 package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 22 ______________________________________________________________________________________ 16l,ucsp.eps package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 23 24l qfn thin.eps package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 24 ______________________________________________________________________________________ package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers ______________________________________________________________________________________ 25 package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers 26 ______________________________________________________________________________________ package information (continued) for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to th e package regardless of rohs status. downloaded from: http:///
max9718/max9719 low-cost, mono/stereo, 1.4w differential audio power amplifiers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 27 2010 maxim integrated products maxim is a registered trademark of maxim integrated products, inc. revision history revision number revision date description pages changed 5 2/08 updated pin configurations .1 7 6 3/09 added lead-free and g45 options to ordering information 1, 13 7 4/10 updated continuous power dissipation for 9-bump and 16-bump ucsppackages and corrected error in the pin description section 2, 9 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX9718GEBLG45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X