Part Number Hot Search : 
PIC16F87 APW8822C 331M25 PIC16F87 68HC908 Z5234 2L64164A MA4P150
Product Description
Full Text Search
 

To Download MAX1182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX1182 is a +3v, dual 10-bit analog-to-digital converter (adc) featuring fully-differential wideband track-and-hold (t/h) inputs, driving two pipelined, 9- stage adcs. the MAX1182 is optimized for low-power, high-dynamic performance applications in imaging, instrumentation and digital communication applications. this adc operates from a single +2.7v to +3.6v sup- ply, consuming only 195mw while delivering a typical signal-to-noise ratio (snr) of 59db at an input frequen- cy of 20mhz and a sampling rate of 65msps. the t/h driven input stages incorporate 400mhz (-3db) input amplifiers. the converters may also be operated with single-ended inputs. in addition to low operating power, the MAX1182 features a 2.8ma sleep mode as well as a 1? power-down mode to conserve power during idle periods. an internal +2.048v precision bandgap reference sets the full-scale range of the adc. a flexible reference structure allows the use of the internal or an externally derived reference, if desired for applications requiring increased accuracy or a different input voltage range. the MAX1182 features parallel, cmos-compatible three-state outputs. the digital output format is set to two? complement or straight offset binary through a single control pin. the device provides for a separate output power supply of +1.7v to +3.6v for flexible inter- facing. the MAX1182 is available in a 7mm x 7mm, 48- pin tqfp package, and is specified for the extended industrial (-40? to +85?) temperature range. pin-compatible higher and lower speed versions of the MAX1182 are also available. please refer to the max1180 datasheet for 105msps, the max1181 datasheet for 80msps, the max1183 datasheet for 40msps, and the max1184 datasheet for 20msps. in addition to these speed grades, this family includes a 20msps multiplexed output version (max1185), for which digital data is presented time-interleaved on a single, parallel 10-bit output port. applications high resolution imaging i/q channel digitization multchannel if undersampling instrumentation video application features single +3v operation excellent dynamic performance: 59db snr at f in = 20mhz 77db sfdr at f in = 20mhz low power: 65ma (normal operation) 2.8ma (sleep mode) 1? (shutdown mode) 0.02db gain and 0.25 phase matching (typ) wide ?v p-p differential analog input voltage range 400mhz -3db input bandwidth on-chip +2.048v precision bandgap reference user-selectable output format?wo? complement or offset binary 48-pin tqfp package with exposed pad for improved thermal dissipation evaluation kit available MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ________________________________________________________________ maxim integrated products 1 d1a d0a ognd ov dd ov dd ognd d0b d1b d2b d3b d4b d5b com v dd gnd ina+ ina- v dd gnd inb- inb+ gnd v dd clk 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 48 tqfp-ep MAX1182 gnd v dd gnd v dd t/b sleep pd oe d9b d8b d7b d6b 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 refn refp refin refout d9a d8a d7a d6a d5a d4a d3a d2a pin configuration 19-2094; rev 0; 7/01 ordering information part temp. range pin-package MAX1182ecm -40 c to +85 c 48 tqfp-ep for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com.
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v dd = +3v, ov dd = +2.5v; 0.1f and 1.0f capacitors from refp, refn, and com to gnd; refout connected to refin through a 10k ? resistor, v in = 2vp-p (differential w.r.t. com), c l = 10pf at digital outputs (note 5), f clk = 65mhz (50% duty cycle), t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v dd , ovdd to gnd...............................................-0.3v to +3.6v ognd to gnd.......................................................-0.3v to +0.3v ina+, ina-, inb+, inb- to gnd ...............................-0.3v to v dd refin, refout, refp, refn, clk, com to gnd ..........................................-0.3v to (v dd + 0.3v) oe , pd, sleep, t/b, d9a d0a, d9b d0b to ognd .............................-0.3v to (ov dd + 0.3v) continuous power dissipation (t a = +70 c) 48-pin tqfp (derate 12.5mw/ c above +70 c).......1000mw operating temperature range ...........................-40 c to +85 c junction temperature ......................................................+150 c storage temperature range .............................-60 c to +150 c lead temperature (soldering, 10s) ..................................+300 c parameter symbol conditions min typ max units dc accuracy resolution 10 bits integral nonlinearity inl f in = 7.47mhz 0.6 1.9 lsb differential nonlinearity dnl f in = 7.47mhz, no missing codes guaranteed 0.4 1.0 lsb offset error < 1 1.7 % fs gain error 0 2 % fs analog input differential input voltage range v diff differential or single-ended inputs 1.0 v common-mode input voltage range v cm v dd /2 0.5 v input resistance r in switched capacitor load 33 k ? input capacitance c in 5pf conversion rate maximum clock frequency f clk 65 mhz data latency 5 clock cycles dynamic characteristics (f clk = 65mhz, 4096-point fft) f ina or b = 7.47mhz, t a = +25 c 56.8 59.5 f ina or b = 20mhz, t a = +25 c 56.5 59 signal-to-noise ratio snr f ina or b = 39.9mhz (note 1) 59 db f ina or b = 7.47mhz, t a = +25 c 56.5 59 f ina or b = 20mhz, t a = +25 c 56 58.5 signal-to-noise and distortion (up to 5th harmonic) sinad f ina or b = 39.9mhz (note 1) 58.5 db f ina or b = 7.47mhz, t a = +25 c6576 f ina or b = 20mhz, t a = +25 c6577 spurious-free dynamic range sfdr f ina or b = 39.9mhz, (note 1) 75 dbc
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs _______________________________________________________________________________________ 3 electrical characteristics (continued) (v dd = +3v, ov dd = +2.5v; 0.1f and 1.0f capacitors from refp, refn, and com to gnd; refout connected to refin through a 10k ? resistor, v in = 2vp-p (differential w.r.t. com), c l = 10pf at digital outputs (note 5), f clk = 65mhz (50% duty cycle), t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units f ina or b = 7.47mhz -83 f ina or b = 20mhz -82 third-harmonic distortion hd3 f ina or b = 39.9mhz (note 1) -77 dbc f ina or b = 19.13042mhz at -6.5db fs intermodulation distortion (first 5 odd-order imds) imd f i n a o r b = 21.2886m h z at - 6.5d b fs ( n ote 2) -75 dbc f ina or b = 7.47mhz, t a = +25 c -75.5 -64 f ina or b = 20mhz, t a = +25 c -76 -63 total harmonic distortion (first 5 harmonics) thd f ina or b = 39.9mhz, (note 1) -74 dbc small-signal bandwidth input at -20db fs, differential inputs 500 mhz full-power bandwidth fpbw input at -0.5db fs, differential inputs 400 mhz aperture delay t ad 1ns aperture jitter t aj 2ps rms overdrive recovery time for 1.5 x full-scale input 2 ns differential gain 1% differential phase 0.25 d egr ees output noise ina+ = ina- = inb+ = inb- = com 0.2 lsb rms internal reference reference output voltage refout 2.048 3% v reference temperature coefficient tc ref 60 ppm/ c load regulation 1.25 mv/ma buffered external reference (v refin = +2.048v) refin input voltage v refin 2.048 v positive reference output voltage v refp 2.012 v negative reference output voltage v refn 0.988 v differential reference output voltage range ? v ref ? v ref = v refp - v refn 0.98 1.024 1.07 v refin resistance r refin >50 m ?
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 4 _______________________________________________________________________________________ electrical characteristics (continued) (v dd = +3v, ov dd = +2.5v; 0.1f and 1.0f capacitors from refp, refn, and com to gnd; refout connected to refin through a 10k resistor, v in = 2vp-p (differential w.r.t. com), c l = 10pf at digital outputs (note 5), f clk = 65mhz (50% duty cycle), t a = t min to t max , unless otherwise noted. typical values are at t a = +25?c.) parameter symbol conditions min typ max units maximum refp, com source current i source >5 ma maximum refp, com sink current i sink 250 a maximum refn source current i source 250 a maximum refn sink current i sink >5 ma unbuffered external reference (v refin = agnd, reference voltage applied to refp, refn, and com) refp, refn input resistance r refp , r refn measured between refp and com, and refn and com 4k  differential reference input voltage  v ref  v ref = v refp e v refn 1.024  10% v com input voltage v com vdd/2  10% v refp input voltage v refp v com +  v ref /2 v refn input voltage v refn v com -  v ref /2 v digital inputs (clk, pd, oe oe oe oe oe
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs _______________________________________________________________________________________ 5 electrical characteristics (continued) (v dd = +3v, ov dd = +2.5v; 0.1f and 1.0f capacitors from refp, refn, and com to gnd; refout connected to refin through a 10k ? resistor, v in = 2vp-p (differential w.r.t. com), c l = 10pf at digital outputs (note 5), f clk = 65mhz (50% duty cycle), t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units power requirements analog supply voltage range v dd 2.7 3.0 3.6 v output supply voltage range ov dd 1.7 2.5 3.6 v operating, f ina or b = 20mhz at -0.5db fs 65 80 sleep mode 2.8 ma analog supply current i vdd shutdown, clock idle, pd = oe = ov dd 115a operating, c l = 15pf, f ina or b = 20mhz at -0.5db fs 11 ma sleep mode 100 output supply current i ovdd shutdown, clock idle, pd = oe = ov dd 210 a operating, f ina or b = 20mhz at -0.5db fs 195 240 sleep mode 8.4 mw power dissipation pdiss shutdown, clock idle, pd = oe = ov dd 345w offset 0.2 mv/v power-supply rejection ratio psrr gain 0.1 %/v timing characteristics clk rise to output data valid t do figure 3 (note 3) 5 8 ns output enable time t enable figure 4 10 ns output disable time t disable figure 4 1.5 ns clk pulse width high t ch figure 3, clock period: 15.4ns 7.7 1.5 ns clk pulse width low t cl figure 3, clock period: 15.4ns 7.7 1.5 ns wakeup from sleep mode (note 4) 0.42 wake-up time t wake wakeup from shutdown (note 4) 1.5 s channel-to-channel matching crosstalk f ina or b = 20mhz at -0.5db fs -70 db gain matching f ina or b = 20mhz at -0.5db fs 0.02 0.2 db phase matching f ina or b = 20mhz at -0.5db fs 0.25 d eg r ees note 1: snr, sinad, thd, sfdr, and hd3 are based on an analog input voltage of -0.5db fs referenced to a +1.024v full-scale input voltage range. note 2: intermodulation distortion is the total power of the intermodulation products relative to the individual carrier. this number i s 6db or better, if referenced to the two-tone envelope. note 3: digital outputs settle to v ih , v il . parameter guaranteed by design. note 4: with refin driven externally, refp, com, and refn are left floating while powered down. note 5: equivalent dynamic performance is obtainable over full ov dd range with reduced c l .
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 6 _______________________________________________________________________________________ typical operating characteristics (v dd = +3v, ov dd = +2.5v, internal reference, differential input at -0.5db fs, f clk = 65mhz, c l 10pf, t a = +25 c, unless otherwise noted.) -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot cha (8192-point record, differential input) MAX1182 toc01 analog input frequency (mhz) amplitude (db) cha f ina = 6.0065mhz f inb = 7.51410mhz f clk = 65.00057mhz aina = -0.55db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot chb (8192-point record, differential input) MAX1182 toc02 analog input frequency (mhz) amplitude (db) chb f ina = 6.0065mhz f inb = 7.51410mhz f clk = 65.00057mhz ainb = -0.56db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot cha (8192-point record, differential input) MAX1182 toc03 analog input frequency (mhz) amplitude (db) cha f ina = 20.08257mhz f inb = 25.09727mhz f clk = 65.00057mhz ainb = -0.52db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot chb (8192-point record, differential input) MAX1182 toc04 analog input frequency (mhz) amplitude (db) chb f ina = 20.08257mhz f inb = 25.09727mhz f clk = 65.00057mhz ainb = -0.52db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot cha (8192-point record, differential input) MAX1182 toc05 analog input frequency (mhz) amplitude (db) cha f ina = 37.31661mhz f inb = 46.99687mhz f clk = 65.00057mhz ainb = -0.52db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 fft plot chb (8192-point record, differential input) MAX1182 toc06 analog input frequency (mhz) amplitude (db) chb f ina = 37.31661mhz f inb = 46.99687mhz f clk = 65.00057mhz ainb = -0.49db fs -100 -70 -80 -90 -50 -60 -10 -20 -30 -40 0 0 5 10 15 20 25 30 35 two-tone imd plot (8192-point record, differential input) MAX1182 toc07 analog input frequency (mhz) amplitude (db) f in1 f in1 = 19.13042mhz f in2 = 21.28864mhz f clk = 65.00057mhz ain = -6.5db fs two-tone envelope = -0.47db fs f in2 2nd order imd 3rd order imd signal-to-noise ratio vs. analog input frequency MAX1182 toc08 analog input frequency (mhz) snr (db) 61 55 56 57 58 59 60 110100 cha chb differential input configuration 62 54 56 58 60 signal-to-noise + distortion vs. analog input frequency MAX1182 toc09 analog input frequency (mhz) sinad (db) 110100 cha chb differential input configuration
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs _______________________________________________________________________________________ 7 -65 -80 110100 total harmonic distortion vs. analog input frequency -77 MAX1182 toc10 analog input frequency (mhz) thd (db) -74 -71 -68 differential input configuration chb cha 11 01 0 0 spurious-free dynamic range vs. analog input frequency MAX1182 toc11 analog input frequency (mhz) sfdr (db) 63 67 71 75 79 83 87 differential input configuration chb cha -8 -4 -6 0 -2 4 2 6 full-power input bandwidth vs. analog input frequency, single-ended MAX1182 toc12 analog input frequency (mhz) gain (db) 1 100 1000 10 -8 -4 -6 0 -2 4 2 6 small-signal input bandwidth vs. analog input frequency, single-ended MAX1182 toc13 analog input frequency (mhz) gain (db) 1 100 1000 10 a in = 100mv p p 35 45 40 55 50 60 65 -20 -12-16 -8 -4 0 signal-to-noise ratio vs. input power (f in = 20.085279mhz) MAX1182 toc14 input power (db fs) snr (db) 35 45 40 55 50 60 65 -20 -12 -16 -8 -4 0 signal-to-noise + distortion vs. input power (f in = 20.085279mhz) MAX1182 toc15 input power (db fs) sinad (db) -20 -12 -16 -8 -4 0 total harmonic distortion vs. input power (f in = 20.085279mhz) MAX1182 toc16 input power (db fs) thd (db) -80 -75 -65 -70 -60 -55 -20 -12-16 -8 -4 0 spurious-free dynamic range vs. input power (f in = 20.085279mhz) MAX1182 toc17 input power (db fs) sfdr (db) 60 64 72 68 76 80 -1.0 -0.5 0.5 0 1.0 0 256 384 128 512 640 768 896 1024 integral nonlinearity (best-endpoint fit) MAX1182 toc18 digital output code inl (lsb) typical operating characteristics (continued) (v dd = +3v, ov dd = +2.5v, internal reference, differential input at -0.5db fs, f clk = 65mhz, c l  10pf, t a = +25? c, unless otherwise noted.)
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 8 _______________________________________________________________________________________ -0.5 -0.3 -0.4 -0.1 -0.2 0.1 0 0.2 0.4 0.3 0.5 0 256 384 128 512 640 768 896 1024 differential nonlinearity MAX1182 toc19 digital output code dnl (lsb) -3 0 -2 5 -2 0 -1 5 -1 0 -0 5 0 0 5 1 0 -40 -15 10 35 60 85 gain error vs. temperature, external reference (v refin = +2.048v) MAX1182 toc20 temperature (  c) gain error (% fs) chb cha -0.15 -0 05 -0.10 0 05 0 0.10 0.15 -40 10 -15 35 60 85 offset error vs. temperature, external reference (v refin = +2.048v) MAX1182 toc21 temperature (  c) offset error (% fs) chb cha 80 70 60 50 40 2.70 3.15 2.85 3.00 3 30 3.45 3 60 analog supply current vs. analog supply voltage MAX1182 toc22 v dd (v) i vdd (ma) 85 75 65 55 45 analog supply current vs. temperature MAX1182 toc23 temperature (  c) i vdd (ma) -40 10 -15 356085 0 0.06 0.18 0.12 0.24 0.30 2.70 3 00 2.85 3.15 3.30 3.45 3.60 analog power-down current vs. analog power supply MAX1182 toc24 v dd (v) i vdd (a) oe = pd = ov dd 40 50 70 60 80 90 30 40 45 35 50 55 60 65 70 sfdr, snr, thd, sinad vs. clock duty cycle MAX1182 toc25 clock duty cycle (%) sfdr, snr, thd, sinad (db) sfdr snr thd sinad f in = 25.097265mhz 2 020 2 025 2 035 2 030 2 040 2 045 2.70 3 002.85 3.15 3 30 3.45 3 60 internal reference voltage vs. analog power voltage MAX1182 toc26 v dd (v) v refout (v) typical operating characteristics (continued) (v dd = +3v, ov dd = +2.5v, internal reference, differential input at -0.5db fs, f clk = 65mhz, c l  10pf, t a = +25? c, unless otherwise noted.)
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs _______________________________________________________________________________________ 9 2.00 2.02 2.01 2.04 2.03 2.05 2.06 -40 10 -15 35 60 85 internal reference voltage vs. temperature MAX1182 toc27 temperature ( c) v refout (v) 0 20000 40000 60000 80000 100000 120000 140000 160000 n-2 n-1 n n+1 n+2 output noise histogram (dc input) MAX1182 toc28 digital output code counts 0 926 129421 725 0 typical operating characteristics (continued) (v dd = +3v, ov dd = +2.5v, internal reference, differential input at -0.5db fs, f clk = 65mhz, c l 10pf, t a = +25 c, unless otherwise noted.) pin description pin name function 1 com common-mode voltage input/output. bypass to gnd with a 0.1f capacitor. 2, 6, 11, 14, 15 v dd analog supply voltage. bypass to gnd with a capacitor combination of 2.2f in parallel with 0.1f. 3, 7, 10, 13, 16 gnd analog ground 4 ina+ channel a positive analog input. for single-ended operation, connect signal source to ina+. 5 ina- channel a negative analog input. for single-ended operation, connect ina- to com. 8 inb- channel b negative analog input. for single-ended operation, connect inb- to com. 9 inb+ channel b positive analog input. for single-ended operation, connect signal source to inb+. 12 clk converter clock input 17 t/b t/b selects the adc digital output format. high: two s complement. low: straight offset binary. 18 sleep sleep mode input. high: deactivates the two adcs, but leaves the reference bias circuit active. low: normal operation. 19 pd power-down input. high: power-down mode low: normal operation 20 oe output enable input. high: digital outputs disabled low: digital outputs enabled
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 10 ______________________________________________________________________________________ pin description (continued) pin name function 21 d9b three-state digital output, bit 9 (msb), channel b 22 d8b three-state digital output, bit 8, channel b 23 d7b three-state digital output, bit 7, channel b 24 d6b three-state digital output, bit 6, channel b 25 d5b three-state digital output, bit 5, channel b 26 d4b three-state digital output, bit 4, channel b 27 d3b three-state digital output, bit 3, channel b 28 d2b three-state digital output, bit 2, channel b 29 d1b three-state digital output, bit 1, channel b 30 d0b three-state digital output, bit 0 (lsb), channel b 31, 34 ognd output driver ground 32, 33 ov dd output driver supply voltage. bypass to ognd with a capacitor combination of 2.2f in parallel with 0.1f. 35 d0a three-state digital output, bit 0 (lsb), channel a 36 d1a three-state digital output, bit 1, channel a 37 d2a three-state digital output, bit 2, channel a 38 d3a three-state digital output, bit 3, channel a 39 d4a three-state digital output, bit 4, channel a 40 d5a three-state digital output, bit 5, channel a 41 d6a three-state digital output, bit 6, channel a 42 d7a three-state digital output, bit 7, channel a 43 d8a three-state digital output, bit 8, channel a 44 d9a three-state digital output, bit 9 (msb), channel a 45 refout internal reference voltage output. may be connected to refin through a resistor or a resistor divider. 46 refin reference input. v refin = 2 ? (v refp - v refn ). bypass to gnd with a >1nf capacitor. 47 refp positive reference input/output. conversion range is (v refp - v refn ). bypass to gnd with a > 0.1f capacitor. 48 refn negative reference input/output. conversion range is (v refp - v refn ). bypass to gnd with a > 0.1f capacitor.
detailed description the MAX1182 uses a 9-stage, fully-differential pipelined architecture (figure 1) that allows for high- speed conversion while minimizing power consump- tion. samples taken at the inputs move progressively through the pipeline stages every half clock cycle. counting the delay through the output latch, the clock- cycle latency is five clock cycles. 1.5-bit (2-comparator) flash adcs convert the held- input voltages into a digital code. the digital-to-analog converters (dacs) convert the digitized results back into analog voltages, which are then subtracted from the original held input signals. the resulting error sig- nals are then multiplied by two and the residues are passed along to the next pipeline stages where the process is repeated until the signals have been processed by all nine stages. digital error correction compensates for adc comparator offsets in each of these pipeline stages and ensures no missing codes. input track-and-hold (t/h) circuits figure 2 displays a simplified functional diagram of the input track-and-hold (t/h) circuits in both track and hold mode. in track mode, switches s1, s2a, s2b, s4a, s4b, s5a and s5b are closed. the fully-differential cir- cuits sample the input signals onto the two capacitors (c2a and c2b) through switches s4a and s4b. s2a and s2b set the common mode for the amplifier input, and open simultaneously with s1, sampling the input wave- form. switches s4a and s4b are then opened before switches s3a and s3b, connect capacitors c1a and c1b to the output of the amplifier, and switch s4c is closed. the resulting differential voltages are held on capacitors c2a and c2b. the amplifiers are used to charge capacitors c1a and c1b to the same values originally held on c2a and c2b. these values are then presented to the first-stage quantizers and isolate the pipelines from the fast-changing inputs. the wide input bandwidth t/h amplifiers allow the MAX1182 to track- and-sample/hold analog inputs of high frequencies (> nyquist). the adc inputs (ina+, inb+, ina-, and inb-) can be driven either differentially or single-ended. match the impedance of ina+ and ina- as well as inb+ and inb- and set the common-mode voltage to mid-supply (v dd /2) for optimum performance. MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ______________________________________________________________________________________ 11 v ina = input voltage between ina+ and ina- (differential or single-ended) v inb = input voltage between inb+ and inb- (differential or single-ended) t/h v out x2 flash adc dac 1.5 bits 10 v ina v in stage 1 stage 2 d9aed0a digital correction logic stage 8 stage 9 2-bit flash adc t/h t/h v out x2 flash adc dac 1 5 bits 10 v inb v in stage 1 stage 2 d9bed0b digital correction logic stage 8 stage 9 2-bit flash adc t/h figure 1. pipelined architecture?tage blocks
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 12 ______________________________________________________________________________________ s3b s3a com s5b s5a inb+ inb- s1 out out c2a c2b s4c s4a s4b c1b c1a internal bias internal bias com hold hold clk internal nonoverlapping clock signals track track s2a s2b s3b s3a com s5b s5a ina+ ina- s1 out out c2a c2b s4c s4a s4b c1b c1a internal bias internal bias com s2a s2b MAX1182 figure 2. MAX1182 t/h amplifiers
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ______________________________________________________________________________________ 13 analog inputs and reference configurations the full-scale range of the MAX1182 is determined by the internally generated voltage difference between refp (v dd /2 + v refin /4) and refn (v dd /2 - v refin /4). the full-scale range for both on-chip adcs is adjustable through the refin pin, which is provided for this purpose. refout, refp, com (vdd/2), and refn are internally buffered low-impedance outputs. the MAX1182 provides three modes of reference oper- ation: internal reference mode buffered external reference mode unbuffered external reference mode in internal reference mode, connect the internal refer- ence output refout to refin through a resistor (e.g., 10k ? ) or resistor divider, if an application requires a reduced full-scale range. for stability and noise filtering purposes bypass refin with a >10nf capacitor to gnd. in internal reference mode, refout, com, refp, and refn become low-impedance outputs. in buffered external reference mode, adjust the refer- ence voltage levels externally by applying a stable and accurate voltage at refin. in this mode, com, refp, and refn become outputs. refout may be left open or connected to refin through a >10k ? resistor. in unbuffered external reference mode, connect refin to gnd. this deactivates the on-chip reference buffers for refp, com, and refn. with their buffers shut down, these nodes become high impedance and may be driven through separate external reference sources. clock input (clk) the MAX1182 s clk input accepts cmos-compatible clock signals. since the interstage conversion of the device depends on the repeatability of the rising and falling edges of the external clock, use a clock with low jitter and fast rise and fall times (< 2ns). in particular, sampling occurs on the rising edge of the clock signal, requiring this edge to provide lowest possible jitter. any significant aperture jitter would limit the snr perfor- mance of the on-chip adcs as follows: snr db = 20 ? log 10 (1 / [2 x f in x t aj ]), where f in represents the analog input frequency and t aj is the time of the aperture jitter. clock jitter is especially critical for undersampling applications. the clock input should always be consid- ered as an analog input and routed away from any ana- log input or other digital signal lines. the MAX1182 clock input operates with a voltage thresh- old set to v dd /2. clock inputs with a duty cycle other than 50%, must meet the specifications for high and low peri- ods as stated in the electrical characteristics . system timing requirements figure 3 depicts the relationship between the clock input, analog input, and data output. the MAX1182 samples at the rising edge of the input clock. output data for channels a and b is valid on the next rising edge of the input clock. the output data has an internal latency of five clock cycles. figure 4 also determines the relationship between the input clock parameters and the valid output data on channels a and b. digital output data, output data format selection (t/b), output enable (/oe) all digital outputs, d0a d9a (channel a) and d0b d9b (channel b), are ttl/cmos logic-compatible. there is a 5-clock-cycle latency between any particular sample and its corresponding output data. the output coding can be chosen to be either straight offset binary or two s complement (table 1) controlled by a single pin (t/b). pull t/b low to select offset binary and high to activate two s complement output coding. the capaci- tive load on the digital outputs d0a d9a and d0b d9b should be kept as low as possible (<15pf), to avoid large digital currents that could feed back into the ana- log portion of the MAX1182, thereby degrading its dynamic performance. using buffers on the digital out- puts of the adcs can further isolate the digital outputs from heavy capacitive loads. to further improve the dynamic performance of the MAX1182 small-series resistors (e.g., 100 ? ) maybe added to the digital output paths, close to the MAX1182. figure 4 displays the timing relationship between out- put enable and data output valid as well as power down/wake-up and data output valid. power-down (pd) and sleep (sleep) modes the MAX1182 offers two power-save modes sleep and full power-down mode. in sleep mode (sleep = 1), only the reference bias circuit is active (both adcs are dis- abled), and current consumption is reduced to 2.8ma. to enter full power-down mode, pull pd high. with oe simultaneously low, all outputs are latched at the last value prior to the power down. pulling oe high forces the digital outputs into a high impedance state.
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 14 ______________________________________________________________________________________ applications information figure 5 depicts a typical application circuit containing two single-ended to differential converters. the internal reference provides a v dd /2 output voltage for level shifting purposes. the input is buffered and then split to a voltage follower and inverter. one lowpass filter per adc suppresses some of the wideband noise associat- ed with high-speed operational amplifiers, follows the amplifiers. the user may select the r iso and c in val- ues to optimize the filter performance, to suit a particu- lar application. for the application in figure 5, a r iso of 50 ? is placed before the capacitive load to prevent ringing and oscillation. the 22pf c in capacitor acts as a small bypassing capacitor. using transformer coupling a rf transformer (figure 6) provides an excellent solu- tion to convert a single-ended source signal to a fully differential signal, required by the MAX1182 for opti- mum performance. connecting the center tap of the transformer to com provides a v dd /2 dc level shift to the input. although a 1:1 transformer is shown, a step- up transformer may be selected to reduce the drive requirements. a reduced signal swing from the input driver, such as an op amp, may also improve the over- all distortion. in general, the MAX1182 provides better sfdr and thd with fully-differential input signals than single- ended drive, especially for very high input frequencies. in differential input mode, even-order harmonics are lower as both inputs (ina+, ina- and/or inb+, inb-) are balanced, and each of the adc inputs only requires half the signal swing compared to single-ended mode. n - 6 n n - 5 n + 1 n - 4 n + 2 n - 3 n + 3 n - 2 n + 4 n - 1 n + 5 n n + 6 n + 1 5 clock-cycle latency analog input clock input data output d9a d0a t d0 t ch t cl n - 6 n - 5 n - 4 n - 3 n - 2 n - 1 n n + 1 data output d9b d0b output d9a d0a oe t disable t enable high-z high-z valid data output d9b d0b high-z high-z valid data figure 3. system timing diagram figure 4. output timing diagram
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ______________________________________________________________________________________ 15 table 1. MAX1182 output codes for differential inputs *v ref = v refp - v refn differential input voltage* differential input straight offset binary t/b = 0 two s complement t/b = 1 v ref x 511/512 +full scale - 1lsb 11 1111 1111 01 1111 1111 v ref x 1/512 + 1 lsb 10 0000 0001 00 0000 0001 0 bipolar zero 10 0000 0000 00 0000 0000 - v ref x 1/512 - 1 lsb 01 1111 1111 11 1111 1111 -v ref x 511/512 - full scale + 1 lsb 00 0000 0001 10 0000 0001 -v ref x 512/512 - full scale 00 0000 0000 10 0000 0000 single-ended ac-coupled input signal figure 7 shows an ac-coupled, single-ended applica- tion. amplifiers like the max4108 provide high-speed, high-bandwidth, low noise, and low distortion to main- tain the integrity of the input signal. typical qam demodulation application the most frequently used modulation technique for dig- ital communications applications is probably the quadrature amplitude modulation (qam). typically found in spread-spectrum based systems, a qam sig- nal represents a carrier frequency modulated in both amplitude and phase. at the transmitter, modulating the baseband signal with quadrature outputs, a local oscil- lator followed by subsequent up-conversion can gener- ate the qam signal. the result is an in-phase (i) and a quadrature (q) carrier component, where the q compo- nent is 90 degree phase-shifted with respect to the in- phase component. at the receiver, the qam signal is divided down into it s i and q components, essentially representing the modulation process reversed. figure 8 displays the demodulation process performed in the analog domain, using the dual matched +3v, 10-bit adc MAX1182 and the max2451 quadrature demodu- lator to recover and digitize the i and q baseband sig- nals. before being digitized by the MAX1182, the mixed-down signal components may be filtered by matched analog filters, such as nyquist or pulse-shap- ing filters which remove any unwanted images from the mixing process, thereby enhancing the overall signal- to-noise (snr) performance and minimizing inter-sym- bol interference. grounding, bypassing, and board layout the MAX1182 requires high-speed board layout design techniques. locate all bypass capacitors as close to the device as possible, preferably on the same side as the adc, using surface-mount devices for minimum inductance. bypass v dd , refp, refn, and com with two parallel 0.1f ceramic capacitors and a 2.2f bipolar capacitor to gnd. follow the same rules to bypass the digital supply (ov dd ) to ognd. multilayer boards with separated ground and power planes pro- duce the highest level of signal integrity. consider the use of a split ground plane arranged to match the physical location of the analog ground (gnd) and the digital output driver ground (ognd) on the adcs pack- age. the two ground planes should be joined at a sin- gle point such that the noisy digital ground currents do not interfere with the analog ground plane. the ideal location of this connection can be determined experi- mentally at a point along the gap between the two ground planes, which produces optimum results. make this connection with a low-value, surface-mount resistor (1 ? to 5 ? ), a ferrite bead or a direct short. alternatively, all ground pins could share the same ground plane, if the ground plane is sufficiently isolated from any noisy, digital systems ground plane (e.g., downstream output buffer or dsp ground plane). route high-speed digital signal traces away from the sensitive analog traces of either channel. make sure to isolate the analog input lines to each respective converter to minimize channel- to-channel crosstalk. keep all signal lines short and free of 90 degree turns.
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 16 ______________________________________________________________________________________ figure 5. typical application for single-ended to differential conversion input 300 -5v +5v 0 1 f 0 1 f 0 1 f -5v 600 300 300 ina+ ina- lowpass filter com 600 +5v -5v 0 1 f 600 300 600 300 0 1 f 0 1 f 0 1 f +5v 0 1 f 300 max4108 MAX1182 inb+ inb- max4108 max4108 lowpass filter input 300 -5v +5v 0 1 f 0 1 f 0 1 f c n 22pf -5v 600 300 300 lowpass filter 600 +5v -5v 0 1 f 600 300 600 300 0 1 f 0 1 f 0 1 f +5v 0 1 f 300 max4108 max4108 max4108 lowpass filter r is0 50 c n 22pf r is0 50 c n 22pf r is0 50 c n 22pf r is0 50
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ______________________________________________________________________________________ 17 figure 6. transformer-coupled input drive MAX1182 t1 n.c. v in 6 1 5 2 43 22pf 22pf 0.1 ? ? ? ?
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs 18 ______________________________________________________________________________________ signal-to-noise ratio (snr) for a waveform perfectly reconstructed from digital samples, the theoretical maximum snr is the ratio of the full-scale analog input (rms value) to the rms quantiza- tion error (residual error). the ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the adc ? s resolution (n-bits): snr db[max] = 6.02 db x n + 1.76 db in reality, there are other noise sources besides quanti- zation noise e.g. thermal noise, reference noise, clock jitter, etc. snr is computed by taking the ratio of the rms signal to the rms noise, which includes all spec- tral components minus the fundamental, the first five harmonics, and the dc offset. signal-to-noise plus distortion (sinad) sinad is computed by taking the ratio of the rms sig- nal to all spectral components minus the fundamental and the dc offset. effective number of bits (enob) enob specifies the dynamic performance of an adc at a specific input frequency and sampling rate. an ideal adc?s error consists of quantization noise only. enob is computed from: enob sinad db db db 176 602 . . MAX1182 0.1f 1k 1k 100 100 c in 22pf c in 22pf inb+ inb- com ina+ ina- 0.1f r so 50 r so 50 refp refn v in max4108 0.1f 1k 1k 100 100 c in 22pf c in 22pf 0.1f r so 50 r iso 50 refp refn v in max4108 figure 7: using an op amp for single-ended, ac-coupled input drive
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs ______________________________________________________________________________________ 19 total harmonic distortion (thd) thd is typically the ratio of the rms sum of the first four harmonics of the input signal to the fundamental itself. this is expressed as: where v 1 is the fundamental amplitude, and v 2 through v 5 are the amplitudes of the 2nd- through 5th-order harmonics. spurious-free dynamic range (sfdr) sfdr is the ratio expressed in decibels of the rms amplitude of the fundamental (maximum signal compo- nent) to the rms value of the next largest spurious component, excluding dc offset. intermodulation distortion (imd) the two-tone imd is the ratio expressed in decibels of either input tone to the worst 3rd-order (or higher) inter- modulation products. the individual input tone levels are at -6.5db full scale and their envelope is at -0.5db full scale. thd vvvv v = +++ ? ? ? ? ? ? ? ? 20 10 2 2 3 2 4 2 5 2 1 log 0 90 8 downconverter max2451 ina+ MAX1182 ina- inb+ inb- dsp post processing figure 8. typical qam application, using the MAX1182 hold analog input sampled data (t/h) t/h t ad t aj track track clk figure 9. t/h aperture timing chip information transistor count: 10,811 process: cmos
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs gnd reference output drivers control t/h t/h pipeline adc dec output drivers refout refn com refp refin ina+ ina- clk inb+ inb- v dd dec pipeline adc ognd ov dd d9a d0a oe d9b d0b t/b pd sleep MAX1182 10 10 10 10 functional diagram 20 ______________________________________________________________________________________
MAX1182 dual 10-bit, 65msps, +3v, low-power adc with internal reference and parallel outputs package information 48l,tqfp.eps maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 21 ? 2001 maxim integrated products printed usa is a registered trademark of maxim integrated products.


▲Up To Search▲   

 
Price & Availability of MAX1182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X