|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
spe - 16 - 8 - 053/ b /wy page 1 of 48 speci fic ation part no. : ma850.a.lbicg.00 1 product name : ma8 5 0 5in1 permanent mount antenna lte mimo*2 , wi - fi mimo*2 & gps/glonass /galileo /beidou feature s : 2* lte mimo 698~ 960mhz/1710 ~2170mhz/ 2490 ~ 2690mhz 2* wi - fi mimo 2.4ghz /5 .8 ghz 1* gps - glonass - g alileo - beidou antenna permanent mount worldwide 4g bands including 3g and 2g ip67 enclosure dims: d iameter 9 4.3mm, height 57 .4 mm 0.3m rg 174 with sma(m)/rp - sma(m) connectors as standard custom cables and connectors available rohs compliant
spe - 16 - 8 - 053/ b /wy page 2 of 48 1. introduction t h e colosseum ma8 5 0 5in1 antenna is a low profile, heavy - duty, fully ip67 waterproof external m2m antenna for use in worldwide telematics applications which require best in class lte, wi - fi and gnss performance. it is ideal for solutions that do not have sp ace for mounting the larger pantheon dome antennas but still require good efficiency and gain. this unique product, at only 57.4mm tall, delivers powerful worldwide 4g lte mimo antenna technology at 700mhz/800mhz/1700mhz/1800mhz/2600mhz, dual - band wi - fi mimo, plus gps - gl onass - galileo - beid ou for next generation location accuracy. the lte antenna also includes legacy 3 g and 2 g bands to enable fallback using he correct modems in areas where there is no 4g signal. typical applications include : - bus telemat ics - remote asset and pipeline monitoring - hd video over lte - first responder and emergency services - automotive vehicle tracking and telematics lte 4g applications demand high speed data uplink and downlink. high efficiency and high gain mimo anten nas are necessary to achieve the required signal to noise ratio and throughput required to solve these challenges. taoglas also takes care to have high isolation between the two mimo antennas to prevent self - interference. low loss cables are used to keep e fficiency high over long cable lengths. in contrast, smaller mimo antennas with poorer quality thinner cables will have much reduced efficiency and isolation, which would lead to a large drop in system throughput or drops, and may indeed not make a system connection at all. the gps - glonass - galileo - beidou active antenna has been carefully designed to work well on gps, glonass , galileo and beidou l1 bands, leading to higher location accuracy and stability of tracking in urban environments. cable length an d connector types are customizable. contact your regional taoglas sales office for support. spe - 16 - 8 - 053/ b /wy page 3 of 48 2. specification (30*30cm ground plane) gps - glonass - galileo - beidou center frequency gps /galileo :1575.42 1.023 mhz glonass:16025 mhz beid ou:1561.098 2.046 mhz passive antenna e fficiency gps /galileo : 44 % glonass: 58 % beidou: 49 % passive antenna average g ain gps /galileo : - 3.5 dbi glonass: - 2.4 dbi beidou: - 3.1 dbi passive antenna peak g ain gps /galileo : 2.3 dbi glonass: 4.3 dbi beidou: 3.3 dbi vswr 3 :1 max impedance 50 axial ratio gps /galileo : < 6.2 glonass: < 9. 8 b eidou:< 16.5 polarization rhcp cable 0.3 m eter rg174 standard, fully customizable connector sma(m), standard, fully customizable lna and filter electrical properties center frequency gps /galileo : 1575.421.023mhz glonass:16025 mhz beidou: 1561.0982.046 mhz pou t 1db g ain compression p oint - 6dbm min. - 2 db m typ. (1561mhz,1575.42mhz,1602mhz) output impedance 50 ohm vswr < 2:1 return loss 10 db min. lna gain, current draw, and noise figure @gps voltage lna gain(typ . ) current draw ( typ . ) noise figure(typ . ) min 1.8v 28 db 7.9 ma 1. 9 db typ . 3.0v 2 8 db 8.3 ma 2. 7 db max 5.5v 30db 8.3 ma 2.2 db total specification ( through antenna, saw filter, and lna) frequency 15 61.0682.046 mhz 1575.421.023 mhz 16025 mhz gain@3v 1575.42mhz: 31 3dbi 1575.42mhz: 31 3 dbi 1602mhz:3 1 3d bi output impedance 50 spe - 16 - 8 - 053/ b /wy page 4 of 48 4 g/3g/ 2 g lte antenna frequency (mhz) lte700 gsm850 gsm900 dcs pcs umts1 lte2600 698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 efficiency (%) mimo_1 30cm 46.72 58.11 69.94 51.37 43.13 37.85 56.94 1m 41.52 50.61 60.91 4 2.18 35.37 30.76 44.60 2m 34.77 41.93 49.67 31.76 26.48 22.88 31.77 3m 29.04 34.51 40.92 24.03 19.75 16.96 22.53 5m 20.37 23.63 27.49 13.73 11.05 9.35 11.36 mimo_2 30cm 56.05 58.56 55.08 53.24 48.41 43.71 55.22 1m 4 9.82 51.01 47.98 43.71 39.67 35.53 43.25 2m 41.75 42.30 39.13 32.91 29.72 26.44 30.80 3m 34.88 34.83 32.22 24.90 22.15 19.60 21.84 5m 24.49 23.87 21.65 14.23 12.39 10.80 11.01 average gain(dbi) mimo_1 30cm - 3.32 - 2.39 - 1.56 - 2.90 - 3.68 - 4.23 - 2.45 1m - 3.83 - 2.99 - 2.16 - 3.75 - 4.55 - 5.13 - 3.52 2m - 4.60 - 3.81 - 3.04 - 4.98 - 5.81 - 6.42 - 4.99 3m - 5.38 - 4.65 - 3.88 - 6.20 - 7.08 - 7.72 - 6.48 5m - 6.92 - 6.29 - 5.61 - 8.63 - 9.61 - 10.32 - 9.45 mim o_2 30cm - 2.52 - 2.32 - 2.59 - 2.74 - 3.17 - 3.62 - 2.59 1m - 3.03 - 2.92 - 3.19 - 3.60 - 4.03 - 4.52 - 3.65 2m - 3.80 - 3.74 - 4.08 - 4.83 - 5.29 - 5.81 - 5.12 3m - 4.58 - 4.58 - 4.92 - 6.04 - 6.57 - 7.11 - 6.61 5m - 6.12 - 6.22 - 6.65 - 8.47 - 9. 09 - 9.70 - 9.59 peak gain(dbi) mimo_1 30cm 2.01 2.69 3.32 2.88 2.12 1.94 6.91 1m 1.51 2.09 2.72 1.98 1.32 1.04 5.91 2m 0.71 1.19 1.82 0.78 0.02 - 0.36 4.41 3m - 0.09 0.39 1.02 - 0.42 - 1.18 - 1.66 2.89 5m - 1.69 - 1.31 - 0 .68 - 2.72 - 3.68 - 4.26 - 0.19 mimo_2 30cm 4.06 2.55 2.55 3.27 2.59 3.26 5.99 1m 3.56 1.95 1.95 2.37 1.79 2.36 4.99 2m 2.86 1.15 1.15 1.17 0.49 0.96 3.49 3m 2.06 0.25 0.25 - 0.03 - 0.71 - 0.34 1.99 5m 0.56 - 1.36 - 1.45 - 2.39 - 3.21 - 3.14 - 1.09 envel ope correlation coefficient all bands <0.3 impedance 50 polarization linear vswr all bands < 3 .5 cable 0. 3 m rg174 standard, fully customizable connector sma(m) / rp - sma(m) standard , fully customizable spe - 16 - 8 - 053/ b /wy page 5 of 48 2.4gh z / 5ghz wi - fi antenna frequency (mhz) 2 400~2500 4900~5850 efficiency (%) mimo_1 30cm 50.34 48.64 1m 39.54 34.11 2m 28.65 20.75 3m 20.28 12.45 5m 10.53 4.55 mimo_2 30cm 54.35 44.84 1m 42.78 31.39 2m 30.99 19.09 3m 21.94 11.45 5m 1 1 .39 4.18 average gain(dbi) mimo_1 30cm - 3.00 - 3.16 1m - 4.05 - 4.70 2m - 5.45 - 6.86 3m - 6.95 - 9.08 5m - 9.97 - 13.46 mimo_2 30cm - 2.65 - 3.52 1m - 3.70 - 5.06 2m - 5.10 - 7.22 3m - 6.60 - 9.44 5m - 9.44 - 13.82 peak gain(dbi) mimo_1 30cm 3.89 5.25 1m 2.79 3.65 2m 1.39 1.42 3m - 0.11 - 0.77 5m - 3.01 - 4.97 mimo_2 30cm 3.88 5.46 1m 2.78 3.96 2m 1.38 1.86 3m - 0.12 - 0.34 5m - 2.98 - 4.64 envelope correlation coefficient 2400mhz to 2500mhz <0.3 4900mhz to 5850mhz <0.3 impedance 50 polarization linear vswr 2400mhz to 2500mhz < 2.0 4900mhz to 5850mhz < 3.5 cable 0.3m rg174 standard, fully customizable connector rp - sma(m) standard, fully customizable spe - 16 - 8 - 053/ b /wy page 6 of 48 mechanical d imensions diameter: 94.3 mm , height: 57.4 mm casing asa base and thread zinc alloy weight 250 g ing ress protection rating ip67 maximum assembly torque 39.2 n? m environmental operation temperature - 40c to 85c storage temperature - 40c to 85 c humidity non - condensing 65c 95% rh spe - 16 - 8 - 053/ b /wy page 7 of 48 lte bands band number lte / lte - advanced / wcdma / hspa / hspa+ / td - scdma uplink downlink mimo 1 mi mo 2 1 ul: 1920 to 1980 dl: 2110 to 2170 ? ? 2 ul: 1850 to 1910 dl: 1930 to 1990 ? ? 3 ul: 1710 to 1785 dl: 1805 to 1880 ? ? 4 ul: 1710 to 1755 dl: 2110 to 2155 ? ? 5 ul: 824 to 849 dl: 869 to 894 ? ? 7 ul: 2500 to 2570 dl:2620 to 2690 ? ? 8 ul: 880 to 915 dl: 925 to 960 ? ? 9 ul: 1749.9 to 1784.9 dl: 1844.9 to 1879.9 ? ? 11 ul: 1427.9 to 1447.9 dl: 1475.9 to 1495.9 ? ? 12 ul: 699 to 716 dl: 729 to 746 ? ? 13 ul: 777 to 787 dl: 746 to 756 ? ? 14 ul: 788 to 798 dl: 758 to 768 ? ? 17 ul: 704 to 7 16 dl: 734 to 746 (lte only) ? ? 18 ul: 815 to 830 dl: 860 to 875 (let only) ? ? 19 ul: 830 to 845 dl: 875 to 890 ? ? 20 ul: 832 to 862 dl: 791 to 821 ? ? 21 ul: 1447.9 to 1462.9 dl: 1495.9 to 1510.9 ? ? 22 ul: 3410 to 3490 dl: 3510 to 3590 ? ? 23 ul :2000 to 2020 dl: 2180 to 2200 (lte only) ? ? 24 ul:1625.5 to 1660.5 dl: 1525 to 1559 (lte only) ? ? 25 ul: 1850 to 1915 dl: 1930 to 1995 ? ? 26 ul: 814 to 849 dl: 859 to 894 ? ? 27 ul: 807 to 824 dl: 852 to 869 (lte only) ? ? 28 ul: 703 to 748 dl: 75 8 to 803 (lte only) ? ? 29 ul: - dl: 717 to 728 (lte only) ? ? 30 ul: 2305 to 2315 dl: 2350 to 2360 (lte only) ? ? 31 ul: 452.5 to 457.5 dl: 462.5 to 467.5 (lte only) ? ? 32 ul: - dl: 1452 - 1496 ? ? 35 1850 to 1910 ? ? 38 2570 to 2620 ? ? 39 1880 t o 1920 ? ? 40 2300 to 2400 ? ? 41 2496 to 2690 ? ? 42 3400 to 3600 ? ? 43 3600 to 3800 ? ? spe - 16 - 8 - 053/ b /wy page 8 of 48 3. antenna characteristics 3.1. gps - glonass - galileo - beidou antenna 3.1.1. block di a gram spe - 16 - 8 - 053/ b /wy page 9 of 48 3.1.2. test setup ground plane: 30*30cm 3.1.3. gps - glonass - galileo - beidou return loss x y z spe - 16 - 8 - 053/ b /wy page 10 of 48 3.1.4. gps - glonass - galileo - beidou vswr 3.1.5. g ps - glonass - galileo - beidou smith chart spe - 16 - 8 - 053/ b /wy page 11 of 48 3 .1. 6 gps - glonass - galileo - beidou antenna efficiency 3 .1. 7 gps - glonass - galileo - beidou antenna peak gain spe - 16 - 8 - 053/ b /wy page 12 of 48 3 .1. 8 gps - glonass - galileo - beidou a ntenna average gain spe - 16 - 8 - 053/ b /wy page 13 of 48 3.1.6. gp s - glonass - galileo - beidou radi ation pattern (passive antenna) 2d radiation p attern x y z x y z spe - 16 - 8 - 053/ b /wy page 14 of 48 1575.42mhz 1602mhz 3.1.7. 3d radiation p attern (passive antenna) 1561mhz spe - 16 - 8 - 053/ b /wy page 15 of 48 0 1 2 3 4 5 6 7 8 9 10 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane (db) 0 1 2 3 4 5 6 7 8 9 10 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane ( db) 1561mhz 1575.42mhz 1602mhz 3.1.8. a xial pattern (passive antenna) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane (db) spe - 16 - 8 - 053/ b /wy page 16 of 48 3.1.9. beidou - gps - glonass lna gain and noise figure ( active antenna ) lna gain@3.0v lna noise figure @3.0v spe - 16 - 8 - 053/ b /wy page 17 of 48 3.2. lte mimo & wi - fi mimo antenna 3.2.1. test setup ground plane: 30*30cm spe - 16 - 8 - 053/ b /wy page 18 of 48 3.2.2. l te antenna return loss setup in free space with 0.3m cable length 3.2.3. l te envelope correlation coefficient setup in free space with 0.3m cable length spe - 16 - 8 - 053/ b /wy page 19 of 48 3.2.4. lte antenna efficiency setup in free space with 0.3m cab le length 3.2.5. lte antenna average g ain setup in free space with 0.3m cable length spe - 16 - 8 - 053/ b /wy page 20 of 48 3.2.6. lte antenna peak g ain setup in free space with 0.3m cable length 3.2.7. wi - fi antenna return loss setup in free space with 0.3m cable length spe - 16 - 8 - 053/ b /wy page 21 of 48 3.2.8. w i - fi envelope correlation coeffi cient setup in free space with 0.3m cable length 3.2.9. wi - fi antenna efficiency setup in free space with 0.3m cable length spe - 16 - 8 - 053/ b /wy page 22 of 48 3.2.10. wi - fi antenna average gain setup in free space with 0.3m cable length 3.2.11. wi - fi antenna peak gain setup in free space with 0.3m cable length spe - 16 - 8 - 053/ b /wy page 23 of 48 3.2.12. test setup for antenna radiation p attern (ets anechoic chamber) testing setup in ets anechoic chamber y z x spe - 16 - 8 - 053/ b /wy page 24 of 48 3.2.13. 2d radiation p attern ( lte mimo1 with 0. 3 m cable le ngth ) xy plane y x spe - 16 - 8 - 053/ b /wy page 25 of 48 xz plane spe - 16 - 8 - 053/ b /wy page 26 of 48 yz plane spe - 16 - 8 - 053/ b /wy page 27 of 48 3.2.14. 3d radiation p attern ( lte mimo1 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2500mhz 2690mhz 1710mhz 2170mhz 704mhz 960mhz spe - 16 - 8 - 053/ b /wy page 28 of 48 3.2.15. 2d radiation p attern ( lte mim o2 with 0. 3 m cable length ) xy plane spe - 16 - 8 - 053/ b /wy page 29 of 48 xz plane spe - 16 - 8 - 053/ b /wy page 30 of 48 yz plane spe - 16 - 8 - 053/ b /wy page 31 of 48 3.2.16. 3d radiation p attern ( lte mimo 2 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2500mhz 2690mhz 1710mhz 2170mhz 704mhz 960mhz spe - 16 - 8 - 053/ b /wy page 32 of 48 3.2.17. 2d radiation p attern ( wi - fi mimo1 with 0. 3 m cable length ) xy plane xz plane yz plane spe - 16 - 8 - 053/ b /wy page 33 of 48 3.2.18. 3d radiation p attern ( wi - fi mimo1 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2450mhz 5500mhz spe - 16 - 8 - 053/ b /wy page 34 of 48 3.2.19. 2d radiation p attern ( wi - fi _mimo2 with 0. 3 m cable length) xy plane xz plane yz plane spe - 16 - 8 - 053/ b /wy page 35 of 48 3.2.20. 3d radiation p attern ( wi - fi mimo 2 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2450mh z 5500mhz spe - 16 - 8 - 053/ b /wy page 36 of 48 4. mechanical drawing spe - 16 - 8 - 053/ b /wy page 37 of 48 5. installation recommended torque for mounting is 29.4n?m maximum torque for mounting is 39.2 n?m spe - 16 - 8 - 053/ b /wy page 38 of 48 6. packaging spe - 16 - 8 - 053/ b /wy page 39 of 48 7. application note the ma850 antenna performance with different cable lengths is shown below. 7.1. in free space (lte mimo antenna) 7.1.1. return loss ( lte mimo 1) 7.1.2. return loss ( lte mimo 2) spe - 16 - 8 - 053/ b /wy page 40 of 48 7.1.3. lte isolation 7.1.4. efficiency ( lte mimo 1) spe - 16 - 8 - 053/ b /wy page 41 of 48 7.1.5. efficiency ( lte mimo 2) 7.1.6. average gain ( lte mimo 1) spe - 16 - 8 - 053/ b /wy page 42 of 48 7.1.7. average gain ( lte mimo 2) 7.1.8. peak gain ( lte mimo 1) spe - 16 - 8 - 053/ b /wy page 43 of 48 7.1.9. peak gain ( lte mimo 2) 7.2. i n free space (wi - fi mimo antenna) 7.2.1. return loss ( wi - fi mimo 1) spe - 16 - 8 - 053/ b /wy page 44 of 48 7.2.2. return loss ( wi - fi mimo 2) 7.2.3. wi - fi isolation spe - 16 - 8 - 053/ b /wy page 45 of 48 7.2.4. efficiency ( wi - fi mimo 1) 7.2.5. efficiency ( wi - fi mimo 2) spe - 16 - 8 - 053/ b /wy page 46 of 48 7.2.6. average gain ( wi - fi mimo 1) 7.2.7. average gain ( wi - fi mimo 2) spe - 16 - 8 - 053/ b /wy page 47 of 48 7.2.8. peak gain ( wi - fi mimo 1) 7.2.9. peak gain ( wi - fi mimo 2) spe - 16 - 8 - 053/ b /wy page 48 of 48 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas res erves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd. |
Price & Availability of MA850ALBIC001 |