Part Number Hot Search : 
RCP105 MK45H11 7C1049 00118 00M35 MC330 BU2872AK T041623
Product Description
Full Text Search
 

To Download MA850ALBIC001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 16 - 8 - 053/a/wy page 1 of 47 speci fic ation part no. : ma850.a.lbicg.00 1 product name : ma 8 5 0 5 in1 permanent mount a ntenna lte mimo *2 , wi - fi mimo*2 & gps/glonass /beidou feature s : 2* lte mimo 698~ 960mhz/1710 ~2170mhz/ 2490 ~ 2690mhz 2* wi - fi mimo 2.4ghz /5 .8 ghz 1* gps - glonass - beidou antenna permanent mount worldwide 4g bands including 3g and 2g ip67 enclosure dims: d iameter 9 4.3mm, height 57 .4 mm 0.3m rg 174 with sma(m) /rp - sma(m) connectors as standard custom cables and connectors available rohs compliant
spe - 16 - 8 - 053/a/wy page 2 of 47 1. introduction th e colosseum ma8 5 0 5in1 antenna is a low profile, heavy - duty, fully ip67 waterproof external m2m antenna for use in worldwide telematics applications which require best in class lte, wi - fi and gnss performance. it is ideal for solutions that do not have space for mounting the larger pantheon dome antennas but still require good efficiency and gain. this unique product, at only 57.4mm tall, delivers powerful worldwide 4g lte mimo antenna technology at 700mhz/800mhz/1700mhz/1800mhz/2600mhz, dual - band wi - fi mimo, plus gps - gl onass - beid ou for next generation location accuracy. the lte antenna also includes legacy 2g and 3g bands to enable fallback using he correct modems in areas where there is no 4g signal. typical applications include : - bus telematics - remote asset and pi peline monitoring - hd video over lte - first responder and emergency services - automotive vehicle tracking and telematics lte 4g applications demand high speed data uplink and downlink. high efficiency and high gain mimo antennas are necessary to achi eve the required signal to noise ratio and throughput required to solve these challenges. taoglas also takes care to have high isolation between the two mimo antennas to prevent self - interference. low loss cables are used to keep efficiency high over long cable lengths. in contrast, smaller mimo antennas with poorer quality thinner cables will have much reduced efficiency and isolation, which would lead to a large drop in system throughput or drops, and may indeed not make a system connection at all. the gps - glonass - beidou active antenna has been carefully designed to work well on gps, glonass and beidou l1 bands, leading to higher location accuracy and stability of tracking in urban environments. cable length and connector types are customizable. contac t your regional taoglas sales office for support.
spe - 16 - 8 - 053/a/wy page 3 of 47 2. specification (30*30cm ground plane) beidou - gps - glonass center frequency beid ou:1561.098 2.046 mhz gps:1575.42 1.023 mhz glonass:16025 mhz passive antenna e fficiency beidou: 49 % gps: 44 % glonass: 58 % passive antenna average g ain beidou: - 3.1 dbi gps: - 3.5 dbi glonass: - 2.4 dbi passive antenna peak g ain beidou: 3.3 dbi gps: 2.3 dbi glonass: 4.3 dbi vswr 3 :1 max impedance 50 axial ratio beidou:< 16.5 gps: < 6.2 glonass: < 9. 8 polarization rhcp cable 0.3 m eter rg174 standard, fully customizable connector sma(m), standard, fully customizable lna and filter electrical properties center frequency beidou: 1561.0982.046 mhz gps: 1575.421.023mhz glonass:16025 mhz pout 1db g ain compression p oint - 6dbm min. - 2 db m typ. (1561mhz,1575.42mhz,1602mhz) output impedance 50 ohm vswr < 2:1 return loss 10 db min. lna gain, current draw, and noise figure @gps voltage lna gain(typ . ) current draw ( typ . ) noise figure(typ . ) min 1.8v 28 db 7.9 ma 1. 9 db typ . 3.0v 2 8 db 8.3 ma 2. 7 db max 5.5v 30db 8.3 ma 2.2 db total specification ( through antenna, saw filter, and lna) frequency 15 61.0682.046 mhz 1575.421.023 mhz 16025 mhz gain@3v 1575.42mhz: 31 3dbi 1575.42mhz: 31 3 dbi 1602mhz:3 1 3dbi output impedance 50
spe - 16 - 8 - 053/a/wy page 4 of 47 2g/3g/4g lte antenna frequency (mhz) lte700 gsm850 gsm900 dcs pcs umts1 lte2600 698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 efficiency (%) mimo_1 30cm 46.72 58.11 69.94 51.37 43.13 37.85 56.94 1m 41.52 50.61 60.91 42.18 35.37 30.76 44.60 2m 34.77 41.93 49.67 31.76 26.48 22.88 31.77 3m 29.04 34.51 40.92 24.03 19.75 16.96 22.53 5m 20.37 23.63 27.49 13.73 11.05 9.35 11.36 mimo_2 30cm 56.05 58.56 55.08 53.24 48.41 43.71 55.22 1m 49.82 51.01 47.98 43.71 39.67 35.53 43.25 2m 41.75 42.30 39.13 32.91 29.72 26.44 30.80 3m 34.88 34.83 32.22 24.90 22.15 19.60 21.84 5m 24.49 23.87 21.65 14.23 12.39 10.80 11.01 average gai n(dbi) mimo_1 30cm - 3.32 - 2.39 - 1.56 - 2.90 - 3.68 - 4.23 - 2.45 1m - 3.83 - 2.99 - 2.16 - 3.75 - 4.55 - 5.13 - 3.52 2m - 4.60 - 3.81 - 3.04 - 4.98 - 5.81 - 6.42 - 4.99 3m - 5.38 - 4.65 - 3.88 - 6.20 - 7.08 - 7.72 - 6.48 5m - 6.92 - 6.29 - 5.61 - 8.63 - 9.61 - 10.32 - 9.45 mimo_2 30cm - 2.52 - 2.32 - 2.59 - 2.74 - 3.17 - 3.62 - 2.59 1m - 3.03 - 2.92 - 3.19 - 3.60 - 4.03 - 4.52 - 3.65 2m - 3.80 - 3.74 - 4.08 - 4.83 - 5.29 - 5.81 - 5.12 3m - 4.58 - 4.58 - 4.92 - 6.04 - 6.57 - 7.11 - 6.61 5m - 6.12 - 6.22 - 6.65 - 8.47 - 9.09 - 9.70 - 9.59 peak gain(dbi) mimo_1 30cm 2.01 2.69 3.32 2.88 2.12 1.94 6.91 1m 1.51 2.09 2.72 1.98 1.32 1.04 5.91 2m 0.71 1.19 1.82 0.78 0.02 - 0.36 4.41 3m - 0.09 0.39 1.02 - 0.42 - 1.18 - 1.66 2.89 5m - 1.69 - 1.31 - 0.68 - 2.72 - 3.68 - 4.26 - 0.19 mimo_2 30cm 4.06 2.55 2.55 3.27 2.59 3.26 5.99 1m 3.56 1.95 1.95 2.37 1.79 2.36 4.99 2m 2.86 1.15 1.15 1.17 0.49 0.96 3.49 3m 2.06 0.25 0.25 - 0.03 - 0.71 - 0.34 1.99 5m 0.56 - 1.36 - 1.45 - 2.39 - 3.21 - 3.14 - 1.09 envelope correlation coefficient all bands <0.3 impedance 50 polarization linear vswr all bands < 3 .5 cable 0. 3 m rg174 standard, fully customizable connector sma(m) / rp - sma(m) standard , fully customizable
spe - 16 - 8 - 053/a/wy page 5 of 47 2.4gh z / 5ghz wi - fi antenna frequency (mhz) 2400~2500 4900~5850 efficiency (%) mimo_1 30cm 50.34 48.64 1m 39.54 34.11 2m 28.65 20.75 3m 20.28 12.45 5m 10.53 4.55 mimo_2 30cm 54.35 44.84 1m 42.78 31.39 2m 30.99 19.09 3m 21.94 11.45 5m 1 1 .39 4.18 average gain(dbi) mimo_1 30cm - 3.00 - 3.16 1m - 4.05 - 4.70 2m - 5.45 - 6.86 3m - 6.95 - 9.08 5m - 9.97 - 13.46 mimo_2 30cm - 2.65 - 3.52 1m - 3.70 - 5.06 2m - 5.10 - 7.22 3m - 6.60 - 9.44 5m - 9.44 - 13.82 peak gain(dbi) mimo_1 30cm 3.89 5.25 1m 2.79 3.65 2m 1.39 1.42 3m - 0.11 - 0.77 5m - 3.01 - 4.97 mimo_2 30cm 3.88 5.46 1m 2.78 3.96 2m 1.38 1.86 3m - 0.12 - 0.34 5m - 2.98 - 4.64 envelope correlation coefficient 2400mhz to 2500mhz <0.3 4900mhz to 5850mhz <0.3 impedance 50 polarization linear vswr 2400mhz to 2500mhz < 2.0 4900mhz to 5850mhz < 3.5 cable 0.3m rg174 standard, fully customizable connector rp - sma(m) standard, fully customizable
spe - 16 - 8 - 053/a/wy page 6 of 47 mechanical d imensions diameter: 94.3 mm , height: 57.4 mm casing asa base and thread zinc alloy weight 250 g ingress protection rating ip67 maximum assembly torque 39.2 n? m environmental operation temperature - 40c to 85c storage temperature - 40c to 85 c humidity non - condensing 65c 95% rh
spe - 16 - 8 - 053/a/wy page 7 of 47 3. antenna characteristics 3.1 beid ou - gps - glonass antenna 3.1.1 block di a gram
spe - 16 - 8 - 053/a/wy page 8 of 47 3.1.2 test setup ground plane: 30*30cm 3.1.3 beidou - gps - glonass return loss x y z
spe - 16 - 8 - 053/a/wy page 9 of 47 3.1. 4 beidou - gps - glonass vswr 3.1. 5 beidou - gps - glonass smith chart
spe - 16 - 8 - 053/a/wy page 10 of 47 3 .1. 6 beidou - gps - glonass antenna efficiency 3 .1. 7 beidou - gps - glonass antenna peak gain
spe - 16 - 8 - 053/a/wy page 11 of 47 3 .1. 8 beidou - gps - glonass antenna average gain
spe - 16 - 8 - 053/a/wy page 12 of 47 3.1. 9 beidou - gp s - glonass radi ation pattern (passive antenna) 2d radiation p attern x y z x y z
spe - 16 - 8 - 053/a/wy page 13 of 47 1575.42mhz 1602mhz 3d radiation p attern (passive antenna) 1561mhz
spe - 16 - 8 - 053/a/wy page 14 of 47 0 1 2 3 4 5 6 7 8 9 10 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane (db) 0 1 2 3 4 5 6 7 8 9 10 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane ( db) 1561mhz 1575.42mhz 1602mhz 3.1 .10 a xial pattern (passive antenna) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 xz_plane (db)
spe - 16 - 8 - 053/a/wy page 15 of 47 3.1.11 beidou - gps - glonass lna gain and noise figure ( active antenna ) lna gain@3.0v lna noise figure @3.0v
spe - 16 - 8 - 053/a/wy page 16 of 47 3.2 lte mimo & wi - fi mimo antenna 3. 2 .1 test setup ground plane: 30*30cm
spe - 16 - 8 - 053/a/wy page 17 of 47 3. 2 .2 lte antenna return loss setup in free space with 0.3m cable length 3. 2 .3 lte envelope correlation coefficient setup in free space with 0.3m cable length
spe - 16 - 8 - 053/a/wy page 18 of 47 3. 2 . 4 lte antenna efficiency setup in free space with 0.3m cable length 3. 2 . 5 lte antenna average g ain setup in free space with 0.3m cable length
spe - 16 - 8 - 053/a/wy page 19 of 47 3. 2 . 6 lte antenna peak g ain setup in free space with 0.3m cable length 3. 2 . 7 wi - fi antenna return loss setup in free space with 0.3m cable length
spe - 16 - 8 - 053/a/wy page 20 of 47 3. 2 . 8 wi - fi envelope correlation coefficient setup in free space with 0.3m cable length 3. 2 . 9 wi - fi antenna efficiency setup in free space with 0.3m cable length
spe - 16 - 8 - 053/a/wy page 21 of 47 3. 2 . 10 wi - fi antenna average gain setup in free space with 0.3m cable length 3. 2 . 11 wi - fi antenna peak gain setup in free space with 0.3m cable length
spe - 16 - 8 - 053/a/wy page 22 of 47 3. 2 . 1 2 test setup for antenna radiation p attern (ets anechoic chamber) testing setup in ets anechoic chamber y z x
spe - 16 - 8 - 053/a/wy page 23 of 47 3. 2 . 1 3 2d radiation p attern ( lte mimo1 with 0. 3 m cable length ) xy plane y x
spe - 16 - 8 - 053/a/wy page 24 of 47 xz plane
spe - 16 - 8 - 053/a/wy page 2 5 of 47 yz plane
spe - 16 - 8 - 053/a/wy page 26 of 47 3. 2.1 4 3d radiation p attern ( lte mimo1 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2500mhz 2690mhz 1710mhz 2170mhz 704mhz 960mhz
spe - 16 - 8 - 053/a/wy page 27 of 47 3. 2 . 15 2d radiation p attern ( lte mimo2 with 0. 3 m cable length ) xy plane
spe - 16 - 8 - 053/a/wy page 28 of 47 xz plane
spe - 16 - 8 - 053/a/wy page 29 of 47 y z plane
spe - 16 - 8 - 053/a/wy page 30 of 47 3. 2.16 3d radiation p attern ( lte mimo 2 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2500mhz 2690mhz 1710mhz 2170mhz 704mhz 960mhz
spe - 16 - 8 - 053/a/wy page 31 of 47 3. 2 . 17 2d radiation p attern ( wi - fi mimo1 with 0. 3 m cable length ) xy plane xz plane yz plane
spe - 16 - 8 - 053/a/wy page 32 of 47 3. 2 . 1 8 3d radiation p attern ( wi - fi mimo1 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2450mhz 5500mhz
spe - 16 - 8 - 053/a/wy page 33 of 47 3. 2 . 1 9 2d radiation p attern ( wi - fi _mimo2 with 0. 3 m cable length) xy plane xz plane yz plane
spe - 16 - 8 - 053/a/wy page 34 of 47 3. 2 . 20 3d radiation p attern ( wi - fi mimo 2 with 0.3m cable length on the 3 0* 3 0 c m ground plane ) 2450mhz 5500mhz
spe - 16 - 8 - 053/a/wy page 35 of 47 4. mechanical drawing
spe - 16 - 8 - 053/a/wy page 36 of 47 5. installation recommended torque for mounting is 29.4n?m maximum torque for mounting is 39.2 n?m
spe - 16 - 8 - 053/a/wy page 37 of 47 6. packaging
spe - 16 - 8 - 053/a/wy page 38 of 47 7 . application note the ma850 antenna performance with different cable lengths is shown below. 7 . 1 in free space (lte mimo antenna) 7 . 1 .1 return loss ( lte mimo 1) 7 . 1 .2 return loss ( lte mimo 2)
spe - 16 - 8 - 053/a/wy page 39 of 47 7 . 1 . 3 lte isolation 7 . 1 . 4 efficiency ( lte mimo 1)
spe - 16 - 8 - 053/a/wy page 40 of 47 7 . 1 . 5 efficiency ( lte mimo 2) 7 . 1 . 6 average gain ( lte mimo 1)
spe - 16 - 8 - 053/a/wy page 41 of 47 7 . 1 . 7 average gain ( lte mimo 2) 7 . 1 . 8 peak gain ( lte mimo 1)
spe - 16 - 8 - 053/a/wy page 42 of 47 7 . 1 . 9 peak gain ( lte mimo 2) 7 . 2 in free space (wi - fi mimo antenna) 7 . 2 .1 return loss ( wi - fi mimo 1)
spe - 16 - 8 - 053/a/wy page 43 of 47 7 . 2 .2 return loss ( wi - fi mimo 2) 7 . 2 . 3 wi - fi isolation
spe - 16 - 8 - 053/a/wy page 44 of 47 7 . 2 . 4 efficiency ( wi - fi mimo 1) 7 . 2 . 5 efficiency ( wi - fi mimo 2)
spe - 16 - 8 - 053/a/wy page 45 of 47 7 . 2 . 6 average gain ( wi - fi mimo 1) 7 . 2 . 7 average gain ( wi - fi mimo 2)
spe - 16 - 8 - 053/a/wy page 46 of 47 7 . 2 . 8 peak gain ( wi - fi mimo 1) 7 . 2 . 9 peak gain ( wi - fi mimo 2)
spe - 16 - 8 - 053/a/wy page 47 of 47 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document an d the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of MA850ALBIC001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X