Part Number Hot Search : 
BB731 36825 SPD5806 107K025 L6450 TA8205AH 00201 PS2581L2
Product Description
Full Text Search
 

To Download MA1130ALBICGT002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 17 - 8 - 005 /b /wy page 1 of 30 s pec ification patent pending part no. : ma1130.a.lbicgt.002 product name : raptor ii - 6 in 1 next generation dual fin permanent mount external antenna with gps/glonass/ galileo/ beidou , lte mimo 1&2, wi - fi mimo 1&2 and am/fm feature : 2 x 4g /3g/2g mimo antenna ? (698~96 0mhz, 1710~2170mhz,2300~2700mhz ) 1 x gps/glonass /galileo /beidou antenna ? ( 1561/1575.42/1602 mhz) 2 x wi - fi 2.4ghz/5 .8 ghz mimo antenna ? mimo2 antenna can be replaced by dsrc band 1 x am/ fm antenna ip67 waterproof front end saw filter high effic iency/ peak gain outdoor antenna sma (m) and rp - sma(m) connectors as s tandard (fakra optional ) 0 .3m rg - 316 cable as s tandard rohs compliant
spe - 17 - 8 - 005 /b /wy page 2 of 30 1. introduction the raptor ii ma1130.a is a 6in 1 next generation, dual fin , permanent screw mount antenna for vehicle roof applications. it is fully ip67 waterproof with a distinct quality dual fin high gloss finish housing that has passed highest automotive hardness testing levels to help prevent scratching . the 6 separate antennas inside support frequency bands in lte, gps/glonass/ galileo/ beid ou, wi - fi , 4g /3g/2g and am/fm radio. this outstanding, patent pending , antenna delivers powerful mimo antenna technology for lte , wi - fi 2.4/5.8ghz 802.11n and the emerging 802.11ac, plus a high gain omnidirectional dsrc (v2v/v2x) 5.9ghz antenna , and an optimized gps/glonass/ galileo/ beid ou patch antenna for location. the lte antennas also include backward compatibility to work at most worldwide 3 g and 2 g bands. applications include: - n ext generation oem car c onnectivity - multimedia , navigation and telematics system s - v2v and v2x applications - fleet m anagement - real - time hd video s treaming - e - call examples of new uses that require such a highly sophisticated antenna are real - time streaming applications that demand high speed video uplink and downlink into the cabin of the car . these challenges are resolved by the high ly efficien t, high gain mimo antennas , with high isolation, which is necessary to achieve the required signal to noise ratio and throughput.
spe - 17 - 8 - 005 /b /wy page 3 of 30 the raptor ii can also be customized for your particular wireless application and frequency band, subject to nre and moq. the six standard cables are .3 m rg - 316 , termin ating in sma(m) f or gnss, lte mimo 1&2, am/fm, dsrc and rp sma(m) for wi - fi . cable length and connector types are customizable. fo r short cable runs up to 1 meter , rg174 can be used. for longer cable runs it is recommended to use low loss cfd200 cable extensions. contact your regional taoglas sales office for support.
spe - 17 - 8 - 005 /b /wy page 4 of 30 2. specification table 4g /3g/2g mimo band lte 700 gsm 850 gsm 900 dcs pcs umts1 lte 2600 frequency (mhz) 698 - 8 24 824 - 894 880 - 960 1710 - 1880 1850 - 1990 1920 - 2170 2500 - 2690 mimo 1 peak gain (dbi) * 1.61 0.64 - 0.23 4.00 3.54 3.40 5.69 average gain (dbi) * - 5.34 - 4.49 - 6.04 - 3.88 - 3.37 - 3.57 - 3.51 efficiency (%)* 29.82 35.55 25.57 41.12 45.98 43.97 44.80 return loss (db) * < - 6 < - 6 < - 4 < - 5 < - 10 < - 10 < - 8 mimo 2 peak gain (dbi) * 0.26 1.44 0.53 3.74 3.98 4.08 6.12 average gain (dbi) * - 5.36 - 4.21 - 5.15 - 4.18 - 3.48 - 3.59 - 3.30 efficiency (%) * 29.59 38.02 30.91 38.35 44.87 43.83 46.83 return loss (db) * < - 6 < - 6 < - 4 < - 5 < - 10 < - 10 < - 8 polarization linear impedance 50 cable 30c m rg - 316 standard, fully customizable connector sma male straight , fully customizable
spe - 17 - 8 - 005 /b /wy page 5 of 30 2.4ghz/5 .8 ghz mimo frequency (ghz) 2.4~2.5 5.15~5.85 mimo 1 peak gain (dbi) * 3.43 2.92 average gain (dbi) * - 4.38 - 4.23 efficiency (%)* 36.57 37.75 return loss (db) * < - 10 < - 6 mimo 2 peak gain (dbi) * 6.81 6.37 average gain (dbi) * - 2.86 - 3.65 efficiency (%)* 52.66 44.19 return loss (db) * < - 10 < - 6 polarization linear impedance 50 cable 3 0c m rg - 316 standard, fully customizable connector sma male rp straight , fully customizable dsrc frequency (ghz) 5.850~5.925 peak gain (dbi) * 6.6 average gain (dbi) * - 3.81 efficiency (%)* 41.69 return loss (db) * < - 10 polarization linear impedance 50 cable 30c m rg - 316 standard, fully customizable connector sma male straight , fully customizable
spe - 17 - 8 - 005 /b /wy page 6 of 30 gps/glonass/ galileo/ beidou center frequency fc beidou: 1561.098 2 mh gps:1575.423 mhz glonass :16020. 5 mhz gain - 1 dbi typ . - 2.5 dbi typ . - 1.5 dbi typ . vswr(@center frequency) < 2 polarization rhcp impedance 50 antenna size 25*25* 4mm cable 3 0c m rg - 316 standard, fully customizable connector sma male straight , fully customizable lna electrical properties frequency 1558~1610 mhz gain @3v 28 db typical dc power input 3v noise figure @3v 2. 8 db power consumption @3v 1 0 ma mechanical antenna dimensions 176.2*84.5*70.8mm ( l*w* h ) housing pc waterproof ip6 7 base aluminum thread diameter m20 x 1.5p nut nickel plated steel environmental operation temperature - 40c to 85c storage temperature - 40c to 90c humidity non - condensing 65c 95% rh * a ll measurements were conducted with 30cm cable length
spe - 17 - 8 - 005 /b /wy page 7 of 30 lte bands band number lte / lte - advanced / wcdma / hspa / hspa+ / td - scdma uplink downlink mimo 1 mimo 2 1 ul: 1920 to 1980 dl: 2110 to 2170 ? ? 2 ul: 1850 to 1910 dl: 1930 to 1990 ? ? 3 ul: 1710 to 1785 dl: 1805 to 1880 ? ? 4 ul: 1710 to 1755 dl: 2110 to 2155 ? ? 5 ul: 824 to 849 dl: 869 to 894 ? ? 7 ul: 2500 to 2570 dl:2620 to 2690 ? ? 8 ul: 880 to 915 dl: 925 to 960 ? ? 9 ul: 1749.9 to 1784.9 dl: 1844.9 to 1879.9 ? ? 11 ul: 1427.9 to 1447.9 dl: 1475.9 to 1495.9 ? ? 12 ul: 699 to 716 dl: 729 to 746 ? ? 13 ul: 777 to 787 dl: 746 to 756 ? ? 14 ul: 788 to 798 dl: 758 to 768 ? ? 17 ul: 704 to 716 dl: 734 to 746 (lte only) ? ? 18 ul: 815 to 830 dl: 860 to 875 (let only) ? ? 19 ul: 830 to 845 dl: 875 to 890 ? ? 20 ul: 832 to 862 dl: 791 to 821 ? ? 21 ul: 1447.9 to 1462.9 dl: 1495.9 to 1510.9 ? ? 22 ul: 3410 to 3490 dl: 3510 to 3590 ? ? 23 ul:2000 to 2020 dl: 2180 to 2200 (lte only) ? ? 24 ul:1625.5 to 1660.5 dl: 1525 to 1559 (lte only) ? ? 25 ul: 1850 to 1915 dl: 1930 to 1995 ? ? 26 ul: 814 to 849 dl: 859 to 894 ? ? 27 ul: 807 to 824 dl: 852 to 869 (lte only) ? ? 28 ul: 703 to 748 dl: 758 to 803 (lte only) ? ? 29 ul: - dl: 717 to 728 (lte only) ? ? 30 ul: 2305 to 2315 dl: 2350 to 2360 (lte only) ? ? 31 ul: 452.5 to 457.5 dl: 462.5 to 467.5 (lte only) ? ? 32 ul: - dl: 1452 - 1496 ? ? 35 1850 to 1910 ? ? 38 2570 to 2620 ? ? 39 1880 to 1920 ? ? 40 2300 to 2400 ? ? 41 2496 to 2690 ? ? 42 3400 to 3600 ? ? 43 3600 to 3800 ? ? *covered bands represent an efficiency greater than 20%
spe - 17 - 8 - 005 /b /wy page 8 of 30 3. lte mimo 3.1. lte mimo1 and 2 characteristics return loss on 30* 30cm gnd efficiency on 30*30 cm gnd 0 10 20 30 40 50 60 70 80 90 100 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 efficiency [%] frequency [mhz] lte mimo 1 on 30x30cm ground plane lte mimo 2 on 30x30cm ground plane
spe - 17 - 8 - 005 /b /wy page 9 of 30 peak gain on 30*30 cm gnd average gain on 30* 3 0cm gnd -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 peak gain [dbi] frequency [mhz] lte mimo 1 on 30x30cm ground plane lte mimo 2 on 30x30cm ground plane -8 -7 -6 -5 -4 -3 -2 -1 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 aver gain [db] frequency [mhz] lte mimo 1 on 30x30cm ground plane lte mimo 2 on 30x30cm ground plane
spe - 17 - 8 - 005 /b /wy page 10 of 30 3.2. lte characteristics with different cable length mimo 1 efficiency mimo 1 peak g ain
spe - 17 - 8 - 005 /b /wy page 11 of 30 mimo 1 average g ain mimo 2 efficiency
spe - 17 - 8 - 005 /b /wy page 12 of 30 m imo 2 peak g ain m imo 2 average g ain
spe - 17 - 8 - 005 /b /wy page 13 of 30 3.3. 3d radiation pattern x z y
spe - 17 - 8 - 005 /b /wy page 14 of 30 lte mimo1 3d radiation pattern @756mhz @824mhz @880mhz 960mhz @1710mhz @1880mhz
spe - 17 - 8 - 005 /b /wy page 15 of 30 @1990mhz @2170mhz @2300mhz @2500mhz @2690mhz
spe - 17 - 8 - 005 /b /wy page 16 of 30 lte mimo2 3d radiation pattern @756mhz @824mhz @88mhz @960mhz @1710mhz @1880mhz
spe - 17 - 8 - 005 /b /wy page 17 of 30 @1990mhz @2170mhz @2300mhz @2500mhz @2690mhz
spe - 17 - 8 - 005 /b /wy page 18 of 30 4. wi - fi 2.4/5 .8 ghz 4.1. wi - fi 2.4/5 .8 ghz characteristics return loss on 30* 30cm gnd isolation on 30*30cm gnd
spe - 17 - 8 - 005 /b /wy page 19 of 30 average gain on 30*3 0cm gnd peak gain on 30*3 0cm gnd
spe - 17 - 8 - 005 /b /wy page 20 of 30 efficiency on 30*3 0cm gnd 4.2. wi - fi characteristics with different cable length average gain
spe - 17 - 8 - 005 /b /wy page 21 of 30 peak gain efficiency
spe - 17 - 8 - 005 /b /wy page 22 of 30 4.3. 3d radiation patterns x z y
spe - 17 - 8 - 005 /b /wy page 23 of 30 2.4/5 .8 ghz wi - fi mimo1 3d radiation pattern @2450mhz @5550mhz 2.4/5 .8 ghz wi - fi mimo2 3d radiation p attern @2450mhz @5550mhz
spe - 17 - 8 - 005 /b /wy page 24 of 30 5. dsrc 5.9ghz 5.1. dsrc 5.9ghz characteristics average gain on 50* 50cm gnd peak gain on 50* 50cm gnd
spe - 17 - 8 - 005 /b /wy page 25 of 30 efficiency on 50 * 50cm gnd 5.2. dsrc characteristics with different cable length average gain
spe - 17 - 8 - 005 /b /wy page 26 of 30 peak gain efficiency
spe - 17 - 8 - 005 /b /wy page 27 of 30 6. drawing
spe - 17 - 8 - 005 /b /wy page 28 of 30
spe - 17 - 8 - 005 /b /wy page 29 of 30 7. packaging
spe - 17 - 8 - 005 /b /wy page 30 of 30 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document an d the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd .


▲Up To Search▲   

 
Price & Availability of MA1130ALBICGT002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X