Part Number Hot Search : 
GM71C4 1J682 M40L5 16F100M M40L5 SMA130 JE210 4NF20
Product Description
Full Text Search
 

To Download LTC2311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 description lt c2311/lt c2310 single 16-bit/14-bit/12-bit, 5msps/2msps, serial, high speed sar adcs demonstration circuit 2425a features the lt c ? 2311 family. with up to 5msps, these differential, single channel, 16-bit, serial, high speed successive approximation register (sar) adcs are available in a 16- lead msop package. the LTC2311 family has an internal 20ppm/c maximum drift reference and an spi-compatible serial interface that supports cmos and lvds logic. note the demo board is configured for cmos operation by default; see the note under jp3 for lvds operation. the following text refers to the LTC2311 , but applies to all members of the fam - ily, the only difference being the sample rate and/or the l , lt, ltc, ltm, linear technology and the linear logo are registered trademarks and pscope is a trademark of linear technology corporation. all other trademarks are the property of their respective owners. boar d p hoto number of bits. the dc2425a demonstrates the dc and ac performance of the LTC2311 in conjunction with the dc890 pscope? data collection board. alternatively, by connecting the dc2425a into a customer application, the performance of the LTC2311 can be evaluated directly in that circuit. design files for this circuit board are available at http://www.linear.com/demo/dc2425a figure 1. dc2425a connection diagram hp8642b bpf ?9.5v dc gnd +9.5v dc dc power supply hp8642b bpf to dc890b dc2425a f01 dc2425af demo manual dc2425a
2 quick s tart p roce d ure demonstration circuit 2425a is easy to set up and evaluate for performance. refer to figure 1 and follow the proce - dure below. n connect the dc2425a to a dc890 usb high speed data collection board using edge connector p1. n connect the dc890 to a host pc with a standard usb a/b cable. n apply a low jitter signal source to j3 to test channel?1. note that the dc2425 a is capable of accepting a differential input signal as well as a single-ended signal. see the hardware setup section for the jumper positions that correspond to these configurations. n as a clock source, apply a low jitter 10dbm sine wave or square wave to connector j5. see table 1 for maximum clock frequencies. note that j5 has a 50 termination resistor to ground. n run the pscope software (pscope.exe version k73, or later) supplied with the dc890 or download it from www.linear.com/software. complete software doc- umentation is available from the help menu. updates can be downloaded from the tools menu. check for updates periodically, as new features may be added. the pscope software should recognize the dc2425a and configure itself automatically. n click the collect button (figure 2) to begin acquiring data. the collect button then changes to pause, which can be used to stop data acquisition. a ssem b ly o ptions table 1. dc2425a assembly options version u1 part number max conversion rate # of bits max clock frequency dc2425a-a LTC2311cmse-16#pbf 5msps 16 105mhz dc2425a-b ltc2310cmse-16#pbf 2msps 16 42mhz dc2425a-c LTC2311cmse-14#pbf 5msps 14 105mhz dc2425a-d ltc2310cmse-14#pbf 2msps 14 42mhz dc2425a-e LTC2311cmse-12 #pbf 5msps 12 105mhz dc2425a-f ltc2310cmse-12#pbf 2msps 12 42mhz figure 2. dc2425a pscope screenshot dc2425af demo manual dc2425a
3 d rive o ptions there are several ways to drive the LTC2311 on the dc2425a. if a true differential signal source is available, apply the signal to the differential inputs j3 and j4; make the fol - lowing changes to the dc2425a: n remove r27, r38. n install 0 0603 resistors at r39, r47. if a single-ended signal source is available, the LTC2311 may be driven differentially by applying the signal to j3. the LTC2311 may be driven in the pseudo-differential bipolar mode by applying the single-ended signal to j3; make the following changes to the dc2425a: n move jp5 to the bip position. n install a 10f 0603 capacitor at c56. the LTC2311 may be driven in the pseudo-differential unipolar mode by applying the single-ended signal to j3; make the following changes to the dc2425a: n move jp5 to the uni position. n install a 10f 0603 capacitor at c56. quick s tart p roce d ure dc2425af demo manual dc2425a
4 signal connection s j1 fpga program: factory use only. j2 jtag: factory use only. j3 ain+ input: in the single-ended configuration, this is the signal input. for differential operation, this serves as the positive signal input. j4 ainC input: this input is used only for differential operation. it serves as the negative signal input. j5 clk: this input has a 50 termination resistor, and is intended to be driven by a low jitter 10dbm sine or square wave. to achieve the full ac performance of this part, the clock jitter should be kept under 2ps. this input is capacitively coupled so that the input clock can be either 0v to 2.5v or 1.25v . this eliminates the need for level shifting. to run at the maximum conversion rate, apply the frequency specified in the table 1. jp1 vccio: use this jumper to select the vccio supply voltage. the default setting is 2.5v. the 1.8v setting selects a 1.8v supply voltage. jp2 vdd: use this jumper to select the vdd supply volt - age. the default setting is 5v. the 3.3v setting selects a 3.3v supply voltage. jp3: use this jumper to select the reference source for the LTC2311 . the default setting is drive refout. this setting uses the voltage applied to pin 3 of the LTC2311 as the reference voltage. the ext setting will accept a voltage applied to e11 as the reference voltage. if no volt - age is applied to e11 , the LTC2311 will use it's internal reference, which is 4.096v. jp4 +in coupling: use this jumper to select ac- or dc- coupling of the signal applied to j3. the default setting is dc . at very low input frequencies, using ac-coupling may degrade the distortion performance. jp5 mode: use this jumper to select the signal input mode for the LTC2311. the default setting is diff. the diff setting accepts a single-ended signal from j3 but applies it as a differential signal to the LTC2311. the bip setting accepts a single-ended signal from j3 and applies it as a single-ended bipolar signal to the LTC2311. the uni setting also accepts a single-ended signal from j3 , and applies it as a unipolar signal to the LTC2311. see drive options section fro more details. jp6 C in coupling: use this jumper to select ac- or dc- coupling of the signal applied to j4. the default setting is dc . at very low input frequencies, using ac-coupling may degrade the distortion performance. jp7 cm: use this jumper to set the dc bias point for the signal applied to j3 when jp4 (+in coupling) is in the ac position. the default setting is 4.096v which sets the common mode voltage at 2.048v. the ext setting allows the use of an externally applied common mode voltage applied at e12 (ext_cm1). jp8 data out: use this jumper to select the data output format from the LTC2311. the default setting is cmos. the output data will not be valid if the jumper is moved to the lvds position unless the following changes have been made: install 100 0402 resistors at r26, 75, 76, 99 reprogram the cpld through j1 using the program - ming file LTC2311.pof found at: http ://www .linear.com/demo/dc2425a move jp8 to the lvds position. jp9 eeprom : factory use only. jp10 osc: use this jumper to enable the onboard encode clock source. the default setting is off. the on setting energizes this source. refer to the dc2425a schematic for additional passive elements required to use the onboard source. h ar d ware s etup dc2425af demo manual dc2425a
5 p arts l ist item qty reference part description manufacturer/part number required circuit components 1 13 c4, c6, c11, c12, c36, c48, c53, c63, c71, c92, c93, c95, c100 cap., x5r, 10f, 6.3v 20% 0603 nic, nmc0603x5r106m6.3trpf4kf 2 0 c35, c37, c56, c64, c65 cap., 0603 opt 3 1 c54 cap., np0, 200pf, 50v 5%, 0603 murata, grm1885c1h201ja01d 4 9 c3, c18, c19, c20, c21, c23, c51, c84, c99 cap., x7r, 1f, 25v 10%, 0603 tdk, c1608x7r1e105k 5 2 c106, c119 cap., x5r, 4.7f, 6.3v 10%, 0603 avx, 06036d475kat2a 6 1 c68 cap., x5r, 2.2f, 10v 10%, 0603 murata, grm188r61a225ke34d 7 1 c1 cap., x7r, 47f, 10v 10%, 1210 murata, grm32er71a476ke15l 8 5 c7, c8, c9, c10, c13 cap., x7r, 0.01f, 6.3v 10%, 0603 murata, grm188r70j103ka01d 9 3 c2, c5, c17 cap., x7r, 10f, 10v 10%, 0805 murata, grm21br71a106ke51l 10 1 c22 cap., x5r, 3.3f, 6.3v 10%, 0603 avx, 06036d335kat2a 11 40 c14, c26, c31, c32, c33, c34, c42, c44, c45, c46, c49, c50, c52, c55, c57, c58, c59, c60, c61, c62, c66, c67, c69, c70, c72, c73, c74, c75, c76, c79, c81, c85, c86, c87, c88, c89, c90, c94, c96, c97 cap., x7r, 0.1f, 16v 10%, 0402 nic, nmc0402x7r104k16trpf 12 1 c30 cap., x5r, 47f, 6.3v 20%, 0805 taiyo yuden, jmk212bj476mg-t 13 3 c40, c43, c78 cap., x7r, 0.01f, 16v 10%, 0402 nic, nmc0402x7r103k16trpf 14 1 c80 cap., x7r, 1nf, 16v 10%, 0402 avx, 0402yc102kat2a 15 3 c28, c82, c83 cap., x7r, 22nf, 16v 10%, 0402 avx, 0402yc223kat2a 16 2 c77, c41 cap., x7r, 4.7nf, 16v 10%, 0402 avx, 0402yc472kat2a 17 4 c15, c16, c24, c25 cap., np0, 10pf, 16v 10%, 0402 avx, 0402ya100kat2a 18 1 c27 cap., tant, 470f 10v 20%, 7343 avx, tpse477m010r0050 19 1 c39 cap., x7r, 2.2nf, 16v 10%, 0402 a vx, 0402yc222kat2a 20 4 d1, d2, d3, d4 diode, schottky 30v 200mw, sod323 diode inc., bat54ws-7-f 21 9 e4, e5, e6, e7, e8, e9, e10, e11, e12 test point, turret, 0.064" mill max, 2308-2-00-80-00-00-07-0 22 3 e1, e2, e3 test point, turret, 0.094" mill max, 2501-2-00-80-00-00-07-0 23 9 jp1, jp2, jp3, jp4, jp6, jp7, jp8, jp9, jp10 header, 1x3, 0.100" samtec, tsw-103-07-l-s 24 1 jp5 header, 2x3, 0.100" samtec, tsw-103-07-l-d 25 3 j3, j4, j5 conn bnc fem jack pc mnt strght amphenol connex, 112404 26 2 j1, j2 header, 2x5, 0.100" samtec, tsw-105-07-l-d 27 2 l1, l2 ind., ferrite chip 390 2000ma 1206 murata, blm31pg391sn1l 28 10 r2, r8, r9, r10, r11, r23, r38, r58, r72, r73 res., chip, 1k, 1/10w, 1% 0603 panasonic, erj-3ekf1001v 29 0 r21, r24, r27, r29, r31, r35, r46, r50, r75 res., chip, 0603 opt 30 1 r53 res., chip, 33, 1/10w, 5% 0603 panasonic, erj-3geyj330v dc2425af demo manual dc2425a
6 p arts l ist item qty reference part description manufacturer/part number 31 7 r20, r22, r25, r39, r45, r47, r52 res., chip, 0, 1/10w, 0603 panasonic, erj-3gey0r00v 32 2 r30, r33 res., chip, 0, 1/16w, 0402 panasonic, erj-2gej0r00v 33 2 r28, r32 res., chip, 49.9, 1/10w, 1% 0603 panasonic, erj-3ekf49r9v 34 1 r74 res., chip, 49.9, 1/4w, 1% 1206 panasonic, erj-8enf49r9v 35 0 r26, r31 res., chip, 0402 opt 36 2 r3, r4 res., chip, 3.92k, 1/10w, 1% 0603 panasonic, erj-3ekf3921v 37 1 r5 res., chip, 499, 1/10w, 1% 0603 panasonic, erj-3ekf4990v 38 1 r12 res., chip, 866, 1/10w, 1% 0603 panasonic, erj-3ekf8660v 39 1 r6 res., chip, 3.09k, 1/10w, 1% 0603 panasonic, erj-3ekf3091v 40 1 r1 res., chip, 4.02k, 1/10w, 1% 0603 panasonic, erj-3ekf4021v 41 1 r7 res., chip, 1.43k, 1/10w, 1% 0603 panasonic, erj-3ekf1431v 42 18 r19, r34, r36, r37, r40, r41, r42, r43, r44, r48, r49, r51, r53, r54, r55, r56, r65, r66, r67 res., chip, 33, 1/16w, 5% 0402 panasonic, erj-2gej330x 43 1 r15 res., chip, 1k, 1/16w, 1% 0402 panasonic, erj-2rkf1001x 44 4 r68, r69, r70, r71 res., chip, 4.99k, 1/10w, 1% 0603 panasonic, erj-3ekf4991v 45 9 r13, r14, r16, r17, r18, r61, r62, r63, r64 res., chip, 10k, 1/16w, 5% 0402 panasonic, erj-2gej103x 46 3 r77, r78, r79 res., chip, 10k, 1/10w, 5% 0603 panasonic, erj-3geyj103v 47 1 r76 res., chip, 100, 1/10w, 1% 0603 panasonic, erj-3ekf1000v 48 2 u12, u16 ic, inverter uhs single sc70-5 fairchild, nc7sz04p5x 49 1 u9 ic, 400mhz amplifier, ms8 linear tech., lt1819cms8#pbf 50 1 u13 ic, flip flop d-type log, us8 on semi., nl17sz74usg 51 1 u14 ic, voltage reference, msop8 linear tech., ltc6655bhms8-4.096#pbf 52 1 u17 ic, op-amp, tsot23-5 linear tech., lt6202cs5#pbf 53 4 u2, u3, u4, u7 ic, micropower regulator, so8 linear tech., lt1763cs8#pbf 54 1 u1 ic, micropower neg. regulator, sot-23 linear tech., lt1964es5-sd#pbf 55 1 u5 ic, micropower regulator, so8 linear tech., lt1763cs8-2.5#pbf 56 1 u6 ic, linear regulator, so8 linear tech., lt3021es8-1.2#pbf 57 1 u11 ic, cyclone iii fpga 5k , eqfp144 al tera, ep3c5e144c7n 58 1 u8 ic, config device 4mbit, so8 altera, epcs4si8n 59 1 u15 ic, eeprom 2kbit 400khz, tssop8 microchip, 24lc024-i/st 60 1 y1 oscillator, 106.2500 mhz 3.3v smd, y- cb3lv cts-frequency, cb3lv-3i-106m2500 61 10 shunts as shown on assy dwg shunt, 0.100 samtec, snt-100-bk-g 62 4 mh1-mh4 standoff, nylon 0.25" keystone, 8831 (snap on) dc2425af demo manual dc2425a
7 p arts l ist item qty reference part description manufacturer/part number dc2425a-a required circuit components 1 1 dc2425a general bom 2 2 r58, r59 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r57, r60 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., LTC2311cmse-16#pbf dc2425a-b required circuit components 1 1 dc2425a general bom 2 2 r58, r59 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r57, r60 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., ltc2310cmse-16#pbf dc2425a-c required circuit components 1 1 dc2425a general bom 2 2 r57, r59 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r58, r60 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., LTC2311cmse-14#pbf dc2425a-d required circuit components 1 1 dc2425a general bom 2 2 r57, r59 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r58, r60 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., ltc2310cmse-14#pbf dc2425a-e required circuit components 1 1 dc2425a general bom 2 2 r57, r60 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r58, r59 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., LTC2311cmse-12#pbf dc2425a-f required circuit components 1 1 dc2425a general bom 2 2 r57, r60 res., chip, 1k, 1/10w, 1% 0402 panasonic, erj-2ekf1001v 3 0 r58, r59 res, 0402 dni 4 1 u10 i.c., sar adc, msop-4x5 linear tech., ltc2310cmse-12#pbf dc2425af demo manual dc2425a
8 s chematic diagrams 2 2 1 1 d d c c b b a a ??? ??? ??? ?? ??? ? ?? ?????????????? ?? ?? ??? ???? ???? ? ?? ??????????? ?? ???? ? * ??? ?? ?? ?? ??????????? ??? ?????????????? ???? ?? ?? ? ?? ???????? ???????????????????????????????????? ?????????????????????????? ????????????????? ? ??? ???? ?????? ???? ?????????????? ? ?????????????? ?????????????? ??? ???????? ?????????????? ??? ??? ?? ?? ?? ????????????????????????????????? ?? ?? ?? ?????????? ???? ??? ??? ?? vref vref vcm_bias vcm_bias ~cnv vccio vccio -6v vccio -6v +9v/+10v vdd +6v +3v +6v sdo+ sck+ clkin sdo- sck- csb ???????????????? ??????????? ???? ???????? ??? ??? ??????? ?????????? ? ???????? ???????????????? ??????????? ???? ???????? ??? ??? ??????? ?????????? ? ???????? ???????????????? ??????????? ???? ???????? ??? ??? ??????? ?????????? ? ???????? ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, december 03, 2015 1 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, december 03, 2015 1 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, december 03, 2015 1 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? c56 dni c56 dni r28 49.9 r28 49.9 c90 0.1uf c90 0.1uf jp6 ?? ?? ??? jp6 ?? ?? ??? 1 3 2 c94 0.1uf c94 0.1uf u16 nc7sz04p5x u16 nc7sz04p5x 4 5 3 2 j5 j5 c92 10uf c92 10uf c85 0.1uf c85 0.1uf r20 0 r20 0 r79 10k r79 10k c53 10uf c53 10uf c57 0.1uf c57 0.1uf c97 0.1uf c97 0.1uf u12 nc7sz04p5x u12 nc7sz04p5x 4 5 3 2 c84 1uf c84 1uf e11 ????????? e11 ????????? c88 0.1uf c88 0.1uf r22 0 r22 0 u13 nl17sz74 u13 nl17sz74 cp 1 clr 6 pr 7 d 2 q 3 q 5 vcc 8 gnd 4 c36 10uf c36 10uf jp7 ??? ?????? ??????????? jp7 ??? ?????? ??????????? 1 3 2 y1 cb3lv y1 cb3lv eoh 1 vcc 4 gnd 2 out 3 r45 0 r45 0 r50 dni r50 dni r73 1k r73 1k r72 1k r72 1k r25 0 r25 0 j4 j4 c48 10uf c48 10uf c64 dni c64 dni r33 0 0402 r33 0 0402 c89 0.1uf c89 0.1uf jp8 ???? ???? ???????? jp8 ???? ???? ???????? 3 1 2 jp3 ??? ???????????? ??? jp3 ??? ???????????? ??? 1 3 2 r35 dni r35 dni + - u17 lt6202cs5 + - u17 lt6202cs5 3 4 1 5 2 l2 blm31pg391sn1l l2 blm31pg391sn1l c71 10uf c71 10uf c72 0.1uf c72 0.1uf r32 49.9 r32 49.9 c37 dni c37 dni r21 dni r21 dni r74 49.9 1206 r74 49.9 1206 u14 ltc6655bhms8-4.096 u14 ltc6655bhms8-4.096 shdn 1 vin 2 gnd 3 gnd 4 gnd 5 vout_s 6 vout_f 7 gnd 8 jp5 hd2x3-100 jp5 hd2x3-100 1 3 5 6 4 2 r78 10k r78 10k u10 ? mse16 u10 ? mse16 gnd 1 gnd 5 ain- 7 ain+ 6 gnd 8 ognd 11 refout 3 ovdd 12 sdo+ 14 sdo- 13 sck+ 16 sck- 15 cmos/lvds 10 refin 2 vdd 4 gnd 17 ~cnv 9 r77 10k r77 10k c35 dni c35 dni c87 0.1uf c87 0.1uf c51 1uf c51 1uf r38 150 r38 150 c100 10uf c100 10uf r52 0 r52 0 e12 ???????? e12 ???????? r53 33 r53 33 r23 1k r23 1k r29 dni r29 dni j3 j3 jp4 ?? ?? ??? jp4 ?? ?? ??? 1 3 2 r24 dni r24 dni r76 100 r76 100 c99 1uf c99 1uf c68 2.2uf c68 2.2uf r47 dni r47 dni c96 0.1uf c96 0.1uf r27 301 r27 301 r39 301 r39 301 r75 dni r75 dni r46 1k r46 1k c98 4.7uf c98 4.7uf c93 10uf c93 10uf + - u9a lt1819cms8 + - u9a lt1819cms8 3 2 1 8 4 c50 0.1uf c50 0.1uf c54 200pf c54 200pf c63 10uf c63 10uf + - u9b lt1819cms8 + - u9b lt1819cms8 5 6 7 8 4 c95 10uf c95 10uf c65 dni c65 dni r51 33 r51 33 jp10 ?? ??? ??? jp10 ?? ??? ??? 1 3 2 r30 0 0402 r30 0 0402 dc2425af demo manual dc2425a
9 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa - tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. s chematic diagrams 2 2 1 1 d d c c b b a a ??? ??????? ????? ???? ????? ??? ???? ???? ???? ????????????????????????????????? ???????? ??? ???????????????????????????????????????????????????????? ??? ????? ??? ??????????????????????????????????????????????????????? ???????? ?? ???? ????? ??? ? d7 ???????? d9 ??? d8 ??? d3 d14 d11 d0 d15 d3 ??? d0 d12 d1 ??? d6 d13 d5 ??? d1 ??? d10 d7 d8 d4 d4 d13 d15 ??? vccio d14 d2 ?????? d2 d6 d10 ??? d5 d9 d11 d12 ??? cnvclk ??? ??? +1.2v ??? ????? ????? ????? ????? ??? vccio ??? +9v/+10v ??? ??? +3v vdd ??? ????? +6v vccio ????? ????? vccio ??? +2.5v -9v/-10v ????? sdo+ csb sck+ clkin sck- sdo- ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, may 07, 2015 2 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, may 07, 2015 2 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? ???? ????? ?????? ???? ????? ?? ?????? ????????? ???????? ???????? technology ?????????????????? ?????????????????? ???????????????????? ??????????????????? ?????????????????????????????????????? ??????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ???????????????????????????????????????????????????? ?????????????????????????????????????????????????? ???????????????????????????????????????????????? ????????????????????????????????????????????????????? ??????????????????????????????????????????? ??????????????????????????????????????????????????? ???????????????????????????????????????????????????? ????????? ?????????????????????????????????????????????? ???????????? ?????????????? 2 ?????????????????? thursday, may 07, 2015 2 ? ??????????? ??????????? ??????????????????????????? ?????????????????? ? r64 10k r64 10k u1 lt1964es5-sd u1 lt1964es5-sd adj 4 out 5 gnd 1 in 2 shdn 3 c30 47uf ???? c30 47uf ???? c60 0.1uf c60 0.1uf c24 10pf c24 10pf + c27 470uf ???? + c27 470uf ???? c19 1uf c19 1uf ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 clk5_diffclk2n 90 clk4_diffclk2p 91 io1 100 io2 104 io3_vref6 105 io4 106 c21 1uf c21 1uf ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1 1 io2 2 io3 3 io4 4 io5_vref1 7 io6_diffl4p 10 io7_diffl4n 11 clk0 22 clk1 23 d4 bat54ws d4 bat54ws 1 2 r15 1k r15 1k c61 0.1uf c61 0.1uf l1 blm31pg391sn1l l1 blm31pg391sn1l e9 e9 c18 1uf c18 1uf r31 dni r31 dni c44 0.1uf c44 0.1uf c20 1uf c20 1uf c22 3.3uf c22 3.3uf ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1 110 io2 111 io3 112 io4 113 io5_rup4 114 io6_rdn4 115 io7_vref7 119 io8_diffiot16n 120 io9_diffiot16p 121 io10 124 io11 125 io12_diffiot12n 126 io13_diffiot12p 127 c32 0.1uf c32 0.1uf r12 866 r12 866 jp2 jp2 1 3 2 e1 e1 c59 0.1uf c59 0.1uf r60 ? r60 ? c4 10uf c4 10uf ?????? ????? u15 24lc024-i /st ?????? ????? u15 24lc024-i /st sda 5 vcc 8 a0 1 a1 2 a2 3 gnd 4 wp 7 scl 6 c69 0.1uf c69 0.1uf c17 10uf 0805 c17 10uf 0805 u4 lt1763cs8 u4 lt1763cs8 out 1 sen 2 gnd 3 byp 4 shdn 5 gnd 6 gnd 7 in 8 c49 0.1uf c49 0.1uf e4 e4 r16 10k r16 10k c7 0.01uf c7 0.01uf r71 4.99k ???? r71 4.99k ???? c29 4.7uf ???? c29 4.7uf ???? ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1 73 io2 74 io3 75 io4_rup3 76 io4_rdn3 77 io5 79 io6_vref5 80 io8_diffior8n 84 io9_diffior8p 85 clk7_diffclk3n 88 clk6_diffclk3p 89 io7 83 ?? edge-con-100 ?? edge-con-100 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 96 98 100 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65 67 69 71 73 75 77 79 81 83 85 87 89 91 93 95 97 99 c46 0.1uf c46 0.1uf r7 1.43k r7 1.43k c58 0.1uf c58 0.1uf c13 0.01uf c13 0.01uf d1 bat54ws d1 bat54ws 1 2 u2 lt1763cs8 u2 lt1763cs8 out 1 sen 2 gnd 3 byp 4 shdn 5 gnd 6 gnd 7 in 8 e2 e2 ?? ??? ?? ??? r59 ? r59 ? ?? ??? ?? ??? c52 0.1uf c52 0.1uf c25 10pf c25 10pf c42 0.1uf c42 0.1uf c40 0.01uf c40 0.01uf ????? ????? c12 10uf c12 10uf r10 1k r10 1k u8 epcs4si8 u8 epcs4si8 asdi 5 vcc 8 ncs 1 data 2 vcc 3 gnd 4 vcc 7 dclk 6 jp9 ???? ?? ?????? jp9 ???? ?? ?????? 1 3 2 e6 e6 j2 hd2x5-100 j2 hd2x5-100 1 3 5 6 4 2 7 9 8 10 ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1_diffiob12p 54 io2_diffiob12n 55 io3 58 io4_diffiob16p 59 io5_diffiob16n 60 io6 64 io7_vref4 65 io8_rup2 66 io9_rdn2 67 io10 68 io11 69 io12_diffiob21p 70 io14 72 io13_diffiob21n 71 c6 10uf c6 10uf r8 1k r8 1k c2 10uf 0805 c2 10uf 0805 c83 22nf c83 22nf d2 bat54ws d2 bat54ws 1 2 r63 10k r63 10k r26 dni r26 dni ?????? ???? cyclone3-ep3c5e144 ?????? ???? cyclone3-ep3c5e144 io1_data1 6 io2_flash_nce 8 n_status 9 dclk 12 io3_data0 13 nconfig 14 tdi 15 tck 16 tms 18 tdo 20 nce 21 io4_dev_oe 86 io5_dev_clrn 87 conf_done 92 msel0 94 msel1 96 msel2 97 io6_init_done 98 io7_crc_error 99 io8_nceo 101 io9_clkusr 103 c74 0.1uf c74 0.1uf ?? ??? ?? ??? c1 47uf 1210 c1 47uf 1210 ?? ??? ?? ??? c75 0.1uf c75 0.1uf e7 e7 c45 0.1uf c45 0.1uf c28 22nf c28 22nf c43 0.01uf c43 0.01uf c3 1uf c3 1uf ?? ??? ?? ??? e10 e10 c79 0.1uf c79 0.1uf r69 4.99k ???? r69 4.99k ???? r6 3.09k r6 3.09k ????? ????? r11 1k r11 1k r2 1k r2 1k c77 4.7nf c77 4.7nf c8 0.01uf c8 0.01uf c10 0.01uf c10 0.01uf c70 0.1uf c70 0.1uf c78 0.01uf c78 0.01uf c82 22nf c82 22nf ????? ????? ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1_diffiob1p 38 io2_diffiob1n 39 io3 42 io4 43 io5 44 io6_vref3 46 io7_diffiob9p 49 io8_diffiob9n 50 io9 51 io10_diffiob11p 52 io11_diffiob11n 53 r57 dni r57 dni r1 4.02k r1 4.02k ??? ???? cyclone3-ep3c5e144 ??? ???? cyclone3-ep3c5e144 gnd 19 gnd 27 gnda1 36 gnd 41 gnd 48 gnd 57 gnd 63 gnd 82 gnd 95 gnda2 108 gnd 118 gnd 123 gnd 131 gnd 140 gnd 145 vccint 5 vccint 29 vccint 45 vccint 61 vccint 78 vccint 102 vccint 116 vccint 134 vccio1 17 vccio2 26 vccio3 40 vccio3 47 vccio4 56 vccio4 62 vccio5 81 vccio6 93 vccio7 117 vccio7 122 vccio8 130 vccio8 139 vcca1 35 vcca2 107 vccd_pll1 37 vccd_pll2 109 c81 0.1uf c81 0.1uf c38 4.7uf ???? c38 4.7uf ???? c80 1nf c80 1nf c86 0.1uf c86 0.1uf u3 lt1763cs8 u3 lt1763cs8 out 1 sen 2 gnd 3 byp 4 shdn 5 gnd 6 gnd 7 in 8 c15 10pf c15 10pf c26 0.1uf 0402 c26 0.1uf 0402 ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 io1_diffiot11n 128 io2_diffiot11p 129 io3_diffiot10n 132 io4_diffiot10p 133 io5 135 io6_vref8 136 io7 137 io8 138 io9 141 io10 142 io11_diffiot01n 143 io12_diffiot01p 144 c55 0.1uf c55 0.1uf r13 10k r13 10k r17 10k r17 10k c33 0.1uf c33 0.1uf u5 lt1763cs8-2.5 u5 lt1763cs8-2.5 out 1 sen 2 gnd 3 byp 4 shdn 5 gnd 6 gnd 7 in 8 e8 e8 c16 10pf c16 10pf ?? ??? ?? ??? r9 1k r9 1k r18 10k r18 10k e5 e5 c39 2.2nf c39 2.2nf ????? ????? c41 4.7nf c41 4.7nf r5 499 r5 499 r62 10k r62 10k u7 lt1763cs8 u7 lt1763cs8 out 1 sen 2 gnd 3 byp 4 shdn 5 gnd 6 gnd 7 in 8 c9 0.01uf c9 0.01uf r68 4.99k ???? r68 4.99k ???? j1 hd2x5-100 j1 hd2x5-100 1 3 5 6 4 2 7 9 8 10 c73 0.1uf c73 0.1uf c23 1uf c23 1uf c34 0.1uf c34 0.1uf c5 10uf 0805 c5 10uf 0805 ????? ????? ?? ??? ?? ??? ?? ??? ?? ??? r14 10k r14 10k ????? ???? cyclone3-ep3c5e144 ????? ???? cyclone3-ep3c5e144 clk2 24 clk3 25 io1 28 io2 30 io3_vref2 31 io4_rup1 32 io5_rdn1 33 io6 34 e3 e3 c76 0.1uf c76 0.1uf r3 3.92k r3 3.92k d3 bat54ws d3 bat54ws 1 2 r70 4.99k ???? r70 4.99k ???? ?? ??? ?? ??? ????? ????? r58 r58 r61 10k r61 10k jp1 jp1 1 3 2 c66 0.1uf c66 0.1uf c14 0.1uf 0402 c14 0.1uf 0402 c31 0.1uf c31 0.1uf ?? ??? ?? ??? c67 0.1uf c67 0.1uf c11 10uf c11 10uf r4 3.92k r4 3.92k u6 lt3021es8-1.2 u6 lt3021es8-1.2 out 2 sen 3 agnd 4 shdn 5 gnd 6 in 8 ????? ????? c62 0.1uf c62 0.1uf dc2425af demo manual dc2425a
10 linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax : (408) 434-0507 www.linear.com ? linear technology corporation 2016 lt 0216 ? printed in usa demonstration board important notice linear technology corporation (ltc) provides the enclosed product(s) under the following as is conditions: this demonstration board (demo board) kit being sold or provided by linear technology is intended for use for engineering development or evaluation purposes only and is not provided by ltc for commercial use. as such, the demo board herein may not be complete in terms of required design-, marketing-, and/or manufacturing-related protective considerations, including but not limited to product safety measures typically found in finished commercial goods. as a prototype, this product does not fall within the scope of the european union directive on electromagnetic compatibility and therefore may or may not meet the technical requirements of the directive, or other regulations. if this evaluation kit does not meet the specifications recited in the demo board manual the kit may be returned within 30 days from the date of delivery for a full refund. the foregoing warranty is the exclusive warranty made by the seller to buyer and is in lieu of all other warranties, expressed, implied, or statutory, including any warranty of merchantability or fitness for any particular purpose. except to the extent of this indemnity, neither party shall be liable to the other for any indirect, special, incidental, or consequential damages. the user assumes all responsibility and liability for proper and safe handling of the goods. further, the user releases ltc from all claims arising from the handling or use of the goods. due to the open construction of the product, it is the users responsibility to take any and all appropriate precautions with regard to electrostatic discharge. also be aware that the products herein may not be regulatory compliant or agency certified (fcc, ul, ce, etc.). no license is granted under any patent right or other intellectual property whatsoeve r. ltc assumes no liability for applications assistance, customer product design, software performance, or infringement of patents or any other intellectual property rights of any kind. ltc currently services a variety of customers for products around the world, and therefore this transaction is not exclusive. please read the demo board manual prior to handling the product. persons handling this product must have electronics training and observe good laboratory practice standards. common sense is encouraged. this notice contains important safety information about temperatures and voltages. for further safety concerns, please contact a ltc application engineer. mailing address: linear technology 1630 mccarthy blvd. milpitas, ca 95035 copyright ? 2004, linear technology corporation dc2425af demo manual dc2425a


▲Up To Search▲   

 
Price & Availability of LTC2311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X