Part Number Hot Search : 
MP3021 D1013 200114MR S9006K 00800 BAV19W TW0238A SM230A
Product Description
Full Text Search
 

To Download KMB110F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbf features surge overload rating: 30 amperes peak ideal for printed circuit board plastic material has underwriters laboratory flammability classification 94v-0 low leakage reliable low cost construction utilizing molded mechanical data case: molded plastic, mbf epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil-std-202, method 208 guaranteed mounting position: any d i m e n s i on s i n i n c h e s and ( m illi m e t e r s) . 008 ( 0 . 2) . 030 ( 0 . 7 5) . 018 ( 0 . 4 5) . 106 ( 2 . 7) . 09 ( 2 . 3) . 197 ( 5 . 0) . 181 ( 4 . 6) . 063 ( 1 . 6) . 047 ( 1 . 2) c 0 .5 . 1 5 7 ( 4 . 0) . 1 4 2 ( 3 . 6) . 0 4 3 ( 1 . 1) . 0 2 7 ( 0 . 7) . 2 7 6 ( 7 . 0) . 2 6 0 ( 6 . 6) . 014 ( . 35) . 006 ( . 15) . 071 ( 1 . 8) . 055 ( 1 . 4) - + ~ ~ kmb12f thru KMB110F s c ho ttk y s ur face m oun t f l at b r i dg e r ect i f i er reverse voltage - 20 to 100 volts forward current - 1.0 amperes s y m bol k m b 12 f k m b 14 f k m b 16 f k m b 18 f k m b 110f un it v rrm 20 40 60 80 100 v v r ms 14 28 42 56 70 v v dc 20 40 60 80 100 v i f ( av) a i f sm a v f 0 . 50 0 . 55 0 . 70 v i r ma c j pf r ja r jl / w t j t s tg m a x i m u m r epe t i t i v e pea k r e v e r s e v o l t age m a x i m u m r ms v o l t age m a x i m u m dc b l o ck i ng v o l t age m a x i m u m a v e r age f o r w a r d r e c t i f i ed c u rr ent 0 .2 0 . 2 " ( 5 .0 5 . 0 mm )c oppe r pad a r ea 1 .0 p ea k f o r w a r d s u r ge c u rr en t 8 . 3 m s s i ng l e ha lf s i ne - w a v e s upe r i m po s ed on r a t ed l oad 30 m a x i m u m i n s t an t aneou s f o r w ad v o l t age a t 1 . 0a 0 . 85 C 55 t o + 125 m a x i m u m dc r e v e r s e c u rr en t t a = 25 a t ra t ed dc b l o ck i ng v o l t age t a = 100 0 .5 20 t y p i c a l j un c t i on capa c i t an c e a t 4 . 0 v , 1 . 0 m hz 250 125 s t o r age t e m pe r a t u r e r ange C 55 t o + 150 t y p i c a l t he r m a l r e s i s t an c e ( no t e1) 85 20 o pe r a t i ng j un c t i on t e m pe r a t u r e r ange n o te 1 . t h e r m a l r e s i s t a n c e f r o m jun c t i o n t o a m bi e n t a nd f r o m jun c t i o n t o l ea d p . c . b . m o un t e d o n 0 .2 0 . 2 " ( 5 .0 5 . 0 mm ) c o pp e r p a d a r ea s. mdd catalog number maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase,half wave 60hz,resistive or inductive load,for current capacitive load, derate by 20%.
c h a r ac t e r i s t i c c u r v es (t a =25 unl ess o t h e r w i se no t e d) ratings and characteristic curves kmb12f thru KMB110F the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of KMB110F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X