Part Number Hot Search : 
CY7C131 SB1660 CMPS5063 8HC11 8HC11 2SD16 P15N35 15110G0A
Product Description
Full Text Search
 

To Download J1031C3VDC15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j103 12.5 x 7.5 x 10.0 mm contact data* features e197851 general data* coil data* contact arrangement 1c = spdt contact rating 2a @ 120vac, resistive 2a @ 24vdc, resistive contact resistance < 50 milliohms initial contact material ag + au maximum switching power 30w maximum switching voltage 125vac, 60vdc maximum switching current 2a electrical life @ rated load 100k cycles, average mechanical life 5m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 1500v rms min. @ sea level initial contact to contact 1000v rms min. @ sea level initial shock resistance 100m/s 2 for 11 ms vibration resistance 3.30mm double amplitude 10~40hz terminal (copper alloy) strength 5n operating temperature -40 o c to +85 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 2.2g * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the per- formance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .15w .20w 3 3.9 60 45 2.25 .3 .15 .20 4.5 1.5 5 6.5 167 125 3.75 .5 6 7.8 240 180 4.50 .6 9 11.7 540 405 6.75 .9 12 15.6 960 720 9.00 1.2 24 31.2 3840 2880 18.00 2.4 e a a t u r e s ? /rzfrlosrzhufrqvxpswlrq ? +ljkvhqvlwlylw\ ? &rqirupvwr)&&sduw ? 3&erdugprxqwlqj ? 6pdoovl]holjkwzhljkw
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j103 page 2 dimensions units = mm 12.50 [.49] 7.40 [.29] 1.05 [.04] 7.62 [.30] 2.54 [.10] 5.08 [.20] 1.16 [.05] 9.85 [.39] 3.40 typ [.13] 0.35 typ [.01] 0.50 typ [.02] ordering information 1. series j103 1c 12vdc .20 s j103 2. contact arrangement 1c = spdt 3. coil voltage 3vdc 5vdc 6vdc 9vdc 12vdc 24vdc 4. coil power .15 = .15w .20 = .20w 5. sealed s = sealed (standard)
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j103 page 3 bottom views schematics & pc layouts 2.54 [.10] 7.62 [.30] 5.08 [.20] ?1.00 typ [.04]


▲Up To Search▲   

 
Price & Availability of J1031C3VDC15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X