Part Number Hot Search : 
UPC1688 5253B 073644 TXXNE1 TC74H 2SK48 TK25A20D M34D64
Product Description
Full Text Search
 

To Download ISL9011AIRFCZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fn6437 rev 2.00 page 1 of 12 september 1, 2015 fn6437 rev 2.00 september 1, 2015 isl9011a dual ldo with low noise, low i q and high psrr datasheet isl9011a is a high performance dual ldo capable of sourcing 150ma current from channel 1 and 300ma from channel 2. the device has a low standby current and high-psrr and is stable with ou tput capacitance of 1f to 10f with esr o f up to 200m ? . a reference bypass pin allows an external capacitor for adjusting a noise filter fo r low noise and high psrr applications. the quiescent current is typica lly only 45a with both ldos enabled and active. separate enable pins control each individual ldo output. when bo th enable pins are low, the device is in shutdown, typically drawing less than 0.1a. several combinatio ns of voltage outputs are standard. output voltage options for each ldo range f rom 1.5v to 3.3v. other output voltage opt ions may be available upon request. pinout isl9011a (10 ld 3x3 dfn) top view features ? integrates two high performance ldos - vo1 - 150ma output - vo2 - 300ma output ? excellent transient respons e to large current steps ? excellent load regulation: <1% voltage change across full range of load current ? high psrr: 70db @ 1khz ? wide input voltage capability: 2.3v to 6.5v ? extremely low quiescent curr ent: 45a (both ldos active) ? low dropout voltage: typically 120mv @ 150ma ? low output noise: typically 30v rms @ 100a (1.5v) ? stable with 1f to 10f ceramic capacitors ? separate enable pins for each ldo ? soft-start to limit input current surge during enable ? current limit and overheat protection ? 1.8% accuracy over all operating conditions ? tiny 10 ld 3mmx3mm dfn package ? -40c to +85c operatin g temperature range ? pin compatible with micrel mic2211 ? pb-free (rohs compliant) applications ? pdas, cell phones and smart phones ? portable instruments, mp3 players ? handheld devices including medical handhelds vin en1 en2 cbyp nc vo1 vo2 nc nc gnd 2 3 4 1 5 9 8 7 10 6
isl9011a fn6437 rev 2.00 page 2 of 12 september 1, 2015 ordering information part number (notes 1, 2, 3) part marking vo1 voltage (v) vo2 voltage (v) temp range (c) package (pb-free) pkg. dwg. # isl9011airnnz dgpa 3.3 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airnjz dgna 3.3 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airnfz dgma 3.3 2.5 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airncz (no longer available, recommended replacement: isl9011airmnz-t) dgla 3.3 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmnz dgka 3.0 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmmz (no longer available, recommended replacement: isl9011airmgz-t) dgja 3.0 3.0 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmgz dgha 3.0 2.7 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airknz (no longer available, recommended replacement: isl9011airkkz-t) dgea 2.85 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkkz dgda 2.85 2.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkjz dgca 2.85 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkfz dgba 2.85 2.5 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkpz (no longer available, recommended replacement: isl9011airkkz-t) dgfa 2.85 1.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkcz dfya 2.85 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjnz dfva 2.8 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjmz (no longer available, recommended replacement: isl9011airjnz-t) dfta 2.8 3.0 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjrz (no longer available, recommended replacement: isl9011airjnz-t) dwfa 2.8 2.6 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjcz (no longer available, recommended replacement: isl9011airjbz-t) dfsa 2.8 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjbz dfra 2.8 1.5 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airfjz dfma 2.5 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airfdz dfla 2.5 2.0 -40 to +85 10 ld 3x3 dfn l10.3x3c ISL9011AIRFCZ dfka 2.5 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011aircjz dfja 1.8 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airccz dfha 1.8 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c notes: 1. add -t suffix for tape and reel. please refer to tb347 for details on reel specifications. 2. for availability and lead time of devices with voltage combin ations not listed in the tabl e, contact intersil marketing. 3. these intersil pb-free plastic packaged products employ speci al pb-free material sets; molding compounds/die attach material s and 100% matte tin plate plus anneal - e3 termi nation finish, which is rohs co mpliant and compatible with both snpb and pb-free soldering ope rations. intersil pb-free products are msl classified at pb-free peak re flow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020.
isl9011a fn6437 rev 2.00 page 3 of 12 september 1, 2015 absolute maximum ratings thermal information supply voltage (vin) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1v v o 1, v o 2 pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6v all other pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (v in + 0.3)v recommended operating conditions ambient temperature range (t a ) . . . . . . . . . . . . . . .-40c to +85c supply voltage (vin) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3v to 6.5v thermal resistance (notes 4, 5) ? ja (c/w) ? jc (c/w) 10 ld 3x3 dfn package . . . . . . . . . . . 50 10 junction temperature range . . . . . . . . . . . . . . . . .-4 0c to +125c operating temperature range . . . . . . . . . . . . . . . . .-4 0c to +85c storage temperature range . . . . . . . . . . . . . . . . . .-6 5c to +150c pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/pb-freereflow.asp caution: do not operate at or near the maximum ratings listed fo r extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 4. ? ja is measured in free air with the component mounted on a high e ffective thermal conductivity t est board with direct attach f eatures. see tech brief tb379. 5. for ? jc , the case temp location is the center of the exposed metal p ad on the package underside. electrical specifications unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: t a = -40c to +85c; v in = (v o + 1.0v) to 6.5v with a minimum v in of 2.3v; c in = 1f; c o = 1f; c byp = 0.01f parameter symbol test conditions min (note 7) typ max (note 7) units dc characteristics supply voltage v in 2.3 6.5 v ground current quiescent condition: i o1 = 0a; i o2 = 0a i dd1 one ldo active 25 40 a i dd2 both ldo active 45 60 a shutdown current i dds @ +25c 0.1 1.0 a uvlo threshold v uv+ 1.9 2.1 2.3 v v uv- 1.6 1.8 2.0 v regulation voltage accuracy variation from nominal voltage outpu t, v in = v o + 0.5 to 5.5v, t j = -40c to +125c -1.8 +1.8 % line regulation v in = (v out + 1.0v relative to highest output voltage) to 5.5v -0.2 0 0.2 %/v load regulation i out = 100a to 150ma (vo1 and vo2) 0.1 0.7 % i out = 100a to 300ma (vo2) 1.0 % maximum output current i max vo1: continuous 150 ma vo2: continuous 300 ma internal current limit i lim 350 475 600 ma dropout voltage (note 6) v do1 i o = 150ma; v o ?? 2.1v (vo1) 125 200 mv v do2 i o = 300ma; v o < 2.5v (vo2) 300 500 mv v do3 i o = 300ma; 2.5v ? v o ? 2.8v (vo2) 250 400 mv v do4 i o = 300ma; v o > 2.8v (vo2) 200 325 mv thermal shutdown temperature t sd+ 145 c t sd- 110 c ac characteristics ripple rejection i o = 10ma, v in = 2.8v(min), v o = 1.8v, c byp = 0.1f @ 1khz 70 db @ 10khz 55 db @ 100khz 40 db output noise voltage i o = 100 ? a, v o = 1.5v, t a = +25c, c byp = 0.1f bw = 10hz to 100khz 30 v rms
isl9011a fn6437 rev 2.00 page 4 of 12 september 1, 2015 device start-up characteristics device enable time t en time from assertion of the enx pin to when the output voltage reaches 95% of the vo(nom) 250 500 s ldo soft-start ramp rate t ssr slope of linear portion of ldo output voltage ramp during start-up 30 60 s/v en1, en2 pin characteristics input low voltage v il -0.3 0.5 v input high voltage v ih 1.4 v in + 0.3 v input leakage current i il , i ih 0.1 a pin capacitance c pin informative 5 pf note: 6. vox = 0.98*vox(nom); valid fo r vox greater than 1.85v. 7. parts are 100% tested at +25c. temperature limits establishe d by characterization and are not production tested. electrical specifications unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: t a = -40c to +85c; v in = (v o + 1.0v) to 6.5v with a minimum v in of 2.3v; c in = 1f; c o = 1f; c byp = 0.01f (continued) parameter symbol test conditions min (note 7) typ max (note 7) units
isl9011a fn6437 rev 2.00 page 5 of 12 september 1, 2015 typical performance curves figure 1. output voltage vs input voltage (3.3v output) figure 2. output voltage change vs load current figure 3. output voltage change vs temperature figure 4. output vo ltage vs input voltage (v o 1=3.3v) figure 5. output voltage vs input voltage (v o 2=2.8v) figure 6. dropout voltage vs load current output voltage, v o (%) input voltage (v) -0.6 -0.2 0.2 0.6 -0.8 3.8 4.2 6.2 5.8 6.6 3.4 4.6 5.0 5.4 -0.4 0.0 0.4 0.8 v o = 3.3v +85c -40c +25c i load = 0ma 0.04 0.06 -0.06 -0.10 100 200 300 400 0 load current - i o (ma) output voltage change (%) -0.02 0.00 0.02 0.08 0.10 -0.04 -0.08 50 150 250 350 v in = 3.8v v o = 3.3v +85c -40c +25c 0.04 0.06 -0.06 -0.10 -10 20 50 110 -40 temperature (c) output voltage change (%) -0.02 0.00 0.02 0.08 0.10 -0.04 -0.08 -25 5 35 80 65 95 125 v in = 3.8v v o = 3.3v i load = 0ma output voltage, v o (v) input voltage (v) 3.0 3.1 3.2 3.3 3.4 2.9 2.8 3.1 3.6 4.1 4.6 5.1 6.1 5.6 i o = 150ma i o = 0ma v o 1 = 3.3v 6.5 2.5 2.6 2.7 2.8 2.9 2.4 2.3 2.63.13.64.14.65.1 6.1 input voltage (v) output voltage, v o (v) 5.6 i o = 0ma i o = 300ma v o 2 = 2.8v i o = 150ma 6.5 200 250 300 350 150 100 50 0 50 100 150 200 250 300 350 400 0 output load (ma) dropout voltage, v do (mv) v o 2 = 2.8v v o 1 = 3.3v
isl9011a fn6437 rev 2.00 page 6 of 12 september 1, 2015 figure 7. vo1 dropout voltage vs load current figure 8. ground cur rent vs input voltage figure 9. ground current vs load figure 10. ground current vs temperature figure 11. power-up/power-down figure 12. turn-on/turn-off response typical performance curves (continued) 100 125 150 175 75 50 25 0 25 50 75 100 125 150 175 200 0 output load (ma) dropout voltage, v do (mv) v o 1 = 3.3v +85c +25c -40c 30 35 40 45 55 25 4.0 5.0 6.5 input voltage (v) ground current (a) 50 3.0 3.5 4.58 5.5 6.0 i o (both channels) = 0a v o 1 = 3.3v v o 2 = 2.8v -40c +25c +125c 200 160 100 20 0 50 100 150 200 250 400 0 load current (ma) ground current (a) 350 300 v o 1 = 3.3v v in = 3.8v v o 2 = 2.8v 40 60 80 120 140 180 +85c -40c +25c 35 25 -10 20 50 110 -40 temperature (c) ground current (a) 45 50 55 40 30 -25 5 35 80 65 95 125 v in = 3.8v v o = 3.3v i load = 0a both outputs on 2 3 4 5 1 0 1234567 10 time (s) voltage (v) 89 vo2 vo1 vin 0 v o 1 = 3.3v v o 2 = 2.8v i l 1 = 150ma i l 2 = 300ma 2 3 4 5 1 0 1234567 10 time (s) voltage (v) 89 v o 2 v o1 v in 0 1 3 0 2 0 100 200 300 400 500 600 700 800 0 time (s) v o 1 (v) v en (v) 5 v o 1 = 3.3v v in = 5.0v i l 1 = 150ma c l -1, c l -2 = 1f c byp = 0.01f 900 1000 v o 2 (10mv/div) i l 2 = 300ma v o 2 = 2.8v
isl9011a fn6437 rev 2.00 page 7 of 12 september 1, 2015 figure 13. line transient respon se, 3.3v output figure 14. line tr ansient response, 2.8v output figure 15. load transient response figure 16. psrr vs frequency figure 17. spectral noise density vs frequency typical performance curves (continued) 400s/div vo1 = 3.3v i load = 150ma 3.6v 4.3v 10mv/div c load = 1 ? f c byp = 0.01 ? f v o 1 = 3.3v i load = 150ma 3.6v 4.3v 10mv/div c load = 1f c byp = 0.01f 400s/div vo2 = 2.8v i load = 300ma 3.5v 4.2v 10mv/div c load = 1f c byp = 0.01f 400s/div v o 2 = 2.8v i load = 300ma 3.5v 4.2v 10mv/div c load = 1f c byp = 0.01f 100s/div v o (25mv/div) i load 300ma 100a v in = 2.8v v o = 1.8v 0.1 1k 10k 100k 1m frequency (hz) 0 10 20 30 40 50 60 70 80 90 100 psrr (db) v in = 3.6v v o = 1.8v i o = 10ma c byp = 0.1f c load = 1f spectral noise density (nv/ ? hz ) 1000 100 10 1 0.1 10 100 1k 10k 100k 1m frequency (hz) v in = 3.6v v o = 1.8v i load = 10ma c byp = 0.1f c in = 1f c load = 1f
isl9011a fn6437 rev 2.00 page 8 of 12 september 1, 2015 typical application pin descriptions pin number pin name type description 1 vin analog i/o supply voltage/ldo input: connect a 1f capacitor to gnd. 2 en1 low voltage compatible cmos input ldo-1 enable. 3 en2 low voltage compatible cmos input ldo-2 enable. 4 cbyp analog i/o reference bypass ca pacitor pin: optionally conne ct capacitor of value 0.01f to 1f between this pin and gnd to tune in the desired noise and psrr performance. 5, 7, 8 nc nc no connection 6 gnd ground gnd is the connection to system ground. connect to p cb ground plane. 9vo2 analog i/o ldo-2 output: connect capacitor of value 1f to 10f to gnd (1f recommended). 10 vo1 analog i/o ldo-1 output: connect capacitor of value 1f to 10f to gnd (1f recommended). c1, c3, c4: 1f x5r ceramic capacitor c2: 0.1f x5r ceramic capacitor isl9011a vin en1 en2 cbyp nc vo1 vo2 nc nc gnd 10 9 8 7 6 1 2 3 4 5 vin (2.3v to 6.5v) enable 1 enable 2 vout 1 vout 2 c1 c2 c3 c4 off on off on
isl9011a fn6437 rev 2.00 page 9 of 12 september 1, 2015 block diagram functional description the isl9011a contains all circ uitry required to implement two high performance ldos. high performance is achieved through a circuit that deliver s fast transient response to varying load conditions. in a quiescent condition, the isl9011a adjusts its biasing to achieve the lowest standby current consumption. the device also integr ates current limit protection, smart thermal shutdown protection, sta ged turn-on and soft-start. smart thermal shutdown pr otects the device against overheating. staged turn-on and soft-start minimize start-up input current surges without causing excessive device turn-on time. power control the isl9011a has two separate enable pins (en1 and en2) to individually control power t o each of the ldo outputs. when both en1 and en2 are low , the device is in shutdown mode. during this condition, al l on-chip circuits are off, and the device draws minimum current, typically less than 0.1a. when one or both of the enable pins are asserted, the device first polls the output o f the uvlo detector to ensure that vin voltage is at least about 2.1v. once verified, the device initiates a start-up sequence. during the start-up sequence, trim settings are fi rst read and la tched. then, sequentially, the bandgap, ref erence voltage and current generation circuitry power-up . once the references are stable, a fast-start circuit quickly charges the external reference bypass capacitor (c onnected to the cbyp pin) to the proper operating voltage. af ter the bypass capacitor has been charged, the ldos power-up. if en1 is brought high, and e n2 goes high b efore the vo1 output stabilizes, the isl9011a delays the vo2 turn-on until the vo1 output reaches its target level. if en2 is brought high, and en1 goes high before vo2 starts its output ramp, then vo1 turn s on first and the isl9011a ldo error amplifier is1 1v qen1 ldo-1 ldo-2 vref trim vin vo1 vo2 cbyp gnd en2 en1 control logic voltage reference generator bandgap and temperature sensor uvlo 1.00v is1 is2 qen1 qen2 vo1 ~1.0v
isl9011a fn6437 rev 2.00 page 10 of 12 september 1, 2015 delays the vo2 turn-on until t he vo1 output reaches its target level. if en2 is brought high, and en1 goes high after vo2 starts its output ramp, th en the isl9011a immediately starts to ramp up the vo1 output. if both en1 and en2 a re brought high at t he same time, the vo1 output has priority, a nd is always powered up first. during operation, whenever th e vin voltage drops below about 1.8v, the isl9011a immediately disables both ldo outputs. when vin rises ba ck above 2.1v, the device re-initiates its start-up s equence and ldo operation will resume automatically. reference generation the reference generation ci rcuitry includes a trimmed bandgap, a trimmed voltage reference divider, a trimmed current reference generator, and an rc noise filter. the filter includes the external capacitor connected to the cbyp pin. a 0.01f capacitor connected cbyp implements a 100hz lowpass filter, and is recommended for most high performance applications. for t he lowest noise application, a 0.1f or greater cbyp capacitor should be used. this filters the reference nois e to below the 10hz to 1khz frequency band, which is crucial in many n oise-sensitive applications. the bandgap generates a zero te mperature coefficient (tc) voltage for the reference divi der. the reference divider provides the regulation re ference and other voltage references required fo r current generation and over-temperature detection. the current generator outputs references required for adaptive biasing as well as r eferences for ldo output current limit and thermal shutdown determination. ldo regulation and programmable output divider the ldo regulator is impl emented with a high-gain operational amplifier driving a pmos pass transistor. the design of the isl9011 a provides a regulator that has low quiescent current, fast trans ient response, and overall stability across all operating and load current conditions. ldo stability is guaranteed for a 1f to 10f output capacitor that has a tolerance better than 20% and esr less than 200m ? . the design is performance-optimized for a 1f capacitor. unless limited by the application, use of an output capacitor value above 4.7f is not recommended as ldo performance improvement is minimal. soft-start circuitry integrated into each ldo lim its the initia l ramp-up rate to about 30s/v to minimize current surge. the isl9011a provides short-circuit protection by limiting the output current to about 475ma. each ldo uses an independently trimmed 1v reference. an internal resistor divider drops the ldo output voltage down to 1v. this is compared to the 1v reference for regulation. the resistor division ratio is programmed in the factory. overheat detection the bandgap outputs a proportion al-to-temperature current that is indicative of the temp erature of the silicon. this current is compared with refer ences to determine if the device is in danger of damage due to overheating. when the die temperature reaches abou t +145c, one or both of the ldos momentarily shut down until the die c ools sufficiently. in the overheat condition, onl y the ldo sourcing more than 50ma will be shut off. this does not affect th e operation of the other ldo. if both ldos s ource more than 50ma and an overheat condition occurs, both ldo outputs are disabled. once the die temperature fall s back below about +110c, the disabled ldo(s) are re -enabled and soft-start automatically takes place.
fn6437 rev 2.00 page 11 of 12 september 1, 2015 isl9011a intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description on ly. intersil may modify the circuit design an d/or specifications of products at any time without notice, provided that such modification does not, in intersil's sole judgment, affect the form, fit or function of the product. accordingly, the reader is cautioned to verify that datasheets are current before placing orders. information fu rnished by intersil is believed to be accu rate and reliable. however, no responsib ility is assumed by intersil or its subsidiaries for its use; nor for any infrin gements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com for additional products, see www.intersil.com/en/products.html ? copyright intersil americas llc 2007-2015. all rights reserved. all trademarks and registered trademarks are the property of their respective owners. about intersil intersil corporation is a leading provider of innovative power management and precision analog solutions. the company's produc ts address some of the largest marke ts within the industrial and i nfrastructure, mobile computing and high-end consumer markets. for the most updated datasheet, application no tes, related documentation and related parts, please see the respective product information page found at www.intersil.com . you may report errors or suggesti ons for improving this datashe et by visiting www.intersil.com/ask . reliability reports are also a vailable from our website at www.intersil.com/support revision history the revision history provided is for informational purposes only and is believed to be accurate, but not warranted. please go t o the web to make sure that you have the latest revision. date revision change september 1, 2015 fn6437.2 updated ordering information table on page 2. added revision history and about intersil sections. updated pod l10.3x3c from rev 1 to rev 4. changes since rev 1: updated format to new standard removed package outline and incl uded center to center distance between lands on recommended land pattern. removed note 4 "dimension b appl ies to the metallized terminal and is measured between 0.18mm and 0.30mm from the terminal tip." since it is not applicable to th is package. renumbered notes accordingly. tiebar note 4 updated from: tiebar shown (if present) is a non-functional feature. to: tiebar shown (if present) is a non-functional feature and m ay be located on any of the 4 sides (or ends).
isl9011a fn6437 rev 2.00 page 12 of 12 september 1, 2015 package outline drawing l10.3x3c 10 lead dual flat package (dfn) rev 4, 3/15 located within the zone indicated. the pin #1 identifier may be unless otherwise specified, tolerance : decimal 0.05 the configuration of the pin #1 identifier is optional, but mus t be dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 5. either a mold or mark feature. 3. 4. 2. dimensions are in millimeters. 1. notes: bottom view detail "x" side view typical recommended land pattern top view (4x) 0.10 index area pin 1 pin #1 index area c seating plane base plane 0.08 see detail "x" c c 4 5 5 a b 0.10 c 2 6 10 1 0.90 0.20 0.50 2.38 3.00 (10x 0.25) (8x 0.50) 2.38 1.64 (10 x 0.60) 3.00 0.05 0.20 ref 10 x 0.25 10x 0.40 1.64 cb max (4x) 0.10 cb m 6. compliant to jedec mo-229-weed-3 except for e-pad dimensions. 2.80 typ tiebar shown (if present) is a non-functional feature and may b e located on any of the 4 sides (or ends).


▲Up To Search▲   

 
Price & Availability of ISL9011AIRFCZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X