Part Number Hot Search : 
C1892CT 2N390 2101A E76XB SB102K UPD65022 DP365 AC05P040
Product Description
Full Text Search
 

To Download IRGP50B60PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  warp2 series igbt withultrafast soft recovery diode IRGP50B60PDpbf 1 www.irf.com 12/1/04 features ? npt technology, positive temperature coefficient ? lower v ce (sat) ? lower parasitic capacitances ? minimal tail current ? hexfred ultra fast soft-recovery co-pack diode ? tighter distribution of parameters ? higher reliability benefits ? parallel operation for higher current applications ? lower conduction losses and switching losses ? higher switching frequency up to 150khz e g n-channel c v ces = 600v v ce(on) typ. = 2.00v @ v ge = 15v i c = 33a equivalent mosfet parameters  r ce(on) typ. = 61m ? i d (fet equivalent) = 50a applications ? telecom and server smps ? pfc and zvs smps circuits ? uninterruptable power supplies ? consumer electronics power supplies ? lead- free to-247ac g c e smps igbt  absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 75 i c @ t c = 100c continuous collector current 42 i cm pulse collector current (ref. fig. c.t.4) 150 i lm clamped inductive load current 150 a i f @ t c = 25c diode continous forward current 50 i f @ t c = 100c diode continous forward current 25 i frm maximum repetitive forward current  100 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 370 w p d @ t c = 100c maximum power dissipation 150 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) thermal resistance parameter min. typ. max. units r jc (igbt) thermal resistance junction-to-case-(each igbt) CCC CCC 0.34 c/w r jc (diode) thermal resistance junction-to-case-(each diode) CCC CCC 0.64 r cs thermal resistance, case-to-sink (flat, greased surface) CCC 0.50 CCC r ja thermal resistance, junction-to-ambient (typical socket mount) CCC CCC 40 weight CCC 6.0 (0.21) CCC g (oz) downloaded from: http:///
IRGP50B60PDpbf 2 www.irf.com notes:  r ce(on) typ. = equivalent on-resistance = v ce(on) typ./ i c , where v ce(on) typ.= 2.00v and i c =33a. i d (fet equivalent) is the equivalent mosfet i d rating @ 25c for applications up to 150khz. these are provided for comparison purposes (only) with equivalent mosfet sol utions.  v cc = 80% (v ces ), v ge = 20v, l = 28 h, r g = 22 ?.   pulse width limited by max. junction temperature.  energy losses include "tail" and diode reverse recovery, data generated with use of diode 30eth06.  c oes eff. is a fixed capacitance that gives the same charging time as c oes while v ce is rising from 0 to 80% v ces . c oes eff.(er) is a fixed capacitance that stores the same energy as c oes while v ce is rising from 0 to 80% v ces . electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions ref.fig v (br)ces collector-to-emitter breakdown voltage 600 v v ge = 0v, i c = 500a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0 . 6 1v / c v ge = 0v, i c = 1ma (25c-125c) r g internal gate resistance 1.2 ? 1mhz, open collector 2 . 02 . 2 i c = 33a, v ge = 15v 4, 5,6,8,9 v ce(on) collector-to-emitter saturation voltage 2.4 2.6 v i c = 50a, v ge = 15v 2 . 62 . 9 i c = 33a, v ge = 15v, t j = 125c 3 . 23 . 6 i c = 50a, v ge = 15v, t j = 125c v ge(th) gate threshold voltage 3.0 4.0 5.0 v i c = 250a 7,8,9 ? v ge(th) / ? tj threshold voltage temp. coefficient -7.07 mv/c v ce = v ge , i c = 1.0ma gfe forward transconductance 42 s v ce = 50v, i c = 33a, pw = 80s i ces collector-to-emitter leakage current 5.0 500 a v ge = 0v, v ce = 600v 1 . 0m a v ge = 0v, v ce = 600v, t j = 125c 1 . 31 . 7 i f = 25a, v ge = 0v v fm diode forward voltage drop 1.5 2.0 v i f = 50a, v ge = 0v 10 1 . 31 . 7 i f = 25a, v ge = 0v, t j = 125c i ges gate-to-emitter leakage current 100 na v ge = 20v, v ce = 0v switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units ref.fig qg total gate charge (turn-on) 240 360 i c = 33a 17 q gc gate-to-collector charge (turn-on) 41 82 nc v cc = 400v ct1 q ge gate-to-emitter charge (turn-on) 84 130 v ge = 15v e on turn-on switching loss 360 590 i c = 33a, v cc = 390v ct3 e off turn-off switching loss 380 420 j v ge = +15v, r g = 3.3 ? , l = 210h e total total switching loss 740 960 tj = 25c  t d(on) turn-on delay time 34 44 i c = 33a, v cc = 390v ct3 t r rise time 26 36 ns v ge = +15v, r g = 3.3 ? , l = 210h t d(off) turn-off delay time 130 140 t j = 25c  t f fall time 43 56 e on turn-on switching loss 610 880 i c = 33a, v cc = 390v ct3 e off turn-off switching loss 460 530 j v ge = +15v, r g = 3.3 ? , l = 210h 11,13 e total total switching loss 1070 1410 t j = 125c wf1,wf 2 t d(on) turn-on delay time 33 43 i c = 33a, v cc = 390v ct3 t r rise time 26 36 ns v ge = +15v, r g = 3.3 ? , l = 200h 12,14 t d(off) turn-off delay time 140 160 t j = 125c  wf1,wf 2 t f fall time 50 65 c ies input capacitance 4750 v ge = 0v 16 c oes output capacitance 390 v cc = 30v c res reverse transfer capacitance 58 pf f = 1mhz c oes eff. effective output capacitance (time related)  2 8 0 v ge = 0v, v ce = 0v to 480v 15 c oes eff. (er) effective output capacitance (energy related)  1 9 0 t j = 150c, i c = 150a 3 rbsoa reverse bias safe operating area full square v cc = 480v, vp =600v ct2 rg = 22 ? , v ge = +15v to 0v t rr diode reverse recovery time 50 75 ns t j = 25c i f = 25a, v r = 200v, 19 105 160 t j = 125c di/dt = 200a/s q rr diode reverse recovery charge 112 375 nc t j = 25c i f = 25a, v r = 200v, 21 420 4200 t j = 125c di/dt = 200a/s i rr peak reverse recovery current 4.5 10 a t j = 25c i f = 25a, v r = 200v, 19,20,21,22 8 . 01 5 t j = 125c di/dt = 200a/s ct5 conditions downloaded from: http:///
IRGP50B60PDpbf www.irf.com 3 fig. 1 - maximum dc collector current vs. case temperature fig. 2 - power dissipation vs. case temperature fig. 3 - reverse bias soa t j = 150c; v ge =15v fig. 4 - typ. igbt output characteristics t j = -40c; tp = 80s fig. 5 - typ. igbt output characteristics t j = 25c; tp = 80s fig. 6 - typ. igbt output characteristics t j = 125c; tp = 80s 0 20 40 60 80 100 120 140 160 t c (c) 0 50 100 150 200 250 300 350 400 p t o t ( w ) 024681 0 v ce (v) 0 40 80 120 160 200 240 280 320 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v 25 50 75 100 125 150 t c , case temperature (c) 0 10 20 30 40 50 60 70 80 i c , c o l l e c t o r c u r r e n t ( a ) limited by package 10 100 1000 v ce (v) 1 10 100 1000 i c a ) 024681 0 v ce (v) 0 40 80 120 160 200 240 280 320 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v 02468101214161820 v ce (v) 0 40 80 120 160 200 240 280 320 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v downloaded from: http:///
IRGP50B60PDpbf 4 www.irf.com fig. 8 - typical v ce vs. v ge t j = 25c fig. 9 - typical v ce vs. v ge t j = 125c fig. 12 - typ. switching time vs. i c t j = 125c; l = 200h; v ce = 390v, r g = 3.3 ? ; v ge = 15v. diode clamp used: 30eth06 (see c.t.3) fig. 11 - typ. energy loss vs. i c t j = 125c; l = 200h; v ce = 390v, r g = 3.3 ? ; v ge = 15v. diode clamp used: 30eth06 (see c.t.3) fig. 10 - maximum. diode forward characteristics tp = 80s fig. 7 - typ. transfer characteristics v ce = 50v; tp = 10s 0 5 10 15 20 v ge (v) 0 100 200 300 400 500 600 i c e ( a ) t j = 25c t j = 125c t j = 125c t j = 25c 0 5 10 15 20 v ge (v) 0 5 10 15 20 25 v c e ( v ) i ce = 15a i ce = 33a i ce = 50a 0 5 10 15 20 v ge (v) 0 5 10 15 20 25 v c e ( v ) i ce = 15a i ce = 33a i ce = 50a 10 20 30 40 50 60 70 i c (a) 200 400 600 800 1000 1200 1400 1600 1800 e n e r g y ( j ) e off e on 0 10 20 30 40 50 60 70 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 1 10 1 00 0.6 1.0 1.4 1.8 2.2 2.6 fm t = 150c t = 125c t = 25c jj j a forward voltage drop - v (v)  
      downloaded from: http:///
IRGP50B60PDpbf www.irf.com 5 fig. 14 - typ. switching time vs. r g t j = 125c; l = 200h; v ce = 390v, i ce = 33a; v ge = 15v diode clamp used: 30eth06 (see c.t.3) fig. 13 - typ. energy loss vs. r g t j = 125c; l = 200h; v ce = 390v, i ce = 33a; v ge = 15v diode clamp used: 30eth06 (see c.t.3) fig. 16 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz fig. 15 - typ. output capacitance stored energy vs. v ce fig. 17 - typical gate charge vs. v ge i ce = 33a fig. 18 - normalized typ. v ce(on) vs. junction temperature i c = 33a, v ge = 15v 0 10 20 30 40 r g ( ? ) 200 400 600 800 1000 1200 1400 1600 1800 e n e r g y ( j ) e on e off 0 10 20 30 40 r g ( ? ) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 0 100 200 300 400 500 600 700 voltage (v) 0 5 10 15 20 25 30 35 e o e s ( j ) 0 100 200 300 400 500 v ce (v) 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres 0 50 100 150 200 250 300 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ce = 480v -60 -40 -20 0 20 40 60 80 100 120 140 160 t c (c) 0.5 0.8 1.0 1.3 1.5 n o r m a l i z e d v c e ( o n ) downloaded from: http:///
IRGP50B60PDpbf 6 www.irf.com   
        
 
                      20 40 60 80 1 00 1 20 1 40 100 1000 f di /dt - (a/s) a i = 50a i = 25a i = 10a f f f v = 200v t = 125c t = 25c rj j   0 5 1 0 1 5 2 0 2 5 3 0 100 1000 f di /dt - (a/s) a i = 50a i = 25a i = 10a v = 200v t = 125c t = 25c rj j f f f   0 200 400 600 800 1 000 1 200 1 400 100 1000 f di /dt - (a/s) a i = 50a i = 25a i = 10a v = 200v t = 125c t = 25c rj j f f f   100 1000 1 0000 100 1000 f di /dt - (a/s) a i = 50a i = 25a i = 10a f f f v = 200v t = 125c t = 25c rj j    downloaded from: http:///
IRGP50B60PDpbf www.irf.com 7 fig. 24. maximum transient thermal impedance, junction-to-case (diode) fig 23. maximum transient thermal impedance, junction-to-case (igbt) fig. 25 - forward soa, t c = 25c; t j 150c 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.0789 0.0002770.2614 0.040918 j j 1 1 2 2 r 1 r 1 r 2 r 2 c ci= i / ri ci= i / ri 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.0733 0.0004200.1301 0.002274 0.1358 0.023026 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci= i / ri ci= i / ri 1 10 100 1000 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by v ce (on) tc = 25c tj = 150c single pulse 100sec 1msec 10msec 100msec downloaded from: http:///
IRGP50B60PDpbf 8 www.irf.com fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit l rg 80 v dut 480v 1k vcc du t 0 l fig.c.t.4 - resistive load circuit rg vcc dut r = v cc i cm fig.c.t.3 - switching loss circuit fig. c.t.5 - reverse recovery parameter test circuit reverse recovery circuit irfp250 d.u.t. l = 70h v = 200v r 0.01 ? g d s dif/dt adjust p fc diode l rg vc c dut / driver downloaded from: http:///
IRGP50B60PDpbf www.irf.com 9 fig. wf1 - typ. turn-off loss waveform @ t j = 25c using fig. ct.3 fig. wf2 - typ. turn-on loss waveform @ t j = 25c using fig. ct.3 fig. wf3 - reverse recovery waveform and definitions   
       
              

 
            t a t b t rr q rr i f i rrm i rrm 0.5 di(rec)m/dt 0.75 i rrm 5 4 3 2 0 1 di /dt f ! 
 "
 
      # $$    
  $      %"  $   & &
$   &# $$    
      '  
( 
$$    )*  
))   +
(
 #    -100 0 100 200 300 400 500 600 700 -0.05 0 0.05 0.1 0.15 time (us) vce ( v) -5 0 5 10 15 20 25 30 35 ice (a) tf eo f f lo s s 90% ice 5% vce 5% ice vce ic e -100 0 100 200 300 400 500 600 700 3.95 4.05 4.15 4.25 time (us) vce ( v) -10 0 10 20 30 40 50 60 70 ice (a) eo n loss tr 90% ice 10% ice 5% vce vce ice downloaded from: http:///
IRGP50B60PDpbf 10 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 12/04 data and specifications subject to change without notice. this product has been designed and qualified for industrial market. qualification standards can be found on irs web site. to-247ac package is not recommended for surface mount application. 
  dimensions are shown in millimeters (inches) 
      example: as sembled on ww 35, 2000 lot code 5657 wit h as s e mb l y t his is an irfpe30 in the assembly line "h" 035h logo international rect if ier irfpe30 lot code as s e mb l y 56 57 part number dat e code ye ar 0 = 200 0 we e k 35 line h note: "p" in assembly line position indicates "lead-free" downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRGP50B60PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X