Part Number Hot Search : 
G310VS 180CA SM5902AF W8NA60 MC34676 AD9652 PM7364 N4001
Product Description
Full Text Search
 

To Download HIN211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fn3980 rev 19.00 page 1 of 20 august 6, 2015 fn3980 rev 19.00 august 6, 2015 hin202, hin206, hin207 , hin208, HIN211, hin213 +5v powered rs-232 transmitters/receivers with 0.1microfarad ex ternal capacitors datasheet the hin202, hin206, hin207 , hin208, HIN211, hin213 family of rs-232 transmitters /receivers interface circuits meet all ela rs-232e and v. 28 specifications, and are particularly suited for those applications where ? 12v is not available. they require a single +5v power supply and feature onboard charge pump voltage converters which generate +10v and -10v supplie s from the 5v supply. the family of devices offers a wide variety of rs-232 transmitter/receiver combinations to accommodate various applications (see selection table). the hin206, HIN211 and hin213 feature a low power shutdown mode to conserve energy in battery powered applications. in addition, the hin213 provides two active receivers in shutdown mode allowing for easy ?wakeup? capability. the drivers feature true ttl/cm os input compatibility, slew rate-limited output, and 300 ? power-off source impedance. the receivers can handle up to ? 30v input, and have a 3k ? to 7k ? input impedance. the re ceivers also feature hysteresis to greatly improve noise rejection. applications ? any system requiring rs-232 communications port - computer - portable, mainframe, laptop - peripheral - printers and terminals - instrumentation - modems features ? pb-free plus anneal available (rohs compliant) (see ordering info) ? meets all rs-232e and v.28 specifications ? requires only 0.1 ? f or greater exte rnal capacitors ? high data rate. . . . . . . . . . . . . . . . . . . . . . . . . . .120kbit/s ? two receivers active in shutdown mode (hin213) ? requires only single +5v power supply ? onboard voltage doubler/inverter ? low power consumption (typ) . . . . . . . . . . . . . . . . . 5ma ? low power shutdown function (typ) . . . . . . . . . . . . .1 ? a ? three-state ttl/cmos receiver outputs ? multiple drivers - ? 10v output swing for +5v lnput -300 ? power-off source impedance - output current limiting - ttl/cmos compatible -30v/ ? s maximum slew rate ? multiple receivers - ? 30v input voltage range -3k ? to 7k ? input impedance - 0.5v hysteresis to improve noise rejection selection table part number power supply voltage number of rs-232 drivers number of rs-232 receivers number of 0.1 ? f external capacitors low power shutdown/ttl three-state number of receivers active in shutdown hin202 +5v 2 2 4 capacitors no/no 0 hin206 +5v 4 3 4 capacitors yes/yes 0 hin207 +5v 5 3 4 capacitors no/no 0 hin208 +5v 4 4 4 capacitors no/no 0 HIN211 +5v 4 5 4 capacitors yes/yes 0 hin213 +5v 4 5 4 capacitors yes/yes 2
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 2 of 20 august 6, 2015 ordering information part no. temp. range (c) package pkg. dwg. # hin202cbz (see note) 0 to 70 16 ld soic (w) (pb-free) m16.3 hin202cbz-t (see note) 0 to 70 16 ld soic (w) tape and reel ( pb-free) m16.3 hin202cbn z (see note) 0 to 70 16 ld soic (n) (pb-free) m16.15 hin202cbn z-t (see note) 0 to 70 16 ld soic (n) tape and reel (pb-free) m16.15 hin202cpz (see note) 0 to 70 16 ld pdip e16.3 hin202ibz (see note) -40 to 85 16 ld soic (w) (pb-free) m16.3 hin202ibnz (see note) -40 to 85 16 ld soic (n) (pb-free) m16.15 hin202ibnz-t (see note) -40 to 85 16 ld soic (n) tape and reel (pb-free) m16.15 hin207caz (see note) (no longer available, recommended replacement: hin207ecaz) 0 to 70 24 ld ssop (pb-free) m24.209 hin207caz-t (see note) (no longer available, recommended replacement: hin207ecaz-t) 0 to 70 24 ld ssop tape and reel (pb-free) m24.209 hin208cbz (see note) (no longer available, recommended replacement: hin208ecbz-t) 0 to 70 24 ld soic (pb-free) m24.3 hin208cbz-t (see note) (no longer available, recommended replacement: hin208ecbz-t) 0 to 70 24 ld soic tape and reel (pb-free) m24.3 HIN211caz (see note) 0 to 70 28 ld ssop (pb-free) m28.209 HIN211caz-t (see note) 0 to 70 28 ld ssop tape and reel (pb-free) m28.209 HIN211cbz (see note) 0 to 70 28 ld soic (pb-free) m28.3 HIN211cbz-t (see note) 0 to 70 28 ld soic tape and reel (pb-free) m28.3 hin213caz (see note) 0 to 70 28 ld ssop (pb-free) m28.209 hin213caz-t (see note) 0 to 70 28 ld ssop tape and reel (pb-free) m28.209 note: intersil pb-free plus anneal products employ special pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination fini sh, which are rohs compliant an d compatible with both snpb and pb-free soldering operations. int ersil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. ordering information (continued) part no. temp. range (c) package pkg. dwg. #
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 3 of 20 august 6, 2015 pin descriptions pin function v cc power supply input 5v ? 10%, (5v ? 5% hin207). v+ internally generated posit ive supply (+10v nominal). v- internally generated negat ive supply (-10v nominal). gnd ground lead. connect to 0v. c1+ external capacitor (+ termin al) is connected to this lead. c1- external capacitor (- termi nal) is connected to this lead. c2+ external capacitor (+ termin al) is connected to this lead. c2- external capacitor (- termi nal) is connected to this lead. t in transmitter inputs. these leads accept ttl/cmos levels. an internal 400k ?? pull-up resistor to v cc is connected to each lead. t out transmitter outputs. these ar e rs-232 levels (nominally ? 10v). r in receiver inputs. these inputs accept rs-232 input levels. an internal 5k ?? pull-down resistor to gnd is connected to each input. r out receiver outputs. these are ttl/cmos levels. en , en receiver enable input. with en = 5v (hin213 en = 0v), the receiver outputs are placed in a high impedance state. sd, sd shutdown input. with sd = 5v (hin213 sd = 0v), the charge pump is disabled, the re ceiver outputs are in a high impedance state (except r4 and r5 of hin213) and the transmitters are shut off. nc no connect. no connections are made to these leads.
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 4 of 20 august 6, 2015 pinouts hin202 (pdip, soic) top view hin206 (soic) top view 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 c1+ v+ c1- c2+ c2- r2 in t2 out v cc t1 out r1 in r1 out t1 in t2 in r2 out gnd v- t3 out t1 out t2 out r1 in r1 out t2 in t1 in gnd v cc c1+ v+ c1- t4 out r2 out sd en t4 in r3 out v- c2- c2+ r2 in t3 in r3 in 1 2 3 4 5 6 7 8 9 10 11 12 16 17 18 19 20 21 22 23 24 15 14 13 v cc +5v 2 v+ 16 t1 out t2 out t1 in t2 in t1 t2 11 10 14 7 +5v 400k ? +5v 400k ? r1 out r1 in r1 13 12 5k ? r2 out r2 in r2 8 9 5k ? +10v to -10v voltage inverter 0.1 ? f 6 v- c2+ c2- + 0.1 ? f 4 5 +5v to 10v voltage inverter c1+ c1- + 0.1 ? f 1 3 + 0.1 ? f + gnd 15 9 v cc +5v to 10v voltage doubler +10v to -10v voltage inverter t1 out t2 out t3 out t4 out t4 in t1 in t2 in t3 in t1 t2 t3 t4 +5v + 0.1 ? f + 0.1 ? f + 0.1 ? f 7 6 2 3 18 1 19 24 10 12 11 15 v+ v- c1+ c1- c2+ c2- +5v 400k ? +5v 400k ? +5v 400k ? +5v 400k ? + 0.1 ? f 13 14 r1 out r1 in r1 4 5 5k ? r2 out r2 in r2 23 22 5k ? r3 out r3 in r3 16 17 5k ? en 20 21 sd gnd 8
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 5 of 20 august 6, 2015 hin207 (soic, ssop) top view hin208 (soic) top view pinouts (continued) t3 out t1 out t2 out r1 in r1 out t2 in t1 in gnd v cc c1+ v+ c1- t4 out r2 out t5 in t5 out t4 in r3 out v- c2- c2+ r2 in t3 in r3 in 1 2 3 4 5 6 7 8 9 10 11 12 16 17 18 19 20 21 22 23 24 15 14 13 t2 out t1 out r2 in r2 out t1 in r1 out r1 in gnd v cc c1+ v+ c1- t3 out r3 out t4 in t4 out t3 in r4 out v- c2- c2+ r3 in t2 in r4 in 1 2 3 4 5 6 7 8 9 10 11 12 16 17 18 19 20 21 22 23 24 15 14 13 9 v cc +5v to 10v voltage doubler +10v to -10v voltage inverter t1 out t2 out t3 out t4 out t4 in t1 in t2 in t3 in t1 t2 t3 t4 +5v + 0.1 ? f + 0.1 ? f + 0.1 ? f 7 6 2 3 18 1 19 24 10 12 11 15 v+ v- c1+ c1- c2+ c2- +5v 400k ? +5v 400k ? +5v 400k ? +5v 400k ? + 0.1 ? f 13 14 r1 out r1 in r1 4 5 5k ? r2 out r2 in r2 23 22 5k ? r3 out r3 in r3 16 17 5k ? t5 out t5 in t5 21 20 +5v 400k ? gnd 8 9 v cc +5v to 10v voltage doubler +10v to -10v voltage inverter t1 out t2 out t3 out t4 out t4 in t1 in t2 in t3 in t1 t2 t3 t4 +5v + 0.1 ? f + 0.1 ? f + 0.1 ? f 5 18 2 1 19 24 21 20 10 12 11 15 v+ v- c1+ c1- c2+ c2- +5v 400k ? +5v 400k ? +5v 400k ? +5v 400k ? + 0.1 ? f 13 14 r1 out r1 in r1 7 6 5k ? r2 out r2 in r2 3 4 5k ? r3 out r3 in r3 23 22 5k ? r4 out r4 in r4 16 17 5k ? gnd 8
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 6 of 20 august 6, 2015 HIN211 (soic, ssop) top view hin213 (ssop) top view note: r4 and r5 active in shutdown. pinouts (continued) t3 out t1 out t2 out r2 in r2 out t2 in t1 in r1 out r1 in gnd v cc c1+ v+ c1- t4 out r3 out sd en r4 in t4 in r5 out r5 in v- c2- c2+ r3 in r4 out t3 in 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 t3 out t1 out t2 out r2 in r2 out t2 in t1 in r1 out r1 in gnd v cc c1+ v+ c1- t4 out r3 out sd en r4 in t4 in r5 out r5 in v- c2- c2+ r3 in r4 out t3 in 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 11 v cc +5v to 10v voltage doubler +10v to -10v voltage inverter t1 out t2 out t3 out t1 in t2 in t3 in t1 t2 t3 +5v + 0.1 ? f + 0.1 ? f + 0.1 ? f 7 6 2 3 20 1 12 14 13 17 v+ v- c1+ c1- c2+ c2- +5v 400k ? +5v 400k ? +5v 400k ? + 0.1 ? f 15 16 r1 out r1 in r1 9 5k ? r2 out r2 in r2 4 5 5k ? r3 out r3 in r3 27 26 5k ? r4 out r4 in r4 23 22 5k ? r5 out r5 in r5 18 19 5k ? en 24 8 t4 out t4 in t4 21 28 +5v 400k ? sd 25 gnd 10 11 v cc +5v to 10v voltage doubler +10v to -10v voltage inverter t1 out t2 out t3 out t1 in t2 in t3 in t1 t2 t3 +5v + 0.1 ? f + 0.1 ? f + 0.1 ? f 7 6 2 3 20 1 12 14 13 17 v+ v- c1+ c1- c2+ c2- +5v 400k ? +5v 400k ? +5v 400k ? + 0.1 ? f 15 16 r1 out r1 in r1 9 5k ? r2 out r2 in r2 4 5 5k ? r3 out r3 in r3 27 26 5k ? r4 out r4 in r4 23 22 5k ? r5 out r5 in r5 18 19 5k ? en 24 8 t4 out t4 in t4 21 28 +5v 400k ? 25 sd gnd 10
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 7 of 20 august 6, 2015 absolute maximum ratings thermal information v cc to ground. . . . . . . . . . . . . . . . . . . . . . (gnd -0.3v) HIN211, hin213 -1120ma shutdown supply current, i cc (sd) t a = 25c hin206, HIN211 - 1 10 ? a hin213 - 15 50 ? a logic and transmitter inputs, receiver outputs input logic low, v ll t in , en , sd, en, sd --0.8v input logic high, v lh t in 2.0 - - v en , sd, en, sd 2.4 - - v transmitter input pullup current, i p t in = 0v - 15 200 ? a ttl/cmos receiver output voltage low, v ol i out = 1.6ma (hin202, i out = 3.2ma) -0.10.4v ttl/cmos receiver output voltage high, v oh i out = -1ma 3.5 4.6 - v ttl/cmos receiver output leakage en = v cc , en = 0, 0v < r out < v cc -0.05 ? 10 ? a receiver inputs rs-232 input voltage range, v in -30 - +30 v receiver input impedance, r in t a = 25c, v in = ? 3v 3.0 5.0 7.0 k ? receiver input low threshold, v in (h-l) v cc = 5v, t a = 25c active mode 0.8 1.2 - v shutdown mode hin213 r4 and r5 0.6 1.5 - v receiver input high threshold, v in (l-h) v cc = 5v, t a = 25c active mode - 1.7 2.4 v shutdown mode hin213 r4 and r5 -1.52.4v receiver input hysteresis, v hyst v cc = 5v no hysteresis in shutdown mode 0.2 0.5 1.0 v
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 8 of 20 august 6, 2015 timing characteristics baud rate 1 transmitter switching r l = 3k ? 120 - - kbps output enable time, t en hin206, HIN211, hin213 - 400 - ns output disable time, t dis hin206, HIN211, hin213 - 200 - ns transmitter, receiver propagation delay, t pd hin213 sd = 0v, r4, r5 - 0.5 40 ? s hin213 sd = v cc , r1 - r5 - 0.5 10 ? s hin202, hin206, hin207, hin208, HIN211 - 0.5 10 ? s transition region slew rate, sr t r l = 3k ? , c l = 2500pf measured from +3v to -3v or -3v to +3v, 1 transmitter switching (note 2) 3-30v/ ? s transmitter outputs output voltage swing, t out transmitter outputs, 3k ? to ground ? 5 ? 9 ? 10 v output resistance, t out v cc = v+ = v- = 0v, v out = ? 2v 300 - - ? rs-232 output short circuit current, i sc t out shorted to gnd - ? 10 - ma note: 2. guaranteed by design. electrical specifications test conditions: v cc = +5v ? 10%, (v cc = +5v ? 5%, hin207); c1-c4 = 0.1 ? f; t a = operating temperature range (continued) parameter test conditions min typ max units + - c1 + - c3 + - c2 + - c4 s1 s2 s5 s6 s3 s4 s7 s8 v cc gnd rc oscillator v cc gnd v+ = 2v cc gnd v - = - (v+) c1+ c1 - c2 - c2+ voltage inverter voltage doubler figure 1. charge pump
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 9 of 20 august 6, 2015 detailed description the hin202, hin206, hin207 , hin208, HIN211, hin213 family of rs-232 transmitters/receivers are powered by a single +5v power supply feature low power consumption, and meet all ela rs232c and v.28 sp ecifications. the circuit is divided into three sections: the charge pump, transmitter, and receiver. charge pump an equivalent circuit of the charge pump is illustrated in figure 1. the charge pump contains two sections: the voltage doubler and the voltage inverter. each section is driven by a two phase, internally generated clock to generate +10v and -10v. the nominal clock frequency is 125khz. during phase one of the clock, capacitor c1 is charged to v cc . during phase two, the voltage on c1 is added to v cc , producing a signal across c3 equal to twice v cc . during phase two, c2 is also charged to 2v cc , and then during phase one, it is inverted with respect to ground to produce a signal across c4 equal to -2v cc . the charge pump accepts input volt ages up to 5.5v. the output impedance of the voltage do ubler section (v+) is approximately 200 ? , and the output imped ance of the voltage inverter section (v-) is approximately 450 ? . a typical application uses 0.1 ? f capacitors for c1-c4, however, the value is not critical. increasing the values of c1 and c2 will lower the output impedance of the voltage doubler and inverter, increasing the values of the reservoir capacitors, c3 and c4, lowers the ripple on the v+ and v- supplies. during shutdown mode (hin206 and HIN211, sd = v cc , hin213, sd = 0v) the charge pump is turned off, v+ is pulled down to v cc , v- is pulled up to gnd, and the supply current is reduced to less than 10 ? a. the transmitter outputs are disabled and the receiver outputs (except for hin213, r4 and r5) are placed in the high impedance state. transmitters the transmitters are ttl/cmos compatible inverters which translate the inputs to rs- 232 outputs. the input logic threshold is about 26% of v cc , or 1.3v for v cc = 5v. a logic 1 at the input results in a voltage of between -5v and v- at the output, and a logic 0 results in a voltage between +5v and (v+ - 0.6v). each transmitter input has an internal 400k ? pullup resistor so any unused input can be left unconnected and its output remains in its low state. the output voltage swing meets the rs-232c specifications of ? 5v minimum with the worst case conditions of: all transmitters driving 3k ? minimum load impedance, v cc = 4.5v, and maximum allowable operating temperature. the transmitters have an internally limited output slew rate which is less than 30v/ ? s. the outputs are short circuit protected and can be shorted to ground indefinitely. the powered down output impedance is a minimum of 300 ? with ? 2v applied to the outputs and v cc = 0v. receivers the receiver inputs accept up to ? 30v while presenting the required 3k ? to 7k ? input impedance even if the power is off (v cc = 0v). the receivers have a typical input threshold of 1.3v which is within the ? 3v limits, known as the transition region, of the rs-232 specifications. the re ceiver output is 0v to v cc . the output will be low whenever the input is greater than 2.4v and high whenever the input is floating or driven between +0.8v and -30v. t he receivers feature 0.5v hysteresis (except during sh utdown) to improve noise rejection. the receiver enable line (en on hin206 and HIN211, en on hin213) when unasserted, disables the receiver outputs, placing them in the high impedance mode. the receiver outputs are also placed in the high impedance state when in shutdown mode (except hin213 r4 and r5). hin213 operation in shutdown the hin213 features two receiv ers, r4 and r5, which remain active in shutdown mode. during normal operation the receivers propagation delay is typically 0.5 ? s. this propagation delay may increase slightly during shutdown. when entering shut down mode, receivers r4 and r5 are not valid for 80 ? s after sd = v il . when exiting shutdown mode, all receiver outputs will be invalid until the charge pump circuitry reaches normal operating volt age. this is typically less than 2ms when using 0.1 ? f capacitors. t out v- < v tout < v+ 300 ? 400k ? t xin gnd < t xin < v cc v- v+ v cc figure 2. transmitter r out gnd < v rout < v cc 5k ? r xin -30v < r xin < +30v gnd v cc figure 3. receiver t in v ol v ol t plh t phl average propagation delay = t phl + t plh 2 or r in t out or r out figure 4. propagation delay definition
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 10 of 20 august 6, 2015 application information the hin2xx may be used for all rs-232 data terminal and communication links. it is partic ularly useful in applications where ? 12v power supplies are not available for conventional rs-232 interface circuits. the applications presented represent typical interface configurations. a simple duplex rs-232 port with cts/rts handshaking is illustrated in figure 9. fixed output signals such as dtr (data terminal ready) and dsrs (data signaling rate select) is generated by driving t hem through a 5kw resistor connected to v+. in applications requiring four rs-232 inputs and outputs (figure 10), note that each ci rcuit requires two charge pump capacitors (c1 and c2) but can share common reservoir capacitors (c3 and c4). t he benefit of sharing common reservoir capacitors is the elimination of two capacitors and the reduction of the charge pump source impedance which effectively increases the outp ut swing of the transmitters. typical performance curves figure 5. v- supply voltage vs v cc figure 6. v+, v- output voltage vs load 12 10 8 6 4 2 0 3.5 4.0 4.5 6.0 v cc v- supply voltage (v) 5.0 5.5 3.0 0.1 ? f 35 |i load | (ma) v+ (v cc = 4v) v+ (v cc = 5v) v- (v cc = 5v) v- (v cc = 4v) t a = 25c transmitter outputs open circuit 30 25 20 15 10 5 0 supply voltage (|v|) 0 12 10 8 6 4 2 test circuits (hin202) figure 7. general test circuit figure 8. power-off source resistance configuration 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 c1+ v+ c1- c2+ c2- v- r2 in t2 out v cc t1 out r1 in r1 out t1 in t2 in r2 out gnd +4.5v to +5.5v input 3k ? t1 output rs-232 ? 30v input ttl/cmos output ttl/cmos input ttl/cmos input ttl/cmos output + - 0.1 ? f c3 + - 0.1 ? f c1 + - 0.1 ? f c2 + - 0.1 ? f c4 3k ? output rs-232 ? 30v input t2 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 c1+ v+ c1- c2+ c2- v- r2 in t2 out v cc t1 out r1 in r1 out t1 in t2 in r2 out gnd t2 out t1 out v in = ? 2v a r out = v in /i
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 11 of 20 august 6, 2015 - + - + - + ctr (20) data terminal ready dsrs (24) data signaling rate rs-232 inputs and outputs td (2) transmit data rts (4) request to send rd (3) receive data cts (5) clear to send signal ground (7) 15 8 13 7 14 16 - + 6 r2 r1 t2 t1 9 12 10 11 4 5 3 1 hin202 c1 0.1 ? f c2 0.1 ? f td rts rd cts select +5v inputs outputs ttl/cmos figure 9. simple duplex rs-232 port with cts/rts handshaking - + rs-232 inputs and outputs dtr (20) data terminal ready dsrs (24) data signaling rate select dcd (8) data carrier detect r1 (22) ring indicator signal ground (7) 15 8 13 7 14 2 - + 4 r2 r1 t2 t1 9 12 10 11 3 1 hin202 c1 0.1 ? f dtr dsrs dcd r1 +5v inputs outputs ttl/cmos - + - + td (2) transmit data rts (4) request to send rd (3) receive data cts (5) clear to send 8 13 7 14 15 r2 r1 t2 t1 9 12 10 11 4 5 3 1 hin202 c1 0.1 ? f c2 0.1 ? f td rts rd cts inputs outputs ttl/cmos - + 5 c2 0.1 ? f 16 c3 0.2 ? f 6 2 6 v- v+ - + c4 0.2 ? f 16 v cc v cc figure 10. combining two hin202s for 4 pairs of rs-232 inputs an d outputs
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 12 of 20 august 6, 2015 die characteristics die dimensions: 160 mils x 140 mils metallization: type: al thickness: 10k ? ? 1k ? substrate potential v+ passivation: type: nitride over silox nitride thickness: 8k ? silox thickness: 7k ? transistor count: 238 process: cmos metal gate metallization mask layout HIN211 t3 out t1 out t2 out r2 in r2 out t2 in t1 in r1 out r1 in gnd v cc c1+ v+ c1- c2+ c2- v- r5 in r5 out t3 in t4 in r4 out r4 in en shd t4 out r3 in r3 out
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 13 of 20 august 6, 2015 about intersil intersil corporation is a leading provider of innovative power management and precision analog solutions. the company's product s address some of the largest markets within the industrial and in frastructure, mobile computing and high-end consumer markets. for the most updated datasheet, application notes, related documentation and related parts , please see the respective product information page found at www.intersil.com . you may report errors or suggestions fo r improving this datasheet by visiting www.intersil.com/ask . reliability reports are also av ailable from our website at www.intersil.com/support revision history the revision history provided is for info rmational purposes only and is believed to be accurate, but not warranted. please go t o the web to make sure that you have the latest revision. date revision change august 6, 2015 fn3980.19 updated ordering information table on page 2. added revision history and about intersil sections. updated package outline drawings to the latest revision. changes ar e listed as follows: m24.3 -revision 0 to revision 1, ?rem oved symbol which is overlappi ng the alpha symbol in the diagram.? -revision 1 to revision 2, ?updat ed to new pod standard by removi ng table listing dimensions and putting dimensions on drawing. added land pattern.? m28.3 -revision 0 to revision 1, ?added land pattern?
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 14 of 20 august 6, 2015 dual-in-line plastic packages (pdip) notes: 1. controlling dimensions: inch. in case of conflict between english and metric dimensions, the in ch dimensions control. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. symbols are defined in the ?mo series symbol list? in section 2.2 of publication no. 95. 4. dimensions a, a1 and l are measured with the package seated in je- dec seating plane gauge gs - 3. 5. d, d1, and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shal l not exceed 0.010 inch (0.25mm). 6. e and are measured with the leads constrained to be perpendic- ular to datum . 7. e b and e c are measured at the lead tips with the leads unconstrained. e c must be zero or greater. 8. b1 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. n is the maximum number of terminal positions. 10. corner leads (1, n, n/2 and n/2 + 1) for e8.3, e16.3, e18.3, e28.3, e42.6 will have a b1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). e a -c- c l e e a c e b e c -b- e1 index 12 3 n/2 n area seating base plane plane -c- d1 b1 b e d d1 a a2 l a1 -a- 0.010 (0.25) c a m bs e16.3 (jedec ms-001-bb issue d) 16 lead dual-in-line plastic package symbol inches millimeters notes min max min max a - 0.210 - 5.33 4 a1 0.015 - 0.39 - 4 a2 0.115 0.195 2.93 4.95 - b 0.014 0.022 0.356 0.558 - b1 0.045 0.070 1.15 1.77 8, 10 c 0.008 0.014 0.204 0.355 - d 0.735 0.775 18.66 19.68 5 d1 0.005 - 0.13 - 5 e 0.300 0.325 7.62 8.25 6 e1 0.240 0.280 6.10 7.11 5 e 0.100 bsc 2.54 bsc - e a 0.300 bsc 7.62 bsc 6 e b - 0.430 - 10.92 7 l 0.115 0.150 2.93 3.81 4 n16 169 rev. 0 12/93
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 15 of 20 august 6, 2015 small outline plast ic packages (soic) notes: 1. symbols are defined in the mo series symbol list in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension d does not include mold flash, protrusions or gat e burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm ( 0.006 inch) per side. 4. dimension e does not include interlead flash or protrusions . interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. l is the length of terminal for soldering to a substrate. 7. n is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width b, as measured 0.36mm (0.014 inch) or greate r above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. controlling dimension: millimeter. converted inch dimensions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 c h 0.25(0.010) b m m ? m16.15 (jedec ms-012-ac issue c) 16 lead narrow body small outline plastic package symbol inches millimeters notes min max min max a 0.0532 0.0688 1.35 1.75 - a1 0.0040 0.0098 0.10 0.25 - b 0.013 0.020 0.33 0.51 9 c 0.0075 0.0098 0.19 0.25 - d 0.3859 0.3937 9.80 10.00 3 e 0.1497 0.1574 3.80 4.00 4 e 0.050 bsc 1.27 bsc - h 0.2284 0.2440 5.80 6.20 - h 0.0099 0.0196 0.25 0.50 5 l 0.016 0.050 0.40 1.27 6 n16 167 ? 0 8 0 8 - rev. 1 6/05
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 16 of 20 august 6, 2015 small outline plast ic packages (soic) notes: 1. symbols are defined in the mo series symbol list in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension d does not include mold flash, protrusions or gat e burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm ( 0.006 inch) per side. 4. dimension e does not include interlead flash or protrusions . interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. l is the length of terminal for soldering to a substrate. 7. n is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width b, as measured 0.36mm (0.014 inch) or greate r above the seating plane, shall not exceed a maximum value of 0.61mm ( 0.024 inch) 10. controlling dimension: millime ter. converted inch dimensions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 c h 0.25(0.010) b m m ? m16.3 (jedec ms-013-aa issue c) 16 lead wide body small outline plastic package symbol inches millimeters notes min max min max a 0.0926 0.1043 2.35 2.65 - a1 0.0040 0.0118 0.10 0.30 - b 0.013 0.0200 0.33 0.51 9 c 0.0091 0.0125 0.23 0.32 - d 0.3977 0.4133 10.10 10.50 3 e 0.2914 0.2992 7.40 7.60 4 e 0.050 bsc 1.27 bsc - h 0.394 0.419 10.00 10.65 - h 0.010 0.029 0.25 0.75 5 l 0.016 0.050 0.40 1.27 6 n16 167 ? 0 8 0 8 - rev. 1 6/05
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 17 of 20 august 6, 2015 package outline drawing m24.3 24 lead wide body small outline plastic package (soic) rev 2, 3/11 top view notes: 1. dimensioning and tolerancing per ansi y14.5m-1982. 2. package length does not include mold flash, protrusions or ga te burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 3. package width does not include interlead flash or protrusions . interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 4. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 5. terminal numbers are shown for reference only. 6. the lead width as measured 0.36mm (0.014 inch) or greater abo ve the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 7. controlling dimension: millimete r. converted inch dimensions i n ( ) are not necessarily exact. 8. this outline conforms to jede c publication ms-013-ad issue c . side view a side view b typical recommended land pattern index area 24 123 seating plane detail "a" x 45 7.60 (0.299) 7.40 (0.291) 0.75 (0.029) 0.25 (0.010) 10.65 (0.419) 10.00 (0.394) 1.27 (0.050) 0.40 (0.016) 15.60 (0.614) 15.20 (0.598) 2.65 (0.104) 2.35 (0.093) 0.30 (0.012) 0.10 (0.004) 1.27 (0.050) 0.51 (0.020) 0.33 (0.013) 0.32 (0.012) 0.23 (0.009) 8 0 1.981 (0.078) 9.373 (0.369) 0.533 (0.021) 1.27 (0.050)
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 18 of 20 august 6, 2015 shrink small outline plastic packages (ssop) notes: 1. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. dimension ?e? does not include in terlead flash or protrusions. inter- lead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. dimension ?b? does not include dam bar protrusion. allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of ?b? dimen- sion at maximum material condition. 10. controlling dimension: millimete r. converted inch dimensions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) c h 0.25(0.010) b m m ? 0.25 0.010 gauge plane a2 m24.209 (jedec mo-150-ag issue b) 24 lead shrink small outline plastic package symbol inches millimeters notes min max min max a - 0.078 - 2.00 - a1 0.002 - 0.05 - - a2 0.065 0.072 1.65 1.85 - b 0.009 0.014 0.22 0.38 9 c 0.004 0.009 0.09 0.25 - d 0.312 0.334 7.90 8.50 3 e 0.197 0.220 5.00 5.60 4 e 0.026 bsc 0.65 bsc - h 0.292 0.322 7.40 8.20 - l 0.022 0.037 0.55 0.95 6 n24 247 ? 0 o 8 o 0 o 8 o - rev. 1 3/95
hin202, hin206, hin207 , hin208, HIN211, hin213 fn3980 rev 19.00 page 19 of 20 august 6, 2015 small outline plast ic packages (soic) a index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45o c h 0.25(0.010) b m m (1.50mm) (9.38mm) (1.27mm typ) (0.51mm typ) typical recommended land pattern m28.3 (jedec ms-013-ae issue c ) 28 lead wide body small outline plastic package symbol inches millimeters notes min max min max a 0.0926 0.1043 2.35 2.65 - a1 0.0040 0.0118 0.10 0.30 - b 0.013 0.0200 0.33 0.51 9 c 0.0091 0.0125 0.23 0.32 - d 0.6969 0.7125 17.70 18.10 3 e 0.2914 0.2992 7.40 7.60 4 e 0.05 bsc 1.27 bsc - h 0.394 0.419 10.00 10.65 - h 0.01 0.029 0.25 0.75 5 l 0.016 0.050 0.40 1.27 6 n28 287 ? 0 o 8 o 0 o 8 o - rev. 1, 1/13 notes: 1. symbols are defined in the mo series symbol list in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension d does not include mold flash, protrusions or gat e burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm ( 0.006 inch) per side. 4. dimension e does not include interlead flash or protrusions . interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. l is the length of terminal for soldering to a substrate. 7. n is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width b, as measured 0.36mm (0.014 inch) or greate r above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. controlling dimension: millimete r. converted inch dimensions are not necessarily exact .
fn3980 rev 19.00 page 20 of 20 august 6, 2015 hin202, hin206, hin207 , hin208, HIN211, hin213 intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description on ly. intersil may modify the circuit design an d/or specifications of products at any time without notice, provided that such modification does not, in intersil's sole judgment, affect the form, fit or function of the product. accordingly, the reader is cautioned to verify that datasheets are current before placing orders. information fu rnished by intersil is believed to be accu rate and reliable. however, no responsib ility is assumed by intersil or its subsidiaries for its use; nor for any infrin gements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com for additional products, see www.intersil.com/en/products.html ? copyright intersil americas ll c 2001-2015. all rights reserved. all trademarks and registered trademarks are the property of their respective owners. shrink small outline plastic packages (ssop) notes: 1. symbols are defined in the mo series symbol list in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension d does not include mold flash, protrusions or gat e burrs. mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. dimension e does not include interlead flash or protrusions . interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. l is the length of terminal for soldering to a substrate. 7. n is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. dimension b does not incl ude dambar protrusion. allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of b dimension at maximum material condition. 10. controlling dimension: millimeter. converted inch dimensions are not necessarily exact. index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) c h 0.25(0.010) b m m ? 0.25 0.010 gauge plane a2 m28.209 (jedec mo-150-ah issue b) 28 lead shrink small outline plastic package symbol inches millimeters notes min max min max a - 0.078 - 2.00 - a1 0.002 - 0.05 - - a2 0.065 0.072 1.65 1.85 - b 0.009 0.014 0.22 0.38 9 c 0.004 0.009 0.09 0.25 - d 0.390 0.413 9.90 10.50 3 e 0.197 0.220 5.00 5.60 4 e 0.026 bsc 0.65 bsc - h 0.292 0.322 7.40 8.20 - l 0.022 0.037 0.55 0.95 6 n28 287 ? 0 8 0 8 - rev. 2 6/05


▲Up To Search▲   

 
Price & Availability of HIN211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X