Part Number Hot Search : 
IDT5V996 C4500 AAT9123 AAT9123 G3U7905A B30NF10 GBPC2510 MAX6496
Product Description
Full Text Search
 

To Download HDS10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HDS10M document number: ds39 299 rev. 3 - 2 1 of 5 www.diodes.com december 2017 ? diodes incorporated HDS10M advanced information 1a surface mount glass passivated bridge rectifier product summary ( @t a = + 25c ) v rrm (v) i o (a) v f (v) i r ( a) 1000 1 0.95 5 description and applications suitable for ac to dc bridge full wave rectification for smps, led lighting, adapter, battery charger, home appliances, office equipment, and telecommunication applications. features and benefits ? glass passivated die construction ? miniature package saves space on pc boards ? low leakage current ? ideal for smt m anufacturing ? low forward voltage drop ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) mechanical data ? case: hds ? case material: molded plastic. ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: lead free plating (matte tin finish). solderable per mil - std - 202, method 208 ? polarity: as m arked on body ? w eight: 0. 0923 grams ( a pproximate ) ordering information (note 4 ) part number compliance case packaging HDS10M - 13 commercial hds 5 ,000 /tape & reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes - packaging/ . marking information month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view internal schematic HDS10M = product type marking code = manufacturers HDS10M ym pin diagram green
HDS10M document number: ds39 299 rev. 3 - 2 2 of 5 www.diodes.com december 2017 ? diodes incorporated HDS10M advanced information maximum ratings (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 1000 v rms reverse voltage v r(rms) 700 v average rectified output current ( note 5 ) @ t c = + 95 c i o 1 .0 a non - repetitive peak forward surge current, 8.3ms single half sine - wave superimposed on rated load i fsm 30 a non - repetitive peak forward surge current, 1 ms single half sine - wave superimposed on rated load i fsm 60 a i 2 t rating for fusing (1ms < t < 8.3ms) i 2 t 2.39 a 2 s thermal characteristics characteristic symbol value unit typical thermal resistance, junction to ambient (note 6 ) ( p er e lement) r j a 40 c/w typical thermal resistance, junction to case ( p er e lement) r j c 30 c/w typical thermal resistance, junction to lead ( p er e lement) r j l 18 c/w operating and storage temperature range t j , t stg - 5 5 to +150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition reverse breakdown voltage (note 7 ) v (br)r 1 , 000 r = 5 f f = 0.5 a , t a = + 25 c leakage current (note 7 ) ( p er e lement) i r r = 1 , 000v , t a = +25c v r = 1 , 000v , t a = +125c total capacitance ( p er e lement) c t r = 4 v, f = 1.0mhz note s : 5 . device mounted on glass epoxy pc board with 1.3mm 2 solder pad . 6. device mounted on glass epoxy substrate with 1oz/ft 2 , 15 mm x15mm copper pad per pin. 7 . short duration pulse test used to minimize self - heating effect.
HDS10M document number: ds39 299 rev. 3 - 2 3 of 5 www.diodes.com december 2017 ? diodes incorporated HDS10M advanced information ambient fig.3 - typical forward characteristics
HDS10M document number: ds39 299 rev. 3 - 2 4 of 5 www.diodes.com december 2017 ? diodes incorporated HDS10M advanced information package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. hds suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. hds hds dim min max typ a1 0.00 0.15 -- a2 1.20 1.30 -- a3 0.43 0.63 -- a4 1.20 1.40 -- b 0.45 0.75 -- c 0.10 0.30 -- d 4.85 5.25 -- e 6.40 6.80 -- e1 4.25 4.65 -- e3 5.20 5.60 e -- -- 2.54 l 0.40 0.80 -- x 0.45 0.85 -- y 0.45 0.85 -- a -- -- 7 all dimensions in mm dimensions value (in mm) c 2.54 x 1.00 y 1.50 y1 7.10 d e1 e3 l c a2 a1 b a4 a3 e pin#1 depth 0.02-0.08 dia. 0.6+/-0.03 y x a a e c y x y1
HDS10M document number: ds39 299 rev. 3 - 2 5 of 5 www.diodes.com december 2017 ? diodes incorporated HDS10M advanced information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any lia bility arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or prod ucts described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporat ed does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channe l. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall in demnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized app lication. products described herein may be covered by one or more united states, international or foreign patents pending. product name s and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are sp ecifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or sys tems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. f urther, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2017 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of HDS10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X