|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
s md ? b EAST16084BA9 features ? package in 8m m t ape o n 7 diamete r r eel. ? compatibl e wi th automati c pl acement equipment. ? compatibl e wi th infr ared an d vapo r p hase reflow solde r proc ess. ? mono -col or type. ? pb -free. ?t he produ c t itsel f w il l r emain within r ohs c ompliant version. ? complianc e with eu reach ?compliance halogen free .(br <900 ppm ,cl <900 ppm , br+cl < 1500 ppm). description ?the east16084 smd led is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. ?besides, lightweight makes them ideal for miniature applications. etc. applications ?backlighting in dashboard and switch. ?telecommunication: indicator and backlighting in telephone and fax. ?flat backlight for lcd, switch and symbol. ?general use. page 1 of 10 rev. 0.01
device selection guide chip materials emitted color resin color in gan blue water clea r ) parameter symbol rating unit reverse voltage v r 5 v forward current i f 20 ma p eak forward current (duty 1/10 @1khz) i fp 100 ma power dissipation pd 75 mw electrostatic discharge esd hbm 150 v operating temperature t opr - 40 ~ +85 storage temperature tstg - 40 ~ + 90 soldering temperature tsol reflow soldering : 260 for 1 0 sec. hand soldering : 350 for 3 sec. datasheet EAST16084BA9 page 2 of 10 rev. 0.01 electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition luminous intensity iv 72.0 ----- 140 mcd i f = 20 ma viewing angle 2 1/2 ----- 1 2 0 ----- deg peak wavelength p ----- 468 ----- nm dominant wavelength d 464.5 ----- 476.5 nm spectrum radiation bandwidth ----- 25 ----- nm forward voltage v f 2.70 3.3 3. 7 0 v reverse current i r ----- ----- 50 a v r =5v note: 1. tolerance of luminous intensity: 11% 2.tolerance of dominant wavelength 1nm datasheet EAST16084BA9 page 3 of 10 rev. 0.01 bin range of luminous intensity bin code min. max. unit condition q1 72.0 90 .0 mcd i f = 20 ma q2 90 .0 112 .0 r1 112.0 140.0 bin code min. max. unit condition a9 464.5 467.5 nm i f = 20 ma a10 467.5 470.5 a11 470.5 473.5 a12 473.5 476.5 note: 1.tolerance of luminous intensity: 11% 2.tolerance of dominant wavelength 1nm datasheet EAST16084BA9 page 4 of 10 rev. 0.01 typical electro-optical characteristics curves datasheet EAST16084BA9 page 5 of 10 rev. 0.01 package dimension note: tolerances unless mentioned 0.1mm. unit = mm datasheet EAST16084BA9 page 6 of 10 rev. 0.01 moisture resistant packing materials label explanation ? cpn: customer s product number ? p/n: product number ? qty: packing quantity ? cat: luminous intensity rank ? hue: chromaticity coordinates & dom. wavelength rank ? ref: forward voltage rank ? lot no: lot number note: the tolerances unless mentioned is 0.1mm ,unit = mm datasheet EAST16084BA9 page 7 of 10 rev. 0.01 carrier tape dimensions: loaded quantity 3000 pcs per reel note: the tolerances unless mentioned is 0.1mm ,unit = mm moisture resistant packaging label desiccant label aluminum moisture-proof bag datasheet EAST16084BA9 page 8 of 10 rev. 0.01 precautions for use 1. over-current-proof customer must apply resistors for protection, otherwise slight voltage shift will cause big current change ( burn out will happen ). 2. storage 2.1 do not open moisture proof bag before the products are ready to use. 2.2 before opening the package: the leds should be kept at 30 or l ess and 90%rh or less. 2.3 after opening the package: the led's floor life is 1 year under 30 or less and 6 0% rh or less. if unused leds remain, it should be stored in moisture proof packages 2. 4 if the moisture absorbent material (silica gel) has faded away or the leds have exceeded the storage time, baking treatment should be performed using the following conditions. baking treatment : 60 5 for 24 hours. 3. soldering condition 3.1 pb -free solder temperature profile 5 h i o r z v r o g h u l q j v k r x o g q r w e h g r q h p r u h w k d q w z r w l p h v : k h q v r o g h u l q j g r q r w s x w v w u h v v r q w k h / ( ' v g x u l q j k h d w l q j $ i w h u v r o g h u l q j g r q r w z d u s w k h f l u f x l w e r d u g 6 r o g h u l q j , u r q ( d f k w h u p l q d o l v w r j r w r w k h w l s r i v r o g h u l q j l u r q w h p s h u d w x u h o h v v w k d q for 3 seconds within once in less than the soldering iron capacity 25w. leave two seconds and more intervals, and do soldering of each terminal. be car eful because the damage of the product is often started at the time of the hand solder. 5.repairing repair should not be done after the leds have been soldered. when repairing is unavoidable, a double-head soldering iron should be used (as below figure). it should be confirmed beforehand whether the characteristics of the leds will or will not be damaged by repairing. pre-heating 150~200 c 60~120sec. above 217 c 60~150sec. 260 c max. 10sec. max. 6c/sec.max. above255 c 30sec.max. 3c/sec.max. datasheet EAST16084BA9 page 9 of 10 rev. 0.01 application restrictions high reliability applications such as military/aerospace, automotive safety/security systems, and medical equipment may require different product. if you have any concerns, please contact everlight before using this product in your application. this specification guarantees the quality and performance of the product as an individual component. do not use this product beyond the specification described in this document. disclaimer 1. everlight reserves the right(s) on the adjustment of product material mix for the specification. 2. the product meets everlight published specification for a period of twelve (12) months from date of shipment. 3. the graphs shown in this datasheet are representing typical data only and do not show guaranteed values. 4. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from the use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 5. these specification sheets include materials protected under copyright of everlight. reproduction in any form is prohibited without obtaining everlights prior consent. 6. this product is not intended to be used for military, aircraft, automotive, medical, life sustaining or life saving applications or any other application which can result in human injury or death. please contact authorized everlight sales agent for special application request. datasheet EAST16084BA9 page 10 of 10 rev. 0.01 |
Price & Availability of EAST16084BA9 |