Part Number Hot Search : 
2SC5086 ST626 80P03 5AA04 UT6264 TS3V339 LB011M18 1602H
Product Description
Full Text Search
 

To Download BCM53101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  brief BCM53101 ? seven-port managed 10/100 roboswitch? BCM53101 applications ? highly integrated, 65 nm process, seven-port 10/100 switch integrating: ? five 10/100 macs with five integrated 10/100 phys ? one 10/100 mac with mii/rvmii/rmii interface ? one 10/100/1000 mac with rgmii/mii/rvmii/rmii interface ? performance ? 2k mac ? 2 kb max frame size ? virtual local-area network (vlan) ? 4k-entry port-based and 802.1q vlan (full 4k range) ? vlan based rate limiting ? quality of service (qos) ? 4 cos queues ? port, 802.1p, and diffserv ? security ? ieee 802.1x support for secure user authentication ? broadsync? hd ? supports ieee 802.1 audio video bridging (avb) draft standard ? traffic control and network resiliency ? ingress rate limiting and egress rate shaping ? spanning tree protocol/rapid spanning tree protocol/multiple spanning tree protocol ? port mirroring ? full mib counter set supported ? ipv4 igmp/ipv6 mld snooping ? redirect reserved multicast mac addresses to cpu ? low-power consumption ? less than 0.7w full power ? green features including auto power down, sleep, and deep sleep modes ? technology and physical specifications ? state-of-the-art 65 nm lp, 6-layer metal technology ? 1.2v core and 2.5v/3.3v i/o ? enables next-generation six fast ethernet + one gigabit ethernet switches with enhanced l2+ features ? high level of integration provides for cost-effective designs ? utilizes field-proven 10base-t/100base-tx fast ethernet transceivers, lowering overall system interoperability and reliability risks. vlan feature insures proper layer-2 isolation and security ? highly flexible 4k-entry vlan implementation with support for full 4k range ? 802.1q-based vlan and flexible priority queues mapped to selectable protocols such as 802.1p, diffserv, and cos enable the switch to be designed into a variety of applications for multimedia and data traffic. ? 802.1x port and mac-based network security to keep the network running efficiently enables multicast switching with igmp and mld snooping without expensive l3 multicast routing broadsync? hd enabled for guaranteed qos and bandwidth, latency, and time-sync for audio/visual traffic between networked electronic devices ? wan port allows for one of the ports to be specified for wan connectivity ? significant power savings with innovative green modes and 65 nm lp process technology features summary of benefits
overview ? phone: 949-926-5000 fax: 949-926-5203 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 5300 california avenue irvine, california 92617 ? 2009 by broadcom corporation. all rights reserved. 53101-pb00-r 04/06/09 broadcom ? , the pulse logo, connecting everything ? , and the connecting everything logo are among the trademarks of broadcom corporation and/or its aff iliates in the united states, certain other countries and/or the eu. any other trademarks or trade name s mentioned are the property of their respective owners. BCM53101 block diagram optimized for l2 switching, the BCM53101 is a feature-enhanced seven-port switch to the industry-leading bcm5325e roboswitch?. this device combines all the functions of a high-speed switch system, including packet buffers, phy transceivers, macs, address management, and a non-blocking switch fabric, into a 65 nm lp process. the BCM53101 contains five full-duplex 10base-t/100base-tx fast ethernet transceivers connected to the five on-chip 10/100 macs. in addition, a sixth 10/100 mac is available through the mii/rvmii interface. the BCM53101 also features a 10/100/1000 mac, which can be used to connect to an external cpu via the rgmii/mii/rvmii interface. the BCM53101 also integrates several gigabit-class features such as 4k- entry vlan, 2k-entry mac addresses, ingress rate limiting and egress rate shaping, port mirroring, igmp/mld snooping, and trap reserved mac addresses to cpu, among others. the BCM53101 is designed from the ground up for lower power consumption. the power-efficient on-chip phys help lower power consumption by over 50% compared to its predecessor, the bcm5325e. fabricated using 65 nm lp process, the device consumes less than 0.7w. additionally, the BCM53101 incorporates several green modes such as auto-power down, sleep mode, and a deep sleep mode (needs external cpu). packet buffer l2 tables memory manager 4 cos sp/wrr l2 processing emac emac emac emac emac ephy ephy ephy ephy ephy gmac emac rgmii/mii/rvmii/rmii mii/rvmii/rmii trd[1:0] trd[1:0] trd[1:0] trd[1:0] trd[1:0]


▲Up To Search▲   

 
Price & Availability of BCM53101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X