Part Number Hot Search : 
FDP5690 2SK260 0603C TLP62 D7808 128Y1 FNA41560 MB90423G
Product Description
Full Text Search
 

To Download BC307B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon planar epitaxial transistors bc 307, a, b, c bc 308, a, b, c bc 309, a, b, c to-92 plastic package general pur p ose transistors deis g ned for small si g nal am p lification from dc to low radio fre q uencies absolute maximum ratings (ta=25oc unless specified otherwise) description symbol bc307 bc308 bc309 units collector emitter voltage v ceo 45 25 25 v collector base voltage v cbo 50 30 30 v emitter base voltage v ebo 555 v collector current continuous i c 100 ma power dissipation@ ta=25oc p d 350 mw derate above 25oc 2.8 mw/c power dissipation@ tc=25oc p d 1w derate above 25oc 8 mw/c operating and storage junction t j , t stg -55 to +150 c temperature range thermal resistance junction to ambient r th(j-a) 357 c/w junction to case r th(j-c) 125 c/w continental device india limited data sheet page 1 of 5 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
silicon planar epitaxial transistors bc 307, a, b, c bc 308, a, b, c bc 309, a, b, c to-92 plastic packa g e electrical characteristics (ta=25oc unless specified otherwise) description symbol test condition min typ max units collector emitter breakdown bv ceo i c =2ma,i b =0 voltage bc307 45 v bc308, bc309 25 v emitter base breakdown voltage bv ebo i e =100ua, i c =0 5v collector emitter leakage current bc307 i ces v ces =50v, v be =0 15 na bc308, bc309 v ces =30v, v be =0 15 na bc307 v ces =50v, v be =0, 4
silicon planar epitaxial transistors bc 307, a, b, c bc 308, a, b, c bc 309, a, b, c to-92 plastic package electrical characteristics (ta=25oc unless specified otherwise) description symbol test condition min typ max units dynamic characteristics transition frequency f t i c =10ma, v ce =5v bc307 f=50mhz 280 mhz bc308 320 mhz bc309 360 mhz collector base capacitance c cbo v cb =10v, i e =0 6pf noise figure f=1mhz bc 309 nf i c =0.2ma, v ce =5v 24 db rg=2k ? ?
bc 307, a, b, c bc 308, a, b, c bc 309, a, b, c to-92 plastic package to-92 plastic package to-92 transistors on tape and ammo pack cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at top of body t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. holddown tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6 . s pli c e s s hall n o t interfere with the s pr oc ket feed h o le s . all dimensions in mm unless specified otherwise ammo pack st y le adhesive tape on top side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 8.2" 1 3 " f e e d 1 . 7 7 " h h to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size p ac ki ng d eta il pin configuration 1. emitter 2. base 3. collector b a l solderability ensured dimension with 'l' uncontrolled beyond 'l' k e d a a sec aa g d 3 2 1 1 2 3 f f h c 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f5 deg g 1.14 1.40 h 1.14 1.53 2.082 k l 12.70 1.982 ? continental device india limited data sheet page 4 of 5
notes bc 307, a, b, c bc 308, a, b, c bc 309, a, b, c to-92 plastic package bc307_9_a_b_c rev160701 disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com continental device india limited data sheet page 5 of 5


▲Up To Search▲   

 
Price & Availability of BC307B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X