Part Number Hot Search : 
3404A DT54F 54HC3 WP483HDT LTC3127 S6J328C 30110 21W00
Product Description
Full Text Search
 

To Download AO4448L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4448L 80v n-channel mosfet sdmos t m general description product summary v ds i d (at v gs =10v) 10 a r ds(on) (at v gs =10v) < 16m ? r ds(on) (at v gs = 7v) < 20m ? 100% uis tested 100% r g tested symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r jl 2 t a =70c junction and storage temperature range -55 to 150 c thermal characteristics units parameter typ max c/w r ja 31 59 40 v 25 gate-source voltage drain-source voltage 80 the AO4448L is fabricated with sdmos tm trench technology that combines excellent r ds(on) with low gate charge and low qrr.the result is outstanding efficiency with controlled switching behavior. this universal technology is well suited for pwm, load switching and general purpose applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 80v mj avalanche current c 101 a 45 a i d 10 8 70 t a =25c t a =70c power dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain current t a =25c w 3.1 maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 maximum junction-to-ambient a g d s soic-8 top view bottom view d d d d s s s g rev 0: december 2009 www.aosmd.com page 1 of 6
AO4448L symbol min typ max units bv dss 80 v v ds =80v, v gs =0v 10 t j =55c 50 i gss 100 na v gs(th) gate threshold voltage 2.8 3.3 4.2 v i d(on) 70 a 13 16 t j =125c 23.5 28.5 15.4 20 m ? ? q g (10v) 22 28 34 nc q gs 8.8 11 13 nc q gd 5 8 11 nc t d(on) 12 ns t r 9ns t d(off) 20 ns t f 8ns t rr 14.5 21 27.5 ns q rr 45.5 65 85 nc this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =10a, di/dt=500a/ s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =10v, v ds =40v, r l =4 ? , r gen =3 ? gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =40v, i d =10a gate source charge gate drain charge m ? i s =1a,v gs =0v v ds =5v, i d =10a v gs =7v, i d =8a forward transconductance diode forward voltage r ds(on) static drain-source on-resistance i dss a v ds =v gs i d =250 a v ds =0v, v gs = 25v zero gate voltage drain current gate-body leakage current electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions body diode reverse recovery time drain-source breakdown voltage on state drain current i d =250 a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =10a reverse transfer capacitance i f =10a, di/dt=500a/ s v gs =0v, v ds =40v, f=1mhz switching parameters a . the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junction temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initialt j =25c. d. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse rating. rev 0: december 2009 www.aosmd.com page 2 of 6
AO4448L typical electrical and thermal characteristic s 17 5 2 10 0 18 40 0 20 40 60 80 2345678 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 8 10 12 14 16 18 0 5 10 15 20 25 30 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m ? ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =7v i d =8a v gs =10v i d =10a 5 10 15 20 25 30 5678910 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m ? ) 25c 125c v ds =5v v gs =7v v gs =10v i d =10a 25c 125c 0 20 40 60 80 012345 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =5.5v 6.5v 8v 10v 7v 7.5v 6v rev 0: december 2009 www.aosmd.com page 3 of 6
AO4448L typical electrical and thermal characteristic s 0 2 4 6 8 10 0 5 10 15 20 25 30 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 400 800 1200 1600 2000 2400 0 102030405060 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =40v i d =10a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 11: single pulse power rating junction-to-ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 1000 v ds (volts) i d (amps) figure 10: maximum forward biased safe operating area (note f) 10 time in avalanche, t a ( s) figure 9: single pulse avalanche capability (note c) i ar (a) peak avalanche current t a =25c t a =150c t a =100c t a =125c rev 0: december 2009 www.aosmd.com page 4 of 6
AO4448L typical electrical and thermal characteristic s 40 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 12: normalized maximum transient thermal impedance (note f) z ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r ja =75c/w 60 70 80 90 100 110 120 130 140 0 5 10 15 20 25 30 i s (a) figure 13: diode reverse recovery charge and peak current vs. conduction current q rr (nc) 0 2 4 6 8 10 12 i rm (a) di/dt=800a/ s 125oc 125oc 25oc 25oc q rr i rm 0 20 40 60 80 100 0 200 400 600 800 1000 di/dt (a/ s) figure 15: diode reverse recovery charge and peak current vs. di/dt q rr (nc) 2 4 6 8 10 12 14 i rm (a) 125oc 125oc 25oc 25oc i s =20a q rr i rm 0 5 10 15 20 25 0 5 10 15 20 25 30 i s (a) figure 14: diode reverse recovery time and softness factor vs. conduction current t rr (ns) 0 0.5 1 1.5 2 2.5 3 s di/dt=800a/ s 125oc 125oc 25oc 25oc t rr s 0 5 10 15 20 25 30 35 0 200 400 600 800 1000 di/dt (a/ s) figure 16: diode reverse recovery time and softness factor vs. di/dt t rr (ns) 0 0.5 1 1.5 2 2.5 s 125oc 25oc 25oc 125oc i s =20a t rr s rev 0: december 2009 www.aosmd.com page 5 of 6
AO4448L - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms tt r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr rev 0: december 2009 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AO4448L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X