Part Number Hot Search : 
C3510 TTC05802 ACS110 IDT72421 HMC132 Y7C680 A1103 MC33025
Product Description
Full Text Search
 

To Download ALD-514012PJ134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ald-21 ALD-514012PJ134 ALD-514012PJ134 specifications (please refer to each specification before use) measure f y a semi led driver fw  others others med featur es applications dc-dc converter for lc panels with led backlights five outputs low pr ofle and compact high effciency usable in a wide range of temperatur es applicable panel size: 10 to 19 inches (rough guide) combined use of pwm modulated light and analog modulated light (adim) assur es universality equipped with load (led) open detection (alarm output) function item unit symbol specifcation condition min typ max vin(v) vrmt(v) vbr(v) adim(v) ta(c) rl1,2() remarks output current ma iout1-5 (maximum dimmer) 112 140 168 120.1 30.05 0 0 2510 180 (*1) 100 140 180 121.2 -30 to 85 (*1) iout1-5 (when modulating light) 10 20 30 120.1 30.05 2.5 0 2510 180 pwm modulated light (*1)(*2) 4 20 40 120.1 30.05 0 2.5 2510 870 adim modulated light (*1)(*2) input current a iin1 1.20 1.64 2.00 120.1 30.05 0 0 2510 180 remote on 1.00 1.64 2.50 121.2 -30 to 85 ma iin2 - - 1 120.1 0 0 0 2510 180 remote off modulated light frequency hz f 160 200 240 120.1 30.05 2.5 0 2510 180 alarm signal v vst - 0.1 0.5 120.1 30.05 0 0 2510 180 on a normal operation (*3) 4.75 5 5.25 120.1 30.05 0 0 2510 in case of lamp anomaly (*3) (*1) when output is open, the output voltage of that series is restricted, and other series operate normally. (*2) see connections as well as analog modulation light (adim) and pwm modulation light for details about modulation light. (*3) see connections for details about alarm output. (*4) these dimensions are indicated the maximum only h. others are typical values. this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specifc bromine-based fame retardants, pbb and pbde, have not been used, except for exempted applications. conformity to rohs directive modulated light system pwm/adim (*2) operating temperature c -30 to +85 storage temperature c -40 to +85 operating humidity ratio rh% 95max weight g 22 max. dimensions (wxdxh) mm 100x50.0x5.2 (*4) fused input yes remote on / off yes lamp open detection function yes electrical characteristics other specifications ? all specifications are subject to change without notice. web180528
? ?  

   $1  ?  ? ? 

 ? nby    ? ?  "-% 1+ :+"1"/    ald-22 outline drawing ALD-514012PJ134 connector terminal and number functions input side cn1 terminal no. symbol rating remarks cn1-1 vin 121.2v power source input cn1-2 cn1-3 cn1-4 cn1-5 cn1-6 gnd 0v ground cn1-7 cn1-8 cn1-9 cn1-10 cn1-11 vrmt 0-0.4(v) or open/ 2.5-vin(v) off / on cn1-12 vbr /rbr 2.5(v)/0(v) 50(k)/0(k) pwm modulated light min/max modulated light function using output pwm modulation cn1-13 adim 2.5(v)/0(v) adim modulated light min/max modulated light function using output current variation cn1-14 vst 0(v)/5.0(v) at time of normal load/ at time of abnormal load input connector cn2 is not mounted. output side cn3 terminal no. symbol remarks cn3-1 led_c5 series5-cathode side cn3-2 led_a5 series5-anode side cn3-3 led_a4 series 4 C anode side cn3-4 led_c4 series 4 C cathode side cn3-5 led_c3 series 3 C cathode side cn3-6 led_a3 series 3 C anode side cn3-7 led_a2 series 2 C anode side cn3-8 led_c2 series 2 C cathode side cn3-9 led_c1 series 1 C cathode side cn3-10 led_ a1 series 1 C anode side connector no. component name type name qty remarks recommended suitable connector input connector cn1 sm14b- srss-tb (lf)(sn) 1 j.s.t mfg., co., ltd shr-14v- s-b output connector cn3 sm10b- srss-tb (lf)(sn) 1 j.s.t mfg., co., ltd shr-10v- s-b printed circuit board pcb glass epoxy (fr-4) 1 ul94v-0 t =1.0mm ` not equipped with cn2. plan view (components surface) side view bottom view component and pattern prohibited area (gnd line excluded) unspecifed tolerance of 0.5mm unit: mm label display example product name, lot no., country of origin when securing led driver, check to make sure crowns and plates (including uneven parts) ft inside the above prohibited areas (diagonal lined areas). ? all specifications are subject to change without notice.
7jo ?7 7cs ?7 "%*. ?7 3cs ?l
8?  3-up-pbesftjtubodf 8njo
7snu 7 " 7 7 7 7 7 ' 7tu *jo c c 48 48 b b $/? $/ $/? $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $/ $1 *pvu *pvu " " 7 7pvu 7 7pvu 3- 3- *pvu " 7 7pvu 3- *pvu " 7 7pvu 3- *pvu " 7 7pvu 3- operate by on-off of sw1 as follows. sw1 unit operates a operates b does not operate open does not operate operate as follows by switching a sw2. sw2 unit operates a voltage dimmer vbr=0 to 2.5v (0v : maximum brightness) b volume dimmer vr=0 to 50k (0 : maximum brightness) protection circuit operation load condition alarm output (cn1-14) with or without latch stationary 0.5v max. no latch 1 output open 4.5v min. no latch all outputs open 4.5v min. no latch alarm output vst may be output when there is excessive on/off of vin and vrmt. measuring instruments : dc voltmeter (advantest r6452a equivalent) : dc ammeter (advantest r6452a equivalent) : frequency counter (advantest r6452a equivalent) ald-23 connections ALD-514012PJ134 ? all specifications are subject to change without notice.
ald-24 ALD-514012PJ134 analog modulated light (adim) and pwm modulated light combination example determines maximum value for output current in analog modulated light, to enable brightness control at that range, using pwm modulated light. set output current value to 100%, in cases where pwm modulated light is desired at a modulated light range of 100% to 0% set output current value to 50%, in cases where pwm modulated light is desired at a modulated light range of 100% to 0% pwm modulated light voltage and output current examples       output current (%) output current (%) analog modulated light is the modulated light system for changing current amplitude. the benefits this system offer are that low frequency noise hardly occurs because it does not have an intermittent action and input power source load is small because input current variation is small. conversely, because it changes the led action point, chromaticity varies according to the modulated light. pwm modulated light is the system where intermittent actions are made at low frequency in the range of 100khz to 1khz, and this on duty is varied to modulate light. although this system leaves concern about low frequency noise and the demand for excessive answering to accommodate input power source, it offers the benefit of small chromaticity variations according to the modulated light because the led action point does not change. pwm modulated light comes in two forms: a built-in pwm modulated light system (this is inside the led driver generating chopping and sawtooth waves, which are compared against the external dc voltage to form a modulated light pulse) and an external pwm modulated light system (this directly applies the pulse from outside to modulate light). the ald series combines analog modulated light and pwm modulated light to enable the generation of modulated light that suits your needs. ? all specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ALD-514012PJ134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X