Part Number Hot Search : 
BPC25 CPZ37R L1021 LB11669M 161505J 2SC5820 16160 FQS4903
Product Description
Full Text Search
 

To Download 70216-0244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 01/17/2014 please check www.molex.com for latest part information part number: 10-89-4222 status: active overview: c-grid? products description: 2.54mm pitch c-grid? breakaway header, high profile, dual row, right angle, 22 circuits, 6.10mm mating pin length, 0.38m gold (au) selective plating documents: 3d model product specification ps-70216 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70216 application board-to-board, signal, wire-to-board overview c-grid? products product name c-grid? upc 800753973404 physical breakaway yes circuits (loaded) 22 circuits (maximum) 22 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester net weight 1.871/g number of rows 2 orientation right angle pc tail length 2.79mm pcb locator no pcb retention none packaging type tube pitch - mating interface 2.54mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70216 series
duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 70216-0244 reference - drawing numbers product specification ps-70216 sales drawing sd-70216-001 this document was generated on 01/17/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 70216-0244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X