1 transistor 2SC3933 silicon npn planer type for uhf amplification/mixing n features l high power gain pg. l high transition frequency f t . l s-mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. n absolute maximum ratings (ta=25?c) unit: mm parameter collector to base voltage collector to emitter voltage emitter to base voltage collector current collector power dissipation junction temperature storage temperature 1:base 2:emitter eiaj:scC70 3:collector sCmini type package 2.1 0.1 1.3 0.1 0.9 0.1 0.7 0.1 0.3 +0.1 ? 0.15 +0.1 ?.05 2.0 0.2 1.25 0.1 0.425 0.425 1 3 2 0.65 0.2 0.65 0 to 0.1 0.2 0.1 symbol v cbo v ceo v ebo i c p c t j t stg ratings 30 20 3 20 150 150 C55 ~ +150 unit v v v ma mw ?c ?c n electrical characteristics (ta=25?c) parameter collector cutoff current emitter cutoff current forward current transfer ratio transition frequency collector output capacitance common emitter reverse transfer capacitance power gain noise figure symbol i cbo i ebo h fe1 h fe2 h fe3 f t c ob c rb pg * nf * conditions v cb = 25v, i e = 0 v eb = 3v, i c = 0 v cb = 10v, i e = C3ma v cb = 10v, i e = C10ma v cb = 10v, i e = C100 m a v cb = 10v, i e = C3ma, f = 200mhz v cb = 10v, i e = 0, f = 1mhz v cb = 10v, i e = 0, f = 1mhz v cc = 11v, v agc = 3v, f = 800mhz v cc = 11v, v agc = 3v, f = 800mhz min 40 40 60 750 14 typ 1100 0.7 0.15 max 1 10 200 200 1400 5 unit m a m a mhz pf pf db db * pg, nf refer to the measurment circuit marking symbol : 1t maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2 transistor 2SC3933 0 160 40 120 80 140 20 100 60 0 240 200 160 120 80 40 ambient temperature ta ( ?c ) collector power dissipation p c ( mw ) 012 10 8 26 4 0 6 5 4 3 2 1 ta=25?c 0.45 0.35 0.25 0.15 0.4 0.3 0.2 0.1 0.05ma i b =0.5ma collector to emitter voltage v ce ( v ) collector current i c ( ma ) 02.0 1.6 0.4 1.2 0.8 0 30 25 20 15 10 5 v ce =10v ta=75?c ?5?c 25?c base to emitter voltage v be ( v ) collector current i c ( ma ) p c ta i c v ce i c v be c 1 z 1 dut l 2 l 3 l 1 input 50 w output 50 w c 6 c 2 c 7 c 5 c 4 c 3 c 8 c 9 c 11 c 10 z 2 v cc circuit constants c 1 , c 2 , c 4 ~ c 7 : ~ 20pf c 3 : 5pf c 8 , c 10 : 100pf c 9 , c 11 : 1000pf l 1 , l 2 : f 0.6mm polyurethane, 2t, d = 5 l 3 : f 0.6mm polyurethane, 2t, d = 5 z 1 : copper board, 2.75mm 20mm z 2 : copper board, 2.75mm 20mm the high-frequency output measurment circuit maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
3 transistor 2SC3933 v ce(sat) i c h fe i c f t i e c ob v cb nf v agc pg v agc 0.1 1 10 100 0.3 3 30 0.01 0.03 0.1 0.3 1 3 10 30 100 i c /i b =5 ta=75?c 25?c ?5?c collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) 0.1 1 10 100 0.3 3 30 0 240 200 160 120 80 40 v ce =10v ta=75?c 25?c ?5?c collector current i c ( ma ) forward current transfer ratio h fe ?0.1 ?0.3 ? ? ?0 0 1200 1000 800 600 400 200 v cb =10v ta=25?c emitter current i e ( ma ) transition frequency f t ( mhz ) 1 3 10 30 100 0 1.2 1.0 0.8 0.6 0.4 0.2 i e =0 ta=25?c f=1mhz collector to base voltage v cb ( v ) collector output capacitance c ob ( pf ) 06 5 4 13 2 0 12 10 8 6 4 2 v cc =11v f=800mhz v agc ( v ) noise figure nf ( db ) 012 10 8 26 4 ?0 30 20 10 0 ?0 ?0 v cc =11v f=800mhz v agc ( v ) power gain pg ( db ) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
|