Part Number Hot Search : 
90SCR100 7533C NTD5805N VCO225SA 3D2UM S58550 BR808 P0438T
Product Description
Full Text Search
 

To Download 2N2920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright ? 2002 semicoa semiconductors, inc. rev. h 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 1 of 2 www. semicoa .com 2N2920 silicon npn transisto r data sheet description semicoa semiconductors offers: ? screening and processing per mil-prf-19500 appendix e ? jan level (2N2920j) ? jantx level (2N2920jx) ? jantxv level (2N2920jv) ? jans level (2N2920js) ? qci to the applicable level ? 100% die visual inspection per mil-std-750 method 2072 for jantxv and jans ? radiation testing (total dose) upon request please contact semicoa for special configurations www. semicoa .com or (714) 979-1900 applications ? general purpose ? matched dual transistors ? npn silicon transistor features ? hermetically sealed to-78 metal can ? also available in chip configuration ? chip geometry 0307 ? reference document: mil-prf-19500/355 benefits ? qualification levels: jan, jantx, jantxv and jans ? radiation testing available absolute maximum ratings t c = 25 c unless otherwise specified parameter symbol rating unit collector-emitter voltage v ceo 60 volts collector-base voltage v cbo 70 volts emitter-base voltage v ebo 5 volts collector current, continuous i c 50 ma power dissipation, t a = 25 c derate linearly above 25 c p t 300 one section 600 both sections 1.71one section 3.43 both sections mw mw/ c power dissipation, t c = 25 c derate linearly above 25 c p t 750 one section 1.5 both sections 4.286 one section 7.14 both sections mw w mw/ c operating junction temperature storage temperature t j t stg -65 to +200 c
copyright ? 2002 semicoa semiconductors, inc. rev. h 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 2 of 2 www. semicoa .com 2N2920 silicon npn transisto r data sheet electrical characteristics characteristics specified at t a = 25 c off characteristics parameter symbol test conditions min typ max units collector-emitter breakdown voltage v (br)ceo i c = 10 ma 60 volts collector-base cutoff current i cbo1 i cbo2 i cbo3 v cb = 70 volts v cb = 45 volts v cb = 45 volts, t a = 150 c 10 2 2.5 a na a collector-emitter cutoff current i ceo v ce = 5 volts 2 na emitter-base cutoff current i ebo1 i ebo2 v eb = 6 volts v eb = 5 volts 10 2 a na on characteristics pulse test: pulse width = 300 s, duty cycle 2.0% parameter symbol test conditions min typ max units dc current gain h fe1 h fe2 h fe3 h fe4 h fe2-1 /h fe2-2 i c = 10 a, v ce = 5 volts i c = 100 a, v ce = 5 volts i c = 1 ma, v ce = 5 volts i c = 10 a, v ce = 5 volts t a = -55 c i c = 100 a, v ce = 5 volts 175 235 300 50 0.9 600 800 1,000 1.0 base-emitter voltage differential |v be1 -v be2 | 1 |v be1 -v be2 | 2 |v be1 -v be2 | 3 v ce = 5 volts, i c = 10 a v ce = 5 volts, i c = 100 a v ce = 5 volts, i c = 1 ma 5 3 5 mvolts base-emitter voltage differential at temperature |v be1 -v be2 | 1 |v be1 -v be2 | 2 v ce = 5 volts, i c = 100 a t a = 25 c and -55 c t a = 25 c and +125 c 0.8 1 mvolts base-emitter saturation voltage v besat1 i c = 1 ma, i b = 100 a 0.5 1.0 volts collector-emitter saturation voltage v cesat1 i c = 1 ma, i b = 100 a 0.3 volts dynamic characteristics parameter symbol test conditions min typ max units magnitude ? common emitter, short circuit forward curre nt transfer ratio |h fe1 | v ce = 5 volts, i c = 500 a, f = 20 mhz 3 20 small signal short circuit forward current transfer ratio h fe v ce = 10 volts, i c = 1 ma, f = 1 khz 150 600 open circuit output capacitance c obo v cb = 5 volts, i e = 0 ma, 100 khz < f < 1 mhz 5 pf noise figure nf 1 nf 2 nf 3 v ce = 5 volts, i c = 10 a, r g = 10 k ? f = 100 hz f = 1 khz f = 10 khz 5 3 3 db short circuit input impedance h ie v cb =5v, i c =1ma, f =1khz 3 30 k ? open circuit output admittance h oe v cb =5v, i c =1ma, f =1khz 60 mhos open circuit reverse voltage transfer ratio h re v cb =5v, i c =100 a, f=1khz 1x10 -3


▲Up To Search▲   

 
Price & Availability of 2N2920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X