Part Number Hot Search : 
39100 GAANUB 1SS401 MPH63R HV312DB1 CXD2598Q LF247D 2SK3081
Product Description
Full Text Search
 

To Download 2743002112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  beads- on- leads (2743002112) part number: 2743002112 43 bead on lead explanation of part numbers: C?digits 1 & 2 = product class C digits 3 & 4 = material grade C last digit 1 = bulk packed 2 = taped and reeled ferrite suppression beads are supplied assembled on tinned copper wire for automated circuit board assembly. ? C wires are oxygen free high conductivity copper with 100% matte tin plating over a nickel undercoating. the resistance of the wire is 3.5 mohm for the 22 awg and 2.2 mohm for the 20 awg wire. packaging options: ? C beads- on- leads can be supplied bulk packed. the last digit of bulk packed parts is a 1.?parts with a 2 as the last digit of the part number are supplied taped and reeled per iec 60286-1 and eia rs-296- f standards. taped and reeled parts are supplied 4500 pieces on a 14 reel. taping details: component pitch 5 mm. inside tape spacing 52.5 mm. tape width 6 mm. ? C our bead- on- lead suppression kit (part number 0199000028) is available for prototype evaluation. for any bead- on lead requirement not listed here, feel free to contact our customer service group for availability and pricing. weight: 0.6 (g) chart legend + test frequency typical impedance ( ) 10 mhz 57 25 mhz + 88 100 mhz + 133 250 mhz 134 dim mm mm tol nominal inch inch misc. a 3.5 0.25 0.138 _ b 62 1.50 2.44 _ c 8.9 0.30 0.35 _ d 0.65 _ 0 22 awg reel information tape width mm pitch mm parts 7" reel parts 13" reel parts 14" reel 6 5 _ _ 4500
fair- rite products corp.?? ? ??one commercial row, wallkill, new york 12589-0288 888-324-7748 ?? ? ?? 845-895-2055 ?? ? ?? fax: 845-895-2629 ?? ? ?? ferrites@fair- rite.com ?? ? ??www.fair- rite.com


▲Up To Search▲   

 
Price & Availability of 2743002112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X