Part Number Hot Search : 
53102 53102 53102 ABT24 CM311 NTE1616 TQ9203 R7NZF
Product Description
Full Text Search
 

To Download 1724470206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/17/2018 please check www.molex.com for latest part information part number: 1724470206 status: active overview: mini-fit jr. power connectors description: mini-fit jr. header, dual row, vertical, without snap-in plastic peg pcb lock, 6 circuits, pa polyamide nylon 6/6 94v-2, tin (sn) plating, glow wire capable documents: 3d model product specification ts-5566-002-001 (pdf) drawing (pdf) packaging specification pk-5566-001-001 (pdf) product specification ps-5556-001-001 (pdf) rohs certificate of compliance (pdf) product specification ts-5556-002-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 172447 application power, wire-to-board overview mini-fit jr. power connectors product name mini-fit jr. upc 887191730172 physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire capable yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - resin nylon net weight 1.450/g number of rows 2 orientation vertical pcb locator yes pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 4.20mm pitch - termination interface 4.20mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 172447 series mates with 46992 mini-fit jr. receptacle
current - maximum per contact 9.0a voltage - maximum 600v ac (rms)/dc solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-5566-001-001 product specification ps-5556-001-001, ts-5556-002-001, ts-5566-002-001 sales drawing sd-172447-0000-001 this document was generated on 04/17/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1724470206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X