this document was generated on 05/30/2018 please check www.molex.com for latest part information part number: 1724470202 status: active overview: mini-fit jr. power connectors description: mini-fit jr. header, dual row, vertical, without snap-in plastic peg pcb lock, 2 circuits, pa polyamide nylon 6/6 94v-2, tin (sn) plating, glow wire capable documents: 3d model product specification ts-5566-002-001 (pdf) drawing (pdf) packaging specification pk-5566-001-001 (pdf) product specification ps-5556-001-001 (pdf) rohs certificate of compliance (pdf) product specification ts-5556-002-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 172447 application power, wire-to-board overview mini-fit jr. power connectors product name mini-fit jr. upc 887191730158 physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin black durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire capable yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - resin nylon net weight 0.623/g number of rows 2 orientation vertical pcb locator yes pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 4.20mm pitch - termination interface 4.20mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 172447 series mates with 46992 mini-fit jr. receptacle
current - maximum per contact 9.0a voltage - maximum 600v ac (rms)/dc solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-5566-001-001 product specification ps-5556-001-001, ts-5556-002-001, ts-5566-002-001 sales drawing sd-172447-0000-001 this document was generated on 05/30/2018 please check www.molex.com for latest part information
|