Part Number Hot Search : 
C3030 NTE70 SPVQ4 NTE1407 P322H BD6225 B013B1 MSP43
Product Description
Full Text Search
 

To Download 0194270012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2018 please check www.molex.com for latest part information part number: 0194270012 status: active overview: mx150l industrial sealed connector system description: 5.84mm pitch mx150l right angle pcb header, dual row, without pcb flange, 12 circuits documents: 3d model packaging specification pk-19427-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-19427-001-001 (pdf) product literature (pdf) agency certification ul e152602 general product family pcb headers series 19427 application power, wire-to-board comments ip67 rated; conforms to ul 1977. not suitable for automotive applications with requirements such as uscar-2, uscar-25, gmw3191, ak testing, j2030, volvo technology requirements, and toyota connector spec (tcs) overview mx150l industrial sealed connector system product literature order no 987650-2181 product name mx150l upc 822348740437 physical breakaway no circuits (loaded) 12 circuits (maximum) 12 durability (mating cycles max) 25 flammability 94v-0 glow-wire capable no lock to mating part yes material - plating mating tin material - plating termination tin net weight 28.486/g number of rows 2 orientation right angle pc tail length 3.30mm pcb locator yes pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 5.84mm polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +125c termination interface: style through hole electrical current - maximum per contact 18.0a series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 19427 series mates with 19418 receptacle assemblies
voltage - maximum 600v material info reference - drawing numbers packaging specification pk-19427-001 product specification ps-19427-001-001 sales drawing sd-19427-024 this document was generated on 05/14/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0194270012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X