Part Number Hot Search : 
100KFRAC MAX96 B2141 42500 AXLE10 MAX1607 0BZXC B1210
Product Description
Full Text Search
 

To Download 0015474132-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 08/21/2018 please check www.molex.com for latest part information part number: 0015474132 status: active overview: sl modular connectors description: sl single row, female, version d receptacle, 13 circuits documents: 3d model packaging specification pk-70873-0001-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-70430-001 (pdf) agency certification csa lr19880 ul e29179 general product family ffc/fpc connectors series 70430 comments stackable back-to-back overview sl modular connectors product name sl upc 800755016390 physical actuator type n/a circuits (loaded) 13 color - resin black contact position n/a durability (mating cycles max) 50 flammability 94v-0 material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy number of rows 1 orientation vertical pcb mounting n/a pcb retention none packaging type tube pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.381m plating min - termination 1.905m polarized to pcb no stackable yes temperature range - operating -40 to +105c wire/cable type ffc/fpc electrical current - maximum per contact 1.0a, 2.0a voltage - maximum 250v material info engineering number 70430-0257 reference - drawing numbers packaging specification pk-70873-0001-001 product specification ps-70430-001 sales drawing sda-70430-0246-0269 series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed rohs phthalates not reviewed search parts in this series 70430 series mates with sl header 70541 , 70543 , 70545 , 70551 , 70553 , 70555 , 74099 , 70634 , 70107 , 70018
this document was generated on 08/21/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015474132-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X