Part Number Hot Search : 
TB30N0 5MTCX BR1008S VNQ6004 E4920 E4920 VNQ6004 PSZ201
Product Description
Full Text Search
 

To Download Z16F2800100MODG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rd000603-0814 page 1 of 10 overview zilog?s mini-z zneo 28-pin module is a 28-p in dual inline pin module designed for the engineer, student and enthusiast to quickly develop prototypes, proofs of concept and demonstrations as well as to provide the functionality requ ired for hands-on learning. the mini-z zneo 28-pin module is a single-board computer that is easy to use, and it boasts a wide support base of free application resources. the module, which features the 16-bit zneo cpu-based z16f2810 mcu, is designed to be pin-compatible with the parallax bs2 series of stamp modules and with basic micro?s basic atom pro 28-m module. this compatibility in the module?s design allows you to utilize differing vendors? base boards which you may already possess in your development arsenal. the mini-z zneo 28-pin modu le ships preprogrammed with a boot loader and a control shell that can be accessed via the serial port. th is serial port access allows developers to control the module from a terminal emulatio n program (such as hyperterminal) and to upload user applicatio n code as a hex file. the module is fully compatible with zilog? s zds ii ide version 4. 12.0 for zneo-based mcus. you can write your programs in c and assembly, then compile and upload your hex file via the serial port to the module. you can also attach a usb smart cable (not included) and have full control over the zneo cpu, including interactive debugging sessions. figure 1. the zneo-based mini-z zneo 28-pin module notch mini debug adapter pin 1 reference design mini-z ? zneo 28-pin module rd000603-0814
rd000603-0814 page 2 of 10 mini-z ? zneo 28-pin module reference design the mini-z library file associated with this reference design, rd0006-sc01.zip , is avail- able for download on zilog.com. this file has been tested w ith version 5.0.0 of zds ii for zneo-powered mcus. subsequent releases of zds ii may require you to modify the code supplied with this reference design. mini-z zneo 28-pin module features ? powerful 16-bit cisc microcontroller ? 128 kb of program space (flash) with 16-bit access and in-circuit programming ? 4 kb internal ram with 16-bit access ? 24-bit address space ? 24 bit stack with overflow protection ? direct register-to-register architecture allo ws each memory address to function as an accumulator, thus improving execution time and decreasing the requirement for addi- tional program memory ? 5.5 v to 15 v input with internal 5 v and 3.3 v regulation ? 4-channel, 10-bit adc ? analog comparator ? internal precision oscillator ? i 2 c master-slave controller ? enhanced serial peripheral interface (espi) ? three standard 16-bit timers with capture, compare and pwm capability ? 12-bit pwm module with three complementary pairs or six independent pwm out- puts with deadband genera tion and fault trip input ? 24 interrupts with programmable priority ? watchdog timer with internal rc oscillator ? on-chip debugger ? voltage brown-out protection (vbo) ? power-on reset (por) ? low power modes note:
rd000603-0814 page 3 of 10 mini-z ? zneo 28-pin module reference design module pin description table 1 describes the functions of each of th e mini-z zneo 28-pin module?s 28 pins. table 1. mini-z zneo 28-pin module pin-out pin pin name zneo pin name base function alt function 1 alt function 2 1s out pa5 mcu transmit 2s in pa4 mcu receive 3 dtr pa3 cts/dtr 4v ss gnd ground 5 po pb0 gpio ana 0 (adc) t0in0 6 p1 pb1 gpio ana 1 (adc) t0in1 7 p2 pb2 gpio ana 2 (adc) t0in2 8 p3 pb3 gpio ana 3 (adc) opout 9p4 pd0 gpio pwmh1 10 p5 pd1 gpio pwml1 11 p6 pa7 gpio sda 12 p7 pa6 gpio scl 13 p16 ph2 gpio ana10 14 p17 ph3 gpio ana11 cpinp 15 p18 pd2 gpio pwmh2 16 p19 pd7 gpio pwml2 17 p8 pc0 gpio t1in/#t1out cinn 18 p9 pc1 gpio t1out compout 19 p10 pc2 gpio ss 20 p11 pc3 gpio sck 21 p12 pc4 gpio mosi 22 p13 pc5 gpio miso 23 p14 pc6 gpio t2in/#t2out pwmh0 24 p15 pc7 gpio t2out pwml0 25 v cc i/o ? 5 v in/out 26 reset reset reset 27 v ss gnd ground 28 v in ? 5.5?15 v in
rd000603-0814 page 4 of 10 mini-z ? zneo 28-pin module reference design mini-debug connector the mini-z zneo 28-pin module uses a miniature debug connector (available in the mini-z zneo ssr kit ) to connect to the smart cables an d to zds ii. alternatively, you can build your own adapter. the mini-debug adapter features a 4-pin single -row header; its pins are 0.1" apart, center to center. to connect the mini-d ebug adapter, wire a male head er (equivalent to molex part number 90120-0124) to a 6-pin (2 x 3) male header (equivalent to molex 90131-0763) using the connections shown in figure 2. electrical characteristics stresses greater than those listed in table 2 may cause permanent damage to the device. these ratings are stress ratings only. operation of the device at any condition outside those indicated in the operational s ections of these specifications is not implied. exposure to absolute maximum rating conditio ns for extended periods af fects device reliability. for improved reliability, unused inputs must be tied to one of the supply voltages (v dd or v ss ). table 2 describes the electrical characteristics of the mini-z zneo 28-pin module and reflects all available data as a result of tes ting prior to qualification and characterization. as such, the data presented in table 2 is subject to change. figure 2. mini-debug to debug pin-out table 2. mini-z zneo 28- pin module characteristics parameter min max units notes v in range 5.5 15 volts max voltage range for serial interface ?15 15 volts pin 1, 2 & 3. max voltage range all other pins ?0.3 5.5 volts i/o pins and reset. v cc i/o range 4.8 5.1 volts max current for i/o pins ?25 25 milliamps (ma)
rd000603-0814 page 5 of 10 mini-z ? zneo 28-pin module reference design max current on input/inactive output ?5 5 microamps (a) max dissipation 540 milliwatts (mw) max current 134 milliamps (ma) wi th respect to the zneo mcu, not including v cc i/o. max current out on v cc i/0 100 milliamps (ma) low level input ?0.3 1.08 volts high level input 2.5 3.6 volts low level output 0 .6 volts high level output 2.4 3.3 volts i/o leakage current ?5 5 microamp (a) internal v ref 1.9 2.1 volts 2v, typical. ambient temperature ?40 105 degrees celsius storage temperature ?65 150 degrees celsius table 2. mini-z zneo 28-pin module characteristics (continued) parameter min max units notes
rd000603-0814 page 6 of 10 mini-z ? zneo 28-pin module reference design packaging figure 3 labels each pin of the mini-z zneo 28-pin module. figure 3. mini-z zneo 28-pin module pin diagram
rd000603-0814 page 7 of 10 mini-z ? zneo 28-pin module reference design mechanical profile figure 4 displays the top- and side-view dimensions of the mini-z zneo 28-pin module. figure 4. mini-z zneo 28-pin module dimensions
rd000603-0814 page 8 of 10 mini-z ? zneo 28-pin module reference design ordering information the mini-z zneo 28-pin module and kit can each be purchased from the zilog store ? simply click the store prod uct ids listed in table 3. kit contents the mini-z zneo ssr kit contains the following elements: ? mini-z zneo 28-pin module ? mini-z solid state relay design board ? usb smart cable ? mini-z to standard debug adapter ? usb cable (a male to mini-b male) related documentation the documents listed in table 4 are associ ated with the mini-z zneo 28-pin module and/or its base z16f2810ag20sg mcu. each of these documents can be obtained from the zilog website by clicking the link associated with its document number. table 3. mini-z zneo 28-pin module ordering information part number descript ion store product id Z16F2800100MODG mini-z zneo 28-pin module rd10002 z16ssr00100kitg mini-z zneo ssr kit rd10004 table 4. zaura rf wirele ss module documentation document number description rd0006 this mini-z zneo 28-pin module reference design document rd0006-sc01 mini-z library rd0007 mini-z solid state relay design board reference design document rm0061 mini-z shell and flash loader reference manual ps0220 zneo z16f series product specification um0188 zneo cpu core user manual um0181 usb smart cable user manual
rd000603-0814 page 9 of 10 mini-z ? zneo 28-pin module reference design appendix a. schematic diagram figure 5 shows a schematic diagram of the mini-z zneo 28-pin module. figure 5. mini-z zneo 28-pin module schematics 1 1 2 2 3 3 4 4 5 5 6 6 d d c c b b a a zilog an ixys co. 1590 buckeye dr. milpitas, ca ca 95035 u.s.a. z16miniz28 module z0027 c 3/21/2011 2:40:22 pm c:\users\maceves\documents\altium09\zneo-stamp28 miniz z0027\zneo-stamp28 miniz z0027.schdoc title size: number: date: file: revision: sheet of time: b an ixys company issue description date apprvd a original document release 01/14/2011 t. ormiston z16f2810ag20sg vss 1 avdd 2 ph0/ana8 3 ph1/ana9 4 pb0/ana0/t0in0 5 pb1/ana1/t0in1 6 pb4/ana4 7 pb5/ana5 8 pb6/ana6/opinp/cinn 9 pb7/ana7/opinn 10 pb3/ana3/opout 11 pb2/ana2/t0in2 12 ph2/ana10 13 ph3/ana11/cpinp 14 vref 15 avss 16 pc0/t1in/t1out/cinn 17 pc1/t1out/compout 18 dbg 19 pc6/t2in/t2out/pwm0h 20 pc7/t2out/pwm0l 21 vdd 22 pg3 23 vdd 24 pe7 25 pe6 26 pe5 27 vss 28 pd7/pwm2l 29 pc3/sck 30 pd6/cts1 31 pa7/sda 32 pa6/scl 33 pa5/txd0 34 pa4/rxd0 35 vss 36 vdd 37 pc4/mosi 38 pd5/txd1 39 pd4/rxd1 40 pd3/de1 41 pc5/miso 42 pf7 43 vdd 44 vss 45 pa3/cts0/fault0 46 pa2/de0/faulty 47 pa1/t0out 48 pa0/t0in/t0out 49 pd2/pwm2h 50 pc2/ss 51 reset 52 vdd 53 pe4 54 pe3 55 vss 56 pe2 57 pe1 58 pe0 59 vss 60 pd1/pwm1l 61 pd0/pwm1h 62 xout 63 xin 64 u1 3.3v 3.3v 3.3v 5.5-15v 5.5-15v reset reset pa4 pa5 pa3 pb0 pb1 pb2 pb3 pd0 pd1 pa6 pa7 pd2 pd7 pc0 pc1 pc2 pc3 pc4 pc5 pc6 pc7 pa4 pa5 pb0 pb1 pb2 pb3 pd0 pd1 pa6 pa7 pd2 pd7 pc0 pc1 pc2 pc3 pc4 pc5 pc6 pc7 dbg 10k r4 10k r3 5v 5v 20mhz y1 22pf c6 22pf c7 blu led1 grn led2 127 r6 .1uf c4 1m r1 22uf 10v c3 3.3v 1 dbg/tck 2 gnd 3 rst/dti 4 j1 debug2mm yel led4 62 r7 6.8uh 1.6a l1 10uf 25v c1 1uf c2 10uf 6.3v + c5 reg102na-3.3 vin 1 2 en 3 vout 5 nr 4 gnd vr2 tps62112rsat pgnd 1 vin 2 vin 3 en 4 sync 5 lbo 6 lbi 7 vina 8 agnd 9 fb 10 gnd 11 gnd 12 pg 13 sw 14 sw 15 pgnd 16 vr1 z16minz28 pa5/tx 1 pa4/rx 2 pa3/rts 3 vss 4 p0 5 p1 6 p2 7 p3 8 p4 9 p5 10 p6 11 p7 12 p16 13 p17 14 p18 15 p19 16 p8 17 p9 18 p10 19 p11 20 p12 21 p13 22 p14 23 p15 24 vcc/io 25 reset 26 vss 27 vin 28 u2 2n3904 q2 5v 3.3v 10k r10 10k r11 10k r12 1n4148wx d1 zxtp25020c q1 100 r13 ph2 ph3 ph2 ph3 b label ph2 was pb7, ph3 was pb6. u2 pins 5 thru 24 symbol names changed to match stamp28 pin names, previously they were named to match zneo zf162810-(64pin) pin names. 02/25/2011 t. ormiston added q3, r15, r16 & r17 470 r5 red led3 r8 is 10k: was 3.40k | r9 is:3.83k, was:35.7k | r14 is:1.0k, was 10k | c8 is:1.0uf cer., was:22uf/25v elect. c 03/10/2011 t. ormiston 3.83k r9 1k r14 1.0uf c8 10k r8 removed r16, r16, r17 and q3. (dtr 'pa3' circuit) r2 330
rd000603-0814 page 10 of 10 mini-z ? zneo 28-pin module reference design customer support to learn more about this prod uct, find additional documentation, get your technical ques- tions answered or report issues, please contact esales@zilog.com. do not use this product in life support systems. life support policy zilog?s products are not authorized fo r use as critical components in life support devices or systems without th e express prior written approval of the president and general counsel of zilog corporation. as used herein life support devices or systems are devices which (a) ar e intended for surgical implant into the body, or (b) support or sustain life and whose failure to perform when properly used in accordan ce with instructions for use provided in the labeling can be reasonably expected to result in a significant injury to the user. a critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the fa ilure of the life support device or system or to affect its safety or effectiveness. document disclaimer ?2014 zilog, inc. all rights reserved. information in this publicat ion concerning the devices, applications, or technology described is intend ed to suggest possible uses and ma y be superseded. zilog, inc. does not assume liability for or provide a representation of accuracy of the information, devices, or technology described in this document. zilog also does not assume liability for intellectual property infringement related in any manner to use of informati on, devices, or technology described herein or otherwise. the information contained w ithin this document has been verified according to the general principles of electrical and mechanical engineering. zneo and mini-z are trademarks or registered trademarks of zilog, inc. all other product or service names are the property of their respective owners. warning:


▲Up To Search▲   

 
Price & Availability of Z16F2800100MODG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X