Part Number Hot Search : 
BSERIES 354203 1004G TA0697A ATR2805T ZR431G F8205A SMBJ54
Product Description
Full Text Search
 

To Download UV130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uv13 0 usb flash drive the UV130 combines a trendy loo k and durability. it features a zinc - alloy integrated shape with a simplistic streamlined exterior and capless design facilitating the usage . the race car spoiler - inspired strap hole makes UV130 easier to hold and plug in, as well as to carry on a keychain . carry UV130 anywhere and use it anytime without worries! features ordering information the i ntegrated shape with a simplistic and capless design c apacity model number ean code race car spoiler - inspired strap hole for a stylish look and great portability 8gb aUV130 - 8g - rgd 4712366960053 z inc - alloy for improved durability 16gb aUV130 - 16g - rgd 4712366960060 specifications 32 gb aUV130 - 32 g - rgd 4712366961166 interface : usb 2 .0 capacity: 8gb / 16 gb / 32gb dimensions (l x w x h) : 4 4.2 x 16.8 x 8 mm / 1.7 x 0.6 x 0. 3 in ch weight: 8 g / 0.28oz warranty: lifetime color : champagne golden


▲Up To Search▲   

 
Price & Availability of UV130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X