Part Number Hot Search : 
GP406 KBP005 IRF3710 10U2P MM74C08N A53CW BCR141T 020CT
Product Description
Full Text Search
 

To Download USA-49WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a new hardware version (v2) was released in 2015 that requires a different windows driver. click the above support tab to find old and new drivers and a file with instructions on how to determine which version you need. keyspan high-speed 4-port usb-to-db9-serial adapter hub model number: USA-49WG description the USA-49WG keyspan? high-speed 4-port usb-to-db9-serial adapter hub allows you to connect as many as four 9-pin serial devices to a computer or laptop with a usb type-a port. an easy and inexpensive way to add serial ports to your computer without hassle, the USA-49WG works with any db9 serial device. configuring and sharing data among multiple modems, gps devices, cellphones, hand-held scanners, point-of-sale systems, touch screens, medical and scientific instruments, industrial process control devices and ups systems is a breeze. the included 6-foot cable supports data transfer speeds up to 460 kbpsfour times as fast as a built-in serial port. five leds display port status at a glance. the USA-49WG requires no external power. windows line monitor and data trace software included. works with windows (up to 8.1) and mac os (up to 10.11). features operate 4 db9 serial devices simultaneously connects to networking equipment, modems, gps devices, cellphones, hand-held scanners, point-of-sale systems, touch screens, medical and scientific instruments, industrial process control devices, ups systems and other devices with a 9-pin serial port supports data transfer speeds up to 460 kbps4 times as fast as a built-in serial port easy to set up and use no external power supply needed includes detachable 6-ft. usb cable can use with usb cable up to 16 ft. long 5 leds display port status at a glance compatible with most systems works with windows (up to 8.1) and mac os (up to 10.11) highlights connects up to four db9 serial devices to a computer usb-a port supports data transfer speeds up to 460 kbps detachable 6-foot usb cable included no external power source required works with windows (up to 8.1) and mac os (up to 10.11) system requirements 32- or 64-bit windows (up to 8.1) or mac os (up to 10.11) usb port package includes USA-49WG keyspan high-speed 4-port usb-to-db9-serial adapter hub usb cable, 6-ft. length cd with driver software and owners manual 1 / 2
works with windows (up to 8.1) and mac os (up to 10.11) includes windows line monitor and data trace software specifications product overview product overview keyspan-by-tripp lite 4-port usb serial adapter physical unit dimensions (hwd / in.) 1.8 x 6 x 3 unit dimensions (hwd / cm) 4.57 x 15.24 x 7.62 unit weight (lbs.) 0.35 unit weight (kg) 0.16 color black connections connector a usb a (male) connector b (4) db9 (female) warranty product warranty period (worldwide) 2-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of USA-49WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X