Part Number Hot Search : 
1N6283A MX29F0 M61113FP SB2100 U20D20A MSLU114 332MD B3577
Product Description
Full Text Search
 

To Download SMP1240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMP1240 ~ smp12100 voltage 40 ~ 100 v 12 a surface mount schottky barrier rectifiers elektronische bauelemente 16-mar-2011 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low leakage  low forward voltage drop  super long operating life  plastic package has underwriters laboratory flammability classification 94v-0 package information package mpq leadersize to-277a 4k 13 inch maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified.si ngle phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% . parameters symbol part numbers units testing conditions SMP1240 smp1260 smp12100 maximum repetitive peak reverse voltage v rrm 40 60 100 v maximum dc blocking voltage v dc 40 60 100 v maximum forward voltage v f 0.55 0.7 0.85 v i f =6a , t a =25c 0.5 0.65 0.8 v i f =3a , t a =125c 0.38 0.58 0.68 maximum average forward rectified current i f(av) 12 a t l = 90 c peak forward surge current i fsm 300 a 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum dc reverse current at rated dc blocking voltage i r1 0.5 ma t a =25c i r2 1 0.5 t a =75c, 50%v rrm ,typ. i r3 50 30 t a =100c thermal resistance junction to ambient r ja 100 k / w thermal resistance junction to lead r jl 3 k / w operating temperature range t j -55 ~ 150 c in dc forward mode 200 (note 1) Q 1h storage temperature range t stg -55 ~ 150 c notes 1. meets the requirements of iec 61215 ed.2 bypass diode thermal test. to - 277a m n a b i f j c e d g h k l ref. millimeter ref. millimeter min. max. min. max. a 4.4 4.8 h 4.05 typ. b 5.9 6.3 j 4.4 4.8 c 6.3 6.7 k 2.0 2.2 d 4.1 4.5 l 1.0 1.4 e 0.65 typ. m 0.15 0.35 f 3.55 3.95 n 1.0 1.4 g 1.85 2.25 2 22 2 1 11 1 3 33 3


▲Up To Search▲   

 
Price & Availability of SMP1240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X