Part Number Hot Search : 
1SMB13A 08775 SDA113C SB10100 SD1462 C74AC ISL6608 8A712
Product Description
Full Text Search
 

To Download SB5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , u na. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 sb590 andSB5100 do-201ad schottky rectifier voltage range - 90 and 100 volts current - 5.0 amperes features ? plastic package has underwriters laboratory flammabiltiy classifications 94v-0. ? metal to silicon rectifier, majority carrier con- duction ? low power loss, high efficiency ? high current capability, low vf ? high surge capacity ? epitaxial construction ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? guard ring for transient protection .210(5.3) .190(4.1) dm. ll 1.0 j2! 1.0 (25.4) mm. .052(1.3) tot 1.0 (25.4) mm. dimensions in inches and (millimeters) mechanical data case: do-201ad molded plastic terminals: axial leads, solderable per mil-std- 202, method 208 polarity: color band denotes cathode mounting position: any weight: .04 ounces, 1.1 gram maximum ratings and electrical characteristics ratings at 25'c ambient temperature unless otherwise specified. resistive or inductive toad. for opadtive load, derate current by 20%. sylttols sasao sbs100 units maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at .375' (9.5 mm) lead length, see fig. 1 peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) peak repetitive reverse surge current (2.0us, 1khz) voltage rate of change, dv/dt (rated vr) maximum forward voltage (note 1) if . 5a, tl - 25'c if-sa.tc-ioo'c maximum instantaneous reverse current at peak reverse voltage tc - 100'c (note 1) peak reverse voltage tc - 25'c maximum thermal resistance, junction to lead maximum operating junction temperature maximum storage temperature vrrm vrwm voc i(av) ifsm irsm v/ns vf in ir rqjl tc tstq 90 100 64 71 90 100 5.0 150 1.0 1000 0.79 0.69 20.0 0.6 15.0 -65 to +150 -65 to +175 volts volts volts amps amps amps v/us volts ma ma ?c/w ?c ?c motes; 1. pulse test puto width 300 |u, duty cycle 2%. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
ratings and characteristic curves sbs90 and SB5100 fig. 3 - maximum non-repetitive peak forward surge current fig. 1 ? forward current derating curve i i i t i i 1 e 3m, single half sine-wave jedec method tj = 125'c 5 10 20 so number of cycles at 60hz fig. 4 - typical instantaneous forward characteristics 50 100 case temperature, *c fig. 2 ? typical reverse characteristics uj cc c ii gi i *d current 0 c ecus forwaf amperes o z t- 2 0 1 y / / r / x r _tj = ! 5-c pulse width ? 300 2?i duty cycle m? 01 02 0.3 0.4 0.5 0.6 07 0.6 09 instantaneous forward voltage. volts fig. 5 - typical junction capacitance uj q looo z < < o !0 40 60 60 100 120 140 percent of rated peak reverse voltage 10 4 10 reverse voltage. volts


▲Up To Search▲   

 
Price & Availability of SB5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X