Part Number Hot Search : 
OP161SLA GM195A MAX68 2SD209 13R472C LR1130 F10A40 MMSZ468
Product Description
Full Text Search
 

To Download PS8-300ATX-ZBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acp-4010 quiet 4u rackmount chassis for atx/ceb/eeb motherboard or full-size shb/sbc with dual system support ? supports either an atx/ceb/eeb single/dual processors motherboard or a picmg backplane with up to 15 slots ? supports one or two systems in a single chassis ? shock-resistant disk drive bay design holds up to two 5.25" and two 3.5" disk drives ? led indicators and alarm notifcation for system fault detection ? low noise system fans ? built-in intelligent system module enables whole system fan control and remote manageability specifcations drive bay external internal 5.25" 2 - 3.5" 1 1 cooling fan 2 (12 cm /85 cfm each) air filter yes front i/o interface usb 2.0 4 9-pin d-sub 2 (reserved) miscellaneous led indicators power, hdd, temperature, fan, lan1, and lan2 rear panel backplane version: one 9-pin d-sub opening motherboard version: five 9-pin d-sub and one 25-pin d-sub openings intelligent system module remote monitoring cpu/system fan speed , cpu/system temperature , motherboard voltage (only selected advantech mbs/cpu cards with wise-paas/rmm installed can fully enable these functions, check with advantech local rep. for detailed information.) environment operating non-operating temperature 0 ~ 40 c (32 ~ 104 f) -20 ~ 60 c (-4 ~ 140 f) humidity 10 ~ 85% @ 40 c, non-condensing 10 ~ 95% @ 40 c, non-condensing vibration (5 ~ 500 hz) 1 grms 2 g shock 10 g (with 11 ms duration, half sine wave) physical characteristics dimensions (w x h x d) 482 x 177 x 479 mm (19" x 7.0" x 18.9") weight 16.6 kg (36.5 lb) *installation of all 15 full-size cards will sacrifce the two 3.5"disk drive bays. *while an eeb motherboard is installed in the chassis, only one 3.5" and two 5.25" disk drive bays are available. two 5.25" drive bays two 3.5" drive bays (int. x 1 & ext. x 1) two reset buttons for dual systems two 9-pin d-sub openings reserved four usb ports easy-to-maintain dual fans front view inside view last updated: 25-jul-2017 all product specifications are subject to change without notice. industrial chassis features
acp-4010 ordering information model name description backplane version acp-4010bp-00be without psu with atx switch motherboard version acp-4010mb-00be without psu with atx switch power supply options (for detailed power supply specs, please refer to chapter 13) part number 80 plus grade wattage type input PS8-300ATX-ZBE bronze 300w single ac 100 ~ 240 v (full range) ps8-400atx-ze bronze 400w single ac 100 ~ 240 v (full range) ps8-500atx-ze bronze 500w single ac 100 ~ 240 v (full range) rps8-350atx-xe gold 350w 1+1 redundant ac 100 ~ 240 v (full range) rps8-500atx-xe bronze 500w 1+1 redundant ac 100 ~ 240 v (full range) rps8-750atx-xe gold 750w 1+1 redundant ac 100 ~ 240 v (full range) optional accessories part number description ipc-dt-3120e mobile rack for converting a 3.5" drive bay to dual 2.5" sata hdd trays ipc-dt-5230e mobile rack for converting dual 5.25" drive bays to three 3.5" sata hdd trays spare parts part number description 1990001299 fan flter 95 x 130 mm 1990001298 door flter 150 x 68 mm dimensions unit: mm [inch] 492.3 [19.4] 477.4 [18.8] 92 [3.6] 92 [3.6] 92 [3.6] 98 [3.9] 482 [19.0] 465 [18.3] 101.6 [4.00] 177.0 [7.0] 426 [16.8] 426 [16.8] www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of PS8-300ATX-ZBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X