Part Number Hot Search : 
4731A KT521205 10076 2SB123 X086A 0TFI023 80C196KC UE01H
Product Description
Full Text Search
 

To Download PF2203-100RF1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pf2200 series ? to-220 housing ? rated power to 50 watts ? resistances from 0.02 to 51k ohms ? high stability film resistance elements ? resistance tolerance to 0.1% ? tcr to 5ppm/c ? low inductance ( <10nh ) ? isolated mounting tab specifications 1 power rating based on 25c flange temperature 2 power rating based on 25c ambient temperature 3 consult factory for higher or lower values type power rating heatsink 1 free air 2 thermal resistance resistance range 3 min max tolerances temperature coeffcients pf2205 50w 1w 2.3c/w 0.02w 51kw 1% ( r 0.1 w ) 5% 50ppm/c ( r 10 w ) 100ppm/c ( 0.1 w r < 10w ) 250ppm/c ( r < 0.1 w ) pf2203 35w 1w 3.3c/w 0.02w 51kw 1% ( r 0.1 w ) 5% 50ppm/c ( r 10 w ) 100ppm/c ( 0.1 w r < 10w ) 250ppm/c ( r < 0.1 w ) pf2202 20w 1w 5.9c/w 0.02w 220w 1% ( r 0.1 w ) 5% 50ppm/c ( r 10 w ) 100ppm/c ( 0.1 w r < 10w ) 250ppm/c ( r < 0.1 w ) 10w 1w 220w 51kw 1%, 5% 50ppm/c pf2201 10w 0.5w 3.3c/w 1w 51kw 0.1% 5ppm/c ( r 5 w ) 25ppm/c ( r < 5 w ) to-220 power thin film resistors part description: part type - resistance - tolerance - tcr example: pf2203 0.5 ohm 1% 100ppm ordering information riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 07/13
specifications (continued) specifcation value maximum current 25a temperature range -55c to +155c : pf2202, pf2203, pf2205 -55c to +120c : pf2201 dielectric strength 2000 vac max. operating voltage * p r ( 500v max ) insulation resistance >1000 meg-ohm inductance <10nh ( at the standoff ) environmental performance dr test conditions load life 1% + 0.05 w 25c, 90 min on, 30 min off, 1000 hr humidity resistance 1% + 0.05 w 40c, 90-95% rh, dc 0.1w, 1000 hr temperature cycle 0.25% + 0.05 w -55c for 30 min, +155c for 30 min, 1000 hr solder heat 0.1% + 0.05 w +350c, 3s vibration 0.25% + 0.05 w iec60068-2-6 mounting notes - the pf2200 series thin film resistors must be attached to a suitable heatsink. mount resistor using thermal grease to a clean, fat surface. use a compression washer to provide 150 to 300 pounds ( 665 to 1330n ) of mounting force. torque mount - ing screw to 8 in-lbs ( 0.9 n-m ). mounting tab is isolated from both pins. pf2200 series to-220 power thin film resistors -25 0 25 50 75 100 125 150 175 0 20 40 60 80 100 120 power ( % ) backplate temperature (c) power derating curve pf2201 all others power rating notes - the pf2200 series thin film resistors must be attached to a suitable heatsink. without a heatsink the maximum power rating is 1w ( 1/2w for the pf2201 ). the maximum internal resistor temperature is 155c ( 120c for the pf2201 ). to specify an appropriate heatsink use the following formula : where: r qh = thermal resistance of heatsink ( c/w ) r qr = thermal resistance of resistor ( c/w ) t max = maximum temperature of resistor ( c ) t a = ambient temperature of heatsink ( c ) p = power through resistor ( w ) ( * ) r p t p r t h ma x r a = - - h h riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 07/13


▲Up To Search▲   

 
Price & Availability of PF2203-100RF1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X