Part Number Hot Search : 
C16LF AD842KQ 74HC00P BZX78C16 AK8181C 323063 6V25605 152N085
Product Description
Full Text Search
 

To Download P-U77-AX61M-X071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j.si mar19/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet P-U77-AX61M-X071 mar18/10 or used for manufacturing purposes without permission from amphenol canada corp. dimensions are in millimeters (no mid g-pins) date approvals drawn checked qa appd ie app'd 1 of 10 emi, with extra bottom tolerances are: rev. ground fingers 03554 dwg app'd code ident. no. decimals angles 1xn sfp+ cage spring finger unless otherwise specified 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved a designed ecn/e-r title 2:1 a 7 x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal p/n: u77-a461m-x071 shown p/n: u77-a661m-x071 shown p/n: u77-a261m-x071 shown 2.54um min. nickel packaging: over 1.27um min. nickel. temperature range: 3.81um min. matte tin option x= tray packaging : option x=3 2: plating 2 = 2 ports 4 = 4 ports number of ports 6 = 6 ports plating 2 = nickel plating 3 = matte tin plating 1 = tray packaging -40c to +85c material: cage: copper alloy plating packaging amphenol part number configuration u77 - a x 6 1 m - x 0 7 1
37.10 ( 11.00 min. 48.73 ( ) 9.70) (typ.) 11.50 10.00 5.00 u77-a461m-x071 59.01) ( 56.75 14.25 (typ.) u77-a461m-x071 u77-a661m-x071 (87.51) 85.25 0.15 0.10 (typ.) (typ.) 14.00 28.25 8.95 (30.50) u77-a261m-x071 u77-a661m-x071 code ident. no. 03554 j.si title P-U77-AX61M-X071 a mar18/10 d c b a a b c d amphenol canada corp. ref. scale 7 a 2:1 emi, with extra bottom tolerances are: decimals angles ground fingers dimensions are in millimeters (no mid g-pins) date mar19/10 description date approved size 2 of 10 designed approvals or used for manufacturing purposes without permission from amphenol canada corp. ecn/e-r project drawn checked qa appd ie app'd dwg app'd unless otherwise specified 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. dwg. no. a3 sheet rev. 1xn sfp+ cage spring finger x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal u77-a261m-x071
mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet rev. a P-U77-AX61M-X071 title (no mid g-pins) date approvals drawn checked qa appd ie app'd dwg app'd ground fingers emi, with extra bottom tolerances are: decimals angles 1xn sfp+ cage spring finger dimensions are in millimeters j.si unless otherwise specified 03554 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 3 of 10 or used for manufacturing purposes without permission from amphenol canada corp. designed 2:1 a 7 code ident. no. x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal (1.57) part number dim "c" dim "d" u77-a261m-x071 29.70 31.00 u77-a461m-x071 58.20 59.50 u77-a661m-x071 86.70 88.00 section a-a pcb center of connector guide pin per spec (opening below pcb) 3.50) 10.400.10 0.30 38.90 max 35.40 0.10 0.19 ( (10.22) dim "d" min. dim "c" a a
mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet rev. a P-U77-AX61M-X071 title (no mid g-pins) date approvals drawn checked qa appd ie app'd dwg app'd ground fingers emi, with extra bottom tolerances are: decimals angles 1xn sfp+ cage spring finger dimensions are in millimeters j.si unless otherwise specified 03554 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 4 of 10 or used for manufacturing purposes without permission from amphenol canada corp. designed 2:1 a 7 code ident. no. x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal note: panel cutout sizes per sff 8433 spec. for belly to belly mounting, dim "e" (pcb thickness) is 3.0 mm min. dim "f" related to dim "e". for dim "f" = dim "e" - 0.44 mm. the panel cutout 10.40 mm might be increased up to 10.80 mm in order to accomodate pcb tolerance. e e section e-e (see note) ) dim "e" ) min 0.10 (see note) 10.40 0.19 ( (3.00 10.400.10 dim "f"
0.00 0.00 4.50 10.00 17.10 20.00 22.80 27.50 32.50 37.10 1.10 14.25 15.35 28.50 2.33 7.13 11.93 16.58 21.38 26.18 5.00 15.00 25.00 30.90 35.00 (see note 1) bsc 4. see drawings p-ux76-a20-x00xx for connector layout. 3. thru-holes, plating optional. 2. pads and vias are chassis ground. notes: 1. datum and basic dimensions established by customer. recommended pcb design for single side mounting (p/n u77-a261m-x071) mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet rev. a P-U77-AX61M-X071 title (no mid g-pins) date approvals drawn checked qa appd ie app'd dwg app'd ground fingers emi, with extra bottom tolerances are: decimals angles 1xn sfp+ cage spring finger dimensions are in millimeters j.si unless otherwise specified 03554 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 5 of 10 or used for manufacturing purposes without permission from amphenol canada corp. designed 2:1 a 7 code ident. no. x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal detail d scale 4 : 1 pattern repeats for each port. spacing between ports is 14.25mm. applies to all ganged layouts typ. 0.10 2.00 12.050.10 (typ.) -v- x s l z z w s v w -w- l 0.06 0.05 l 0.05 0.06 l w v 10 pin1 11 scale 4 : 1 detail b 20 0.500.03(20 plcs) 4.10 (typ.) ) 9.60 ( 9.60 1.55 (20 plcs) 0.03 2.00 (typ.) 1.00 0.80 0.05 1.55 0.05 1.40 4.10 detail c scale 4 : 1 0.10 2.00 (typ.) 2.000.10 (typ.) x s 0.1 -z- y x x s z s s z 0.1 x 0.1 m y c this area denotes b componets keep-out (traces allowed) (except chassis ground) cross-hatched area denotes component and trace keep-out d 0.00 1.05 (12 plcs) 0.95 1.050.05(6 plcs)
0.00 0.00 0.950.05(16 plcs) 4.50 5.00 10.00 15.00 20.00 22.80 27.50 25.00 32.50 35.00 37.10 1.10 14.25 7.13 28.50 2.33 17.10 11.93 16.58 21.38 26.18 15.35 (see note 1) bsc 0 0 2.33 11.93 16.58 26.18 30.90 1. datum and basic dimensions established by customer. notes: 4. see drawings p-ux76-a20-x00xx for connector layout. 3. thru-holes, plating optional. 2. pads and vias are chassis ground. recommended pcb design for belly to belly mounting (p/n u77-a261m-x071) s 0.1 0.1 -z- x y s y z x x m s z 0.1 m x this area denotes componets keep-out (traces allowed) cross-hatched area denotes component and trace keep-out (except chassis ground) 0.05 1.05 1.050.05(13 plcs) a mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet P-U77-AX61M-X071 title j.si dimensions are in millimeters (no mid g-pins) date approvals drawn checked qa appd ie app'd 6 of 10 emi, with extra bottom tolerances are: rev. ground fingers 03554 dwg app'd code ident. no. decimals angles 1xn sfp+ cage spring finger unless otherwise specified 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 or used for manufacturing purposes without permission from amphenol canada corp. designed 3:1 a 7 x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal componets keep-out (traces allowed) this area denotes cross-hatched area denotes component and trace keep-out (except chassis ground)
0.00 0.00 4.50 5.00 15.00 17.10 22.80 25.00 37.10 10.00 20.00 30.90 35.00 2.33 7.13 11.93 14.25 16.58 21.38 26.18 28.50 30.83 35.63 40.43 42.75 45.08 49.88 54.68 57.00 1.10 15.35 29.60 43.85 (see note 1) bsc (p/n u77-a461m-x071) for single side mounting recommended pcb design notes: 1. datum and basic dimensions established by customer. 2. pads and vias are chassis ground. 3. thru-holes, plating optional. 4. see drawings p-ux76-a20-x00xx for connector layout. mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet rev. a P-U77-AX61M-X071 title (no mid g-pins) date approvals drawn checked qa appd ie app'd dwg app'd ground fingers emi, with extra bottom tolerances are: decimals angles 1xn sfp+ cage spring finger dimensions are in millimeters j.si unless otherwise specified 03554 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 7 of 10 or used for manufacturing purposes without permission from amphenol canada corp. designed 1:1 a 7 code ident. no. x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal s z x 0.1 m x x z x s 0.1 y s -z- 0.1 m y this area denotes componets keep-out (traces allowed) b cross-hatched area denotes component and trace keep- out (except chassis ground) 0.05 0.95 (20 plcs) 0.05 1.05 1.050.05(13 plcs)
27.50 0.00 0.950.05(28 plcs) 4.50 35.00 20.00 49.88 22.80 11.93 54.68 17.10 1.10 14.25 15.35 28.50 29.60 42.75 43.85 57.00 37.10 0.00 32.50 21.38 26.18 30.83 35.63 40.43 45.08 5.00 10.00 15.00 7.13 2.33 (see note 1) bsc 16.58 0 0 2.33 11.93 16.58 26.18 30.83 40.43 45.08 54.68 30.90 and trace keep-out (except chassis ground) denotes component cross-hatched area this area denotes componets keep-out (traces allowed) mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet rev. a P-U77-AX61M-X071 title (no mid g-pins) date approvals drawn checked qa appd ie app'd dwg app'd ground fingers emi, with extra bottom tolerances are: decimals angles 1xn sfp+ cage spring finger dimensions are in millimeters j.si unless otherwise specified 03554 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 8 of 10 or used for manufacturing purposes without permission from amphenol canada corp. designed 2:1 a 7 code ident. no. x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal 4. see drawings p-ux76-a20-x00xx for connector layout. 2. pads and vias are chassis ground. notes: 3. thru-holes, plating optional. 1. datum and basic dimensions established by customer. recommended pcb design for belly to belly mounting (p/n u77-a461m-x071) y m 0.1 x z s s -z- 0.1 x y s z x 0.1 m x denotes component and trace keep-out (except chassis ground) cross-hatched area this area denotes componets keep-out (traces allowed) 0.05 1.05 1.050.05(27 plcs)
83.18 0.00 10.00 26.18 20.00 32.50 4.50 27.50 30.90 0.00 35.00 1.10 14.25 15.35 28.50 29.60 42.75 43.85 57.00 58.10 71.25 72.35 85.50 2.33 7.13 11.93 16.58 21.38 25.00 37.10 30.83 35.63 40.43 45.08 49.88 54.68 59.33 64.13 68.93 73.58 78.38 15.00 22.80 5.00 17.10 (see note 1) bsc 4. see drawings p-ux76-a20-x00xx for connector layout. notes: 1. datum and basic dimensions established by customer. 2. pads and vias are chassis ground. 3. thru-holes, plating optional. recommended pcb design for single side mounting (p/n u77-a661m-x071) -z- s z z m 0.1 s x y 0.1 m x 0.1 s x y x componets keep-out this area denotes (traces allowed) b cross-hatched area denotes component and trace keep-out (except chassis ground) 0.05 0.95 (28 plcs) 1.05 (20 plcs) 0.05 1.050.05 a mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 sheet P-U77-AX61M-X071 title j.si dimensions are in millimeters (no mid g-pins) date approvals drawn checked qa appd ie app'd 9 of 10 emi, with extra bottom tolerances are: rev. ground fingers 03554 dwg app'd code ident. no. decimals angles 1xn sfp+ cage spring finger unless otherwise specified 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r mar19/10 or used for manufacturing purposes without permission from amphenol canada corp. designed 1:1 a 7 x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal
0 0 2.33 11.93 16.58 26.18 30.83 40.43 45.08 54.68 59.33 68.93 73.58 83.18 30.90 0.00 85.50 0.950.05(40 plcs) 4.50 0.00 5.00 10.00 15.00 20.00 22.80 25.00 27.50 32.50 35.00 37.10 1.10 14.25 15.35 28.50 29.60 42.75 43.85 57.00 58.10 71.25 72.35 2.33 7.13 11.93 14.25 16.58 21.38 26.18 28.50 30.83 35.63 40.43 42.75 17.10 49.88 54.68 57.00 64.13 45.08 68.93 71.25 73.58 78.38 83.18 59.33 (see note 1) bsc for belly to belly mounting (p/n u77-a661m-x071) recommended pcb design notes: 1. datum and basic dimensions established by customer. 2. pads and vias are chassis ground. 3. thru-holes, plating optional. 4. see drawings p-ux76-a20-x00xx for connector layout. (except chassis ground) denotes component and trace keep-out cross-hatched area this area denotes componets keep-out (traces allowed) z x x z m s y 0.1 s -z- x s 0.1 0.1 m x y (except chassis ground) denotes component and trace keep-out cross-hatched area this area denotes componets keep-out (traces allowed) 0.05 1.05 1.050.05(41 plcs) P-U77-AX61M-X071 a mar18/10 d c b a a b c d amphenol canada corp. ref. scale size project dwg. no. a3 title j.si 03554 ground fingers dimensions are in millimeters (no mid g-pins) date approvals drawn checked qa appd decimals angles mar19/10 10 of 10 emi, with extra bottom sheet code ident. no. ie app'd 7 tolerances are: rev. dwg app'd unless otherwise specified 1 0.25 material and finish see note 1 do not scale drawing 1 2 3 4 5 6 8 8 7 6 5 4 32 1 revisions rev. description date approved ecn/e-r 1xn sfp+ cage spring finger or used for manufacturing purposes without permission from amphenol canada corp. designed 3:2 a x.x 0.38 x.xx this document contains proprietary information and such information may not be disclosed to others for any purpose proposal


▲Up To Search▲   

 
Price & Availability of P-U77-AX61M-X071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X