Part Number Hot Search : 
170M2609 307009 5A372ML DD110F CHR922 LT346 1000S BD985
Product Description
Full Text Search
 

To Download LANE505NH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /201 2 603 - 778 - 2300 www.walli ndustries.com fax 603- 778 - 9797 page 1 of 6 datasheet rev. e lane h series 3.3, 5, 9, 12, 15, 24, & 48vdc nominal input voltages two package sizes available 3000vdc i/o isolation , non-r egulated single & dual outputs 1 watt dc/dc power converters features ? 1 watt output pow er ? recognized by ul 60950 - 1 ? rohs compliant ? non - r egulated single and dual outputs ? two package sizes available ? industry standard pin - out ? high efficiency up to 8 5 % ? 3000vdc i/o isolation ? no external components needed ? free air convection ? internal smd constructi on ? - 40c to +85c operating temperature range description the laneh s eries of dc/dc power converters provides 1 w att of output power in a 7 pin s ip package. this series consists of non - regulated single and dual output models with 3000vdc i/o isolation an d a - 40c to +85c operating temperature range . all models in this series are recognized by ul 60950 - 1 and are rohs compliant. this series has two package sizes available. please call factory for more details.
rev. e laneh s eries 3000vdc i/o isolation 1 watt d c/dc power converters non - regulated single & dual outputs wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /20 1 2 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 2 of 6 specifications: laneh ser ies all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwise noted. we reserve the right to change specifications based on technological advances. specification test conditions min nom max unit input speci fications input voltage ranges 3.14 3.3 3.47 vdc 4.75 5 5.25 8.55 9 9.45 11.4 12 12.6 14.25 15 15.75 22.8 24 25.2 see note 1 45.6 48 50.4 input filter capacitor output specifications output voltage see table voltage toleranc e full load - 5 +5 % line regulation for 1% of vin 1.2 % load regulation 10% to 100% full load 3.3 & 5vdc output models 15 % 9, 12, 15, & 24 v dc output models 10 output power 1 w output current see table ripple & noise 20mhz bandwidth 100 mvp - p transient response setting time 50% load step change 350 s protection short circuit protection short term 1 sec general specifications efficiency see note 2 see table switching frequency full load, nominal input 100 khz isolation vo ltage input to output 3000 vdc isolation resistance 500vdc 1000 m environmental specifications operating ambient temperature - 40 +85 c storage temperature - 40 + 100 c humidity non - condensing 95 % cooling free air convection mtbf mil - hd bk - 217f at 25c 3,500,000 hours physical specifications case material dap weight package 1 0.074oz (2.1 g) package 2 0.095oz (2.7g) dimensions (l x w x h) package 1 0.77 x 0.24 x 0.39 inches (19.5 x 6.0 x 10.0 mm) package 2 0.77 x 0. 30 x 0.39 in ches (19.5 x 7.62 x 10.0 mm) notes: 1. 4 8vdc nominal input voltage models are only available in package 2 type. 2 . as the input voltage increases there will be an increase in efficiency. * due to advances in technology, specifications subject to change without notice.
rev. e laneh s eries 3000vdc i/o isolation 1 watt d c/dc power converters non - regulated single & dual outputs wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /20 1 2 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 3 of 6 model selection table single output models model number input v oltage output voltage output current efficiency output power lane3333nh 3.3 vdc (3.14 ? 3.47 vdc) 3.3 vdc 303ma 70% 1w lane33 05nh 5 vdc 200ma 70% 1w lane33 09nh 9 vdc 112ma 75% 1w lane33 12nh 12 vdc 84ma 78% 1w lane33 15nh 15 vdc 67ma 80% 1w lane33 24nh 24 vdc 42ma 82% 1w lane533nh 5 vdc (4.75 ? 5.25 vdc) 3.3 vdc 303ma 70% 1w lane5 05nh 5 vdc 200ma 70% 1w lane5 09nh 9 vdc 112ma 75% 1w lane5 12nh 12 vdc 84ma 78% 1w lane5 15nh 15 vdc 67ma 80% 1w lane524nh 24 vdc 42ma 82% 1w lane933nh 9 vdc ( 8.55 ? 9.45 vdc) 3.3 vdc 303ma 70% 1w lane9 05nh 5 vdc 200ma 70% 1w lane9 09nh 9 vdc 112ma 75% 1w lane9 12nh 12 vdc 84ma 78% 1w lane9 15nh 15 vdc 67ma 80% 1w lane924nh 24 vdc 42ma 82% 1w lane1233nh 12 vdc (11.4 ? 12.6 vdc) 3.3 vdc 303ma 70% 1w lan e12 05nh 5 vdc 200ma 70% 1w lane12 09nh 9 vdc 112ma 75% 1w lane12 12nh 12 vdc 84ma 78% 1w lane12 15nh 15 vdc 67ma 80% 1w lane1224nh 24 vdc 42ma 82% 1w lane1533nh 15 vdc (14.25 ? 15.75 vdc) 3.3 vdc 303ma 70% 1w lane15 05nh 5 vdc 200ma 70% 1w lane15 09nh 9 vdc 112ma 75% 1w lane15 12nh 12 vdc 84ma 78% 1w lane15 15nh 15 vdc 67ma 80% 1w lane1524nh 24 vdc 42ma 82% 1w lane2433nh 24 vdc (22.8 ? 25.2 vdc) 3.3 vdc 303ma 70% 1w lane24 05nh 5 vdc 200ma 70% 1w lane24 09nh 9 vdc 112ma 75% 1w lane24 12nh 12 vdc 84ma 78% 1w lane24 15nh 15 vdc 67ma 80% 1w lane2424nh 24 vdc 42ma 82% 1w lane48 05nh 48 vdc (45.6 ? 50.4 vdc) 5 vdc 200ma 70% 1w lane48 09nh 9 vdc 112ma 75% 1w lane48 12nh 12 vdc 84ma 78% 1w lane48 15nh 15 vdc 67ma 80% 1w lane4824nh 24 vdc 42ma 82% 1w note: 48vdc nominal input voltage models are only available in package 2 type.
rev. e laneh s eries 3000vdc i/o isolation 1 watt d c/dc power converters non - regulated single & dual outputs wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /20 1 2 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 4 of 6 model selection table dual output models model number input voltage output voltage output current efficiency output power lane3333ndh 3.3 vdc (3.14 ? 3.47 vd c) 3.3 vdc 150ma 70% 1w lane33 05n d h 5 vdc 100ma 70% 1w lane33 09n d h 9 vdc 56ma 75% 1w lane33 12n d h 12 vdc 42ma 78% 1w lane33 15n d h 15 vdc 34ma 80% 1w lane3324ndh 24 vdc 21ma 82% 1w lane533ndh 5 vdc (4.75 ? 5.25 vdc) 3.3 vdc 150ma 70% 1w lane5 05n d h 5 vdc 100ma 70% 1w lane5 09n d h 9 vdc 56ma 75% 1w lane5 12n d h 12 vdc 42ma 78% 1w lane5 15n d h 15 vdc 34ma 80% 1w lane524ndh 24 vdc 21ma 82% 1w lane933ndh 9 vdc (8.55 ? 9.45 vdc) 3.3 vdc 150ma 70% 1w lane9 05n d h 5 vdc 10 0ma 70% 1w lane9 09n d h 9 vdc 56ma 75% 1w lane9 12n d h 12 vdc 42ma 78% 1w lane9 15n d h 15 vdc 34ma 80% 1w lane924ndh 24 vdc 21ma 82% 1w lane1233ndh 12 vdc (11.4 ? 12.6 vdc) 3.3 vdc 150ma 70% 1w lane12 05n d h 5 vdc 100ma 70% 1w lane12 09n d h 9 vdc 56ma 75% 1w lane12 12n d h 12 vdc 42ma 78% 1w lane12 15n d h 15 vdc 34ma 80% 1w lane1224ndh 24 vdc 21ma 82% 1w lane1533ndh 15 vdc (14.25 ? 15.75 vdc) 3.3 vdc 150ma 70% 1w lane15 05n d h 5 vdc 100ma 70% 1w lane15 09n d h 9 vdc 56ma 75% 1w lane15 12n d h 12 vdc 42ma 78% 1w lane15 15n d h 15 vdc 34ma 80% 1w lane1524ndh 24 vdc 21ma 82% 1w lane2433ndh 24 vdc (22.8 ? 25.2 vdc) 3.3 vdc 150ma 70% 1w lane24 05n d h 5 vdc 100ma 70% 1w lane24 09n d h 9 vdc 56ma 75% 1w lane24 12n d h 12 vdc 42ma 78% 1w lane24 15n d h 15 vdc 34ma 80% 1w lane2424ndh 24 vdc 21ma 82% 1w lane48 05n d h 48 vdc (45.6 ? 50.4 vdc) 5 vdc 100ma 70% 1w lane48 09n d h 9 vdc 56ma 75% 1w lane48 12n d h 12 vdc 42ma 78% 1w lane48 15n d h 15 vdc 34ma 80% 1w lan e4824ndh 24 vdc 21ma 82% 1w note: 48vdc nominal input voltage models are only available in package 2 type.
rev. e laneh s eries 3000vdc i/o isolation 1 watt d c/dc power converters non - regulated single & dual outputs wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /20 1 2 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 5 of 6 recommended test circuits characteristics mechanical drawing s
rev. e laneh s eries 3000vdc i/o isolation 1 watt d c/dc power converters non - regulated single & dual outputs wall industries, inc. 5 watson brook road exeter, nh 03833 06/0 4 /20 1 2 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 6 of 6 company information wall industries, inc. has created cust om and modified units for over 5 0 years. our in - house research and development engineers will provide a solution that exceeds your performance requirements on - time and on budget. our iso9001 - 2008 certification is just one example of our commitment to producing a high quality, well - documented product for our customers. our past projects demonstrate our commitment to you, our customer. wall industries, inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. we will continue to provide ongoing support for your project above and beyond the design and production phases. give us a call today to discuss your future projec ts. contact wall industries for further information: phone : ? (603)778 - 2300 toll free : ? (888)587 - 9255 fax : ? (603)778 - 9797 e - mail : sales@wallindustries.com web : www.wallindustries.com address : 5 watson brook rd. exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of LANE505NH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X