inductors axial leaded inductors LAL02TB3R3K features item summary 3.3h(10%), 210ma, 40, leaded lifecycle stage standard packaging quantity (minimum) taping 2000pcs products characteristics table external dimensions (mm) lxd 3.4(max)2.3(max)mm inductance 3.3h(10%) inductance measuring frequency 7.96mhz dc resistance (max) 1.4 q (min) 40min temperature range -25 to +105 self-resonant frequency (min) 38mhz rohs compliance yes halogen free yes soldering method wave external dimensions l 3.4mm max d 2.3mm max 2015.06.04 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|