Part Number Hot Search : 
2SC30 EVPAY LTC3785 NCP603 X84C3 00600 2SK3938G GP2L24
Product Description
Full Text Search
 

To Download J104A2C48VDC40S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j104 20.0 (21.0) x 9.8 x 10.8 mm rohs compliant ? high sensitivity, super light weight ? conforms to fcc part 68 ? pc board mounting ? available bifurcated contacts for high reliability e197851 j104a & j104b - bifurcated contacts standard version j104c - bifurcated contacts low cost version contact arrangement 2c = dpdt 2c = dpdt contact rating 2a @ 30vdc 1a @ 24vdc 3a @ 30vdc n.o. 1a @ 125vac .6a @ 125vac contact resistance < 50 milliohms initial < 50 milliohms initial contact material agni + au clad ag maximum switching power 60w, 75va 24w, 125va maximum switching voltage 250vac, 220vdc 250vac, 220vdc maximum switching current 3a 3a electrical life @ rated load 500k cycles, average mechanical life 100m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength j104a & j104b j104c coil to contact 1500v rms min. initial 1000v rms min. initial contact to contact 1000v rms min. initial 500v rms min. initial shock resistance 100m/s 2 for 11 ms vibration resistance 1.50mm double amplitude 10~40hz terminal (copper alloy) strength 5n operating temperature -40 o c to +85 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 4.5g coil data* general data* contact data* features r e s * values can change due to the switching frequency, desired reli- ability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .15w .20w .36w .40w .51w .55w 3 3.9 60 45 25 23 17.6 16 2.25 .3 .15 .20 .36 .40 .51 .55 4.5 1.5 5 6.5 167 125 56 63 39.7 45 3.75 .5 9 11.7 540 405 100 203 70.6 140 6.75 .9 12 15.6 960 720 400 360 282 280 9.00 1.2 24 31.2 n/a 2880 1600 1440 1129 1070 18.00 2.4 48 62.4 n/a 11.5k n/a 5760 4518 3900 36.00 4.8
page 1 www.citrelay.com phone - 763.535.2339 fax - 763.53 5.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j104 dimensions units = mm 1. series j104a 2c 12vdc .55 s j104a **.40w, .55w coil power only j104b **.15w, .20w coil power only j104c **.20w, .36w, .51w coil power only (only available on 5, 12 & 24 vdc coil) 2. contact arrangement 2c = dpdt 3. coil voltage 3vdc 5vdc 9vdc 12vdc 24vdc **not available with .15w coil power 48vdc **not available with .15w or .36w coil power 4. coil power j104a j104b j104c .40 = .40w .15 = .15w .20 = .20w .55 = .55w .20 = .20w .36 = .36w .51 = .51w 5. sealed s = sealed (standard) ordering information 20.18 [.79] 9.95 [.39] 10.95 [.43] 10.60 [.42] 3.55 typ [.14] 7.62 [.30] 5.08 [.20] 7.62 [.30] 1.20 [.05] 1.17 [.05] 5.08 [.20] 0.30 typ [.01] 0.50 typ [.02] 20.30 [.80] 11.20 [.44] 11.45 [.45] 10.00 [.39] 7.62 [.30] 5.08 [.20] 7.62 [.30] 3.45 typ [.14] 1.26 [.05] 1.19 [.05] 5.08 [.20] [.02] 0.50 typ [.02] 0.30 typ [.01] (2x) 0.40 j104a & j104b j104c
page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. bottom views schematics & pc layouts 7.62 [.30] 5.08 [.20] 5.08 [.20] 7.62 [.30] ?1.00 typ [.04] j104


▲Up To Search▲   

 
Price & Availability of J104A2C48VDC40S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X