Part Number Hot Search : 
7808C FSU01 MC5610 7705AC KSC3502 ARJ20A4H CED4531 ML2502
Product Description
Full Text Search
 

To Download IXXK200N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2013 ixys corporation, all rights reserved xpt tm 600v igbts genx3 tm IXXK200N60C3 ixxx200n60c3 v ces = 600v i c110 = 200a v ce(sat) ??? ??? ??? ??? ??? ? ? ? ? ? 2.1v t fi(typ) = 80ns symbol test conditions maximum ratings v ces t j = 25c to 175c 600 v v cgr t j = 25c to 175c, r ge = 1m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c (chip capability) 340 a i lrms terminal current limit 160 a i c110 t c = 110c 200 a i cm t c = 25c, 1ms 900 a i a t c = 25c 100 a e as t c = 25c 1 j ssoa v ge = 15v, t vj = 150c, r g = 1 ? i cm = 400 a (rbsoa) clamped inductive load @v ce ? v ces t sc v ge = 15v, v ce = 360v, t j = 150c 10 s (scsoa) r g = 10 ? , non repetitive p c t c = 25c 1630 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l maximum lead temperature for soldering 300 c t sold 1.6 mm (0.062in.) from case for 10s 260 c m d mounting torque (to-264) 1.13/10 nm/lb.in f c mounting force (plus247) 20..120 /4.5..27 n/lb weight to-264 10 g plus247 6 g ds100373b(11/13) extreme light punch through igbt for 20-60khz switching symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. bv ces i c = 250 ? a, v ge = 0v 600 v v ge(th) i c = 250 ? a, v ce = v ge 3.5 6.0 v i ces v ce = v ces , v ge = 0v 50 ? a t j = 150 ? c 3 ma i ges v ce = 0v, v ge = ? 20v ?????????????? 200 na v ce(sat) i c = 100a, v ge = 15v, note 1 1.60 2.10 v t j = 150 ? c 1.93 v features ? international standard packages ? optimized for 20-60khz switching ? square rbsoa ? avalanche rated ? short circuit capability ? high current handling capability advantages ? high power density ? low gate drive requirement applications ? power inverters ? ups ? motor drives ? smps ? pfc circuits ? battery chargers ? welding machines ? lamp ballasts g = gate e = emitter c = collector tab = collector to-264 (ixxk) e g c plus247 (ixxx) g tab tab e c g
ixys reserves the right to change limits, test conditions, and dimensions. IXXK200N60C3 ixxx200n60c3 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. g fs i c = 60a, v ce = 10v, note 1 27 45 s c ie s 9900 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 570 pf c res 185 pf q g(on) 315 nc q ge i c = 200a, v ge = 15v, v ce = 0.5 ? v ces 134 nc q gc 98 nc t d(on) 47 ns t ri 100 ns e on 3.0 mj t d(off) 125 ns t fi 80 ns e of f 1.7 2.6 mj t d(on) 47 ns t ri 96 ns e on 4.0 mj t d(off) 150 ns t fi 90 ns e off 2.1 mj r thjc 0.092 c/w r thcs 0.15 c/w notes: 1. pulse test, t ? 300 s, duty cycle, d ? 2%. 2. switching times & energy losses may increase for higher v ce (clamp), t j or r g . inductive load, t j = 150c i c = 100a, v ge = 15v v ce = 360v, r g = 1 ? note 2 inductive load, t j = 25c i c = 100a, v ge = 15v v ce = 360v, r g = 1 ? note 2 to-264 outline terminals: 1 = gate 2,4 = collector 3 = emitter terminals: 1 - gate 2 - collector 3 - emitter plus247 tm outline dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190
? 2013 ixys corporation, all rights reserved IXXK200N60C3 ixxx200n60c3 fig. 1. output characteristics @ t j = 25oc 0 50 100 150 200 0 0.4 0.8 1.2 1.6 2 2.4 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 10 v 8 v 7 v 9v 12 v fig. 2. extended output characteristics @ t j = 25oc 0 50 100 150 200 250 300 350 0 2 4 6 8 10 12 14 16 18 v ce - volts i c - amperes v ge = 15 v 10 v 11 v 12 v 8 v 7 v 9 v 13 v fig. 3. output characteristics @ t j = 150oc 0 50 100 150 200 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 v ce - volts i c - amperes v ge = 15 v 13 v 12 v 10 v 8 v 9 v 7 v 6 v 11 v fig. 4. dependence of v ce(sat) on junction temperature 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade v ce(sat) - normalized v ge = 15 v i c = 100 a i c = 150 a i c = 200 a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 9 101112131415 v ge - volts v ce - volts i c = 200 a t j = 25oc 100 a 150 a fig. 6. input admittance 0 20 40 60 80 100 120 140 160 180 200 4567891011 v ge - volts i c - amperes t j = 150oc 25oc - 40oc
ixys reserves the right to change limits, test conditions, and dimensions. IXXK200N60C3 ixxx200n60c3 fig. 7. transconductance 0 10 20 30 40 50 60 70 80 90 100 110 0 20 40 60 80 100 120 140 160 180 200 i c - amperes g f s - siemens t j = - 40oc, 25oc, 150oc fig. 10. reverse-bias safe operating area 0 100 200 300 400 100 200 300 400 500 600 v ce - volts i c - amperes t j = 150oc r g = 1 ? dv / dt < 10v / ns fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 50 100 150 200 250 300 q g - nanocoulombs v ge - volts v ce = 300v i c = 200a i g = 10ma fig. 9. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - picofarads f = 1 mh z c ies c oes c res fig. 12. maximum transient thermal impedance 0.0001 0.001 0.01 0.1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 11. forward-bias safe operating area 0.1 1 10 100 1000 1 10 100 1000 v ds - volts i d - amperes t j = 175oc t c = 25oc single pulse 1ms 10ms v ce(sat) limit dc 100s 25s
? 2013 ixys corporation, all rights reserved IXXK200N60C3 ixxx200n60c3 fig. 13. inductive switching energy loss vs. gate resistance 0.5 1.0 1.5 2.0 2.5 3.0 3.5 12345678910 r g - ohms e off - millijoules 1 2 3 4 5 6 7 e on - millijoules e off e on - - - - t j = 150oc , v ge = 15v v ce = 360v i c = 50 a i c = 100 a fig. 16. inductive turn-off switching times vs. gate resistance 10 30 50 70 90 110 130 150 12345678910 r g - ohms t f i - nanoseconds 100 150 200 250 300 350 400 450 t d(off) - nanoseconds t f i t d(off) - - - - t j = 150oc, v ge = 15v v ce = 360v i c = 100 a i c = 50 a fig. 14. inductive switching energy loss vs. collector current 0.0 0.5 1.0 1.5 2.0 2.5 50 55 60 65 70 75 80 85 90 95 100 i c - amperes e off - millijoules 0 1 2 3 4 5 e on - millijoules e off e on - - - - r g = 1 ? , v ge = 15v v ce = 360v t j = 150oc t j = 25oc fig. 15. inductive switching energy loss vs. junction temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 25 50 75 100 125 150 t j - degrees centigrade e off - millijoules 0 1 2 3 4 5 6 e on - millijoules e off e on - - - - r g = 1 ? , v ge = 15v v ce = 360v i c = 50 a i c = 100 a fig. 17. inductive turn-off switching times vs. collector current 0 20 40 60 80 100 120 140 160 50 55 60 65 70 75 80 85 90 95 100 i c - amperes t f i - nanoseconds 110 120 130 140 150 160 170 180 190 t d(off) - nanoseconds t f i t d(off) - - - - r g = 1 ? , v ge = 15v v ce = 360v t j = 150oc t j = 25oc fig. 18. inductive turn-off switching times vs. junction temperature 0 20 40 60 80 100 120 140 25 50 75 100 125 150 t j - degrees centigrade t f i - nanoseconds 110 120 130 140 150 160 170 180 t d(off) - nanoseconds t f i t d(off) - - - - r g = 1 ? , v ge = 15v v ce = 360v i c = 100 a i c = 50 a
ixys reserves the right to change limits, test conditions, and dimensions. IXXK200N60C3 ixxx200n60c3 ixys ref: ixx_200n60c3(91)8-18-11 fig. 20. inductive turn-on switching times vs. collector current 20 40 60 80 100 120 50 55 60 65 70 75 80 85 90 95 100 i c - amperes t r i - nanoseconds 40 42 44 46 48 50 t d(on) - nanoseconds t r i t d(on) - - - - r g = 1 ? , v ge = 15v v ce = 360v t j = 25oc t j = 150oc fig. 21. inductive turn-on switching times vs. junction temperature 0 20 40 60 80 100 120 140 160 25 50 75 100 125 150 t j - degrees centigrade t r i - nanoseconds 38 40 42 44 46 48 50 52 54 t d(on) - nanoseconds t r i t d(on) - - - - r g = 1 ? , v ge = 15v v ce = 360v i c = 100 a i c = 50 a fig. 19. inductive turn-on switching times vs. gate resistance 20 40 60 80 100 120 140 160 180 12345678910 r g - ohms t r i - nanoseconds 35 45 55 65 75 85 95 105 115 t d(on) - nanoseconds t r i t d(on) - - - - t j = 150oc, v ge = 15v v ce = 360v i c = 50 a i c = 100 a


▲Up To Search▲   

 
Price & Availability of IXXK200N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X