Part Number Hot Search : 
200S1 DS2408 TLP541 MC144 RGL34G HMC397 AAT3124 B1006ERW
Product Description
Full Text Search
 

To Download IGP-0101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IGP-0101 ???? ??: 1 industrial gigabit poe+ injector, 36w, 802.3at poe+ the levelone IGP-0101 is rugged designed 30 watts, high power single port industrial poe injector is equipped with our high efficiency colddesign technology to provide 30 watts power to your security equipment. the colddesign technology will not only power up your pd device, also reduce the excessive heat problem to a minimum. it accepts the input voltage from 48~56 vdc to deliver 30watts power to meet ieee802.3af/at standard. it is being rigorously tested for your security, transportation and telco application. key features - poe ports can support the ieee 802.3at standard and power up 30w devices - 1000mbps full-duplex, 10/100mbps full/half-duplex, auto-negotiation, auto-mdi/mdix - ?? ??: -40c ~ 75c - provides din-rail, wall or desktop mounting - ip30 metal case - redundant power inputs with terminal block ???? system specifications standards & protocols: ieee 802.3 10base-t ethernet ieee 802.3u 100base-tx fast ethernet ieee 802.3ab 1000base-t gigabit ethernet ieee802.3af for poe ieee802.3at for poe+ connectors and cabling: 1x10/100/1000m tx pse 1x10/100/1000m tx button/knob: n/a indicator: pw1(power 1) green: on- power good, off-power failed pw2(power 2) green: on- power good, off-power failed poe yellow: on- poe normal working, flash- overload, off- no poe power detected power input: 2 redundant power source 48v~56v vdc power input www.level1.com page 1 of 2
features poe: 1 w@48 vdc full load, without poe maximum poe power 36watts at 56vdc input environment temperature (c): operating: -40~75 operating: -4085 humidity (non-condensing): storage: 5% ~ 95% operating: 5% ~ 95% deployment: desk, din rail, wall mount physical specifications dimensions (w x d x h mm): 103.5mmx32mmx81.5mm weight (g): 370 reliability mtbf: 510,304 hrs approval and compliance emi/ems: ce, fcc, rohs, vcci, safety en60950-1? en55022/24, en50155, en55011, en50121-3-2 en60068-2-7, en60068-2-27, en60068-2-32 order information IGP-0101 package contents IGP-0101 power terminal block mounting kit user manual no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 2 of 2


▲Up To Search▲   

 
Price & Availability of IGP-0101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X