Part Number Hot Search : 
ENA0029A BU405 PC1602 AZ946 CD4571A HERF807 01CA3AKR F1010
Product Description
Full Text Search
 

To Download H2A1-H1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  13.08.2012 h2a1 - h1020 1 / 4 h2a1 - h1020 ir high power single chip led h2a1 - h1020 is a gaalas based, high power 1020 nm single chip led in standard hexagonal aluminum package for general application. slots in the aluminum - core pcb allow for easy mounting of standard collimating optics and are also suitable for m3 or m4 mounting screws. large electrical interconnection pads on the pcb allow for convenient installation. specifications ? stru cture: gaalas ? peak wavelength: 1020 nm ? optical output pow er: typ. 40 mw ? life time: > 10 .000 hours ? housing: standard emitter package absolute maximum ratings (t a =25c) parameter symbol value unit power dissipation, dc p d 1000 mw forward current, dc i f 500 ma pulsed current (1% duty cycle, 1khz) i fp 1000 ma reverse voltage u r - 5 v operating temperature t opr - 30 ? +70 c storage temperature t stg - 30 ? +85 c soldering temperature (max. 1,5 s) t sol 330 c electro - optical characteristics (t a =25c) parameter symbol condition min. typ. max. unit forward current i f - 350 - ma vi ewing angle i f = 350 ma 75 d eg. cw output power p o i f = 350 ma 40 mw peak wavelength p i f = 350 ma 1020 nm forward voltage u f i f = 350 ma - 1.3 - v half width (fwhm) ? i f = 350 ma - 35 nm wavelength measurements tolerance is +/ - 2% output power measurement tolerance is +/ - 10% voltage measurement tolerance is +/ - 2% device materials item material foundation plastic lens acryl electrodes agcu pcb al
13.08.2012 h2a1 - h1020 2 / 4 typical performance characteristics normalized o utput p ow er vs. wavelength : outline dimensions emitter:
13.08.2012 h2a1 - h1020 3 / 4 radiation pattern (lambertian lens without optics) relative intensity vs. angular displacement accessories collimating optics, holders, r eflectors 10158 + 10146, 2 half angle spot optic + optic holder 10048 + 10076, 4 half angle spot optic + optic holder 10003 + 10043, 6 half angle spot optic + optic holder 10003/15 + 10043, 15 half angle spot optic + optic holder 10003/25 + 10043, 25 half angle spot optic + optic holder clp17cr, 6 metalized polycarbonate reflector clp23cr, 20 metalized polycarbonate reflector
13.08.2012 h2a1 - h1020 4 / 4 soldering conditions reflow soldering: apg2c1 leds have a maximum sto rage temperature of 85. therefor it is not possible to use a reflow soldering process for array assembly! hot bar soldering: a hot bar soldering process is recommended when soldering apg2c1 emitters. this process will only transfer heat to the leads and a voids overheating the emitter which will damage the device. in order to transfer sufficient heat from the hot bar to the device, following parameters must be carefully considered: ? amount of flux ? pressing force of solder tip ? hot bar temperature for the stan dard assembly process, following parameters should be maintained: ? hot bar temperature: 330 c ? force of hot bar. 40 n ? soldering time: 1.5 s it is recommended to use a copper nickel - plated hot bar mounted to standard temperature controlled soldering equipmen t. manual hand soldering: for prototype build or small series production runs, it is possible to place and solder the emitters by hand. it is therefore recommended to maintain the following parameters: ? solder tip temperature 330 c ? soldering time. < 1.5 s ? junction temperature must be kept below 70 c a visual inspection may be used to check the quality of the solder joint general soldering precautions: ? mechanical stress, shock and vibration must be avoided during soldering ? only use non corrosive flux. ? do not apply current to the device until it has cooled down to room temperature after soldering.


▲Up To Search▲   

 
Price & Availability of H2A1-H1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X