Part Number Hot Search : 
CS12104 CKFIAAAA LTM4601A LBS11003 FLU011 CHDTA ZMT32TA MR7H5
Product Description
Full Text Search
 

To Download GWJCLPS1EM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2016-06-16 1 2016-06-16 duris ? e 3 datasheet version 1.3 gw jclps1.em the duris ? e 3 combines high efficacy and a wide beam angle into a compact format (3.0 mm x 1.4 mm). this is key to homogeneous illumination application s where the duris ? e 3 never fails to impress with its performance on system level. die duris? e 3 kombiniert hohe effizienz und einen weiten abstrahlwinkel in einer kompakten bauform (3,0 mm x 1,4 mm). speziell fr anwendungen mit besonders homogener lichtverteilung kann die duris? e 3 mit ihrer leistung auf systemebene berzeugen. features: besondere merkmale: ? package: white smt package, colored diffused silicone resin ? geh?usetyp: wei?es smt geh?use, farbiger diffuser silikon-verguss ? viewing angle at 50 % i v : 120 ? abstrahlwinkel bei 50 % i v : 120 ? color: 2700 k - 6500 k (white) ? farbe: 2700 k - 6500 k (wei?) ? cri: min. 80 ? cri: min. 80 ? luminous flux: typ. 30 lm @ 5000 k ? lichtstrom: typ. 30 lm @ 5000 k ? luminous efficacy: typ. 153 lm/w @ 5000 k ? lichtausbeute: typ. 153 lm/w @ 5000 k applications anwendungen ? indoor general lighting ? innen-allgemeinbeleuchtung ? linear lights ? linearbeleuchtung ? retrofits and fixtures ? retrofits ? task lights ? schreibtischleuchten
     2!&1#
  $$1#
 3() $ 3#)
 # $0 2!&! 3() 
/ #)
 % #  $$##   45+#. ?9@ a 6 ?@ 4>bc0d$24ed,;; 8 &$$$$& f:,g&g 4>bc0d$24edhh:; 8 &$$$$& f:,g: 4>bc0d$24 ef,88  :$g$$$ f:,g:g 4>bc0d$24 efhh:8  :$g$$$ f:,g&g 4>bc0d$2ede ,88  ;$$$:$g f:,g 4>bc0d$24 ef, : :$g$$$ f:,g&g; 4>bc0d$24 efhh: : :$g$$$ f:,g&g8 4>bc0d$2ede ,:: & ;$$$:$g f:,g&;g 4>bc0d$2ede hh:: & ;$$$:$g f:,g&g 4>bc0d$2ede , : ;$$$:$g f:,g:g 4>bc0d$2ede hh: : ;$$$:$g f:,g&g: 4>bc0d$2ede , :8 ;$$$:$g f:,g&g 4>bc0d$2ede hh: :8 ;$$$:$g f:,g&;; 4>bc0d$2ede , : ;$$$:$g f:,g&8 4>bc0d$2ede hh: : ;$$$:$g f:,g&g note: the above type numbers represent the order groups which include only a few brightness groups (see page 6 , 7 , 8). only one group will be shipped on each packing unit (there will be no mixing of two groups on each packing unit). e. g. gw jclps1.em-gthp-xx58-1 means that only one group gt, gu, hp will be shippable for any packing unit. in a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on any one packing unit. gw jclps1.em-gthp-xx58-1 means that the device will be shipped within the specified limits. in a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped on any packing unit. e. g. gw jclps1.em-gthp-xx58-1 means that only one forward voltage group l1,l2,m1,m2,n1,n2 will be shippable. gg2 page 24  ' seite 24 
version 1.3 gw jclps1.em 2016-06-16 3 ?nmri- ve6-re6n-16n0nnd6n-sc2e66ef?non16n-omy0ii6n- se6-e6id6aae0b6n-h6a6.dern6nr-ve6i6-e6id6?6n-0oi-g6 ne16n-l6aae1.6edi1bo226n- die6?6-h6ed6-w l- t l- tpr-4i-gebs-nob-6en6-6ene16-l6aae1.6edi1bo226-2br- 76b20f.on1i6en?6ed-16ae6y6bdr-kr-5r-)k-uvzahbr4,)s la??mtb-e6s6od6dl-s0ii- en-6en6b-76b20f.on1i6en?6ed-nob-6en6-s6b-l6aae1.6ed i1bo226n-)sl-)?l-la-6n?0ad6n-eidr )a6ef?6i- 1ead- y8b- se6- @0be6nl- e6e- s6n6n- @0berbd1bo2 26n- 16m6ii6n- ons- 1bo22e6bd- g6bs6nr- abr- 76b20f.on1i6 en?6ed- gebs- nob- 6en6- @0berbd1bo226- 16ae6y6bdr- kr5r- )k- uvzahbr4,)sla??m tb- e6s6od6dl- s0ii- en- 6en6b- 76b20f.on1i6en?6ed- nob- 6en6- s6b- @0berbd1bo226n- 6nd?0ad6n- eidr- )k- uvzahbr4,)sla??m tb- e6s6od6dl- s0ii- s0i- 50od6ea- enn6b?0ae- s6b- i26ey ee6bd6n- )b6n6n- 16ae6y6bd-gebsr )a6ef?6i-1ead-y8b-se6-z4vil-e6e-s6n6n-se6-vobf?a0ii i20nnon1i1bo226n-16m6ii6n-ons-1bo22e6bd-g6bs6nr-abr -76b20f.on1i6en?6ed- gebs- nob- 6en6- vobf?a0iii20nnon1i1bo226- 16ae6y6bdr- k r- 5r- )k- uvzahbr4,)sla??mtb- e6s6od6dl- s0ii- n0f?- vobf?a0iii20nnon1i1bo226n- 1bo22e6bd- gebsr- gn- 6en6b- 76b20f.on1i6en?6ed- eid- nob- 6en6- s6b- vobf?a0iii20nno n1i1bo226n- zblz l,bl, lublu -6nd?0ad6n-die6?6-h6ed6-tpr
 &    
0##
& 6*  

#  (#/$ 
$  6% & (#/$     i! "  ! " )" " - "  ! " )"  ! &$$$;: 7c  "  ! " )" " 0 " ! " )"    &$$$ 7c b)  ! " )" ! "" ! " )"  j  7c k"")""   
)" "  #  l:7c' k $$$: , )" )""   3 " # mno
l$:o  l:7c' k2  , * " *   ! ""!) #  l:7c' 6 : 6 
  *  
k  (  #$ ,p =
,=b
cbe-2.c' 6 
 (6 ' page 24  ' seite 24 
    : 

%  %  #  l:7co k l:,' 7*  

#  (#/$ 
$  6% & (#/$     6   :q 6 , "(  :q 6 # !$' r  7 k""*  
)"!) #$' # !$' #%$' 6 k 6 k 6 k $; $ $& 6 6 6 * " )""  ! "" "    " " * " ! "  c""  " % k"  "   % #89:9' #$'  ;    ""   j) = "!   ">5"  " ! "" =0s ! # !$' #%$' b"  b"  &$g ::$ 9=> 9=> t  "t  ""   j) = "!  t ( " "t>5"  " ! "" = 0s ! #   u l&&q' # !$' b  & 9=> note: individual forward voltage groups see next page anm.: durchlassspannungsgruppen siehe n?chste seite vg2 page 24  ' seite 24  &' page 24  &' seite 24  :' page 24  :' seite 24  :' page 24  :' seite 24 
   &  ) 8$$&" &)) *
!$
&)  % $
)
& &)) ) # $0 # $0 #    ( )) % # % # % '" #$'a 6 ?@ #%$'a 6 ?@ # !$' 6 ?@ 4 & :g 8g 4 :g ; ; ed ; & g ef &   e  :g  ) )) 9#:  ;< 9#
0:  ;< 0 $; $g 0 $g $ 2 $ $ 2 $ $ p $ $ p $ $& d $& $: d $: $  6 ' page 5i 22 gg2 seite 5i 22 gg2 page 5i 22 gg2 seite 5i 22 eg2 page 5i 22 eg2 seite 5i 22 vg2 page 5i 22 vg2 seite 5i 22
    7  #
% (!
)  8' page 5i 22 (tb-ybneb6jjtu7 vg2 seite 5i 22
   $ #
% ()  
/ &))  8 8' page 5i 22 vg2 seite 5i 22
    9
   &  8$$&"  #
% (!
 
/ *
!$
& % $
)
&
  $ 
>
 
  
   
" 5"  4 8$ 
>'
 
  ';?$


" gt 31 l1 iecwut/d(stcotfds. iewuusosvs3xiowo4tdw?thu3rsuu example: gt-31-l1 beispiel: gt-31-l1 2016-06-16 1 0
   rel = f (); t s = 25 c; i f = 65 ma i rel = f (?); t s = 25 c gw jclps1.em 350 400 450 500 550 600 650 700 750 800 l [nm] 0,0 0,2 0,4 0,6 0,8 1,0 f rel : v l : white gw jclps1.em -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 j [] 0,0 0,2 0,4 0,6 0,8 1,0 i rel : 0  11 $
>)% 
$# ?9@:4

( ) %> '  24  $
> )" 
$# ?9@:4 )" 
$.&#)1$% "  ' 
 24  



%  %  '  24  ./ 
$%

"  " ' 
 24 
   i f = f (v f ); t s = 25 c v / v (65 ma) = f(i f ); t s = 25 c cx, cy = f(i f ); t s = 25 c gw jclps1.em 2,7 3,352,8 2,9 3,0 3,1 3,2 v f [v] 10 150 20 40 60 80 100 120 140 i f [ma] gw jclps1.em 1 0 1 5 0 4 0 6 0 8 0 1 0 0 1 2 0 i f [ma] 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 v v (65 ma ) gw jclps1.em 1 0 1 5 0 4 0 6 0 8 0 1 0 0 1 2 0 i f [ma] -0,03 -0,02 -0,01 0,00 0,01 0,02 0,03 ? cx ? cy : ? cx : ? cy : cxy xycx c 2 *
!  x' : cxy 24 .;' : cxy 24  :% $
# x' x
xy 24 .;' x
xy 24  c$
># $0 x' : cxy 24 .;' : cxy 24  c$
>% # x' x
xy 24 .;' x
xy 24   #
% (!
y 1  x' : cxy 24  
/ > % /& x' x
xy 24 
   v f = v f - v f (25 c) = f(t j ); i f = 65 ma v / v (25 c) = f(t j ); i f = 65 ma cx, cy = f(tj); i f = 65 ma gw jclps1.em -40 -20 0 20 40 60 80 t j [c] -0,2 -0,1 0,0 0,1 0,2 d v f [v] gw jclps1.em -40 -20 0 20 40 60 80 t j [c] 0,0 0,2 0,4 0,6 0,8 1,0 f v f v (25 c ) gw jclps1.em -40 -20 0 20 40 60 80 t j [c] -0,02 -0,01 0,00 0,01 0,02 d cx d cy : cx : cy 2016-06-16 1 3 $
>*
!$
& 6) page 24 1s.du3wst?cev)eurrudoowo4t 6) seite 24 1s.du3wstfw(3ocwrtd.wlt 6) page 24 1s.du3wsetf3xiuruec(t 6) seite 24 giec(du3x3uktgccep3odust-i3?ut 6) page 24 ddeceuwserxi3swo4t 6) seite 24
   
0# /$*
!  ydlbtvw.)rr34set2wexi.drrruec(t i f = f (t) gw jclps1.em 0 20 40 60 80 t s [c] 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 i f [ma] 2016-06-16 1 4
   .))0#
&  9.25 mg 9.25 mg 2016-06-16 1 5 
%"
&2 $ 9) page 24 ydvs3xiowo4t 9) seite 24
   note: p a c k a g e n o t s u i t a b l e f o r u l t r a s o n i c c l e a n i n g . f o r s u p e r i o r s o l d e r j o i n t c o n n e c t i v i t y r e s u l t s w e r e c o m m e n d s o l d e r i n g u n d e r s t a n d a r d n i t r o g e n a t m o s p h e r e . anm.: d a s g e h ? u s e i s t f r u l t r a s c h a l l r e i n i g u n g n i c h t g e e i g n e t . u m e i n e v e r b e s s e r t e l ? t s t e l l e n k o n t a k t i e r u n g z u e r r e i c h e n , e m p f e h l e n w i r , u n t e r s t a n d a r d - s t i c k s t o f f a t m o s p h ? r e z u l ? t e n . 2016-06-16 1 6 %##!!$!
! 9) page 24 reflow soldering h(u?ci.sosrtfjuudppsr34ot 9) seite 24 reflow-l?ten
   1$*$!&1$ 1$*?b )1$ product complies to msl level 3 acc. to jedec j-std-020d.01 0 0 s oha04525 50 100 150 200 250 300 50 100 150 200 250 300 t t ?c s t t p t t p 240 ?c 217 ?c 245 ?c 25 ?c l oha04612 profile feature profil-charakteristik ramp-up rate to preheat* ) 25 c to 150 c 2 3 k/s time t s t smin to t smax t s t l t p t l t p 100 12060 10 20 30 80 100 217 2 3 245 260 3 6 time 25 c to t p time within 5 c of the specified peak temperature t p - 5 k ramp-down rate* t p to 100 c all temperatures refer to the center of the package, measured on the top of the component * slope calculation d t/ d t: d t max. 5 s; fulfillment for the whole t-range ramp-up rate to peak* ) t smax to t p liquidus temperature peak temperature time above liquidus temperature symbol symbol unit einheit pb-free (snagcu) assembly minimum maximumrecommendation k/s k/s s s s s c c 480 2016-06-16 17
   2016-06-16 18 3
)& 9) page 24 iweuwo4t 9) seite 24
   3
)!#  ;##<  #
a;##< 3
)!#   # # $!#  ;##< $$#
a;##< $!#    # # 3
)
!$  >)
%"& 8 mm tape with 2000 pcs. on ? 180 mm reel 8 + 0.3 / -0.1 4 0.1 2 0.05 or 4 0.1 2 0.05 1.5 0.1 1.75 0.1 3.5 0.05 , n / (3o n m n c(dl 180 8 60 8.4 + 2 14.4 d 0 2 p p 0 1 p w f e direction of unreeling n w 1 2 w a ohay0324 label leader: trailer: 13.0 direction of unreeling 0.25 min. 160 mm * min. 400 mm * *) dimensions acc. to iec 60286-3; eia 481-d 2016-06-16 19
  
%!?!% ?
/$9 :
%!?!" ? " 9 : (
%"&% 
!

$ 3%">)
%"&!

$ note: moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. regarding dry pack you will find further information in the internet and in the short form catalog in chapter tape and reel under the topic dry pack. here you will also find the normative references like jedec. anm.: feuchteempfindliche produkte sind verpackt in einem trockenbeutel zusammen mit einem trockenmittel und einer feuchteindikatorkarte. bezglich trockenverpackung finden sie weitere hinweise im internet und in unserem short form catalog im kapitel gurtung und verpackung unter dem punkt trockenverpackung. hier sind normenbezge, unter anderem ein auszug der jedec-norm, enthalten. oha04563 (g) group: 1234567890 (1t) lot no: (9d) d/c: 1234 (x) prod no: 123456789 (6p) batch no: 1234567890 lx xxxx rohs compliant bin1: xx-xx-x-xxx-x ml x temp st xxx c x pack: rxx demy xxx x_x123_1234.1234 x 9999 (q)qty: semiconductors osram opto xx-xx-x-x e x am p l e x_x123_1234.1234 x x_x123_1234.1234 x e x am p l e e x am p l e e x am p l e xxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x xx-xx-x-x e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e xxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x xx-xx-x-x e x am p l e pack: rxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x e x am p l e pack: rxx pack: rxx demy demy e x am p l e 1234 e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e (9d) d/c: (9d) d/c: 1234 1234 e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e 1234 1234 e x am p l e pack: rxx pack: rxx demy e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e (9d) d/c: (9d) d/c: e x am p l e e x am p l e e x am p l e e x am p l e (9d) d/c: 1234 e x am p l e e x am p l e e x am p l e e x am p l e (9d) d/c: e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e 1234567890 1234567890 e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e (6p) batch no: (6p) batch no: 1234567890 1234567890 semiconductors semiconductors e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e e x am p l e (6p) batch no: (6p) batch no: 1234567890 1234567890 e x am p l e semiconductors semiconductors osram opto osram opto e x am p l e e x am p l e 1234567890 x_x123_1234.1234 x pack: rxx demy x_x123_1234.1234 x (9d) d/c: 1234 (9d) d/c: 1234567890 (6p) batch no: 1234567890 osram opto xxx x_x123_1234.1234 x xx-xx-x-x pack: rxx demy semiconductors oha00539 osram moisture-sensitive label or print barcode label desiccant humidity indicator barcode label osram please check the hic immidiately after bag opening. discard if circles overrun. avoid metal contact. wet do not eat. comparator check dot parts still adequately dry. examine units, if necessary examine units, if necessary 5% 15% 10% bake units bake units if wet, change desiccant if wet, humidity indicator mil-i-8835 if wet, moisture level 3 floor time 168 hours moisture level 6 floor time 6 hours a) humidity indicator card is > 10% when read at 23 ?c 5 ?c, or reflow, vapor-phase reflow, or equivalent processing (peak package 2. after this bag is opened, devices that will be subjected to infrared 1. shelf life in sealed bag: 24 months at < 40 ?c and < 90% relative humidity (rh). moisture level 5a at factory conditions of (if blank, seal date is identical with date code). a) mounted within b) stored at body temp. 3. devices require baking, before mounting, if: bag seal date moisture level 1 moisture level 2 moisture level 2a 4. if baking is required, b) 2a or 2b is not met. date and time opened: reference ipc/jedec j-std-033 for bake procedure. floor time see below if blank, see bar code label floor time > 1 year floor time 1 year floor time 4 weeks 10% rh. _ < moisture level 4 moisture level 5 ?c). opto semiconductors moisture sensitive this bag contains caution floor time 72 hours floor time 48 hours floor time 24 hours 30 ?c/60% rh. _ < level if blank, see bar code label 2016-06-16 2 0
   3
 )

%"&
!

$ 7
 >)
%"&!

$ #  1 
 )
/0## ! & 8&   '& 8b  200 5 195 5 30 5 oha02044 packvar: r077 additional text p-1+q-1 multi topled muster osram opto semiconductors (6p) batch no: (x) prod no: 1 0 (9d) d/c: 1 1 (1t) lot no: 210021998 123gh1234 0 2 4 5 (q)qty: 2000 0144 (g) group: 260 c rt 240 c r 3 220 c r ml bin3: bin2: q-1-20 bin1: p-1-20 lsy t676 2 2a temp st r18 demy packvar: r077 additional text p-1+q-1 multi topled muster osram opto semiconductors (6p) batch no: (x) prod no: 1 0 (9d) d/c: 1 1 (1t) lot no: 210021998 123gh1234 0 2 4 5 (q)qty: 2000 0144 (g) group: 260 c rt 240 c r 3 220 c r ml bin3: bin2: q-1-20 bin1: p-1-20 lsy t676 2 2a temp st r18 demy osram packing sealing label barcode label moisture level 3 floor time 168 hours moisture level 6 floor time 6 hours a) humidity indicator card is > 10% when read at 23 ?c 5 ?c, or reflow, vapor-phase reflow, or equivalent processing (peak package 2. after this bag is opened, devices that will be subjected to infrared 1. shelf life in sealed bag: 24 months at < 40 ?c and < 90% relative humidity (rh). moisture level 5a at factory conditions of (if blank, seal date is identical with date code). a) mounted within b) stored at body temp. 3. devices require baking, before mounting, if: bag seal date moisture level 1 moisture level 2 moisture level 2a 4. if baking is required, b) 2a or 2b is not met. date and time opened: reference ipc/jedec j-std-033 for bake procedure. floor time see below if blank, see bar code label floor time > 1 year floor time 1 year floor time 4 weeks 10% rh. _ < moisture level 4 moisture level 5 ?c). opto semiconductors moisture sensitive this bag contains caution floor time 72 hours floor time 48 hours floor time 24 hours 30 ?c/60% rh. _ < level if blank, see bar code label barcode label 2016-06-16 2 1
   =  8*  the evaluation of eye safety occurs according to the standard iec 62471:2008 ("photobiological safety of lamps and lamp systems"). within the risk grouping system of this cie standard, the led specified in this data sheet fall into the class exempt group (exposure time 10000 s). under real circumstances (for exposure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices. as a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their blinding effect. as is also true when viewing other bright light sources (e.g. spotlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even accidents, depending on the situation. die bewertung der augensicherheit erfolgt nach dem standard iec 62471:2008 ("photobiological safety of lamps and lamp systems"). im risikogruppensystem dieser cie- norm erfllen die in diesem datenblatt angegebenen leds folgende gruppenanforderung - exempt group (expositionsdauer 10000 s). unter realen umst?nden (fr expositionsdauer, augenpupille, betrachtungsabstand) geht damit von diesen bauelementen keinerlei augengef?hrdung aus. grunds?tzlich sollte jedoch erw?hnt werden, dass intensive lichtquellen durch ihre blendwirkung ein hohes sekund?res gefahrenpotenzial besitzen. nach einem blick in eine helle lichtquelle (z.b. spotlights), kann ein tempor?r eingeschr?nktes sehverm?gen oder auch nachbilder zu irritationen, bel?stigungen, beeintr?chtigungen oder sogar unf?llen fhren. subcomponents of this led are silverplated. silver is discoloring when being exposed to environments containing high concentrations of aggressive substances. corroded silver may lead to a worsening of the optical performance of the led and can in the worst case lead to a failure of the led. do not expose this led to aggressive atmospheres. note, that corrosive gases may as well be emitted from materials close to the led in the final product. einzelkomponenten dieser led sind silberbeschichtet. silberoberfl?chen werden durch korrosive substanzen ver?ndert. korrodiertes silber kann zu einer verschlechterung der optischen eigenschaften und im schlimmsten fall zum ausfall der led fhren. diese led darf aggressiven bedingungen nicht ausgesetzt werden. es ist zu beachten, dass korrosive gase auch von materialien emittiert werden k?nnen, die sich im endprodukt in unmittelbarer umgebung der led befinden. this led is designed for specific/recommended applications only. please consult osram opto semiconductors sales staff in advance for detailed information on other non-recommended applications (e.g. automotive) or please visit vvvbcred([crbxc(pduuocusrb change management for this component is aligned with the requirements of the lighting market. die led ist ausschlie?lich fr spezifisch empfohlene anwendungen konzipiert. bitte kontaktieren sie das osram opto semiconductors vertriebspersonal fr detailierte informationen ber nicht empfohlene anwendungsbereiche (z.b. automobilbereich). oder besuchen sie *** 
#? %#d
))  das ?nderungsmanagement dieses bauteils ist an den anforderungen des lichtmarktes ausgerichtet. 2016-06-16 22
    %$
#  %$
# language english will prevail in case of any discrepancies or deviations between the two language wordings. ,uusou3cotu.sdrsh the information describes the type of component and shall not be considered as assured characteristics. terms of delivery and rights to change design reserved. due to technical requirements components may contain dangerous substances. for information on the types in question please contact our sales organization. if printed or downloaded, please find the latest version in the internet. adxr3o4 please use the recycling operators known to you. we can also help you C get in touch with your nearest sales office. by agreement we will take packing material back, if it is sorted. you must bear the costs of transport. for packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. gc(ucosourt wrspt 3ot .3?s[rwuuceut psw3xsrt cet rkrus(rt (wrut st sluesrr.kt dwuice3vspt ?cet rwxit uweucrsh critical components* may only be used in life-support devices** or systems with the express written approval of osram os. *) a critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or system. **) life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. if they fail, it is reasonable to assume that the health and the life of the user may be endangered. bei abweichenden angaben im zweisprachigen wortlaut haben die angaben in englischer sprache vorrang. t3uustsdxiusoh lieferbedingungen und ?nderungen im design vorbehalten. aufgrund technischer anforderungen k?nnen die bauteile gefahrstoffe enthalten. fr weitere informationen zu gewnschten bauteilen, wenden sie sich bitte an unseren vertrieb. falls sie dieses datenblatt ausgedruckt oder heruntergeladen haben, finden sie die aktuellste version im internet. ?seudxrwo4 benutzen sie bitte die ihnen bekannten recyclingwege. wenn diese nicht bekannt sein sollten, wenden sie sich bitte an das n?chstgelegene vertriebsbro. wir nehmen das verpackungsmaterial zurck, falls dies vereinbart wurde und das material sortiert ist. sie tragen die transportkosten. fr verpackungsmaterial, das unsortiert an uns zurckgeschickt wird oder das wir nicht annehmen mssen, stellen wir ihnen die anfallenden kosten in rechnung. tdwus3.sqtp3st3ot.ssorseid.usopsot,uudedusotwopt -krus(sot s3o4srsuvut vsepsoqt (9rrsot ?9et p3srst xvsxrstdwrpe9xr.3xitvw4s.drrsotrs3oh kritische bauteile* drfen in lebenserhaltenden apparaten und systemen** nur dann eingesetzt werden, wenn ein schriftliches einverst?ndnis von osram os vorliegt. *) ein kritisches bauteil ist ein bauteil, das in lebenserhaltenden apparaten oder systemen eingesetzt wird und dessen defekt voraussichtlich zu einer fehlfunktion dieses lebenserhaltenden apparates oder systems fhren wird oder die sicherheit oder effektivit?t dieses apparates oder systems beeintr?chtigt. **) lebenserhaltende apparate oder systeme sind fr (a) die implantierung in den menschlichen k?rper oder (b) fr die lebenserhaltung bestimmt. falls sie versagen, kann davon ausgegangen werden, dass die gesundheit und das leben des patienten in gefahr ist. 2016-06-16 2
   $
( $
 1) te34iuosrrlt brightness values are measured during a current pulse of typically 10 ms, with a tolerance of +/- 7%. 1) 7s..34rs3ult helligkeitswerte werden w?hrend eines strompulses mit einer typischen dauer von 10 ms, mit einer genauigkeit von 7% ermittelt. 2) 1swserst?c.ud4slt not designed for reverse operation. continuous reverse voltage can cause migration and led damage. 2) -useerudoowo4lt die led kann nicht in sperrrichtung betrieben werden. kontinuierlicher rckw?rtsbetrieb kann migration und eine besch?digung der led zur folge haben. 3) dcevdept?c.ud4slt the forward voltage is measured during a current pulse duration of typically 1 ms with a tolerance of 0.05v . 3) ?cev)eurrudoowo4lt spannungswerte werden mit einer stromeinpr?gedauer von 1 ms, mit einer genauigkeit von 0.05 v ermittelt. 4) gc.cetesuecpwxu3cot3opsllt color reproduction index values (cri-ra) are measured during a current pulse of typically 10 ms and with a tolerance of 2. 4) ddev3spse4dst6opsllt werte des farbwiedergabe index (cri-ra) werden w?hrend eines strompulses einer typischen dauer von 10 ms, mit einer genauigkeit von 2 ermittelt. 5) ?ise(d.t1sr3rudoxslt rth max is based on statistic values (6). 5) n)e(sv3pserudoplt rth max basiert auf statistischen werten (6). 6) ?ku3xd.t?d.wsrlt due to the special conditions of the manufacturing processes of led, the typical data or calculated correlations of technical parameters can only reflect statistical figures. these do not necessarily correspond to the actual parameters of each single product, which could differ from the typical data and calculated correlations or the typical characteristic line. if requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. 6) ?ku3rxistnseuslt wegen der besonderen prozessbedingungen bei der herstellung von led k?nnen typische oder abgeleitete technische parameter nur aufgrund statistischer werte wiedergegeben werden. diese stimmen nicht notwendigerweise mit den werten jedes einzelnen produktes berein, dessen werte sich von typischen und abgeleiteten werten oder typischen kennlinien unterscheiden k?nnen. falls erforderlich, z.b. aufgrund technischer verbesserungen, werden diese typischen werte ohne weitere ankndigung ge?ndert. 7) giec(du3x3uktxccep3odust4ecwurlt chromaticity coordinate groups are measured during a current pulse duration of typically 10ms with a tolerance of 0.005. 7) ddeceu4ewuusolt farbortgruppen werden mit einer stromeinpr?gedauer von 10 ms, mit einer genauigkeit von 0.005 ermittelt. 8) gidedxuse3ru3xtxwewslt in the range where the line of the graph is broken, you must expect higher differences between single leds within one packing unit. 8) soo.3o3solt im gestrichelten bereich der kennlinien muss mit erh?hten abweichungen zwischen leuchtdioden innerhalb einer verpackungseinheit gerechnet werden. 9) ?c.sedoxstc?tysdrweslt unless otherwise noted in drawing, tolerances are specified with 0.1 and dimensions are specified in mm. 9) yduc.sedovlt wenn in der zeichnung nicht anders angegeben, gilt eine toleranz von 0,1. ma?e werden in mm angegeben. 2016-06-16 2 4
   2016-06-16 2 5 published by osram opto semiconductors gmbh leibnizstra?e 4, d-93055 regensburg www.osram-os.com ? all rights reserved.


▲Up To Search▲   

 
Price & Availability of GWJCLPS1EM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X