1 u load life of 5000 hours at 85 , equal to 80000 hours (9 years) at 45 u smaller size u high ripple current u pcb mounting specifications operating temperature range ( ) -40 ~ +85 capacitance tolerance (25 , 120hz) 20% leakage current (a) 0.01cv or 1.5ma whichever is smaller. (25 , after 5 minutes) c: nominal capacitance ( f) v: rated voltage (v) dissipation factor (25 , 120hz) rated voltage (v) 10 16 25 35 50 63~100 160~250 315~450 tan (max) 0.80 0.60 0.50 0.40 0.30 0.20 0.15 0.15 temperature stability (120hz) rated voltage (v) 10 16~35 50~100 160~200 250~400 450 impedance ratio z-25 /z+20 5 4 3 3 4 4 z-40 /z+20 18 15 10 6 8 -- load life (+85 ) time 5000hours leakage current not more than the specified value. capacitance change within20% of the initial value dissipation factor not more than 200% of the specified value. shelf life (+85 ) after storage for 1000hours at 85 with no voltage applied, the capacitor shall meet the specified limits for ?load life? after test: u r to be applied for 60 minutes, 24 to 48 hours before measurement. dimensions (mm) multiplier for ripple current frequency coefficient frequency(hz) rated voltage(v) 50 120 1k 10k 20k 50 0.95 1 1.10 1.15 1.15 63~100 0.95 1 1.16 1.30 1.33 160 0.90 1 1.20 1.50 1.55 temperature coefficient temperature( ) +40 +55 +70 +85 rated voltage (v) <160 2.1 1.9 1.5 1.0 160 1.7 1.5 1.3 1.0 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 GKT-SC aluminum electrolytic capacitor ? snap-in features
2 standard ratings wv(v) / dxl (mm) 10 16 25 35 50 63 80 100 cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple uf arms uf arms uf arms uf arms uf arms uf arms uf arms uf arms 22x25 10000 2.5 8200 2.2 5600 2.0 3300 1.8 2200 1.7 1500 1.6 1000 1.3 680 1.1 22x30 15000 3.2 10000 2.6 6800 2.3 3900 2.1 2700 1.9 2200 2.0 1200 1.5 820 1.2 22x35 18000 3.6 12000 2.9 8200 2.6 5600 2.3 3900 2.1 2700 2.2 1800 1.9 1200 1.6 22x40 22000 4.0 15000 3.3 10000 2.9 6800 2.9 4700 2.4 3300 2.3 2200 2.1 1500 1.8 22x45 -- -- 18000 3.8 12000 3.3 -- -- -- 3900 2.5 -- -- -- -- 22x50 -- -- 22000 4.2 -- -- 8200 2.8 5600 2.5 -- -- 2700 2.5 1800 2.1 25x25 15000 3.1 10000 2.6 6800 2.3 4700 2.2 2700 1.9 2200 2.0 1500 1.7 1000 1.4 25x30 18000 3.6 15000 3.3 10000 2.8 5600 2.3 3900 2.1 2700 2.3 1800 1.9 1200 1.6 25x35 22000 4.1 18000 3.7 12000 3.2 6800 2.6 4700 2.4 3300 2.3 2200 2.2 1500 1.7 25x40 -- -- 22000 4.2 15000 3.7 8200 2.8 5600 2.5 3900 2.6 2700 2.5 1800 2.0 25x45 -- -- -- -- -- -- 10000 3.1 6800 2.8 5600 3.1 3300 2.8 2200 2.2 25x50 -- -- -- -- 18000 4.3 12000 3.5 8200 3.2 -- -- 3900 3.1 2700 2.6 30x25 22000 4.1 15000 3.4 10000 3.0 6800 2.7 3900 2.4 3300 2.3 2200 2.2 1500 1.8 30x30 -- -- 22000 4.2 12000 3.4 8200 2.8 5600 2.5 3900 2.6 2700 2.5 1800 2.1 30x35 -- -- -- -- 18000 4.2 10000 3.2 6800 2.8 5600 3.2 3300 2.8 2200 2.3 30x40 -- -- -- -- 22000 4.8 12000 3.5 8200 3.0 6800 3.6 3900 3.2 2700 2.7 30x45 -- -- -- -- -- -- 15000 4.1 10000 3.4 -- -- 4700 3.6 3300 3.0 30x50 -- -- -- -- -- -- 18000 4.6 12000 3.8 8200 3.7 5600 3.5 3900 3.4 35x25 -- -- 22000 4.4 15000 3.9 8200 2.9 5600 2.6 3900 2.7 2700 2.5 1800 2.2 35x30 -- -- -- -- 18000 4.4 12000 3.6 8200 3.0 5600 3.3 3900 3.2 2200 2.5 35x35 -- -- -- -- 22000 5.0 15000 4.1 10000 3.4 6800 3.7 4700 3.6 3300 3.1 35x40 -- -- -- -- -- -- 18000 4.7 12000 3.8 8200 3.8 5600 3.5 3900 3.4 35x45 -- -- -- -- -- -- 22000 5.3 -- -- 10000 4.3 -- -- -- -- 35x50 -- -- -- -- -- -- -- -- 15000 4.5 12000 4.8 6800 4.4 4700 4.0 wv(v) / dxl (mm) 160 180 200 250 315 350 400 450 cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple cap ripple uf arms uf arms uf arms uf arms uf arms uf arms uf arms uf arms 22x25 330 1.3 270 1.2 220 1.1 180 0.94 100 0.67 82 0.64 68 0.55 -- -- 22x30 390 1.5 330 1.4 330 1.4 220 1.1 150 0.85 120 0.82 100 0.70 68 0.57 22x35 560 1.9 470 1.7 390 1.6 270 1.2 180 0.96 150 0.94 120 0.79 100 0.72 22x40 680 2.1 560 1.9 470 1.8 330 1.4 220 1.1 180 1.1 150 0.90 120 0.80 22x45 -- -- -- -- 560 2.0 390 1.6 270 1.2 220 1.2 180 1.0 -- -- 22x50 820 2.5 680 2.3 -- -- 470 1.8 -- -- -- -- 220 1.1 150 0.95 25x25 390 1.5 390 1.5 330 1.4 220 1.1 150 0.85 120 0.81 100 0.70 -- -- 25x30 560 1.9 470 1.7 390 1.6 330 1.4 180 0.96 150 0.94 150 0.89 100 0.73 25x35 680 2.2 560 2.0 560 2.0 390 1.6 220 1.1 220 1.2 180 1.0 120 0.83 25x40 820 2.4 680 2.2 680 2.3 470 1.8 270 1.3 -- -- 220 1.2 150 0.95 25x45 1000 2.7 820 2.5 -- -- 560 2.0 330 1.4 270 1.4 270 1.3 180 1.1 25x50 1200 3.1 1000 2.9 820 2.6 -- -- 390 1.6 330 1.6 -- -- 220 1.2 30x25 560 2.0 470 1.8 470 1.9 330 1.5 220 1.1 180 1.1 150 0.95 -- -- 30x30 820 2.5 680 2.3 560 2.1 470 1.8 270 1.3 220 1.2 180 1.1 150 0.98 30x35 1000 2.8 820 2.6 680 2.4 560 2.0 330 1.4 270 1.4 220 1.2 180 1.1 30x40 1200 3.2 1000 2.9 820 2.7 680 2.3 390 1.6 390 1.7 270 1.4 220 1.3 30x45 1500 3.7 1200 3.3 1000 3.1 820 2.6 470 1.8 470 2.0 330 1.6 270 1.4 30x50 -- -- -- -- 1200 3.4 -- -- 560 2.0 -- -- 390 1.8 -- -- 35x25 820 2.4 680 2.2 560 2.0 470 1.9 270 1.3 220 1.3 180 1.2 180 1.2 35x30 1000 2.7 820 2.5 820 2.5 680 2.4 390 1.6 330 1.6 270 1.5 220 1.3 35x35 1200 3.0 1200 3.1 1000 2.8 820 2.6 470 1.8 390 1.8 330 1.7 270 1.5 35x40 1500 3.5 -- -- 1200 3.2 1000 3.0 560 2.0 470 2.0 390 1.8 -- -- 35x45 1800 3.9 1500 3.6 -- -- 1200 3.4 680 2.3 560 2.3 470 2.1 390 1.9 35x50 2200 4.5 1800 4.1 1500 3.8 -- -- -- -- 680 2.6 560 2.3 470 2.2 tkt website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 GKT-SC aluminum electrolytic capacitor ? snap-in
3 typical curves GKT-SC aluminum electrolytic capacitor ? snap-in website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099
4 how to order gkt s c 0j 0r1 m 00500110 020 000 b r | | | | | | | | | | series sub series rated voltage 1. capacitance 2. capacitance tolerance 3. dimension 4. pitch/ pins 5. lead length 6. packing 7. pb 8. note: 1. rated voltage code 0j 1a 1c 1d 1e 1v 1g 1h 1j 1k voltage 6.3v 10v 16v 20v 25v 35v 40v 50v 63v 80v code 2a 2b 2c 2k 2d 2e 2f 2u 2v 2g 2x 2w 2h 2y voltage 100v 120v 160v 180v 200v 250v 315v 330v 350v 400v 420v 450v 500v 550v 2. capacitance code 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 capacitance (f) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 code 221 271 331 391 471 561 681 102 222 332 472 103 223 capacitance (f) 220 270 330 390 470 560 680 1000 2200 3300 4700 10000 22000 3. capacitance tolerance code k l m p q r t u v h f tolerance 10% 15% 20% +100-0% +30-10% +20-0% +50-10% +75-10% +20-10% +20-5% +30-0 4. dimension code 00500110 00630120 01250200 01600300 03500450 dimension (mm) 5x11 6.3x12 12.5x20 16x30 35x45 5. pitch/pins code 020 025 035 050 075 100 127 4pins pitch (mm)/ pins 2.0 2.5 3.5 5.0 7.5 10.0 12.7 4ps 6. lead length code 000 040 045 050 lead length standard 4.0 4.5 5.0 7. packing code a b packing ammo bulk 8. pb code l r pb leaded rohs note: specifications are subject to change without notice. GKT-SC aluminum electrolytic capacitor ? snap-in website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099
|