Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download FZT869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FZT869 sot223 npn silicon planar high current (high performance) transistor issue 2 - january 1996 features * extremely low equivalent on-resistance; r ce(sat) 36m w at 5a * 7 amp continuous collector current (20 amp peak) * very low saturation voltages * excellent gain charateristics specified upto 20 amp * p tot =3 watts partmarking details - FZT869 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 25 v emitter-base voltage v ebo 6v peak pulse current i cm 20 a continuous collector current i c 7a power dissipation at t amb =25c p tot 3w operating and storage temperature range t j :t stg -55 to +150 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 4 inch square minimum FZT869 electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 60 120 v i c =100 m a collector-emitter breakdown voltag v (br)cer 60 120 v i c =1 m a, rb 1k w collector-emitter breakdown voltage v (br)ceo 25 35 v i c =10ma* emitter-base breakdown voltage v (br)ebo 68 v i e =100 m a collector cut-off current i cbo 50 1 na m a v cb =50v v cb =50v, t amb =100c collector cut-off current i cer r 1k w 50 1 na m a v cb =50v v cb =50v, t amb =100c emitter cut-off current i ebo 10 na v eb =6v collector-emitter saturation voltage v ce(sat) 35 67 168 50 110 215 350 mv mv mv mv i c =0.5a, i b =10ma* i c =1a, i b =10ma* i c =2a, i b =10ma* i c =6.5a, i b =150ma* base-emitter saturation voltage v be(sat) 1.2 v i c =6.5a, i b =300ma base-emitter turn-on voltage v be(on) 1.13 v i c =6.5a, v ce =1v* static forward current transfer ratio h fe 300 300 200 40 450 450 300 100 i c =10ma, v ce =1v i c =1a, v ce =1v* i c =7a, v ce =1v* i c =20a, v ce =2v* transition frequency f t 100 mhz i c =100ma, v ce =10v f=50mhz output capacitance c obo 70 pf v cb =10v, f=1mhz* switching times t on t off 60 680 ns ns i c =1a, i b1 =100ma i b2 =100ma, v cc =10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device c c e b 3 - 272 3 - 271
FZT869 sot223 npn silicon planar high current (high performance) transistor issue 2 - january 1996 features * extremely low equivalent on-resistance; r ce(sat) 36m w at 5a * 7 amp continuous collector current (20 amp peak) * very low saturation voltages * excellent gain charateristics specified upto 20 amp * p tot =3 watts partmarking details - FZT869 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 25 v emitter-base voltage v ebo 6v peak pulse current i cm 20 a continuous collector current i c 7a power dissipation at t amb =25c p tot 3w operating and storage temperature range t j :t stg -55 to +150 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 4 inch square minimum FZT869 electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 60 120 v i c =100 m a collector-emitter breakdown voltag v (br)cer 60 120 v i c =1 m a, rb 1k w collector-emitter breakdown voltage v (br)ceo 25 35 v i c =10ma* emitter-base breakdown voltage v (br)ebo 68 v i e =100 m a collector cut-off current i cbo 50 1 na m a v cb =50v v cb =50v, t amb =100c collector cut-off current i cer r 1k w 50 1 na m a v cb =50v v cb =50v, t amb =100c emitter cut-off current i ebo 10 na v eb =6v collector-emitter saturation voltage v ce(sat) 35 67 168 50 110 215 350 mv mv mv mv i c =0.5a, i b =10ma* i c =1a, i b =10ma* i c =2a, i b =10ma* i c =6.5a, i b =150ma* base-emitter saturation voltage v be(sat) 1.2 v i c =6.5a, i b =300ma base-emitter turn-on voltage v be(on) 1.13 v i c =6.5a, v ce =1v* static forward current transfer ratio h fe 300 300 200 40 450 450 300 100 i c =10ma, v ce =1v i c =1a, v ce =1v* i c =7a, v ce =1v* i c =20a, v ce =2v* transition frequency f t 100 mhz i c =100ma, v ce =10v f=50mhz output capacitance c obo 70 pf v cb =10v, f=1mhz* switching times t on t off 60 680 ns ns i c =1a, i b1 =100ma i b2 =100ma, v cc =10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device c c e b 3 - 272 3 - 271


▲Up To Search▲   

 
Price & Availability of FZT869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X