Part Number Hot Search : 
9N03L S1215 CST534E YD8227 MBR1635 MSK0041 MIC94072 EL2020C
Product Description
Full Text Search
 

To Download CEM100-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  97 mio 1 x lpc interface 1 x spi interface 1 x ide; pata-100 sata 4 x sata-600 with raid 0/1/5/10 hardware monitoring n/a ethernet 1 port as 10/100/1000 mbps supports wake-on-lan, rpl/pxe boot rom with broadcom bcm50610 phy audio hd link interface to baseboard for external codec usb 8 x usb 2.0 tpm 1.2 infineon slb9635 for trusted platform smbus yes digital i/o 4 channels in & 4 channels out standard cem100vg-t56n (p/n: e38d100100) com express type 2 module with t56n 1.6 ghz apu, vga/lvds, gbe lan, usb and tpm cem100vg-t40r (fanless) (p/n: e38d100101) com express type 2 module with t40r 1 ghz apu, vga/lvds, gbe lan, usb and tpm optional ceb94000 atx form factor type 2 baseboard 5078d100000e cem100 heatspreader module 5078d100100e com express som cooling kit with fan 5078d100200e com express som cooling kit without fan cpu amd g-series apu t56n 1.65 ghz/ t40r 1.0 ghz onboard system memory 2 x 204-pin so-dimm ddr3-1066, up to 8gb chipset amd a55e bios ami uefi bios ssd n/a watchdog timer 255 levels, 1~255 sec. expansion interface 8 x pcie x1 devices 4 x 32-bit pci bus masters battery n/a power requirements tbd size 125 x 95 mm board thickness 2.0 mm temperature 0c ~ +60c (32f ~ 140f), operation operation humidity 10% ~ 95% relative humidity, non-condensing chipset amd memory size depending on integrated gpu display interface 1 x vga 1 x lvds; 18/24-bit single/dual channel 2 x digital output ports (dp, hdmi, dvi; dpo port is available if lvds not used) i/o ordering information packing list core system quick installation guide, user's manual/utility cd double deck ddr3 so-dimm rear view display full solid cap design low power fanless ddr3 ddr3 ddr3 cem100 com express type 2 basic module with amd g-series apu and amd a55e features amd g-series apu t56n 1.65 ghz/ t40r 1.0 ghz amd a55e 2 ddr3-1066 so-dimm, up to 8gb 8 lanes of pcie gen 2 at 5gt/s 4 sata-600 with raid 0/1/5/10 directx11, opengl 4.0, and opencl 1.0 supported tpm 1.2 supported * all specifications and photos are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CEM100-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X