Part Number Hot Search : 
H3AA009V SA7026DH HER30 T12N10G SI7705DN 78L06 AD1385 B3060
Product Description
Full Text Search
 

To Download APT15DQ100BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-4225 rev c 2-2011 product benefits low losses low noise switching cooler operation higher reliability systems increased system power density product features ultrafast recovery times soft recovery characteristics popular to-247 package low forward voltage low leakage current avalanche energy rated product applications anti-parallel diode -switchmode power supply -inverters free wheeling diode -motor controllers -converters -inverters snubber diode pfc ultrafast soft recovery rectifier diode 1000v 15a apt15dq100b apt15dq100s APT15DQ100BG* apt15dq100sg* *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings: t c = 25c unless otherwise speci ? ed. static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.5 3.0 3.06 1.92 100 500 12 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 15a i f = 30a i f = 15a, t j = 125c v r = 1000v v r = 1000v, t j = 125c characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 126c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) avalanche energy (1a, 40mh) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm e avl t j ,t stg t l unit volts amps mj c apt15dq100b_s(g) 1000 1529 80 20 -55 to 175 300 1 - cathode 2 - anode back of case - cathode 1 2 microsemi website - http://www.microsemi.com t o - 2 4 7 1 2 d 3 pak 1 2 (s) (b) downloaded from: http:///
apt15dq100b_s(g) dynamic characteristics 053-4225 rev c 2-2011 min typ max - 20 - 235 - 185 - 3 - - 300 - 810 - 6 - - 125 - 1150 - 19 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 15a, di f /dt = -200a/ s v r = 667v, t c = 25 c i f = 15a, di f /dt = -200a/ s v r = 667v, t c = 125 c i f = 15a, di f /dt = -1000a/ s v r = 667v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 1.201.00 0.80 0.60 0.40 0.20 0 0.5 single pulse 0.1 0.3 0.7 d = 0.9 0.05 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance package weight maximum mounting torque symbol r jc w t torque min typ max 1.18 0.22 5.9 10 1.1 unit c/w oz g lbin nm microsemi reserves the right to change, without notice, the speci? cations and information contained herein. downloaded from: http:///
053-4225 rev c 2-2011 apt15dq100b_s(g) typical performance curves t j = 125 c v r = 667v 7.5a 15a 30a t rr q rr q rr t rr i rrm 400350 300 250 200 150 100 50 0 2520 15 10 50 duty cycle = 0.5 t j = 175 c 3530 25 20 15 10 50 1.21.0 0.8 0.6 0.4 0.2 0.0 8070 60 50 40 30 20 10 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 4540 35 30 25 20 15 10 50 20001800 1600 1400 1200 1000 800600 400 200 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 125 c v r = 667v t j = 175 c t j = -55 c t j = 25 c t j = 125 c 0 1 2 3 4 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 667v 30a 7.5a 15a 30a 15a 7.5a 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 downloaded from: http:///
apt15dq100b_s(g) 053-4225 rev c 2-2011 apt10035lll 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform to - 247 package outline d 3 pak package outline 15.85 (.624)16.05(.632) 18.70 (.736)19.10 (.752) 1.15 (.045)1.45 (.057) 5.45 (.215) bsc(2 plcs.) 4.90 (.193)5.10 (.201) 1.45 (.057) 1.60 (.063) 2.70 (.106)2.90 (.114) 0.40 (.016)0.65 (.026) dimensions in millimeters (inches) heat sink (cathode)and leads are plated 2.40 (.094)2.70 (.106) (base of lead) cathode(heat sink) 1.90 (.075)2.10 (.083) cathode anode 0.020 (.001)0.250 (.010) 1.20 (.047)1.40 (.055) 12.40 (.488)12.70 (.500) 13.30 (.524)13.60(.535) 1.00 (.039)1.15(.045) 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 10.90 (.430) bsc 3.50 (.138)3.81 (.150) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016) dimensions in millimeters and (inches) cathode anode cathode e1 sac: tin, silver, copper e3 100% sn 1.016 (.040) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT15DQ100BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X