Part Number Hot Search : 
PE3339EK D1425 D4812 A208024 SSF2783 MC35062 M2013TNA 8ETVRA
Product Description
Full Text Search
 

To Download APT15D60BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-6011 rev g 4-2005 product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-247 package ? low forward voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters -inverters ? snubber diode ? pfc ultrafast soft recovery rectifier diode 600v 15a apt15d60b APT15D60BG* *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings: t c = 25c unless otherwise speci?ed. to -247 1 2 ? apt website - http://www.advancedpower.com static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 1.6 1.8 1.9 1.4 150 500 23 characteristic / test conditionsforward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 15a i f = 30a i f = 15a, t j = 125c v r = v r rated v r = v r rated, t j = 125c 1 - cathode 2 - anode back of case - cathode 1 2 characteristic / test conditionsmaximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 133c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature rangelead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm t j ,t stg t l unit volts amps c apt15d60b(g) 600 1532 110 -55 to 175 300 downloaded from: http:///
apt15d60b(g) dynamic characteristics 053-6011 rev g 4-2005 apt reserves the right to change, without notice, the speci?cations and information contained herein . z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 1.401.20 1.00 0.80 0.60 0.40 0.20 0 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: thermal and mechanical characteristics characteristic / test conditionsjunction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max 1.35 40 0.22 5.9 10 1.1 unit c/w oz g lb?in n?m min typ max - 21 - 80 - 95 - 3 - - 150 - 520 - 7 - - 60 - 810 - 22 unit ns nc amps ns nc amps ns nc amps characteristicreverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 15a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c 0.583 c/w 0.767 c/w 0.00222 j/ c 0.0598 j/ c power (watts) r c model junction temp ( c) case temperature ( c) downloaded from: http:///
053-6011 rev g 4-2005 apt15d60b(g) typical performance curves t j = 125 c v r = 400v 7.5a 15a 30a t rr q rr q rr t rr i rrm 180160 140 120 100 8060 40 20 0 3025 20 15 10 50 duty cycle = 0.5 t j = 175 c 4035 30 25 20 15 10 50 1.21.0 0.8 0.6 0.4 0.2 0.0 160140 120 100 8060 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forw ard current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 150 c t j = -55 c t j = 125 c t j = 25 c t j = 125 c v r = 400v 30a 7.5a 15a 6050 40 30 20 10 0 12001000 800600 400 200 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery ti me vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery curr ent vs. current rate of change 0 0.5 1 1.5 2 2.5 3 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 400v 30a 15a 7.5a 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 downloaded from: http:///
apt15d60b(g) 053-6011 rev g 4-2005 apt5018bll 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d. u.t. +18v 0v v r t rr / q rr waveform to - 247 package outline 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 10.90 (.430) bsc 3.50 (.138) 3.81 (.150) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) dimensions in millimeters and (inches) cathode anode cathode e1 sac: tin, silver, copper downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT15D60BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X