Part Number Hot Search : 
AS7C3 3F626E 2SK3307 T8200175 3EZM4 S16KSD2 2SC2062 1N53S2B
Product Description
Full Text Search
 

To Download APHBM2012QBDCGKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2017 kingbright. all rights reserved. spec no: dsaj4541 / 1203008819 rev no: v.9b date: 07/13/2017 page 1 / 4 part number emitting color (material) lens type iv (mcd) @ 20ma [2] viewing angle [1] min. typ. 2 1/2 APHBM2012QBDCGKC blue (ingan) water clear 40 120 green (algainp) 20 50 80 descriptions the blue source color device s are made with ingan light emitting diode the green source color devices are made with algainp on gaas substrate light emitting diode electrostatic discharge and power surge could damage the leds it is recommended to use a wrist band or anti-electrostatic glove when handling the leds all devices, equipments an d machineries must be electrically grounded features 2.0 mm x 1.25 mm smd led, 0.45 mm max. thickness low power consumption wide viewing angle ideal for backlight and indicator package: 2000 pcs / reel moisture sensitivity level: 3 rohs compliant applications backlight status indicator home and smart appliances wearable and portable devices healthcare applications attention observe precautions for handling electrostatic discharge sensitive devices package dimensions selection guide notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. 3. luminous intensity value is traceable to cie127-2007 standards. APHBM2012QBDCGKC 2.0 x 1.25 mm smd chip led lamp recommended soldering pattern (units : mm; tolerance : 0.1) notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data described in the datasheet are subject to change without prior notice. 4. the device has a single mounting surface. the device must be mounted according to the specifications.
? 2017 kingbright. all rights reserved. spec no: dsaj4541 / 1203008819 rev no: v.9b date: 07/13/2017 page 2 / 4 absolute maximum ratings at t a =25c electrical / optical characteristics at t a =25c APHBM2012QBDCGKC notes: 1. the dominant wavelength ( d) above is the setup value of the sorting machine. (tolerance d : 1nm. ) 2. forward voltage: 0.1v. 3. wavelength value is traceable to cie127-2007 standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static e lectricity ? ref jedec/jesd625-a and jedec/j-std-033. parameter symbol emitting color value unit typ. max. wavelength at peak emission i f = 20ma peak blue green 460 574 - nm dominant wavelength i f = 20ma dom [1] blue green 465 570 - nm spectral bandwidth at 50% rel max i f = 20ma ? blue green 25 20 - nm capacitance c blue green 100 15 - pf forward voltage i f = 20ma v f [2] blue green 3.3 2.1 4.0 2.5 v reverse current (v r = 5v) i r blue green - 50 10 ua parameter symbol value unit blue green power dissipation p d 120 75 mw reverse voltage v r 5 5 v junction temperature t j 115 115 c operating temperature t op -40 to +85 c storage temperature t stg -40 to +85 c dc forward current i f 30 30 ma peak forward current i fm [1] 150 150 ma electrostatic dischar ge threshold (hbm) - 250 3000 v
? 2017 kingbright. all rights reserved. spec no: dsaj4541 / 1203008819 rev no: v.9b date: 07/13/2017 page 3 / 4 technical data relative intensity vs. wavelength blue 0.5 0.5 0.0 -90 -75 -60 -45 -30 -15 75 60 45 30 0 15 90 1.0 1.0 t a = 25 c spatial distribution APHBM2012QBDCGKC green 0 10 20 30 40 50 1.5 1.7 1.9 2.1 2.3 2.5 t a = 25 c forward voltage (v) forward current (ma) 0.0 0.5 1.0 1.5 2.0 2.5 0 1020304050 t a = 25 c forward current (ma) luminous intensity normalised at 20 ma 0 10 20 30 40 50 -40-20 0 20406080100 ambient temperature (c) permissible forward current (ma) 0.0 0.5 1.0 1.5 2.0 2.5 -40-200 20406080100 ambient temperature (c) luminous intensity normalised at t a = 25 c forward current vs. forward voltage luminous intensity vs. forward current forward current derating curve luminous intensity vs. ambient temperature 0 10 20 30 40 50 2.0 2.4 2.8 3.2 3.6 4.0 t a = 25 c forward voltage (v) forward current (ma) 0.0 0.5 1.0 1.5 2.0 2.5 0 1020304050 t a = 25 c forward current (ma) luminous intensity normalised at 20 ma 0 10 20 30 40 50 -40-20 0 20406080100 ambient temperature (c) permissible forward current (ma) 0.0 0.5 1.0 1.5 2.0 2.5 -40-20 0 20406080100 ambient temperature (c) luminous intensity normalised at t a = 25 c forward current vs. forward voltage luminous intensity vs. forward current forward current derating curve luminous intensity vs. ambient temperature 0% 20% 40% 60% 80% 100% 350 400 450 500 550 600 650 700 750 800 t a = 25 c blue wavelength (nm) relative intensity (a. u.) green
? 2017 kingbright. all rights reserved. spec no: dsaj4541 / 1203008819 rev no: v.9b date: 07/13/2017 page 4 / 4 APHBM2012QBDCGKC technical data tape specifications (units : mm) reel dimension (units : mm) packing & label specifications reflow soldering profile for lead-free smd process notes: 1. don't cause stress to the leds while it is exposed to high temperature. 2. the maximum number of reflow soldering passes is 2 times. 3. reflow soldering is recommended. other soldering methods are not recommended as they might cause damage to the product. precautionary notes 1. the information included in this document reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without no tice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. if customer usage exceeds the specified limits, kingbright will not be responsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applications. if customer's application ha s special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APHBM2012QBDCGKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X